Part Number Hot Search : 
SF1105 LZ801 71973 MAX15022 MC1404P5 ER102 S3540PF 11401
Product Description
Full Text Search
 

To Download 2SC1469 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC1469 d escription with to-3 package high breakdown voltage applications for high voltage ,fast switching applications pinning (see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 500 v v ceo collector-emitter voltage open base 400 v v ebo emitter-base voltage open collector 7 v i c collector current 10 a i b base current 4 a p t total power dissipation t c - 25 100 w t j junction temperature 200  t stg storage temperature -65~200  thermal characteristics symbol parameter value unit r th j-c thermal resistance from junction to case 1.25 /w fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC1469 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =100ma ; i b =0 400 v v cesat collector-emitter saturation voltage i c =5a; i b =1a 1.0 v v besat base-emitter saturation voltage i c =5a; i b =1a 2.0 v i cbo collector cut-off current v cb =500v; i e =0 0.1 ma i ceo collector cut-off current v ce =400v; i b =0 0.1 ma i ebo emitter cut-off current v eb =7v; i c =0 0.1 ma h fe-1 dc current gain i c =1a ; v ce =5v 15 50 h fe-2 dc current gain i c =5a ; v ce =5v 8 f t transition frequency i c =1a ; v ce =5v 10 mhz
savantic semiconductor product specification 3 silicon npn power transistors 2SC1469 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2SC1469

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X