Part Number Hot Search : 
CX3HCSM1 6043468 4740A DLO7135 LV100 NX6301SH 00190 R5110615
Product Description
Full Text Search
 

To Download 2SC1419 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC1419 d escription with to-220 package large collector power dissipation applications for medium power amplifier applicattions pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector- base voltage open emitter 50 v v ceo collector- emitter voltage open base 50 v v ebo emitter-base voltage open collector 5 v i c collector current 2 a i cm collector current-peak 3 a p c collector power dissipation t c =25 20 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC1419 characteristics tj=25 unless otherwise specified. symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =30ma ,i b =0 50 v v (br)cbo collector- base breakdown voltage i c =1ma ,i e =0 50 v v (br)ebo emitter-base breakdown voltage i e =1ma ,i c =0 5 v v cesat collector-emitter saturation voltage i c =1a; i b =0.1a 1.0 v v besat base-emitter saturation voltage i c =1a; i b =0.1a 1.5 v i cbo collector cut-off current v cb =50v; i e =0 100 a i ebo emitter cut-off current v eb =5v; i c =0 100 a h fe dc current gain i c =1a ; v ce =4v 35 320 f t transition frequency i c =0.5a ; v ce =10v 5 mhz
savantic semiconductor product specification 3 silicon npn power transistors 2SC1419 package outline fig.2 outline dimensions(unindicated tolerance:0.10 mm)


▲Up To Search▲   

 
Price & Availability of 2SC1419

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X