Part Number Hot Search : 
D74HC4 UF540 1H223 BG12232D CDRH4 143EC PH406466 319010A
Product Description
Full Text Search
 

To Download 2SC1403 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC1403 description with to-3 package wide area of safe operation applications for audio frequency power amplifier applications pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 160 v v ceo collector-emitter voltage open base 100 v v ebo emitter-base voltage open collector 5 v i c collector current 8 a p c collector power dissipation t c =25 70 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC1403 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =50ma ;i b =0 100 v v (br)ebo emitter-base breakdown voltage i e =1ma ;i c =0 5 v v cesat collector-emitter saturation voltage i c =5a; i b =0.5a 2.0 v v besat base-emitter saturation voltage i c =5a; i b =0.5a 2.5 v i cbo collector cut-off current v cb =160v; i e =0 0.1 ma i ebo emitter cut-off current v eb =5v; i c =0 0.1 ma h fe dc current gain i c =3a ; v ce =4v 30 f t transition frequency i c =0.5a ; v ce =10v 10 mhz
savantic semiconductor product specification 3 silicon npn power transistors 2SC1403 package outline fig.2 outline dimensions (unindicated tolerance:0.1mm)


▲Up To Search▲   

 
Price & Availability of 2SC1403

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X