Part Number Hot Search : 
RSB39VFH ML920 RT33L012 N4744 KTD1352 CFS3392 RT33L012 663005
Product Description
Full Text Search
 

To Download 12G471K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  g metal oxide varistor united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 2 g series the g series is the standard metal oxide varistor series from ucc/ncc. these movs are available in a wide variety of voltages and sizes, which will make them ideal in most applications where a surge protector is needed. the g series is also ideal because of the variety of ul and csa approvals. the varistors with a 5mm or 7.5mm lead spacing are available with ammo pack taping. refer to the mini -glossary at the end of the metal oxide varistors section for additional technical information and specifications. metal oxide varistor general purpose ul 1414 and 1449 approved csa 097864 approved 85 c maximum temperature radial lead terminals. operating temperature range: 40 cto 85 c. maximum voltage range: 8 to 625vac or 12 to 825vdc. standard varistor voltage tolerance: 10% maximum energy: 0.4 to 230 j depending on case size. maximum surge current: 100 to 6,500a. maximum case size (d h t ): 8.0 11.0 5.0mm to 25.0 28.0 9.5mm. summary of specifications actual size
g metal oxide varistor g series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 3 g specifications item operating temperature range 40 to 85 c storage temperature range 50 to 125 c maximum voltage range 8 to 625vac or 12 to 825vdc varistor voltage 22 to 470v at 0.1ma dc for 7mm; 15 to 1,000v at 1ma dc for 9mm to 23mm. varistor voltage tolerance 10% ( k ) characteristics maximum energy 0.4 to 230 joules at 2ms maximum surge current 100 to 6,500a at 8 /20 s maximum case size ( d h t ) 8.0 11.0 5.0mm to 25.0 28.0 9.5mm agency approvals ul 1414 and 1 449; csa 097864 varistor voltage tolerance: k = 10% nominal varistor voltage: expressed in volts. the first two digits are significant figures, and the third digit indicates the number of zeros following these figures ( e.g. 270 = 27 v; 271 = 270v ). series name: indicates basic varistor style. nominal case diameter: 7 = 7mm; 9 = 9mm; 12 = 12mm; 15 = 15mm; 23 = 23mm. tnr: alpha prefix for varistors. part numbering system for g series when ordering, always specify complete catalog number for g series. tnr 9 g 271 k nom. dia. varistor voltage d max. h max. t max. l min. d 0.05 f 1.0 7 mm 9 mm 12 mm 15 mm 23 mm 8 8 10 10 13.5 14 14 16 17 17 24 25 25 11 11 13 13 16.5 17 17 19 20 20 27 28 28 5 7 5 7 5 7.5 9 5 7.5 9 5 8 9.5 25 25 25 25 25 25 25 25 25 25 25 25 25 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 0.8 5 5 5 5 7.5 7.5 7.5 7.5 7.5 7.5 10 10 10 dimensions (mm) metal oxide varistor/radial lead unit: mm and inches diagram of dimensions 270 330 270 330 270 330-680 820 270 330-680 820 270 330-680 820 nom. dia. varistor voltage d max. h max. t max. l min. d 0.002 f 0.039 7 mm 9 mm 12 mm 15 mm 23 mm 0.315 0.315 0.394 0.394 0.531 0.551 0.551 0.630 0.669 0.669 0.945 0.984 0.984 0.433 0.433 0.512 0.512 0.650 0.669 0.669 0.748 0.787 0.787 1.063 1.102 1.102 0.197 0.276 0.197 0.276 0.197 0.295 0.354 0.197 0.295 0.354 0.197 0.315 0.374 0.984 0.984 0.984 0.984 0.984 0.984 0.984 0.984 0.984 0.984 0.984 0.984 0.984 0.024 0.024 0.024 0.024 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.031 0.197 0.197 0.197 0.197 0.295 0.295 0.295 0.295 0.295 0.295 0.394 0.394 0.394 dimensions (inches) 270 330 270 330 270 330-680 820 270 330-680 820 270 330-680 820 t max. d max. h max. l min. f d
g metal oxide varistor united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 4 g series tnr7g220k 14 18 100 0.4 0.01 1 48 1,800 22 tnr7g270k 17 22 100 0.5 0.01 1 60 1,500 27 tnr7g330k 20 26 100 0.6 0.01 1 73 1,300 33 tnr7g390k 25 30 100 0.8 0.01 1 86 1,150 39 tnr7g470k 30 37 100 1.0 0.01 1 104 980 47 tnr7g560k 35 44 100 1.1 0.01 1 123 840 56 tnr7g680k 40 55 100 1.3 0.01 1 150 720 68 tnr7g820k 50 65 400 2.0 0.1 5 145 260 82 tnr7g101k 60 85 400 2.0 0.1 5 175 200 100 tnr7g121k 75 100 400 3.0 0.1 5 210 170 120 tnr7g151k 95 125 400 3.0 0.1 5 260 140 150 tnr7g181k 110 145 400 4.0 0.1 5 325 120 180 tnr7g201k 130 170 400 5.0 0.1 5 355 110 200 tnr7g221k 140 180 400 5.0 0.1 5 380 105 220 tnr7g241k 150 200 400 5.0 0.1 5 415 98 240 tnr7g271k 175 225 400 6.0 0.1 5 475 88 270 tnr7g331k 210 270 400 8.0 0.1 5 600 76 330 tnr7g391k 250 320 400 9.0 0.1 5 675 67 390 tnr7g431k 275 350 400 10.0 0.1 5 745 60 430 tnr7g471k 300 385 400 10.0 0.1 5 810 57 470 7 mm tnr9g180k 10 14 250 0.8 0.02 2 35 5,400 18 tnr9g220k 14 18 250 1.0 0.02 2 43 4,900 22 tnr9g270k 17 22 250 1.0 0.02 2 53 4,200 27 tnr9g330k 20 26 250 1.2 0.02 2 65 3,500 33 tnr9g390k 25 30 250 1.5 0.02 2 77 3,100 39 tnr9g470k 30 37 250 1.8 0.02 2 93 2,600 47 tnr9g560k 35 44 250 2.2 0.02 2 110 2,300 56 tnr9g680k 40 55 250 2.5 0.02 2 135 1,900 68 tnr9g820k 50 65 1,200 4.0 0.2 10 135 620 82 tnr9g101k 60 85 1,200 4.0 0.2 10 165 530 100 tnr9g121k 75 100 1,200 5.0 0.2 10 195 460 120 tnr9g151k 95 125 1,200 6.0 0.2 10 245 380 150 tnr9g181k 110 145 1,200 8.0 0.2 10 295 335 180 tnr9g201k 130 170 1,200 10.0 0.2 10 330 310 200 tnr9g221k 140 180 1,200 10.0 0.2 10 360 280 220 tnr9g241k 150 200 1,200 10.0 0.2 10 390 270 240 tnr9g271k 175 225 1,200 12.0 0.2 10 440 245 270 tnr9g331k 210 270 1,200 15.0 0.2 10 540 210 330 tnr9g391k 250 320 1,200 17.0 0.2 10 640 185 390 tnr9g431k 275 350 1,200 20.0 0.2 10 700 170 430 tnr9g471k 300 385 1,200 20.0 0.2 10 765 160 470 9 mm tnr12g180k 10 14 500 1.5 0.05 5 35 9,000 18 tnr12g220k 14 18 500 2.0 0.05 5 43 8,200 22 tnr12g270k 17 22 500 2.5 0.05 5 53 6,900 27 tnr12g330k 20 26 500 3.0 0.05 5 65 5,900 33 tnr12g390k 25 30 500 3.5 0.05 5 77 5,100 39 tnr12g470k 30 37 500 4.5 0.05 5 93 4,400 47 tnr12g560k 35 44 500 5.5 0.05 5 110 3,800 56 tnr12g680k 40 55 500 6.5 0.05 5 135 3,200 68 tnr12g820k 50 65 2,500 8.0 0.4 25 135 1,200 82 tnr12g101k 60 85 2,500 10.0 0.4 25 165 1,050 100 tnr12g121k 75 100 2,500 12.0 0.4 25 195 910 120 tnr12g151k 95 125 2,500 16.0 0.4 25 245 770 150 tnr12g181k 110 145 2,500 18.0 0.4 25 295 670 180 12 mm nom. case dia. catalog part number maximum applied voltage (continuous) maximum peak current (8/20sec.) maximum energy (2msec.) rated wattage maximum clamping voltage capacitance (typical) at 1khz varistor voltage at 0.1ma dc varistor standard ratings - radial lead vac rms vdc (a) (j) (w) (a) (v) (pf) (v 10% ) nom. case dia. catalog part number maximum applied voltage (continuous) maximum peak current (8/20sec.) maximum energy (2msec.) rated wattage maximum clamping voltage capacitance (typical) at 1khz varistor voltage at 1ma dc vac rms vdc (a) (j) (w) (a) (v) (pf) (v 10% )
g series united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 5 g metal oxide varistor tnr12g201k 130 170 2,500 20.0 0.4 25 330 620 200 tnr12g221k 140 180 2,500 25.0 0.4 25 360 570 220 tnr12g241k 150 200 2,500 25.0 0.4 25 390 530 240 tnr12g271k 175 225 2,500 30.0 0.4 25 440 490 270 tnr12g331k 210 270 2,500 35.0 0.4 25 540 420 330 tnr12g391k 250 320 2,500 40.0 0.4 25 640 370 390 tnr12g431k 275 350 2,500 45.0 0.4 25 700 340 430 tnr12G471K 300 385 2,500 45.0 0.4 25 765 320 470 tnr12g561k 350 460 2,500 45.0 0.4 25 910 280 560 tnr12g681k 420 560 2,500 45.0 0.4 25 1,110 240 680 tnr12g821k 510 670 2,500 55.0 0.4 25 1,340 210 820 tnr12g102k 625 825 2,500 65.0 0.4 25 1,630 180 1,000 12 mm varistor standard ratings - radial lead tnr15g150k 8 12 1,000 5.0 0.1 10 30 12,000 15 tnr15g180k 10 14 1,000 5.0 0.1 10 35 11,500 18 tnr15g220k 14 18 1,000 5.0 0.1 10 43 11,000 22 tnr15g270k 17 22 1,000 5.0 0.1 10 53 10,000 27 tnr15g330k 20 26 1,000 6.0 0.1 10 65 8,500 33 tnr15g390k 25 30 1,000 10.0 0.1 10 77 7,500 39 tnr15g470k 30 37 1,000 10.0 0.1 10 93 6,500 47 tnr15g560k 35 44 1,000 10.0 0.1 10 110 5,600 56 tnr15g680k 40 55 1,000 12.0 0.1 10 135 4,800 68 tnr15g820k 50 65 4,500 15.0 0.6 50 135 1,700 82 tnr15g101k 60 85 4,500 20.0 0.6 50 165 1,470 100 tnr15g121k 75 100 4,500 20.0 0.6 50 195 1,280 120 tnr15g151k 95 125 4,500 25.0 0.6 50 245 1,070 150 tnr15g181k 110 145 4,500 30.0 0.6 50 295 930 180 tnr15g201k 130 170 4,500 35.0 0.6 50 330 850 200 tnr15g221k 140 180 4,500 40.0 0.6 50 360 800 220 tnr15g241k 150 200 4,500 40.0 0.6 50 390 740 240 tnr15g271k 175 225 4,500 50.0 0.6 50 440 680 270 tnr15g331k 210 270 4,500 60.0 0.6 50 540 590 330 tnr15g391k 250 320 4,500 70.0 0.6 50 640 510 390 tnr15g431k 275 350 4,500 75.0 0.6 50 700 480 430 tnr15g471k 300 385 4,500 80.0 0.6 50 765 450 470 tnr15g561k 350 460 4,500 85.0 0.6 50 910 390 560 tnr15g681k 420 560 4,500 90.0 0.6 50 1,110 340 680 tnr15g821k 510 670 4,500 110.0 0.6 50 1,340 280 820 tnr15g102k 625 825 4,500 130.0 0.6 50 1,630 250 1,000 15 mm tnr23g181k 110 145 6,500 60.0 1.0 100 295 2,500 180 tnr23g201k 130 170 6,500 70.0 1.0 100 330 2,300 200 tnr23g221k 140 180 6,500 75.0 1.0 100 360 2,150 220 tnr23g241k 150 200 6,500 80.0 1.0 100 390 2,000 240 tnr23g271k 175 225 6,500 90.0 1.0 100 440 1,850 270 tnr23g331k 210 270 6,500 110.0 1.0 100 540 1,600 330 tnr23g391k 250 320 6,500 130.0 1.0 100 640 1,400 390 tnr23g431k 275 350 6,500 140.0 1.0 100 700 1,300 430 tnr23g471k 300 385 6,500 150.0 1.0 100 765 1,200 470 tnr23g561k 350 460 6,500 150.0 1.5 100 910 1,050 560 tnr23g681k 420 560 6,500 160.0 1.5 100 1,110 900 680 tnr23g821k 510 670 6,500 190.0 1.5 100 1,340 800 820 tnr23g102k 625 825 6,500 230.0 1.5 100 1,630 680 1,000 23 mm nom. case dia. catalog part number maximum applied voltage (continuous) maximum peak current (8/20sec.) maximum energy (2msec.) rated wattage maximum clamping voltage capacitance (typical) at 1khz varistor voltage at 1ma dc vac rms vdc (a) (j) (w) (a) (v) (pf) (v 10% )
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 6 g metal oxide varistor g series varistor volt - ampere and pulse lifetime characteristics 10 7 10 6 10 5 10 4 10 3 10 2 10 1 10 7 10 6 10 5 10 4 10 3 10 2 10 1 10 0 10 1 3 4 5 6 7 10 15 20 30 40 50 60 70 100 150 500 200 300 400 max. l. c. max. l. c. max. clamping voltage direct current (a) 8/20 sec. impulse current (a) impulse duration ( s) voltage (v) at + 20 c tnr7g220k~tnr7g680k tnr7g220k~tnr7g680k v- i curve - 7mm nominal diameter pulse lifetime ratings - 7mm nominal diameter 10 0 10 1 10 2 10 3 30 40 50 60 70 80 100 150 200 300 400 500 600 700 800 1000 1500 2000 max. clamping voltage direct current (a) 8/20 sec. impulse current (a) voltage (v) at + 20 c tnr7g820k~tnr7g471k tnr7g820k~tnr7g471k v- i curve - 7mm nominal diameter 20 100 200 1k 2k 10k 0.1 0.2 0.3 0.5 0.7 10 1 2 3 5 7 20 30 50 70 100 500 200 300 peak pulse current (a) test condition interval: 1~10 1 times: 2 min. 10 2 ~10 6 times: 10 sec. impulse duration ( s) pulse lifetime ratings - 7mm nominal diameter 20 100 200 1k 2k 10k 0.2 0.3 0.5 0.7 10 1 2 3 5 7 20 30 50 70 100 500 700 1000 200 300 peak pulse current (a) test condition interval: 1~10 1 times: 2 min. 10 2 ~10 6 times: 10 sec. 7g680k 7g560k 7g470k 7g390k 7g330k 7g270k 7g220k 10 2 10 3 250a max. 60a max. 7g471k 7g431k 7g391k 7g331k 7g271k 7g241k 7g221k 7g201k 7g151k 7g181k 7g121k 7g101k 7g820k 1 time 2 10 1 10 2 10 3 10 4 10 5 10 6 1 time 2 10 1 10 2 10 3 10 4 10 5 10 6
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 7 g metal oxide varistor g series varistor volt - ampere and pulse lifetime characteristics 10 6 10 5 10 4 10 3 10 2 10 1 10 6 10 5 10 4 10 3 10 2 10 1 10 0 10 1 3 4 5 6 7 10 15 20 30 40 50 60 70 100 150 500 200 300 400 max. clamping voltage direct current (a) 8/20 sec. impulse current (a) voltage (v) at + 20 c tnr9g180k~tnr9g680k tnr9g180k~tnr9g680k v- i curve - 9mm nominal diameter pulse lifetime ratings - 9mm nominal diameter 10 0 10 1 10 2 10 3 10 4 30 40 50 60 70 80 100 150 200 300 400 500 600 700 800 1000 1500 2000 max. leakage current max. leakage current max. clamping voltage direct current (a) 8/20 sec. impulse current (a) voltage (v) at + 20 c tnr9g820k~tnr9g471k tnr9g820k~tnr9g471k v- i curve - 9mm nominal diameter impulse duration ( s) pulse lifetime ratings - 9mm nominal diameter 20 100 200 1k 2k 10k 0.5 0.7 10 1 2 3 5 7 20 30 50 70 100 500 700 1000 2000 200 300 peak pulse current (a) test condition interval: 1~10 1 times: 2 min. 10 2 ~10 6 times: 10 sec. 9g680k 9g560k 9g470k 9g390k 9g330k 9g270k 9g220k 9g180k 10 2 10 3 10 4 600a max. 125a max. 9g471k 9g431k 9g391k 9g361k 9g331k 9g271k 9g241k 9g221k 9g201k 9g151k 9g121k 9g101k 9g820k impulse duration ( s) 20 100 200 1k 2k 10k 0.1 0.2 0.3 0.5 0.7 10 1 2 3 5 7 20 30 50 70 100 500 200 300 peak pulse current (a) test condition interval: 1~10 1 times: 2 min. 10 2 ~10 6 times: 10 sec. 1 time 2 10 1 10 2 10 3 10 4 10 6 10 5 1 time 2 10 1 10 2 10 3 10 4 10 5 10 6
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 8 g metal oxide varistor g series varistor volt - ampere and pulse lifetime characteristics 10 6 10 5 10 4 10 3 10 2 10 1 10 0 10 1 3 4 5 6 7 10 15 20 30 40 50 60 70 100 150 500 200 300 400 max. clamping voltage direct current (a) 8/20 sec. impulse current (a) voltage (v) at + 20 c tnr12g180k~tnr12g680k tnr12g180k~tnr12g680k v- i curve -12mm nominal diameter pulse lifetime ratings -12mm nominal diameter max. leakage current at + 20 c tnr12g820k~tnr12g102k tnr12g820k~tnr12g102k v- i curve -12mm nominal diameter pulse lifetime ratings -12mm nominal diameter 12g680k 12g560k 12g470k 12g390k 12g330k 12g270k 12g220k 12g180k 10 2 10 3 10 4 250a max. impulse duration ( s) 20 100 200 1k 2k 10k 0.1 0.2 0.3 0.5 0.7 10 1 2 3 5 7 20 30 50 70 100 500 200 300 peak pulse current (a) test condition interval: 1~10 1 times: 2 min. 10 2 ~10 6 times: 10 sec. 1 time 2 10 1 10 3 10 4 10 6 10 5 10 2 10 6 10 5 10 4 10 3 10 2 10 1 10 0 10 1 10 2 10 3 10 4 30 40 50 60 70 80 100 150 200 300 400 500 600 700 800 1000 1500 2000 3000 4000 5000 max. leakage current max. clamping voltage direct current (a) 8/20 sec. impulse current (a) voltage (v) 1,300a max. 12g102k 12g821k 12g681k 12g561k 12G471K 12g431k 12g391k 12g331k 12g271k 12g241k 12g221k 12g201k 12g181k 12g151k 12g121k 12g101k 12g820k impulse duration ( s) 20 100 200 1k 2k 10k 10 1 2 3 5 7 20 30 50 70 100 500 700 1000 2000 3000 4000 200 300 peak pulse current (a) test condition interval: 1~10 1 times: 2 min. 10 2 ~10 6 times: 10 sec. 1 time 2 10 1 10 2 10 3 10 4 10 5 10 6
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 12 9 g metal oxide varistor g series varistor volt - ampere and pulse lifetime characteristics 10 6 10 5 10 4 10 3 10 2 10 1 10 0 10 1 3 4 5 6 7 10 15 20 30 40 50 60 70 100 150 500 200 300 400 max. clamping voltage direct current (a) 8/20 sec. impulse current (a) voltage (v) at + 20 c tnr15g150k~tnr15g680k tnr15g150k~tnr15g680k v- i curve -15mm nominal diameter pulse lifetime ratings -15mm nominal diameter max. leakage current at + 20 c tnr15g820k~tnr15g102k tnr15g820k~tnr15g102k v- i curve -15mm nominal diameter pulse lifetime ratings -15mm nominal diameter 15g680k 15g560k 15g470k 15g390k 15g330k 15g270k 15g220k 15g180k 15g150k 10 2 10 3 10 4 500a max. 10 6 10 5 10 4 10 3 10 2 10 1 10 0 10 1 10 2 10 3 10 4 30 40 50 60 70 80 100 150 200 300 400 500 600 700 800 1000 1500 2000 3000 4000 5000 max. leakage current max. clamping voltage direct current (a) 8/20 sec. impulse current (a) voltage (v) 2,500a max. 15g102k 15g821k 15g681k 15g561k 15g471k 15g431k 15g391k 15g331k 15g271k 15g241k 15g221k 15g201k 15g181k 15g151k 15g121k 15g101k 15g820k impulse duration ( s) 20 100 200 1k 2k 10k 0.2 0.3 0.5 0.7 10 1 2 3 5 7 20 30 50 70 100 500 700 1000 200 300 peak pulse current (a) test condition interval: 1~10 1 times: 2 min. 10 2 ~10 6 times: 10 sec. 1 time 2 10 1 10 2 10 3 10 4 10 5 10 6 impulse duration ( s) 20 100 200 1k 2k 10k 10 2 3 5 7 20 30 50 70 100 500 700 1000 2000 3000 5000 7000 200 300 peak pulse current (a) test condition interval: 1~10 1 times: 2 min. 10 2 ~10 6 times: 10 sec. 1 time 2 10 1 10 2 10 3 10 4 10 5 10 6
united chemi-con, inc. 9801 w. higgins road, rosemont, il 60018 tel 847-696-2000 fax 847-696-9278 www.chemi-con.com 13 0 g metal oxide varistor g series varistor volt - ampere and pulse lifetime characteristics tnr23g181k~tnr23g102k v- i curve - 23mm nominal diameter pulse lifetime ratings - 23mm nominal diameter at + 20 c tnr23g181k~tnr23g102k 10 6 10 5 10 4 10 3 10 2 10 1 10 0 10 1 10 2 10 3 10 4 30 40 50 60 70 80 100 150 200 300 400 500 600 700 800 1000 1500 2000 3000 4000 5000 max. leakage current max. clamping voltage direct current (a) 8/20 sec. impulse current (a) voltage (v) 4,000a max. 23g102k 23g821k 23g681k 23g561k 23g471k 23g431k 23g391k 23g331k 23g271k 23g241k 23g221k 23g201k 23g181k impulse duration ( s) 20 100 200 1k 2k 10k 10 2 3 5 7 20 30 50 70 100 500 700 1000 2000 3000 5000 7000 200 300 peak pulse current (a) test condition interval: 1~10 1 times: 2 min. 10 2 ~10 6 times: 10 sec. 1 time 2 10 1 10 3 10 4 10 6 10 2 10 5


▲Up To Search▲   

 
Price & Availability of 12G471K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X