Part Number Hot Search : 
BYT51A TS372I 2AMLS4 STV6435S TMG8C60H WPA50 D1409 20ETF08
Product Description
Full Text Search
 

To Download 0903270379 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 03/17/2010 please check www.molex.com for latest part information part number: 0903270379 status: active description: 1.27mm (.050") pitch picoflex? pf-50, low profile, idt receptacle, 18 circuits, natural, tin plated, tin plated, reeling option a documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) agency certification csa lr19980 ul e29179 general product family ribbon cable / wire trap connectors series 90327 comments low profile|reeling option a component type housing glow-wire compliant no product name picoflex? physical circuits (loaded) 18 color - resin natural durability (mating cycles max) 30 entry angle 90 angle flammability 94v-0 lock to mating part yes material - metal phosphor bronze material - plating mating tin material - plating termination tin material - resin polyester number of rows 2 pcb retention none packaging type embossed tape on reel pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm plating min: mating (in) 80.00 plating min: mating (m) 2.000 plating min: termination (in) 80.00 plating min: termination (m) 2.00 polarized to mating part yes stackable no surface mount compatible (smc) n/a temperature range - operating -40c to +105c termination interface: style idt or pierce wire insulation diameter 1.00mm (.039") max. wire size awg 26, 28 wire/cable type ribbon cable electrical current - maximum per contact 1.2a voltage - maximum 250v material info reference - drawing numbers series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 90327 series mates with low profile vertical 90325 , low profile right angle 90800 , 90715 , 90814 , 90779 vertical application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # extraction tool (plastic) for 90327 connector, 4-26 circuit 0690081070 extrator tool for picoflex? connectors 0621006000
sales drawing sda-90327 this document was generated on 03/17/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0903270379

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X