Part Number Hot Search : 
10100C BR2032 S101D02 DTC123 S30S90CR PJ2N9015 PIC16C5 EH390
Product Description
Full Text Search
 

To Download V23838-M305-M56 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet 1 2004-01-09 sfp - small form-factor pluggable 1.25 gigabit ethernet (1000 base-sx) 2.125/1.0625 gbit/s fibre channel (200-m5/m6-sn-i / 100-m5/m6-sn-i) multimode 850 nm transceiver with lc? connector V23838-M305-M56 file: 1130 file: 1131 fiber optics lc? is a trademark of lucent features  small form-factor pluggable (sfp) msa compatible transceiver 1)  advanced release mechanism  easy access, even in belly to belly applications  wire handle release for simplicity  color coded black tab (multimode)  pci height compatible  excellent emi performance  common ground concept  rj-45 style lc? connector system  single power supply (3.3 v)  extremely low power consumption of 530 mw typical  small size for high channel density  ul-94 v-0 certified  esd class 1c per jesd22-a114-b (mil-std 883d method 3015.7)  according to fcc (class b) and en 55022  for distances of up to 860 m (50 m fiber)  laser safety according to class 1 fda and iec  ac/ac coupling according to msa  extended operating temperature range of ?20c to 85c  sfp evaluation board v23818-s5-v2 available upon request  a press fit cage and cage plugs are available as accessory products from infineon (see sfp accessories ) 1) msa documentation can be found at www.infineon.com/fiberoptics under transceivers, sfp transceivers.
V23838-M305-M56 pin configuration data sheet 2 2004-01-09 pin configuration figure 1 sfp transceiver electrical pad layout v ee t td ? td+ v ee t v cc t v cc r v ee r rd+ rd ? v ee r 20 19 18 17 16 15 14 13 12 11 v ee t tx fault tx disable mod-def(2) mod-def(1) mod-def(0) rate select los v ee r v ee r 1 2 3 4 5 6 7 8 9 10 top of transceiver bottom of transceiver (as viewed through top of transceiver) file: 1306
V23838-M305-M56 pin configuration data sheet 3 2004-01-09 pin description pin no. name logic level function 1 v ee t n/a transmitter ground 1) 2 tx fault lvttl transmitter fault indication 2) 8) 3 tx disable lvttl transmitter disable 3) 4 mod-def(2) lvttl module definition 2 4) 8) 5 mod-def(1) lvttl module definition 1 5) 8) 6 mod-def(0) n/a module definition 0 6) 8) 7 rate select n/a not connected 8 los lvttl loss of signal 7) 8) 9 v ee r n/a receiver ground 1) 10 v ee r n/a receiver ground 1) 11 v ee r n/a receiver ground 1) 12 rd? lvpecl inv. received data out 9) 13 rd+ lvpecl received data out 9) 14 v ee r n/a receiver ground 1) 15 v cc r n/a receiver power 16 v cc t n/a transmitter power 17 v ee t n/a transmitter ground 1) 18 td+ lvpecl transmit data in 10) 19 td? lvpecl inv. transmit data in 10) 20 v ee t n/a transmitter ground 1) 1) common transmitter and receiver ground within the module. 2) a high signal indicates a laser fault of some kind and that laser is switched off. 3) a low signal switches the transmitter on. a high signal or when not connected switches the transmitter off. 4) mod-def(2) is the data line of two wire serial interface for serial id. 5) mod-def(1) is the clock line of two wire serial interface for serial id. 6) mod-def(0) is grounded by the module to indicate that the module is present. 7) a low signal indicates normal operation, light is present at receiver input. a high signal indicates the received optical power is below the worst case receiver sensitivity. 8) should be pulled up on host board to v cc by 4.7 - 10 k ? . 9) ac coupled inside the transceiver. must be terminated with 100 ? differential at the user serdes. 10) ac coupled and 100 ? differential termination inside the transceiver.
V23838-M305-M56 description data sheet 4 2004-01-09 description the infineon fibre channel / gigabit ethernet multimode transceiver ? part of infineon sfp family ? is compatible to the physical medium depend (pmd) sublayer and baseband medium, type 1000 base-sx (short wavelength) as specified in ieee std 802.3 and fibre channel fc-pi-2 (rev. 4) 200-m5-sn-i, 200-m6-sn-i for 2.125 gbit/s, and fc-pi-2 (rev. 4) 100-m5-sn-i, 100-m6-sn-i for 1.0625 gbit/s. the appropriate fiber optic cable is 62.5 m or 50 m multimode fiber with lc? connector. link length as defined by ieee and fibre channel standards fiber type reach unit min. 1) 1) minimum reach as defined by ieee and fibre channel standards. a 0 m link length (loop-back connector) is supported. max. 2) 2) maximum reach as defined by ieee and fibre channel standards. longer reach possible depending upon link implementation. at 1.0625 gbit/s 50 m, 2000 mhz*km 2 860 meters 50 m, 500 mhz*km 2 500 50 m, 400 mhz*km 2 450 62.5 m, 200 mhz*km 2 300 62.5 m, 160 mhz*km 2 250 at 1.25 gbit/s 50 m, 500 mhz*km 2 550 meters 50 m, 400 mhz*km 2 500 62.5 m, 200 mhz*km 2 275 62.5 m, 160 mhz*km 2 220 at 2.125 gbit/s 50 m, 2000 mhz*km 2 500 meters 50 m, 500 mhz*km 2 300 50 m, 400 mhz*km 2 260 62.5 m, 200 mhz*km 2 150 62.5 m, 160 mhz*km 2 120
V23838-M305-M56 description data sheet 5 2004-01-09 the infineon sfp multimode transceiver is a single unit comprised of a transmitter, a receiver, and an lc? receptacle. this transceiver supports the lc? connectorization concept. it is compatible with rj-45 style backpanels for high end datacom and telecom applications while providing the advantages of fiber optic technology. the module is designed for low cost san, lan, fibre channel and gigabit ethernet applications. it can be used as the network end device interface in mainframes, workstations, servers, and storage devices, and in a broad range of network devices such as bridges, routers, hubs, and local and wide area switches. this transceiver operates at 1.0625 gbit/s / 1.25 gbit/s / 2.125 gbit/s from a single power supply (+3.3 v). the 100 ? differential data inputs and outputs are lvpecl and cml compatible. functional description of sfp transceiver this transceiver is designed to transmit serial data via multimode cable. figure 2 functional diagram laser driver power control limiting amp tia o/e o/e laser e/o rx coupling unit td + td ? tx disable tx fault rd ? los rd + tx coupling unit multimode fiber monitor automatic shut-down eeprom mod-def(2) mod-def(1) file: 1361
V23838-M305-M56 description data sheet 6 2004-01-09 the receiver component converts the optical serial data into lvpecl compatible electrical data (rd+ and rd?). the loss of signal (los) shows whether an optical signal is present. the transmitter converts lvpecl compatible electrical serial data (td+ and td?) into optical serial data. data lines are differentially 100 ? terminated. the transmitter contains a laser driver circui t that drives the modulation and bias current of the laser diode. the currents are controlled by a power control circuit to guarantee constant output power of the laser over temperature and aging. the power control uses the output of the monitor pin diode (mechanically built into the laser coupling unit) as a controlling signal, to prevent the laser power from exceeding the operating limits. single fault condition is ensured by means of an integrated automatic shutdown circuit that disables the laser when it detects laser fault to guarantee the laser eye safety. the transceiver contains a supervisory circuit to control the power supply. this circuit makes an internal reset signal whenever the supply voltage drops below the reset threshold. it keeps the reset signal active for at least 140 milliseconds after the voltage has risen above the reset threshold. during this time the laser is inactive. a low signal on txdis enables transmitter. if txdis is high or not connected the transmitter is disabled. the serial id interface defines a 256 byte memory map in eeprom, accessible over a 2 wire, serial interface at the 8 bit address 1010000x (a0h).
V23838-M305-M56 description data sheet 7 2004-01-09 regulatory compliance (emi) feature standard comments esd: electrostatic discharge to the electrical pins eia/jesd22-a114-b (mil-std 883d method 3015.7) class 1c immunity: against electrostatic discharge (esd) to the duplex lc receptacle en 61000-4-2 iec 61000-4-2 discharges ranging from 2kv to 15 kv on the receptacle cause no damage to transceiver (under recommended conditions). immunity: against radio frequency electromagnetic field en 61000-4-3 iec 61000-4-3 with a field strength of 10 v/m, noise frequency ranges from 10 mhz to 2 ghz. no effect on transceiver performance between the specification limits. emission: radiated field strength fcc 47 cfr part 15, class b cispr 22 en 55022 class b noise frequency range: 30 mhz to 18 ghz compliant with 89/336/eec en 55022 en 55024 this device complies with part 15 of the fcc rules 1) . operation is subject to the following two conditions: 1 this device may not cause harmful interference. 2 this device must accept any interference received, including interference that may cause undesired operation. 1) any kind of modification not expressly approved by infineon technologies may affect the regulatory compliance of the concerned product. as a consequence thereof this could void the user?s authority to operate the equipment. file: 1400 tested to comply with fcc standards for home or office use sfp V23838-M305-M56 file: 1406
V23838-M305-M56 technical data data sheet 8 2004-01-09 technical data exceeding any one of these values may permanently destroy the device. absolute maximum ratings parameter symbol limit values unit min. max. data input voltage v id max v cc +0.5 v differential data input voltage swing v id pk-pk 5 v storage ambient temperature t s ?40 85 c operating case temperature 1) 1) operating case temperature measured at transceiver reference point (in cage through 2nd centre hole from rear, see figure 10 ). t c ?20 85 c storage relative humidity rh s 595% operating relative humidity rh o 585% supply voltage v cc max 4v data output current i data 50 ma receiver optical input power rx p max 3dbm
V23838-M305-M56 technical data data sheet 9 2004-01-09 electrical characteristics ( v cc = 2.97 v to 3.63 v, t c = ?20c to 85c) parameter symbol values unit min. typ. max. common supply voltage v cc ? v ee 2.97 3.3 3.63 v in-rush current 1) i ir max 30 ma power dissipation p 400 700 mw transmitter differential data input voltage swing 2) v id pk-pk 500 3200 mv tx disable voltage tx dis 2 v cc v tx enable voltage tx en v ee 0.8 v tx fault high voltage tx fh 2.4 v cc v tx fault low voltage tx fl v ee 0.5 v reset threshold 3) v th 2.5 2.75 2.85 v reset time out 3) t res 140 240 300 ms supply current 4) i tx 100 150 ma receiver differential data output voltage swing 5) v od pk-pk 370 1000 mv los active los a 2.4 v cc v los normal los n v ee 0.5 v receiver 3 db cut-off frequency 6) 1.5 ghz receiver 10 db cut-off frequency 6) 3ghz rise time 7) t r-rx 125 ps fall time 7) t f-rx 170 ps deterministic jitter 8) dj rx 47 ps total jitter 9) tj rx 124 ps jitter (pk-pk) 10) j rx 60 ps power supply noise rejection 11) psnr 100 mv pp supply current 4) 12) i rx 80 90 ma
V23838-M305-M56 technical data data sheet 10 2004-01-09 1) measured with msa recommended supply filter network ( figure 7 ). maximum value above that of the steady state value. 2) internally ac coupled. typical 100 ? differential input impedance. 3) laser power is shut down if power supply is below v th and switched on if power supply is above v th after t res . 4) msa defines maximum current at 300 ma. 5) internally ac coupled. load 50 ? to gnd or 100 ? differential. for dynamic measurement a tolerance of 50 mv should be added. 6) fibre channel pi standard. 7) measured values are 20% - 80%. 8) deterministic jitter is that jitter measured by a bathtub scan, using a 2 7 ?1 nrz prbs, and extrapolating to 1ber. 9) total jitter is that jitter measured by a bathtub scan, using a 2 7 ?1 nrz prbs, and extrapolating to 1x10 ?12 ber. 10) jitter (pk-pk) is measured using a 2 7 ?1 nrz prbs and a digital communications analyzer. 11) measured using a 20 hz to 1 mhz sinusoidal modulation with the msa recommended power supply filter network ( figure 7 ) in place. a change in sensitivity of less than 1 db can be typically expected. 12) supply current excluding rx output load.
V23838-M305-M56 technical data data sheet 11 2004-01-09 optical characteristics ( v cc = 2.97 v to 3.63 v, t c = ?20c to 85c) parameter symbol values unit min. typ. max. transmitter optical modulation amplitude 1) @ 2.125 gbit/s @ 1.0625 gbit/s oma 196 156 450 450 w launched power (average) 2) p o ?8.5 ?6 ?4 dbm extinction ratio (dynamic) er 9 14.5 db center wavelength c 830 850 860 nm spectral width (rms) i 0.15 0.85 nm relative intensity noise rin ?117 db/hz tx disable laser output power p o-txdis ?50 dbm deterministic jitter 3) dj tx 56 ps total jitter 4) tj tx 120 ps jitter (pk-pk) 5) j tx 20 35 85 ps rise time 6) t r-tx 85 150 ps fall time 6) t f-tx 135 150 ps receiver 7) min. optical modulation amplitude 8) @ 2.125 gbit/s @ 1.0625 gbit/s oma 24 19 49 31 w sensitivity (average power) 9) @ 2.125 gbit/s @ 1.25 gbit/s @ 1.0625 gbit/s p in ?22 ?19 ?19 ?19 dbm stressed receiver sensitivity 50 m fiber 10) @ 2.125 gbit/s @ 1.0625 gbit/s spin 50 m 29 24 96 55 w stressed receiver sensitivity 62.5 m fiber 10) @ 2.125 gbit/s @ 1.0625 gbit/s spin 62.5 m 34 32 109 67 w los assert level 11) p losa ?30 ?28 dbm
V23838-M305-M56 technical data data sheet 12 2004-01-09 figure 3 los deassert level 11) p losd ?25 ?20 dbm los hysteresis 11) p losa ? p losd 12 db input center wavelength c 770 850 860 nm optical return loss orl 12 db 1) fibre channel pi standard. typical oma values based on ?6 dbm launched power (average) and 15 db extinction ratio. 2) into multimode fiber, 62.5 m or 50 m diameter. 3) deterministic jitter is that jitter measured by a bathtub scan, using a 2 7 ?1 nrz prbs, and extrapolating to 1ber. 4) total jitter is that jitter measured by a bathtub scan, using a 2 7 ?1 nrz prbs, and extrapolating to 1x10 ?12 ber. 5) jitter (pk-pk) is measured using a 2 7 ?1 nrz prbs and a digital communications analyzer. 6) values are 20% - 80%. measured at nominal data rate, unfiltered, using an o/e plug-in with a bandwidth of 2.85 ghz or higher. complies with fc 1x, fc 2x and gigabit ethernet eye mask when filtered. 7) receiver characteristics are measured with a worst case reference laser. 8) fibre channel pi standard. 9) average optical power at which the ber is 1x10 ?12 . measured with a 2 7 ?1 nrz prbs and er = 9 db. 10) measured at the given stressed receiver eye closure penalty and dcd component given in fibre channel pi standard (2.03/2.18 db & 40/80 ps). 11) see figure 3 . optical characteristics ( v cc = 2.97 v to 3.63 v, t c = ?20c to 85c) (cont?d) parameter symbol values unit min. typ. max. received optical power level [dbm] los assert (minimum) hysteresis (minimum) los / hysteresis (typical) los deassert (maximum) los level 0 1 file: 1522 los persistence los assertion range los deassertion range
V23838-M305-M56 technical data data sheet 13 2004-01-09 timing of control and status i/o parameter symbol values unit condition min. max. tx disable assert time t_off 10 s time from rising edge of tx disable to when the optical output falls below 10% of nominal tx disable negate time t_on 1 ms time from falling edge of tx disable to when the modulated optical output rises above 90% of nominal time to initialize, including reset of tx fault t_init 300 ms from power on or negation of tx fault using tx disable tx fault assert time t_fault 100 s time from fault to tx fault on tx disable to reset t_reset 10 s time tx disable must be held high to reset tx fault los assert time t_loss_on 100 s time from los state to rx los assert los deassert time t_loss_off 100 s time from non-los state to rx los deassert i 2 c bus clock rate f_i2cbus_ clock 100 khz
V23838-M305-M56 eye safety data sheet 14 2004-01-09 eye safety this laser based multimode transceiver is a class 1 product. it complies with iec 60825-1 and fda 21 cfr 1040.10 and 1040.11 except for deviations pursuant to laser notice 50, dated july 26, 2001. to meet laser safety requirements the transceiver shall be operated within the absolute maximum ratings. attention: all adjustments have been made at the factory prior to shipment of the devices. no maintenance or alteration to the device is required. tampering with or modifying the performance of the device will result in voided product warranty. note: failure to adhere to the above restrictions could result in a modification that is considered an act of ?manufacturing?, and will require, under law, recertification of the modified product with the u.s. food and drug administration (ref. 21 cfr 1040.10 (i)). figure 4 required labels figure 5 laser emission laser data wavelength 850 nm accessible emission limit (as defined by iec: 7 mm aperture at 14 mm distance) 709 w class 1 laser product iec complies with 21 cfr 1040.10 and 1040.11 fda file: 1401 tx rx indication of laser aperture and beam 20 11 file: 1333 top view
V23838-M305-M56 application notes data sheet 15 2004-01-09 application notes emi recommendations to avoid electromagnetic radiation exceeding the required limits set by the standards, please take note of the following recommendations. when gigabit switching components are found on a pcb (e.g. multiplexer, serializer-deserializer, clock data recovery, etc.), any opening of the chassis may leak radiation; this may also occur at chassis slots other than that of the device itself. thus every mechanical opening or aperture should be as small as feasible and its length carefully considered. on the board itself, every data connection should be an impedance matched line (e.g. strip line or coplanar strip line). data (d) and data-not (dn) should be routed symmetrically. vias should be avoided. where internal termination inside an ic or a transceiver is not present, a line terminating resistor must be provided. the decision of how best to establish a ground depends on many boundary conditions. this decision may turn out to be critical for achieving lowest emi performance. at rf frequencies the ground plane will always carry some amount of rf noise. thus the ground and v cc planes are often major radiators inside an enclosure. as a general rule, for small systems such as pci cards placed inside poorly shielded enclosures, the common ground scheme has often proven to be most effective in reducing rf emissions. in a common ground scheme, the pci card becomes more equipotential with the chassis ground. as a result, the overall radiation will decrease. in a common ground scheme, it is strongly recommended to provide a proper contact between signal ground and chassis ground at every location where possible. this concept is designed to avoid hotspots which are places of highest radiation, caused when only a few connections between chassis and signal grounds exist. compensation currents would concentrate at these connections, causing radiation. however, as signal ground may be the main cause for parasitic radiation, connecting chassis ground and signal ground at the wrong place may result in enhanced rf emissions. for example, connecting chassis ground and signal ground at a front panel/bezel/chassis by means of a fiber optic transceiver/cage may result in a large amount of radiation especially where combined with an inadequate number of grounding points between signal ground and chassis ground. thus the transceiver becomes a single contact point increasing radiation emissions. even a capacitive coupling between signal ground and chassis ground may be harmful if it is too close to an opening or an aperture. for a number of systems, enforcing a strict separation of signal ground from chassis ground may be advantageous, providing the housing does not present any slots or other discontinuities. this separate ground concept seems to be more suitable in large systems where appropriate shielding measures have also been implemented. the return path of rf current must also be considered. thus a split ground plane between tx and rx paths may result in severe emi problems.
V23838-M305-M56 application notes data sheet 16 2004-01-09 the bezel opening for a transceiver should be sized so that all contact springs of the transceiver cage make good electrical contact with the face plate. please consider that the pcb may behave like a dielectric waveguide. with a dielectric constant of 4, the wavelength of the harmonics inside the pcb will be half of that in free space. thus even the smallest pcbs may have unexpected resonances. large systems can have many openings in the front panel for sfp transceivers. in typical applications, not all of these ports will hold transceivers; some may be intentionally left empty. these empty slots may emit significant amounts of radiation. thus it is recommended that empty ports be plugged with an emi plug as shown in figure 6 . infineon offers an emi/dust plug, p/n v23818-s5-b1. sfp accessories figure 6 cage: infineon technologies part number: v23838-s5-n1/v23838-s5-n1-bb cage emi/dust plug: infineon technologies part number: v23818-s5-b1 host board connector: tyco electronics part number: 1367073-1 cage dust plug: infineon technologies part number: v23818-s5-b2 file: 1521 cage isfp? host board connector host board dust plug cage emi/dust plug
V23838-M305-M56 application notes data sheet 17 2004-01-09 eeprom serial id memory contents (a0h) addr. hex ascii name/description addr. hex ascii name/description 0 03 identifier 32 20 vendor name 104 extended identifier 33 20 207 connector 34 20 300 transceiver optical compatibility 35 20 400 3600 reserved 500 3700 vendor oui 601 3803 740 3919 8 40 40 56 v vendor part number 90c 41322 10 05 42 33 3 11 01 encoding 43 38 8 12 15 br, nominal 44 33 3 13 00 reserved 45 38 8 14 00 length (9 m) - km 46 2d - 15 00 length (9 m) 47 4d m 16 1e length (50 m) 48 33 3 17 0f length (62.5 m) 49 30 0 18 00 length (copper) 50 35 5 19 00 reserved 51 2d - 20 49 i vendor name 52 4d m 21 6e n 53 35 5 22 66 f 54 36 6 23 69 i 55 20 24 6e n 56 30 0 vendor revision, product status dependent 25 65 e 57 31 1 26 6f o 58 2e . 27 6e n 59 30 0 28 20 60 03 wavelength 29 41 a 61 52 30 47 g 62 00 reserved 31 20 63 check sum of bytes 0 - 62
V23838-M305-M56 application notes data sheet 18 2004-01-09 64 00 transceiver signal options 96 20 vendor specific eeprom 65 1a 97 20 66 00 br, maximum 98 20 67 32 br, minimum 99 20 68 vendor serial number 100 20 69 101 20 70 102 20 71 103 20 72 104 20 73 105 20 74 106 20 75 107 20 76 108 20 77 109 20 78 110 20 79 111 20 80 112 20 81 113 20 82 114 20 83 115 20 84 vendor manufacturing date code 116 20 85 117 20 86 118 20 87 119 20 88 120 20 89 121 20 90 122 20 91 123 20 92 00 diagnostic monitoring type 124 20 93 00 enhanced options 125 20 94 00 sff-8472 compliance 126 20 95 check sum of bytes 64 - 94 127 20 128 - 255 vendor specific. reserved for future use. addr. hex ascii name/description addr. hex ascii name/description
V23838-M305-M56 application notes data sheet 19 2004-01-09 multimode 850 nm sfp transceiver, ac/ac ttl figure 7 recommended host board supply filtering network figure 8 example sfp host board schematic host board sfp module 3.3 v v cc r v cc t v ee r v ee t file: 1304 1 h 10 f 0.1 f 0.1 f 10 f 0.1 f 1 h xx 1) xx 1) 1) design criterion of the capacitor used is the resonant frequency and its value must be in the order of the nominal data rate. use of single layer capacitors recommended. short trace lengths are mandatory. pld / pal 1) design criterion of the capacitor used is the resonant frequency and its value must be in the order of the nominal data rate. use of single layer capacitors recommended. short trace lengths are mandatory. serdes ic tx disable protocol v cc protocol v cc 3.3 v 16 17 14 v cc t 15 v cc r 3.3 v 0.1 f 0.1 f 0.01 f 0.01 f 10 f mod-def(0) file: 1305 mod-def(1) mod-def(2) 4.7 to 10 k ? 4.7 to 10 k ? 4.7 to 10 k ? preamp & quantizer laser driver 1 h 1 h tx fault protocol ic los tx disable tx fault td? td+ rd+ rd? v ee t v ee r los infineon sfp transceiver 0.01 f 0.01 f 10 f 0.1 f xx 1) xx 1) 100 ? 4.7 to 10 k ? 4.7 to 10 k ? 4.7 to 10 k ? 100 ?
V23838-M305-M56 package outlines data sheet 20 2004-01-09 package outlines figure 9 figure 10 dimensions in mm file: 1215 47.5 56.5 10.3 11.6 1.34 8.5 13.7 13.4 13.7 6.25 dimensions in mm file: 1224 29.80 transceiver temperature reference point
edition 2004-01-09 published by infineon technologies ag, st.-martin-strasse 53, 81669 mnchen, germany ? infineon technologies ag 2004. all rights reserved. attention please! the information herein is given to describe certain components and shall not be considered as a guarantee of characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office ( www.infineon.com ). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. V23838-M305-M56 revision history: 2004-01-09 ds2 previous version: 2003-11-28 page subjects (major changes since last revision) 12 figure 3 changed


▲Up To Search▲   

 
Price & Availability of V23838-M305-M56

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X