2707 black lake place, philadelphia, pa 19154 tel 215-464-4000 fax 215-464-4001 frequency output power (dbm) power flatness (dbm) tuning voltage range (v) tuning voltage sensitivity (mhz/v) harmonics (dbc) spurious (dbc) phase noise @ 100 khz (dbc/hz) pushing (mhz/v) pulling (mhz); 12 db rl frequency drift (mhz/oc) power vdc ma voltage controlled oscillator available as: tom9009, 4 pin to-8 (t4) TON9009, 4 pin surface mount (sm3) bxo9009, connectorized housing (h1) features low noise bipolar transistor broad tuning range operating case temp. -20 oc to + 60 oc environmental screening available characteristic typical min/max ta = +25 oc ta = -20oc to +60 oc specifications tuning voltage (volts) maximum ratings ambient operating temperature .......... -55oc to + 100 oc storage temperature .......................... -62oc to + 125 oc case temperature ........................................... + 125 oc dc voltage ...................................................... + 20 v olts maximum dc tuning voltage .......................... + 20 v olts minimum dc tuning voltage ................................. 0 volt output power (dbm) frequency (mhz) v t f o ? ? ? ? ? fp o 2h 3h (v) (mhz) (mhz) (dbm) (dbc) (dbc) ======================================================= legend + 25 oc +85 oc -40 oc tuning voltage (volts) typical performance data note: care should always be taken to effectively ground the case of each unit. 03/07/03
|