Part Number Hot Search : 
AD976ACN C3225 MUB51DH EIA1314 UMH14N M57924 XQ2V3000 MUB51DH
Product Description
Full Text Search
 

To Download THPXXA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  topstek current transducer thp5a .. thp50a - 52 - www.topstek.com thp v080201 7/1/2008 thp 5a~50a features  highly reliable hall effect device  compact and light weight. three sensors in one package  fast response time  excellent linearity of the output voltage over a wide input range  excellent frequency response (> 50 khz)  low power consumption (33 ma nominal)  capable of measuring both dc and ac, both pulsed and mixed  high isolation voltage between the measuring circuit and the current-carrying conductor (ac2.5kv)  extended operating temperature range  flame-retardant plastic case and silicone encapsulate, using ul classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range applications  ups systems  industrial robots  nc tooling machines  elevator controllers  process control devices  ac and dc servo systems  motor speed controller  electrical vehicle controllers  inverter-controlled welding machines  general and special purpose inverters  power supply for laser processing machines  controller for traction equipment e.g. electric trains  other automatic control systems specifications parameter symbol unit 3a 5a 7.5a 10a 15a 18.5a 20a 25a 30a 37.5a 50a nominal input current i fn a dc 3 5 7.5 10 15 18.5 20 25 30 37.5 50 linear range i fs a dc 9 15 22.5 30 45 56 60 75 90 113 150 primary wire diameter d mm 0.6 0.8 1.0 1.2 1.6 1.6 1.6 1.6 1.6 1.6x2 1.6x2 nominal output voltage v hn v 4 v1% @ if=i fn ( r l =10k) offset voltage v os mv within 40 mv @ i f =0, t a =25c output resistance r out <100(50nominal) hysteresis error v oh mv within 35 mv @ i f =i fn 0 supply voltage v cc /v ee v 15v 5% linearity % within 1% of i fn consumption current i cc ma 33 ma nominal, 45 ma max response time (90%v hn ) t r  sec 3  sec max. @ d i f / dt = i fn /  sec response performance - % 10% overshoot max. frequency bandwidth (-3db) f bw hz dc to 50khz thermal drift of output - %/c within 0.1 %/c @ i fn thermal drift of zero current offset - mv/c < 2 mv/c dielectric strength - v ac2.5kv x 60 sec isolation resistance @ 1000 vdc r is m >1000 m operating temperature t a c -15c to 80c storage temperature t s c -20c to 85c mass w g 26 g
topstek current transducer thp5a .. thp50a - 53 - www.topstek.com thp v080201 7/1/2008 pd[ pd[  s secondary pins 6x(0.5x0.25) primary 12x d             [             thp25a 07135 appearance, dimensions and pin identification all dimensions in mm 0.2, holes C0, +0.2 except otherwise noted.   x ? ? q   \ b f ? q  ^ b f ? q  ? ? ? ? b q  ? ? ? ? c q  ? ? ? ? d q  z b \ q z b ^ q
z c \ q z c ^ q d b b q z d \ q d b c q z d ^ q for models i fn >30a primary wire=1.6 x2 for models i fn <=30a primary wire=0.6 ~1.6 x1


▲Up To Search▲   

 
Price & Availability of THPXXA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X