rev. a / ah 2008 - 05 - 19 TB5005 ? tb510 50a bridge rectifiers taitron components incorporated www.taitroncomponents.com tel: (800) - taitron (800) - 824 - 8766 (661) - 257 - 6060 fax: ( 800 ) - taitfax ( 800 ) - 824 - 8329 ( 661 ) - 257 - 6415 page 1 of 4 50a bridge rectifiers features ? low reverse leakage current ? low power loss ? high efficiency ? electrically isolated epoxy case for maximum heat dissipation ? case to terminal isolated voltage 2500v ? rohs compliant mechanical data case: molded plastic with heat sink, available in both low profile and standard case terminals: plated faston lugs polarity: as marked on case mounting torque: 20 in. ? lbs. max. weight: 21 grams maximum ratings and electrical characteristics (t amb =25 ? c) symbols parameter tb 5005 tb 501 tb 502 tb 504 tb 506 tb 508 tb 510 unit conditions v rrm maximum repetitive peak reverse voltage 50 100 200 400 600 800 1000 v v rms maximum rms voltage 35 70 140 280 420 560 700 v v dc maximum dc blocking voltage 50 100 200 400 600 800 1000 v i f(av) maximum average forward rectified current 50 a t a =60 ? c i fsm peak forward surge current 450 a 8.3ms single half sine-wave superimposed on rated load (jedec method) v f maximum instantaneous forward voltage drop per leg 1.1 v i f =25a 5.0 t c =25c i r maximum dc reverse current at rated dc blocking voltage per leg 500 a t c =125c i2 t rating for fusing (1ms rev. a / ah 2008 - 05 - 19 www.taitroncomponents.com page 2 of 4 50a bridge rectifiers TB5005 ? tb510 fig.1- derating curve output rectified current ambient temperature (c) symbols parameter tb 5005 tb 501 tb 502 tb 504 tb 506 tb 508 tb 510 unit conditions c j typical junction capacitance 400 pf v r =4v, f=1mhz r jc typical thermal resistance per leg 1.6 ? c/w note 1 v iso rms isolation voltage from case to leads 2500 v t j , t stg operating and storage temperature range -65 to 150 ? c note: 1. thermal resistance junction to case, mounted on heatsink. 2. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. rating and characteristic curves fig.2-max non-repetitive peak forward surge current number of cycles at 60hz peak forward surge current (a) average forward current (a)
rev. a / ah 2008 - 05 - 19 www.taitroncomponents.com page 3 of 4 50a bridge rectifiers TB5005 ? tb510 fig.3- typical instantaneous forward characteristics, per leg instantaneous forward voltage (v) instantaneous forward current (a) fig.5-typical junction capacitance per leg reverse voltage (v) junction capacitance (pf) fig.4-typical reverse leakage characteristics per leg percent of rated peak reverse voltage (%) instantaneous reverse current (a)
rev. a / ah 2008 - 05 - 19 www.taitroncomponents.com page 4 of 4 50a bridge rectifiers TB5005 ? tb510 dimensions in mm how to contact us us headquarters 28040 west harrison parkway, valencia, ca 91355-4162 tel: (800) taitron (800) 824-8766 (661) 257-6060 fax: (800) taitfax (800) 824-8329 (661) 257-6415 email: taitron@taitroncomponents.com http:// www.taitroncomponents.com taitron components mexico, s.a .de c.v. boulevard central 5000 interior 5 parque industrial atitalaquia, hidalgo c.p. 42970 mexico tel: +52-55-5560-1519 fax: +52-55-5560-2190 taitron components incorporated representa??es do brasil ltda rua domingos de morais, 2777, 2.andar, sala 24 sade - s?o paulo-sp 04035-001 brazil tel: +55-11-5574-7949 fax: +55-11-5572-0052 taitron components incorporated, shanghai representative office metrobank plaza, 1160 west yan? an road, suite 1503, shanghai, 200052, china tel: +86-21-5424-9942 fax: +86-21-5424-9931
|