Part Number Hot Search : 
KBPC4000 SP300110 CLM2950A FSB67508 KSZ8995X MK23H2 IRFR3518 ATA68
Product Description
Full Text Search
 

To Download SY4-XXXXXX-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  note design, speci?cations are subject to change without notice. ask factory for technical speci?cations before purchase and/or use. cat.no.2007/2008e(2007.10.1) specifications item performance category temperature range (?c) tolerance at rated capacitance (%) leakage current (a) tangent of loss angle esr resistance to soldering heat characteristics at high and low temperature 55?c 85?c 125?c damp heat, steady state (humidity) endurance (load life) failure rate )8 9 9 1 : 3-1 0 1 c5 sij( 9 8 9 1 : 3-4 8 3 0 6 c ei ots m rofn o c sreht o less than 1% / 1000 hour (refer to technical note) 55 to 125 (above 85?c use category voltage) test conditions: soaking at 260?c for 5 seconds leakage current data have been measured at derated voltage* test conditions: left at 40?c under 90 to 95% rh for 500 hours p 10%(except sy9) , p 20% refer to standard ratings table (120hz) (120hz) (100khz) leakage current percentage of capacitance change tangent of loss angle percentage of capacitance change tangent of loss angle leakage current percentage of capacitance change tangent of loss angle refer to standard ratings table refer to standard ratings table the initial specified value or less within p 10% of initial value 150% or less of the initial specified value within 10 to 0% of the initial value refer to standard rating table within 10 to 0% of the initial value refer to standard rating table 1000% or less of the initial specified value within 0 to 10% of the initial value refer to standard rating table 1000% or less of the initial specified value within 0 to 10% of the initial value refer to standard rating table leakage current percentage of capacitance change tangent of loss angle 1250% or less of the initial specified value within 0 to 12% of the initial value refer to standard rating table 1250% or less of the initial specified value within 0 to 12% of the initial value refer to standard rating table test conditions: rated voltage applied at 85?c for 2000 hour s; leakage current percentage of capacitance change tangent of loss angle the initial specified value or less within p 10% of initial value 150% or less of the initial specified value the initial specified value or less within p 10% of initial value the initial specified value or less sy5,sy6,sy7,sy8,sy9,syl the initial specified value or less within p 5% of initial value the initial specified value or less sy1,sy2,sy3,sy4 leakage current percentage of capacitance change tangent of loss angle the initial specified value or less within p 10% of initial value 150% or less of the initial specified value the initial specified value or less within p 5% of initial value the initial specified value or less
relation between the rated and the 125?c category voltage. rated voltage(v) 105?c category voltage(v) 2.5 4 6.3 10 16 20 25 35 1.6 2.5 4 6.3 10 13 16 22 sky type dimension table green cap smd 0.1 0.15 0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 104 154 224 334 474 684 105 155 225 335 475 685 106 156 226 336 476 686 107 157 227 337 477 687 rated capacitance (f) rated capacitance code 2.5v e 4v g 6.3v j 10v a 16v c 20v d 25v e 35v v aa a a b a b a b a b c a b c a b c d0 b c d0 b c d0 b c d0 d0 d0 aa a a b a b a b a b c a b c a b c d0 b c d0 b c d0 c d0 d0 d0 aa a a b a b a b a b c a b c b c d0 b c d0 c d0 c d0 d0 d0 aa a a b a b a b a b c b c b c d0 c d0 c d0 d0 d0 aa a a b a b a b a b c b c c d0 c d0 d0 d0 aa a a b a b b b c b c c d0 c d0 d0 d0 aa a a a b a b a b a b c b c b c c d0 c d0 c d0 d0 d0 aa a a a b a b bb resin mold chip type capacitors standard type tantalum chip capacitors (chipcon) sky . syl speci?cations, dimension table ? 132 tantalum chip capacitors
note design, speci?cations are subject to change without notice. ask factory for technical speci?cations before purchase and/or use. cat.no.2007/2008e(2007.10.1) tantalum chip capacitors (chipcon) sky resin mold chip type capacitors standard type rated voltage (v) rated capacitance (f) (120hz) marking eia size code elna size code leakage current (a, or less) tangent of the loss angle (less)(120hz) e.s.r. ( 7 ) (100khz) elna part no. taping minimum packing pcs. (pcs/reel) note C55?c 20?c 85?c 125?c 2.5 15 e156 3216 a 0.50 0.09 0.06 0.08 0.09 4.0 sy3-0e156m-ra 2,000 * 22 e226 3216 a 0.55 0.12 0.08 0.10 0.12 2.8 sy4-0e226m-ra 2,000 * 33 e336 3216 a 0.82 0.18 0.08 0.10 0.12 2.5 sy5-0e336m-ra 2,000 47 e476 3216 a 1.17 0.18 0.12 0.16 0.18 2.5 sy6-0e476m-ra 2,000 68 e686 3216 a 1.70 0.27 0.18 0.23 0.27 2.0 sy7-0e686m-ra 2,000 68 --- 3528 b 1.70 0.12 0.08 0.10 0.12 1.5 sy5-0e686m-rb 2,000 * 100 e107 3216 a 2.50 0.27 0.18 0.23 0.27 2.0 sy8-0e107m-ra 2,000 100 --- 3528 b 2.50 0.12 0.08 0.10 0.12 1.0 sy6-0e107m-rb 2,000 150 --- 3528 b 3.75 0.18 0.12 0.16 0.18 1.0 sy7-0e157m-rb 2,000 220 --- 3528 b 5.50 0.27 0.18 0.23 0.27 1.0 sy8-0e157m-rb 2,000 4 3.3 g335 3216 a 0.50 0.09 0.06 0.07 0.09 8.0 sy1-0g335m-ra 2,000 * 4.7 g475 3216 a 0.50 0.12 0.08 0.10 0.12 4.0 sy2-0g475m-ra 2,000 6.8 g685 3216 a 0.50 0.12 0.08 0.10 0.12 4.0 sy2-0g685m-ra 2,000 10 g106 3216 a 0.50 0.12 0.08 0.10 0.12 4.0 sy3-0g106m-ra 2,000 10 --- 3528 b 0.50 0.09 0.06 0.07 0.09 2.5 sy1-0g106m-rb 2,000 * 15 g156 3216 a 0.60 0.12 0.08 0.10 0.12 3.0 sy4-0g156m-ra 2,000 15 --- 3528 b 0.60 0.12 0.08 0.10 0.12 3.5 sy2-0g156m-rb 2,000 * 22 g226 3216 a 0.88 0.12 0.08 0.10 0.12 2.5 sy5-0g226m-ra 2,000 22 --- 3528 b 0.88 0.09 0.06 0.08 0.09 1.5 sy3-0g226m-rb 2,000 33 g336 3216 a 1.32 0.15 0.10 0.12 0.15 2.5 sy6-0g336m-ra 2,000 33 --- 3528 b 1.32 0.12 0.08 0.10 0.12 1.5 sy4-0g336m-rb 2,000 33 --- 6032 c 1.32 0.09 0.06 0.07 0.09 2.2 sy1-0g336m-rc 500 * 47 g476 3216 a 1.88 0.15 0.10 0.13 0.15 2.5 sy7-0g476m-ra 2,000 47 --- 3528 b 1.88 0.12 0.08 0.10 0.12 1.5 sy5-0g476m-rb 2,000 47 --- 6032 c 1.88 0.12 0.06 0.08 0.12 1.0 sy2-0g476m-rc 500 68 g686 3216 a 2.72 0.24 0.16 0.19 0.24 2.5 sy8-0g686m-ra 2,000 68 --- 3528 b 2.72 0.12 0.08 0.10 0.12 1.5 sy6-0g686m-rb 2,000 68 --- 6032 c 2.72 0.09 0.06 0.08 0.09 1.0 sy3-0g686m-rc 500 68 --- 7343 d0 2.72 0.09 0.06 0.07 0.09 0.7 sy1-0g686m-rd0 500 100 --- 3528 b 4.00 0.15 0.10 0.13 0.15 1.0 sy7-0g107m-rb 2,000 100 --- 6032 c 4.00 0.12 0.08 0.10 0.12 0.8 sy4-0g107m-rc 500 100 --- 7343 d0 4.00 0.12 0.08 0.10 0.12 0.8 sy2-0g107m-rd0 500 * 150 --- 3528 b 6.00 0.24 0.16 0.19 0.24 1.0 sy8-0g157m-rb 2,000 150 --- 6032 c 6.00 0.15 0.10 0.13 0.15 0.8 sy5-0g157m-rc 500 150 --- 7343 d0 6.00 0.12 0.08 0.10 0.12 0.8 sy3-0g157m-rd0 500 220 --- 3528 b 88.00 0.27 0.18 0.23 0.27 1.0 sy9-0g227m-rb 2,000 220 --- 6032 c 8.80 0.18 0.12 0.15 0.18 0.7 sy6-0g227m-rc 500 220 --- 7343 d0 8.80 0.12 0.08 0.10 0.12 1.0 sy4-0g227m-rd0 500 330 --- 7343 d0 13.20 0.21 0.14 0.18 0.21 0.7 sy5-0g337m-rd0 500 470 --- 7343 d0 18.80 0.24 0.16 0.21 0.24 0.3 sy6-0g477m-rd0 500 standard ratings the asterisk in the note row indicates the reduced frequency of manufacture due to miniaturization, etc. for new design, it is recommended to choose a smaller product with a higher voltage and same capacity. ? 133 tantalum chip capacitors
note design, speci?cations are subject to change without notice. ask factory for technical speci?cations before purchase and/or use. cat.no.2007/2008e(2007.10.1) rated voltage (v) rated capacitance (f) (120hz) marking eia size code elna size code leakage current (a, or less) tangent of the loss angle (less)(120hz) e.s.r. ( 7 ) (100khz) elna part no. taping minimum packing pcs. (pcs/reel) note C55?c 20?c 85?c 125?c 6.3 2.2 j225 3216 a 0.50 0.09 0.06 0.07 0.09 8.0 sy1-0j225m-ra 2,000 * 3.3 j335 3216 a 0.50 0.09 0.06 0.08 0.09 7.0 sy2-0j335m-ra 2,000 4.7 j475 3216 a 0.50 0.09 0.06 0.10 0.09 4.0 sy2-0j475m-ra 2,000 6.8 j685 3216 a 0.50 0.09 0.06 0.08 0.09 3.5 sy3-0j685m-ra 2,000 6.8 --- 3528 b 0.50 0.09 0.06 0.07 0.09 3.0 sy1-0j685m-rb 2,000 * 10 j106 3216 a 0.63 0.12 0.08 0.10 0.12 3.0 sy4-0j106m-ra 2,000 10 --- 3528 b 0.63 0.09 0.06 0.08 0.09 3.0 sy2-0j106m-rb 2,000 15 j156 3216 a 0.94 0.12 0.08 0.10 0.12 3.0 sy5-0j156m-ra 2,000 15 --- 3528 b 0.94 0.09 0.06 0.08 0.09 2.0 sy3-0j156m-rb 2,000 22 j226 3216 a 1.38 0.15 0.10 0.13 0.15 2.5 sy6-0j226m-ra 2,000 22 --- 3528 b 1.38 0.12 0.08 0.10 0.12 1.5 sy4-0j226m-rb 2,000 22 --- 6032 c 1.38 0.09 0.06 0.07 0.09 1.0 sy1-0j226m-rc 500 * 33 j336 3216 a 2.07 0.15 0.10 0.13 0.15 2.5 sy7-0j336m-ra 2,000 33 --- 3528 b 2.07 0.12 0.08 0.10 0.12 1.5 sy5-0j336m-rb 2,000 33 --- 6032 c 2.07 0.09 0.06 0.08 0.09 1.0 sy2-0j336m-rc 500 47 j476 3216 a 2.96 0.24 0.16 0.19 0.24 2.5 sy8-0j476m-ra 2,000 47 --- 3528 b 2.96 0.15 0.10 0.13 0.15 1.0 sy6-0j476m-rb 2,000 47 --- 6032 c 2.96 0.09 0.06 0.08 0.09 1.0 sy3-0j476m-rc 500 47 --- 7343 d0 2.96 0.09 0.06 0.07 0.09 0.7 sy1-0j476m-rd0 500 * 68 --- 3528 b 4.28 0.15 0.10 0.13 0.15 1.0 sy7-0j686m-rb 2,000 68 --- 6032 c 4.28 0.12 0.08 0.10 0.12 0.8 sy4-0j686m-rc 500 68 --- 7343 d0 4.28 0.09 0.06 0.08 0.09 0.8 sy2-0j686m-rd0 500 * 100 --- 3528 b 6.30 0.18 0.12 0.15 0.18 1.0 sy8-0j107m-rb 2,000 100 --- 6032 c 6.30 0.15 0.10 0.13 0.15 0.7 sy5-0j107m-rc 500 100 --- 7343 d0 6.30 0.12 0.08 0.10 0.12 0.8 sy3-0j107m-rd0 500 150 --- 6032 c 9.45 0.18 0.12 0.15 0.18 0.7 sy6-0j157m-rc 500 150 --- 7343 d0 9.45 0.12 0.08 0.10 0.12 1.0 sy4-0j157m-rd0 500 220 --- 7343 d0 13.86 0.18 0.12 0.16 0.18 0.5 sy5-0j227m-rd0 500 330 --- 7343 d0 20.79 0.24 0.16 0.20 0.24 0.5 sy6-0j337m-rd0 500 10 1.5 a155 3216 a 0.50 0.09 0.06 0.07 0.09 8.0 sy1-1a155m-ra 2,000 * 2.2 a225 3216 a 0.50 0.09 0.06 0.08 0.09 7.0 sy2-1a225m-ra 2,000 3.3 a335 3216 a 0.50 0.09 0.06 0.08 0.09 5.0 sy2-1a335m-ra 2,000 4.7 a475 3216 a 0.50 0.09 0.06 0.08 0.09 4.5 sy3-1a475m-ra 2,000 4.7 --- 3528 b 0.50 0.09 0.06 0.07 0.09 3.0 sy1-1a475m-rb 2,000 * 6.8 a685 3216 a 0.68 0.09 0.06 0.08 0.09 3.0 sy4-1a685m-ra 2,000 6.8 --- 3528 b 0.68 0.09 0.06 0.08 0.09 3.0 sy2-1a685m-rb 2,000 * 10 a106 3216 a 1.00 0.12 0.08 0.10 0.12 3.0 sy5-1a106m-ra 2,000 10 --- 3528 b 1.00 0.09 0.06 0.08 0.09 2.0 sy3-1a106m-rb 2,000 15 a156 3216 a 1.50 0.15 0.10 0.13 0.15 3.0 sy6-1a156m-ra 2,000 15 --- 3528 b 1.50 0.09 0.06 0.08 0.09 2.0 sy4-1a156m-rb 2,000 15 --- 6032 c 1.50 0.09 0.06 0.07 0.09 1.0 sy1-1a156m-rc 500 * 22 a226 3216 a 2.20 0.18 0.12 0.16 0.18 2.5 sy7-1a226m-ra 2,000 22 --- 3528 b 2.20 0.12 0.08 0.10 0.12 2.0 sy5-1a226m-rb 2,000 22 --- 6032 c 2.20 0.09 0.06 0.08 0.09 1.0 sy2-1a226m-rc 500 33 --- 3528 b 3.30 0.12 0.08 0.10 0.12 1.5 sy6-1a336m-rb 2,000 33 --- 6032 c 3.30 0.09 0.06 0.08 0.09 1.0 sy3-1a336m-rc 500 33 --- 7343 d0 3.30 0.09 0.06 0.07 0.09 0.7 sy1-1a336m-rd0 500 * 47 --- 3528 b 4.70 0.15 0.10 0.13 0.15 1.0 sy7-1a476m-rb 2,000 47 --- 6032 c 4.70 0.09 0.06 0.08 0.09 0.9 sy4-1a476m-rc 500 47 --- 7343 d0 4.70 0.09 0.06 0.08 0.09 0.8 sy2-1a476m-rd0 500 68 --- 6032 c 6.80 0.12 0.08 0.10 0.12 0.8 sy5-1a686m-rc 500 68 --- 7343 d0 6.80 0.09 0.06 0.08 0.09 0.6 sy3-1a686m-rd0 500 100 --- 6032 c 10.00 0.15 0.10 0.13 0.15 0.7 sy6-1a107m-rc 500 100 --- 7343 d0 10.00 0.12 0.08 0.10 0.12 0.6 sy4-1a107m-rd0 500 150 --- 7343 d0 15.00 0.15 0.10 0.13 0.15 0.7 sy5-1a157m-rd0 500 tantalum chip capacitors (chipcon) sky resin mold chip type capacitors standard type standard ratings the asterisk in the note row indicates the reduced frequency of manufacture due to miniaturization, etc. for new design, it is recommended to choose a smaller product with a higher voltage and same capacity. ? 134 tantalum chip capacitors
note design, speci?cations are subject to change without notice. ask factory for technical speci?cations before purchase and/or use. cat.no.2007/2008e(2007.10.1) rated voltage (v) rated capacitance (f) (120hz) marking eia size code elna size code leakage current (a, or less) tangent of the loss angle (less)(120hz) e.s.r. ( 7 ) (100khz) elna part no. taping minimum packing pcs. (pcs/reel) note C55?c 20?c 85?c 125?c 16 1 c105 3216 a 0.50 0.09 0.05 0.07 0.09 7.0 sy1-1c105m-ra 2,000 1.5 c155 3216 a 0.50 0.09 0.06 0.08 0.09 7.0 sy2-1c155m-ra 2,000 2.2 c225 3216 a 0.50 0.09 0.06 0.08 0.09 5.0 sy2-1c225m-ra 2,000 3.3 c335 3216 a 0.50 0.09 0.06 0.08 0.09 4.5 sy3-1c335m-ra 2,000 3.3 --- 3528 b 0.50 0.09 0.06 0.07 0.09 3.0 sy1-1c335m-rb 2,000 * 4.7 c475 3216 a 0.75 0.09 0.06 0.08 0.09 4.0 sy4-1c475m-ra 2,000 4.7 --- 3528 b 0.75 0.09 0.06 0.08 0.09 3.0 sy2-1c475m-rb 2,000 * 6.8 c685 3216 a 1.08 0.12 0.08 0.10 0.12 3.5 sy5-1c685m-ra 2,000 6.8 --- 3528 b 1.08 0.09 0.06 0.08 0.09 2.5 sy3-1c685m-rb 2,000 10 c106 3216 a 1.60 0.12 0.08 0.10 0.12 4.0 sy6-1c106m-ra 2,000 10 --- 3528 b 1.60 0.09 0.06 0.08 0.09 2.0 sy4-1c106m-rb 2,000 10 --- 6032 c 1.60 0.09 0.06 0.07 0.09 2.2 sy1-1c106m-rc 500 * 15 --- 3528 b 2.40 0.09 0.06 0.08 0.09 2.0 sy5-1c156m-rb 2,000 15 --- 6032 c 2.40 0.09 0.06 0.08 0.09 2.0 sy2-1c156m-rc 500 * 22 --- 3528 b 3.52 0.12 0.06 0.10 0.12 2.0 sy6-1c226m-rb 2,000 22 --- 6032 c 3.52 0.09 0.06 0.08 0.09 1.0 sy3-1c226m-rc 500 22 --- 7343 d0 3.52 0.09 0.06 0.07 0.09 0.7 sy1-1c226m-rd0 500 * 33 --- 6032 c 5.28 0.09 0.06 0.08 0.09 1.1 sy4-1c336m-rc 500 33 --- 7343 d0 5.28 0.09 0.06 0.08 0.09 1.0 sy2-1c336m-rd0 500 * 47 --- 6032 c 7.52 0.12 0.08 0.10 0.12 0.8 sy5-1c476m-rc 500 47 --- 7343 d0 7.52 0.09 0.06 0.08 0.09 0.7 sy3-1c476m-rd0 500 68 --- 7343 d0 10.80 0.09 0.06 0.08 0.09 0.6 sy4-1c686m-rd0 500 100 --- 7343 d0 16.00 0.15 0.10 0.13 0.15 0.6 sy5-1c107m-rd0 500 20 0.68 d684 3216 a 0.50 0.09 0.05 0.06 0.09 10.0 sy1-1d684m-ra 2,000 * 1 d105 3216 a 0.50 0.09 0.05 0.06 0.09 7.5 sy2-1d105m-ra 2,000 1.5 d155 3216 a 0.50 0.09 0.06 0.08 0.09 6.0 sy2-1d155m-ra 2,000 2.2 d225 3216 a 0.50 0.09 0.06 0.08 0.09 5.0 sy3-1d225m-ra 2,000 2.2 --- 3528 b 0.50 0.09 0.06 0.07 0.09 5.0 sy1-1d225m-rb 2,000 * 3.3 d335 3216 a 0.66 0.09 0.06 0.08 0.09 4.0 sy4-1d335m-ra 2,000 3.3 --- 3528 b 0.66 0.09 0.06 0.08 0.09 3.8 sy2-1d335m-rb 2,000 4.7 d475 3216 a 0.94 0.09 0.06 0.08 0.09 4.0 sy5-1d475m-ra 2,000 4.7 --- 3528 b 0.94 0.09 0.06 0.08 0.09 3.0 sy3-1d475m-rb 2,000 6.8 d685 3216 a 1.36 0.12 0.08 0.10 0.12 4.0 sy6-1d685m-ra 2,000 6.8 --- 3528 b 1.36 0.09 0.06 0.08 0.09 3.0 sy4-1d685m-rb 2,000 6.8 --- 6032 c 1.36 0.09 0.06 0.07 0.09 2.5 sy1-1d685m-rc 500 * 10 --- 3528 b 2.00 0.09 0.06 0.08 0.09 2.0 sy5-1d106m-rb 2,000 10 --- 6032 c 2.00 0.09 0.06 0.08 0.09 2.5 sy2-1d106m-rc 500 15 --- 6032 c 3.00 0.09 0.06 0.08 0.09 1.7 sy3-1d156m-rc 500 15 --- 7343 d0 3.00 0.09 0.06 0.07 0.09 2.0 sy1-1d156m-rd0 500 * 22 --- 6032 c 4.40 0.09 0.06 0.08 0.09 1.5 sy4-1d226m-rc 500 22 --- 7343 d0 4.40 0.09 0.06 0.08 0.09 0.8 sy2-1d226m-rd0 500 33 --- 7343 d0 6.60 0.09 0.06 0.08 0.09 0.7 sy3-1d336m-rd0 500 47 --- 7343 d0 9.40 0.09 0.06 0.08 0.09 0.7 sy4-1d476m-rd0 500 resin mold chip type capacitors standard type standard ratings the asterisk in the note row indicates the reduced frequency of manufacture due to miniaturization, etc. for new design, it is recommended to choose a smaller product with a higher voltage and same capacity. tantalum chip capacitors (chipcon) sky ? 135 tantalum chip capacitors
note design, speci?cations are subject to change without notice. ask factory for technical speci?cations before purchase and/or use. cat.no.2007/2008e(2007.10.1) rated voltage (v) rated capacitance (f) (120hz) marking eia size code elna size code leakage current (a, or less) tangent of the loss angle (less)(120hz) e.s.r. ( 7 ) (100khz) elna part no. taping minimum packing pcs. (pcs/reel) note C55?c 20?c 85?c 125?c 25 0.47 e474 3216 a 0.50 0.09 0.05 0.06 0.09 10.0 sy1-1e474m-ra 2,000 0.68 e684 3216 a 0.50 0.09 0.05 0.06 0.09 9.0 sy2-1e684m-ra 2,000 1 e105 3216 a 0.50 0.09 0.06 0.08 0.09 7.0 sy2-1e105m-ra 2,000 1.5 e155 3216 a 0.50 0.09 0.06 0.08 0.09 6.5 sy3-1e155m-ra 2,000 1.5 --- 3528 b 0.50 0.09 0.06 0.07 0.09 5.0 sy1-1e155m-rb 2,000 * 2.2 e225 3216 a 0.55 0.09 0.06 0.08 0.09 6.0 sy4-1e225m-ra 2,000 2.2 --- 3528 b 0.55 0.09 0.06 0.08 0.09 5.0 sy2-1e225m-rb 2,000 3.3 --- 3528 b 0.82 0.09 0.06 0.08 0.09 4.0 sy3-1e335m-rb 2,000 4.7 --- 3528 b 1.17 0.09 0.06 0.08 0.09 3.5 sy4-1e475m-rb 2,000 4.7 --- 6032 c 1.17 0.09 0.06 0.07 0.09 2.5 sy1-1e475m-rc 500 6.8 --- 3528 b 1.70 0.12 0.08 0.10 0.12 2.0 sy5-1e685m-rb 2,000 6.8 --- 6032 c 1.70 0.09 0.06 0.08 0.09 2.0 sy2-1e685m-rc 500 10 --- 6032 c 2.50 0.09 0.06 0.08 0.09 1.5 sy3-1e106m-rc 500 10 --- 7343 d0 2.50 0.09 0.06 0.07 0.09 1.2 sy1-1e106m-rd0 500 15 --- 6032 c 3.75 0.09 0.06 0.06 0.09 1.0 sy4-1e156m-rc 500 15 --- 7343 d0 3.75 0.09 0.06 0.08 0.09 1.0 sy2-1e156m-rd0 500 22 --- 7343 d0 5.50 0.09 0.06 0.08 0.09 0.8 sy3-1e226m-rd0 500 33 --- 7343 d0 8.25 0.09 0.06 0.08 0.09 0.7 sy3-1e226m-rd0 500 35 0.1 v104 3216 a 0.50 0.09 0.05 0.08 0.09 28.0 sy1-1v104m-ra 2,000 0.15 v154 3216 a 0.50 0.09 0.05 0.08 0.09 24.0 sy1-1v154m-ra 2,000 0.22 v224 3216 a 0.50 0.09 0.05 0.08 0.09 20.0 sy1-1v224m-ra 2,000 0.33 v334 3216 a 0.50 0.09 0.05 0.08 0.09 15.0 sy1-1v334m-ra 2,000 0.47 v474 3216 a 0.50 0.09 0.05 0.08 0.09 11.0 sy2-1v474m-ra 2,000 0.47 --- 3528 b 0.50 0.09 0.04 0.06 0.09 11.0 sy1-1v474m-rb 2,000 0.68 v684 3216 a 0.50 0.09 0.04 0.06 0.09 8.0 sy2-1v684m-ra 2,000 0.68 --- 3528 b 0.50 0.09 0.04 0.06 0.09 8.0 sy1-1v684m-rb 2,000 1 v105 3216 a 0.50 0.09 0.06 0.08 0.09 7.0 sy3-1v105m-ra 2,000 1 --- 3528 b 0.50 0.09 0.04 0.06 0.09 6.0 sy1-1v105m-rb 2,000 1.5 v155 3216 a 0.52 0.09 0.06 0.08 0.09 4.0 sy4-1v155m-ra 2,000 1.5 --- 3528 b 0.52 0.09 0.06 0.08 0.09 5.0 sy2-1v155m-rb 2,000 1.5 --- 6032 c 0.52 0.09 0.06 0.07 0.09 4.5 sy1-1v155m-rc 500 2.2 --- 3528 b 0.77 0.09 0.06 0.08 0.09 4.0 sy3-1v225m-rb 2,000 2.2 --- 6032 c 0.77 0.09 0.06 0.07 0.09 3.5 sy1-1v225m-rc 500 3.3 --- 3528 b 1.15 0.09 0.06 0.08 0.09 4.0 sy4-1v335m-rb 2,000 3.3 --- 6032 c 1.15 0.09 0.06 0.07 0.09 3.0 sy1-1v335m-rc 500 4.7 --- 6032 c 1.64 0.09 0.06 0.08 0.09 2.0 sy2-1v475m-rc 500 4.7 --- 7343 d0 1.64 0.09 0.06 0.07 0.09 1.5 sy1-1v475m-rd0 500 6.8 --- 6032 c 2.38 0.09 0.06 0.08 0.09 1.8 sy3-1v685m-rc 500 6.8 --- 7343 d0 2.38 0.09 0.06 0.07 0.09 1.3 sy1-1v685m-rd0 500 10 --- 6032 c 3.50 0.09 0.06 0.07 0.09 1.5 sy4-1v106m-rc 500 10 --- 7343 d0 3.50 0.09 0.06 0.08 0.09 1.0 sy2-1v106m-rd0 500 15 --- 7343 d0 5.25 0.09 0.06 0.08 0.09 0.8 sy3-1v156m-rd0 500 22 --- 7343 d0 7.70 0.12 0.08 0.10 0.12 0.7 sy4-1v226m-rd0 500 tantalum chip capacitors (chipcon) sky resin mold chip type capacitors standard type standard ratings the asterisk in the note row indicates the reduced frequency of manufacture due to miniaturization, etc. for new design, it is recommended to choose a smaller product with a higher voltage and same capacity. ? 136 tantalum chip capacitors


▲Up To Search▲   

 
Price & Availability of SY4-XXXXXX-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X