Part Number Hot Search : 
FSP3300 MB39A112 B32436 C106Q1 TM7189 CM8562B MC3523 E331M
Product Description
Full Text Search
 

To Download SUD50N03-10P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SUD50N03-10P siliconix vishay siliconix, 2201 laurelwood road, santa clara, ca 95054  phone (408)988-8000  faxback (408)970-5600  www.siliconix.com s-59916erev. a , 28-sep-98 siliconix was formerly a division of temic semiconductors 1 n-ch 30-v (d-s), 175  c, mosfet pwm optimized new product 
    
  
    
 30 0.010 @ v gs = 10 v  50 a 30 0.015 @ v gs = 4.5 v  45 d g s n-channel mosfet to-252 s gd top view drain connected to tab order number: SUD50N03-10P            
       drain-source voltage v ds  30 v gate-source voltage v gs  20 v continuous drain current (t j = 175  c) t c = 25  c i d  50 a a continuous drain current (t j = 175  c) t c = 100  c i d  40 a pulsed drain current i dm  180 a continuous source current (diode conduction) a i s  50 maximum power dissipation t c = 25  c p d 65 c w maximum power dissipation t a = 25  c p d 5 b w operating junction and storage temperature range t j , t stg 55 to 175  c             maximum junction-to-ambient b r thja 30  c/w maximum junction-to-case r thjc 2.3  c/w notes: a. package limited. b. surface mounted on fr4 board, t  10 sec. c. see soa curve for voltage derating. updates to this data sheet may be obtained via facsimile by calling siliconix faxback, 1-408-970-5600. please request faxback document #70822.
siliconix SUD50N03-10P vishay siliconix, 2201 laurelwood road, santa clara, ca 95054  phone (408)988-8000  faxback (408)970-5600  www.siliconix.com s-59916erev. a , 28-sep-98 siliconix was formerly a division of temic semiconductors 2               
       
       drain-source breakdown voltage v (br)dss v gs = 0 v, i d = 250  a 30 v gate threshold voltage v gs(th) v ds = v gs , i ds = 250  a 1 2 v gate-body leakage i gss v ds = 0 v, v gs =  20 v  100 na zgvl dic i v ds = 24 v, v gs = 0 v 1  zero gate voltage drain current i dss v ds = 24 v, v gs = 0 v, t j = 125  c 50  v ds = 24 v, v gs = 0 v, t j = 175  c 150 on-state drain current b i d(on) v ds = 5 v, v gs = 10 v 50 a dis os r i b v gs = 10 v, i d = 25 a 0.0075 0.010  drain-source on-state resistance b r ds(on) v gs = 10 v, i d = 15 a, t j = 125  c 0.016  drain - source on - state resistance b r ds( on ) v gs = 10 v, i d = 15 a, t j = 175  c 0.019  v gs = 4.5 v, i d = 15 a 0.011 0.015 forward transconductance b g fs v ds = 15 v, i d = 15 a 20 40 s
   input capacitance c iss v 0 v v 25 v f 1 mh 2700 f output capacitance c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 680 pf reversen transfer capacitance c rss 360 total gate charge c q g v15vv10vi50a 45 70 c gate-source charge c q gs v ds = 15 v, v gs = 10 v, i d = 50 a 8.5 nc gate-drain charge c q gd 9.5 turn-on delay time c t d(on) 12 20 rise time c t r v dd = 15 v, r l = 0.3  7 15 ns turn-off delay time c t d(off) dd , l i d  50 a, v gen = 10 v, r g = 2.5  35 60 ns fall time c t f 12 20  


  
          continuous current i s 50 a pulsed current i sm 180 a forward voltage b v sd i f = 50 a, v gs = 0 v 1.2 1.5 v reverse recovery time t rr i f = 50 a, di/dt = 100 a/  s 40 80 ns notes: a. guaranteed by design, not subject to production testing. b. pulse test; pulse width  300  s, duty cycle  2%. c. independent of operating temperature.
SUD50N03-10P siliconix vishay siliconix, 2201 laurelwood road, santa clara, ca 95054  phone (408)988-8000  faxback (408)970-5600  www.siliconix.com s-59916erev. a , 28-sep-98 siliconix was formerly a division of temic semiconductors 3 typical characteristics (25  c unless otherwise noted) 0 1000 2000 3000 4000 0 6 12 18 24 30 0 2 4 6 8 10 0 1020304050 0 20 40 60 80 0 1020304050 0 0.005 0.010 0.015 0.020 0.025 0.030 0 20406080100 0 20 40 60 80 100 012345 0 30 60 90 120 150 180 0246810   
 
     
 
  
 
     
 
 
  
     v ds drain-to-source voltage (v) v gs gate-to-source voltage (v) drain current (a) i d gate-to-source voltage (v) q g total gate charge (nc) i d drain current (a) v ds drain-to-source voltage (v) c capacitance (pf) v gs transconductance (s) g fs 25  c 55  c 3 v t c = 125  c v ds = 15 v i d = 50 a v gs = 10 thru 7 v 5 v v gs = 10 v c iss c oss c rss t c = 55  c 25  c 125  c 4 v v gs = 4.5 v on-resistance ( r ds(on)  ) drain current (a) i d 6 v i d drain current (a)
siliconix SUD50N03-10P vishay siliconix, 2201 laurelwood road, santa clara, ca 95054  phone (408)988-8000  faxback (408)970-5600  www.siliconix.com s-59916erev. a , 28-sep-98 siliconix was formerly a division of temic semiconductors 4 typical characteristics (25  c unless otherwise noted) 0 0.4 0.8 1.2 1.6 2.0 2.4 50 25 0 25 50 75 100 125 150 175 &   " !   ! !&  #   t j junction temperature (  c) v sd source-to-drain voltage (v) source current (a) i s 100 10 1 0.3 0.6 0.9 1.2 1.5 v gs = 10 v i d = 50 a t j = 25  c t j = 150  c (normalized) on-resistance ( r ds(on)  ) 0 thermal ratings 0 10 20 30 40 50 60 0 25 50 75 100 125 150 175     v ds drain-to-source voltage (v) 1000 10 0.1 1 10 100 1 100 t c = 25  c single pulse
$!  ! "   ! t c case temperature (  c) drain current (a) i d 1 ms 10 ms 100 ms dc 10  s 100  s %    ! & & square wave pulse duration (sec) 2 1 0.1 0.01 10 4 10 3 10 2 10 1 1 normalized effective transient thermal impedance 3 0.2 0.1 0.05 0.02 single pulse duty cycle = 0.5 drain current (a) i d limited by r ds(on) 1. duty cycle, d = 2. per unit base = r thja = 30  c/w 3. t jm t a = p dm z thja (t) t 1 t 2 t 1 t 2 notes: 4. surface mounted p dm


▲Up To Search▲   

 
Price & Availability of SUD50N03-10P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X