Part Number Hot Search : 
RSB39VFH ML920 RT33L012 N4744 KTD1352 CFS3392 RT33L012 663005
Product Description
Full Text Search
 

To Download STU10NB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  STU10NB80 n - channel 800v - 0.65 w - 10a - max220 powermesh ? mosfet preliminary data n typical r ds(on) = 0.65 w n extremely high dv/dt capability n 100% avalanche tested n very low intrinsic capacitances n gate charge minimized description using the latest high voltage mesh overlay ? process, stmicroelectronics has designed an advanced family of power mosfets with outstanding performances. the new patent pending strip layout coupled with the companys proprietary edge termination structure, gives the lowest r ds(on) per area, exceptional avalanche and dv/dt capabilities and unrivalled gate charge and switching characteristics. applications n switch mode power supplies (smps) n dc-ac converters for welding equipment and uninterruptible power supplies and motor drive n high current, high speed switching internal schematic diagram april 1999 1 2 3 max220 absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 800 v v dgr drain- gate voltage (r gs = 20 k w ) 800 v v gs gate-source voltage 30 v i d drain current (continuous) at t c = 25 o c10a i d drain current (continuous) at t c = 100 o c 6.3 a i dm ( ) drain current (pulsed) 40 a p tot total dissipation at t c = 25 o c 160 w derating factor 1.28 w/ o c dv/dt ( 1 ) peak diode recovery voltage slope 4 v/ns t stg storage temperature -65 to 150 o c t j max. operating junction temperature 150 o c ( ) pulse width limited by safe operating area ( 1 ) i sd 10 a, 200 a/ m s, v dd v (br)dss , tj t jmax type v dss r ds(on) i d STU10NB80 800 v < 0.8 w 10 a 1/5
thermal data r thj-case rthj-amb r thc-sink t l thermal resistance junction-case max thermal resistance junction-ambient max thermal resistance case-sink typ maximum lead temperature for soldering purpose 0.78 62.5 0.5 300 o c/w oc/w o c/w o c avalanche characteristics symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive 10 a e as single pulse avalanche energy (starting t j = 25 o c, i d = i ar , v dd = 50 v) 660 mj electrical characteristics (t case = 25 o c unless otherwise specified) off symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 m a v gs = 0 800 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating t c = 100 o c 1 50 m a m a i gss gate-body leakage current (v ds = 0) v gs = 30 v 100 na on ( * ) symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs i d = 250 m a 345v r ds(on) static drain-source on resistance v gs = 10v i d = 5.5 a 0.65 0.8 w i d(on) on state drain current v ds > i d(on) x r ds(on)max v gs = 10 v 10 a dynamic symbol parameter test conditions min. typ. max. unit g fs ( * ) forward transconductance v ds > i d(on) x r ds(on)max i d = 5.5 a 1.5 10 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25 v f = 1 mhz v gs = 0 2900 350 33 pf pf pf STU10NB80 2/5
electrical characteristics (continued) switching on symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on time rise time v dd = 400 v i d = 5 a r g = 4.7 w v gs = 10 v 30 13 ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge vdd = 640 v i d = 10 a v gs = 10 v r g = 4.7 w v gs = 10 v 70 18 31 48 nc nc nc switching off symbol parameter test conditions min. typ. max. unit t r(voff) t f t c off-voltage rise time fall time cross-over time v dd = 640 v i d = 10 a r g = 4.7 w v gs = 10 v 26 23 37 ns ns ns source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm ( ) source-drain current source-drain current (pulsed) 10 40 a a v sd ( * ) forward on voltage i sd = 10 a v gs = 0 1.6 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 10 a di/dt = 100 a/ m s v dd = 100 v t j = 150 o c 900 9 20 ns m c a ( * ) pulsed: pulse duration = 300 m s, duty cycle 1.5 % ( ) pulse width limited by safe operating area STU10NB80 3/5
dim. mm inch min. typ. max. min. typ. max. a 4.3 4.6 0.169 0.181 a1 2.2 2.4 0.087 0.094 a2 2.9 3.1 0.114 0.122 b 0.7 0.93 0.027 0.036 b1 1.25 1.4 0.049 0.055 b2 1.2 1.38 0.047 0.054 c 0.45 0.6 0.18 0.023 d 15.9 16.3 0.626 0.641 d1 9 9.35 0.354 0.368 d2 0.8 1.2 0.031 0.047 d3 2.8 3.2 0.110 0.126 e 2.44 2.64 0.096 0.104 e 10.05 10.35 0.396 0.407 l 13.2 13.6 0.520 0.535 l1 3 3.4 0.118 0.133 a a2 a1 c d3 d1 d2 d b1 b2 b e l l1 e p011r max220 mechanical data STU10NB80 4/5
information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the co nsequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specification mentioned in this pu blication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectron ics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicr oelectronics. the st logo is a trademark of stmicroelectronics ? 1999 stmicroelectronics C printed in italy C all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - france - germany - italy - japan - korea - malaysia - malta - mexico - morocco - the neth erlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a. http://www.st.com . STU10NB80 5/5


▲Up To Search▲   

 
Price & Availability of STU10NB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X