Part Number Hot Search : 
ZMD24 32000 SMAJ70 BAS16Z ZMD24 3KP150 ML4621CQ MC14745
Product Description
Full Text Search
 

To Download STD7NM60N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary data this is preliminary information on a new product now in deve lopment or undergoing evaluation. details are subject to change without notice. october 2009 doc id 16472 rev 1 1/14 14 STD7NM60N, stf7nm60n stp7nm60n, stu7nm60n n-channel 600 v, 4.7 a, dpak, to-220fp, to-220, ipak second generation mdmesh? power mosfet features 100% avalanche tested low input capacitance and gate charge low gate input resistance application switching applications description this second generation of mdmesh? technology, applies the benefits of the multiple drain process to stmicroelectronics? well-known powermesh? horizontal layout structure. the resulting product offers improved on-resistance, low gate charge, high dv/dt capability and excellent avalanche characteristics. figure 1. internal schematic diagram type v dss @ t jmax r ds(on) max i d p w STD7NM60N stf7nm60n stp7nm60n stu7nm60n 650 v < 0.9 ? 4.7 a 45 w 20 w 45 w 45 w dpak ipak 3 2 1 1 3 1 2 3 to-220 1 2 3 to-220fp !-v $ ' 3 table 1. device summary order codes marking package packaging STD7NM60N 7nm60n dpak tape and reel stf7nm60n to-220fp tube stp7nm60n to-220 tube stu7nm60n ipak tube www.st.com
contents STD7NM60N, stf7nm60 n, stp7nm60n, stu7nm60n 2/14 doc id 16472 rev 1 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
STD7NM60N, stf7nm60n, stp7nm60 n, stu7nm60n electrical ratings doc id 16472 rev 1 3/14 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit to-220, ipak, dpak to-220fp v ds drain-source voltage (v gs = 0) 600 v v gs gate-source voltage 25 v i d drain current (continuous) at t c = 25 c 4.7 4.7 (1) 1. limited only by maximu m temperature allowed a i d drain current (continuous) at t c = 100 c 3 3 (1) a i dm (2) 2. pulse width limited by safe operating area drain current (pulsed) 18.8 18.8 (1) a p tot total dissipation at t c = 25 c 45 20 w i ar avalanche current, repetitive or not- repetitive (pulse width limited by t j max) tbd a e as single pulse avalanche energy (starting t j = 25c, i d = i ar , v dd = 50 v) tbd mj dv/dt (3) 3. i sd 4.4 a, di/dt 400 a/s, v peak < v (br)dss peak diode recovery voltage slope 15 v/ns v iso insulation withstand voltage (rms) from all three leads to external heat sink (t = 1 s; t c = 25 c) 2500 v t stg storage temperature - 55 to 50 c t j max. operating junction temperature 150 c table 3. thermal data symbol parameter value unit dpak ipak to-220 to-220fp r thj-case thermal resistance junction-case max 12.78 28.75 c/w r thj-amb thermal resistance junction-ambient max 100 62.5 c/w r thj-pcb thermal resistance junction-pcb max 50 c/w t l maximum lead temperature for soldering purpose 300 c
electrical characteristics STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n 4/14 doc id 16472 rev 1 2 electrical characteristics (t c = 25 c unless otherwise specified) table 4. on /off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 1 ma, v gs = 0 600 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating, t c =125 c 1 100 a a i gss gate-body leakage current (v ds = 0) v gs = 25 v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 100 a 2 3 4 v r ds(on) static drain-source on resistance v gs = 10 v, i d = 2.3 a 0.9 ? table 5. dynamic symbol parameter test conditions min. typ. max. unit c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 50 v, f = 1 mhz, v gs = 0 - 350 30 1 - pf pf pf c o(tr) (1) 1. c oss eq. time related is defined as a constant equival ent capacitance giving the sa me charging time as c oss when v ds increases from 0 to 80% v dss equivalent capacitance time related v ds = 0 to 480 v, v gs = 0 -tbd-pf c o(er) (2) 2. c oss eq. energy related is defined as a constant equivalent capacitance giving the same stored energy as c oss when v ds increases from 0 to 80% v dss equivalent capacitance energy related -tbd-pf r g intrinsic gate resistance f = 1 mhz open drain - 9 - ? q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 480 v, i d = 4.7 a, v gs = 10 v (see figure 3 ) - 12 tbd tbd - nc nc nc
STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n ele ctrical characteristics doc id 16472 rev 1 5/14 table 6. switching times symbol parameter test conditions min. typ. max unit t d(on) t r t d(off) t f turn-on delay time rise time turn-off-delay time fall time v dd = 300 v, i d = 2.3 a, r g = 4.7 ?, v gs = 10 v (see figure 4 ) - tbd tbd tbd tbd - ns ns ns ns table 7. source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm (1) 1. pulse width limited by safe operating area source-drain current source-drain current (pulsed) - 4.7 18.8 a a v sd (2) 2. pulsed: pulse duration = 300 s, duty cycle 1.5% forward on voltage i sd = 4.7 a, v gs = 0 - tbd v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 4.7 a, di/dt = 100 a/s v dd = 20 v (see figure 7 ) - tbd tbd tbd ns nc a t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 4.7 a, di/dt = 100 a/s v dd = 20 v, t j = 150 c (see figure 7 ) - tbd tbd tbd ns nc a
test circuits STD7NM60N, stf7 nm60n, stp7nm60 n, stu7nm60n 6/14 doc id 16472 rev 1 3 test circuits figure 2. switching times test circuit for resistive load figure 3. gate charge test circuit figure 4. test circuit for inductive load switching and diode recovery times figure 5. unclamped inductive load test circuit figure 6. unclamped inductive waveform figure 7. switching time waveform am0146 8 v1 v g s p w v d r g r l d.u.t. 2200 f 3 . 3 f v dd am01469v1 v dd 47k ? 1k ? 47k ? 2.7k ? 1k ? 12v v i =20v=v gmax 2200 f p w i g =con s t 100 ? 100nf d.u.t. v g am01470v1 a d d.u.t. s b g 25 ? a a b b r g g fa s t diode d s l=100 h f 3 . 3 1000 f v dd am01471v1 v i p w v d i d d.u.t. l 2200 f 3 . 3 f v dd am01472v1 v (br)d ss v dd v dd v d i dm i d am0147 3 v1 v d s t on td on td off t off t f t r 90 % 10 % 10 % 0 0 90 % 90 % 10 % v g s
STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n pac kage mechanical data doc id 16472 rev 1 7/14 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com. ecopack is an st trademark.
package mechanical data STD7NM60N, stf7nm60n, stp7nm 60n, stu7nm60n 8/14 doc id 16472 rev 1 table 8. to-220fp mechanical data dim. mm min. typ. max. a4.4 4.6 b2.5 2.7 d 2.5 2.75 e0.45 0.7 f0.75 1 f1 1.15 1.70 f2 1.15 1.70 g4.95 5.2 g1 2.4 2.7 h 10 10.4 l2 16 l3 28.6 30.6 l4 9.8 10.6 l5 2.9 3.6 l6 15.9 16.4 l7 9 9.3 dia 3 3.2 figure 8. to-220fp drawing mechanical data 7012510_rev_k a b h di a l7 d e l6 l5 l2 l 3 l4 f1 f2 f g g1
STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n pac kage mechanical data doc id 16472 rev 1 9/14 dim. mm. min. typ max. a 2.20 2.40 a1 0. 9 01.10 b 0.64 0. 9 0 b 2 0. 9 5 b 4 5.20 5.40 c 0.45 0.60 c2 0.4 8 0.60 d 6.00 6.20 e 6.40 6.60 e2.2 8 e1 4.40 4.60 h 16.10 l 9 .00 9 .40 (l1) 0. 8 01.20 l2 0. 8 0 v1 10 o to-251 (ipak) mechanical data 006 8 771_h
package mechanical data STD7NM60N, stf7nm60n, stp7nm 60n, stu7nm60n 10/14 doc id 16472 rev 1 dim. mm. min. typ max. a 2.20 2.40 a1 0. 9 01.10 a2 0.0 3 0.2 3 b 0.64 0. 9 0 b 4 5.20 5.40 c 0.45 0.60 c2 0.4 8 0.60 d 6.00 6.20 d1 5.10 e 6.40 6.60 e1 4.70 e2.2 8 e1 4.40 4.60 h 9 . 3 5 10.10 l1 l1 2. 8 0 l2 0. 8 0 l4 0.60 1 r0.20 v2 0 o 8 o to-252 (dpak) mechanical data 00 8 772_g
STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n pac kage mechanical data doc id 16472 rev 1 11/14 to-220 type a mechanical data dim mm min typ max a 4.40 4.60 b 0.61 0. 88 b 1 1.14 1.70 c0.4 8 0.70 d 15.25 15.75 d1 1.27 e10 10.40 e 2.40 2.70 e1 4. 9 5 5.15 f1.2 3 1. 3 2 h1 6.20 6.60 j1 2.40 2.72 l1 3 14 l1 3 .50 3 . 93 l20 16.40 l 3 02 8 . 9 0 ? p 3 .75 3 . 8 5 q 2.65 2. 9 5 0015988_rev_s
packaging mechanical data STD7NM60N, stf7nm60n, stp7 nm60n, stu7nm60n 12/14 doc id 16472 rev 1 5 packaging mechanical data tape and reel shipment dpak footprint dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0.795 g 16.4 18.4 0.645 0.724 n 50 1.968 t 22.4 0.881 base qty bulk qty 2500 2500 reel mechanical data dim. mm inch min. max. min. max. a0 6.8 7 0.267 0.275 b0 10.4 10.6 0.409 0.417 b1 12.1 0.476 d 1.5 1.6 0.059 0.063 d1 1.5 0.059 e 1.65 1.85 0.065 0.073 f 7.4 7.6 0.291 0.299 k0 2.55 2.75 0.100 0.108 p0 3.9 4.1 0.153 0.161 p1 7.9 8.1 0.311 0.319 p2 1.9 2.1 0.075 0.082 r 40 1.574 w 15.7 16.3 0.618 0.641 tape mechanical data all dimensions are in millimeters
STD7NM60N, stf7nm60n, stp7nm60 n, stu7nm60n revision history doc id 16472 rev 1 13/14 6 revision history table 9. document revision history date revision changes 22-oct-2009 1 first release
STD7NM60N, stf7nm60n, stp7nm60n, stu7nm60n 14/14 doc id 16472 rev 1 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in military , air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2009 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STD7NM60N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X