Part Number Hot Search : 
1N3037D S22MD2 FM4933W B18T1 AUR3852 RU60200R AUR3852 XXXGP
Product Description
Full Text Search
 

To Download SG-8002CE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  35 programmable high-frequency crystal oscillator sg - 8002ce series product number (please contact us) q3321cex1xxxx00 ? frequency range : 1 mhz to 125 mhz ? operating voltage : 3.3 v or 5.0 v ? function : output enable(oe) or standby(st) ? thickness : 1.05 mm typ. ? lead(pb)-free : complies with eu rohs directive (lead free completely) ? short lead mass production time by pll technology. specifications (characteristics) specifications * 2 item symbol pt / st ph / sh pc / sc remarks 1 mhz to 125 mhz - v dd =4.5 v to 5.5 v - 1 mhz to 125 mhz v dd =3.0 v to 3.6 v output frequency range f 0 - 1 mhz to 66.7 mhz v dd =2.7 v to 3.6 v operating voltage v dd 4.5 v to 5.5 v 2.7 v to 3.6 v storage temperature t stg -40 c to +125 c stored as bare product after unpacking temperature range operating temperature t opr -20 c to +70 c (-40 c to +85 c) -40 c to +85 c refer to application guide. ?frequency range? b: 50 10 -6 ,c: 100 10 -6 b,c:-20 c to +70 c frequency stability ? f/f 0 m: 100 10 -6 m:-40 c to +85 c * 3 current consumption i op 40 ma max. 28 ma max. no load condition, max. frequency output disable current i oe 30 ma max. 16 ma max. oe=gnd standby current i st 50 a max. /st=gnd(st,sh,sc) - 40 % to 60 % cmos load:50 % v dd , max. load condition duty * 1 tw/t 40 % to 60 % - ttl load: 1.4v, max. load condition high output voltage v oh v dd -0.4 v min. i oh =-16 ma(pt,st,ph,sh),-8 ma(pc,sc) low output voltage v ol 0.4 v max. i ol =16 ma(pt,st,ph,sh), 8 ma(pc,sc) output loadcondition (ttl) * 1 n 5ttl max. - output loadcondition (cmos) * 1 c l 15 pf max. max. frequency and max. operating voltage v ih 2.0 v min. 70 % v dd min. /st, oe terminal output enable / disable input voltage v il 0.8 v max. 20 % v dd max. /st, oe terminal - 3 ns max. cmos load: 20 % v dd to 80 % v dd level output rise fall time * 1 t r / t f 4 ns max. - ttl load: 0.4 v to 2.4 v level oscillation start up time t osc 10 ms max. time at minimum operating voltage to be 0 s aging fa 5 10 -6 / year max. t a =+25 c,v dd =5.0 v/ 3.3 v (pc,sc) first year * 1 operating temperature (-40 c to +85 c), the available frequency, duty and output load conditions, please refer to page 40. * 2 pll-pll connection & jitter specification, please refer to page 41. * 3 pt / st and ph / sh for ?m? stability will be available up to 27 mhz. external dimensions (unit:mm) recommended soldering pattern (unit:mm) crystal oscillator 2.4 1.4 1.2 1.9 note. oe pin (pt, ph, pc) oe pin = "h" or "open" : specified frequency output. oe pin = "l" : output is high impedance. /st pin (st, sh, sc) /st pin - "h" or "open" : specified frequency output. /st pin - "l" : output is low level (weak pull - down), oscillation stops. e125.0c sc181a 2.5 0.2 #1 #2 #4 #3 1.05 0.15 2.2 #2 #3 0.9 0.9 #1 #4 0.7 no. pin terminal 1 oe or /st 2 gnd 3 out 4 v dd 3.2 0.2 a ctual size


▲Up To Search▲   

 
Price & Availability of SG-8002CE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X