Part Number Hot Search : 
SEMH4 AN731 MC7815C PBU407 ZUY53W BF195 00901 AP01L60
Product Description
Full Text Search
 

To Download SFF1310M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  preliminary solid state devices, inc. SFF1310M sff1310z features: data sheet #: ft0004a maximum ratings ? rugged construction with polysilicon gate ? low rds (on) and high transconductance ? excellent high temperature stability ? very fast switching speed ? fast recovery and superior dv/dt performance ? increased reverse energy capability ? low input and transfer capacitance for easy paralleling ? hermetically sealed package ? tx, txv, and space level screening available ? replaces: smm40n20 type to-3 40 amps 200 volts 0.050 s n-channel power mosfet designer's data sheet 14830 valley view av. * la mirada, ca 90670 phone: (562) 404-7855 * fax: (562) 404-1773 note: all specifications are subject to change without notification. scds for these devices should be reviewed by ssdi prior to release. package outline: to-3 pin out: drain: pin 1 source: pin 2 gate: pin 3 v gs 20 volts gate to source voltage i d 40 continuous drain current drain to source voltage v ds 200 amps volts thermal resistance, junction to case r 2 jc t op & t stg -55 to +150 operating and storage temperature o c o c/w 0.5 characteristic symbol v alue unit watts total device dissipation p d 250 190 @ tc = 25 o c @ tc = 55 o c
solid state devices, inc. SFF1310M sff1310z preliminary 14830 valley view av. * la mirada, ca 90670 phone: (562) 404-7855 * fax: (562) 404-1773 electrical characteristics @ t j =25 o c (unless otherwise specified) v drain to source breakdown voltage (vgs =0 v, id =250 : a) - bv dss - rating symbol min typ max unit 200 s drain to source on state resistance (vgs = 10 v, 60% of rated id) - - r ds(on) 0.050 - - v gate threshold voltage (vds =vgs, id = 4ma) - v gs(th) 4.0 2.0 s( ) forward transconductance (vds > id(on) x rds (on) max, ids = 50% rated id) 25 - 20 : a zero gate voltage drain current (v gs = 0v) - - i dss - - gate to source leakage forward gate to source leakage reverse - - i gss +100 -100 - - at rated vgs total gate charge gate to source charge gate to drain charge vgs = 10 v 50% rated vds 50% rated id qg qgs qgd - - - 190 35 95 220 50 120 nsec turn on delay time rise time turn off delay time fall time vdd =50% rated vds 50% rated id rg = 6.2 s t d (on) tr t d (off) tf - - - - 28 38 110 30 35 40 130 35 v - v sd 1.50 - diode reverse recovery time reverse recovery charge - 1.5 t rr q rr 225 - - - t j =25 o c if = 10a di/dt = 100a/ : sec input capacitance output capacitance reverse transfer capacitance vgs =0 volts vds =25 volts f =1 mhz ciss coss crss - - - 4400 800 285 - - - pf nsec : c a on state drain current (vds > id(on) x rds(on) max, vgs = 10 v) - i d(on) - 50 diode forvard voltage (i s = rated i d , v gs = 0v, t j = 25 o c) nc na 250 1000 notes: g fs v ds = max rated voltage, t a = 25 o c v ds = 80% rated v ds , t a = 125 o c i d = 37.5a


▲Up To Search▲   

 
Price & Availability of SFF1310M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X