Part Number Hot Search : 
AD9957 LTC1430 BZX85C13 BFP620 06X0025 KPA1758 F16012 UGF3JB
Product Description
Full Text Search
 

To Download SB1100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sb120-sb1 100 sb120-sb 1 100, re v . c ? 2001 fairchild semiconductor corporation sb120 - SB1100 schottky rectifiers absolute maximum ratings* t a = 25c unless otherwise noted * these ratings are limiting values above which the serviceability of any semiconductor device may be impaired. electrical characteristics t a = 25c unless otherwise noted symbol parameter value units p d power dissipation 1.25 w r ja thermal resistance, junction to ambient 80 c/w features ? 1.0 ampere operation at t a = 75c with no thermal runaway. ? for use in low voltage, high frequency inverters free wheeling, and polarity protection applications. symbol parameter device units 120 130 140 150 160 180 1100 v f forward voltage @ 1.0 a 500 700 850 mv i r reverse current @ rated v r t a = 25 c t a = 100 c 0.5 10 ma ma i rr maximum full load reverse current, full cycle t a = 75 c 30 ma c t total capacitance v r = 4.0 v, f = 1.0 mhz 110 pf symbol parameter value units 120 130 140 150 160 180 1100 v rrm maximum repetitive reverse voltage 20 30 40 50 60 80 100 v i f(av) average rectified forward current .375 " lead length @ t a = 75 c 1.0 a i fsm non-repetitive peak forward surge current 8.3 ms single half-sine-wave 30 a t stg storage temperature range -65 to +125 c t j operating junction temperature -65 to +125 c thermal characteristics do-41 color band denotes cathode
sb120-sb1 100 sb120-sb 1 100, re v . c ? 2001 fairchild semiconductor corporation schottky rectifier (continued) typical characteristics 0 2 0 406080100120140 0 0.25 0.5 0.75 1 l ea d t em p er a tu re [ o c ] average rectified forward current, i f [a] s i n g l e p h a s e half wave 60hz resistive or inductive load .375" 9.5mm lead lengths 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 0.1 1 10 20 forward voltage, v f [v] forward current, i f [a] sb120 sb150-sb160 SB1100 t = 25 c pulse width = 300 ? s 1% duty cycle o j 0.1 0 .5 1 5 10 40 60 100 10 20 40 60 80 100 200 400 reverse voltage, v r [v] total capacitance, c t [pf] t = 2 5 c o j 1246810204060100 0 6 12 18 24 30 number of cycles at 60hz peak forward surge current, i fsm [a] figure 1. forward current derating curve figure 2 . forward voltage characteristics figure 3 . non-repetitive surge current figure 4 . total capacitance
disclaimer fairchild semiconductor reserves the right to make changes without further notice t o any products herein t o improve reliability , function or design. fairchild does not assume any liability arising out of the applica tion or use of any product or circuit described herein; neither does it convey any license under its p a tent rights, nor the rights of others. trademarks the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production optologic? optoplanar? pacman? pop? power247? powertrench qfet? qs? qt optoelectronics? quiet series? silent switcher fast fastr? frfet? globaloptoisolator? gto? hisec? isoplanar? littlefet? microfet? micropak? microwire? rev. h4 a acex? bottomless? coolfet? crossvolt ? densetrench? dome? ecospark? e 2 cmos tm ensigna tm fact? fact quiet series? smart start? star*power? stealth? supersot?-3 supersot?-6 supersot?-8 syncfet? tinylogic? trutranslation? uhc? ultrafet a a a star*power is used under license vcx?


▲Up To Search▲   

 
Price & Availability of SB1100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X