Part Number Hot Search : 
ADP3302 74HCT 48S15 R7NZF 1582E B1007 BCM56 MAX125
Product Description
Full Text Search
 

To Download RTD2660 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  realtek rtd2662/2660 series rtd2662/2660 series flat panel display controller www..net
realtek rtd2662 series 2 1. features general embedded 3 ddc with ddc1/2b/ci zoom scaling up and down embedded one mcu with spi flash controller. it contains 8 adcs in d-connector,led backlight,and key pad application it supports infrared remote function require only one crystal to generate all timing. programmable internal low-voltage-reset (lvr) high resolution 6 channels pwm output, and wide range selectable pwm frequency. support input format up to 1920(wuxga)/1440-pixel width(option) analog rgb input interface 2 analog input supported with internal switch integrated 8-bit triple-channel 210/165mhz adc/pll(option) embedded programmable schmitt trigger of hsync support sync-on-green (sog) and various kinds of composite sync modes on-chip high-performance hybrid plls high resolution true 64 phase adc pll y/pb/pr support up to hdtv 1080p resolution embedded video decoder high performance av 2d comb-filter support composite, s video, component input support vbi with closed caption/ v chip slicer video input interface support 8-bit video (itu 656) format input hdmi digital input interface with hdcp (this function will be canceled in RTD2660) dual hdmi input with embedded high speed switch single link on-chip tmds receiver long cable support to 165mhz adaptive algorithm for tmds capability data enable only mode support high-bandwidth digital content protection (hdcp 1.1) enhanced protection of hdcp secret key cec function supported capable of 8-channel i2s/spdif output in hdmi application embedded mcu industrial standard 8051 co re with serial flash up to 256k bytes low speed adc for various application infrared function supported i2c master or slave hardware supported auto detection /auto calibration input format detection compatibility with standard vesa mode and support user-defined mode smart engine for phase/image position/color calibration scaling fully programmable zoom ratios independent horizontal/vertical scaling advanced zoom algorithm provides high image quality sharpness/smooth filter enhancement support non-linear scaling from 4:3 to 16:9 or 16:9 to 4:3 color processor true 10 bits color processing engine srgb compliance advanced dithering logic for 18-bit panel color depth enhancement dynamic overshoot-smear canceling engine brightness and contrast control programmable 10-bit gamma support peaking/coring/xvycc function for video sharpness dlti/dcti/ noise reduction for video quality vividcolor tm independent color management (icm) dynamic contrast control (dcc) output interface fully programmable display timing generator flexible data pair swapping for easier system design. programmable tcon function support 1 and 2 pixel/clock panel support and up to 170mhz, 1920/1440-pixel width(option) multi-output interface (lvds/ ttl)on single pcb spread-spectrum dpll to reduce emi fixed last line output for perfect panel capability embedded osd embedded 16.5k sram dynamically stores osd command and fonts support multi-color ram font, 1, 2 and 4-bit per pixel 16 color palette with 24bit true color selection maximum 8 window with alpha-blending/ gradient /dynamic fade-in/fade-out, bordering/ shadow/3d window type rotary 90,180,270 degree www..net
realtek rtd2662 series 3 independent row shadowing/bordering programmable blinking effects for each character osd-made internal pattern generator for factory mode support 12x18~4x18 proportional font hardware decompression for osd font special function for closed-caption and cgms power & technology 3.3v / 1.8v power supply www..net
realtek rtd2662 4 rtd2662 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 ared4/ared6 /txec- 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100 101 102 103 104 ared3/ared5 / txe2+ ared7/agrn3 /txe3+ ared6/agrn2 /txe3- ared5/ared7 /txec+ ared2/ared4 / txe2- ared1/ared3 /txe1+ ared0/ared2 /txe1- dena/txe0+ dhs/txe0- 105 106 107 108 109 110 111 112 113 114 115 116 117 118 119 120 121 122 123 124 125 126 127 128 vadc_vdd v8_7/vin+0 resetb nc ddcscl2/gpio xo ddcsda2/gpio xi v8_0/ahs1 vclk/avs1 v8_6/vin-0 v8_5/vin+1 v8_4/vin-1 v8_3/vin+2 v8_2/vin-2 vcck gndk v8_1/vin+3 nc pvcc ablu1/gpio/ablu7/txo3+ ablu0/gpio/ablu6 / txo3- agrn7/gpio/ablu5 / txoc+ agrn6/gpio/ablu4/ txoc- agrn5/gpio/ablu3 /txo2+ agrn4/gpio/ablu2 /txo2- agrn3/gpio/agrn7 /txo1+ agrn2/gpio/agrn6/txo1- agrn1/gpio/agrn5 /txo0+ agrn0/gpio/agrn4/txo0- ahs0 v8_4/rx0p_0 avs0 v8_7/rxcn_0 v8_6/rxcp_0 v8_5/rx0n_0 v8_0/ rx2p_0 v8_3/rx1n_0 v8_2/rx1p_0 v8_1/rx2n_0 tmds_rext b0+ g0- r0- sog0 g0+ b0- adc_gnd/vadc_gnd r0+ tmds_vdd tmds_gnd rx0p_1 rxcn_1 rxcp_1 rx0n_1 rx1n_1 rx1p_1 rx2n_1 tmds_vdd rx2p_1 v8_6/b1+ v8_5/g1- v8_2/r1- v8_3/sog1 v8_4/g1+ v8_7/b1- v8_1/r1+ adc_vdd v8_0/vin-3 cec ddcsda3/gpio ddcscl3/gpio vcck sd2/spdif2/tcon[8]/gpio/iicscl/pwm1 spi_sclk/sdio ceb/irqb si/mcu_sclk so/scsb mck/tcon[7]/gpio sck/tcon[3]/gpio ws/tcon[6]/gpio sd3/spdif3/tcon[10]/gpio/pwm0 sd0/spdif0/tcon[4]/gpio sd1/spdif1/tcon[9]/gpio sd2/spdif2/tcon[1]/gpio/irda sd3/spdif3/tcon[13]/gpio/vclk sd0/spdif0/tcon[9]/gpio sd1/spdif1/tcon[5]/gpio/irqb/iicsda ws/tcon[7][1]/gpio/pwm1 sd0/spdif0/tcon[0]/gpio/irda b-adc2/iicsda/gpio b-adc1/iicscl/gpio badc0/pwm1/pwm5/gpio ablu2/spdif3/sd3/tcon[10][8]/gpio/pwm1/pwm5 gpio/pwm2 dvs/gpio/pwm1 dclk/gpio/pwm0 gpio/pwm4/tcon[12][3] gpio/pwm3/tcon[11][6] gpio/pwm5/tcon[0] pvcc pgnd pvcc pgnd ablu3/spdif2/sd2/tcon[9][11]/gpio/iicsda ablu4/spdif1/sd1/tcon[7][3]/gpio/iicscl ablu5/sd0/spdif0/tcon[13][3]/gpio a-adc0/avout/vclk/gpio a-adc1/gpio a-adc2/gpio a-adc3/gpio a-adc4/gpio ddcscl1/gpio ddcsda1/gpio ablu6/mck/tcon[5][9]/gpio ablu7/sck/tcon[4][2]/gpio nc vcck www..net
realtek rtd2662 5 (i/o legend: a = analog, i = input, o = output, p = power, g = ground) name i/o pin # description note tmds_vdd ap 1 tmds power (3.3 v) tmds_rext ai 2 impedance match reference resistor for scan mode,it should be pulled low scan mode: si[7:0] is assigned to {124~121,114~111} so[7:0] is assigned to {110~108,105~101} se is assigned to 100. ref value: 1k ohm rx2p_0/v8_0 ai 3 tmds differential signal input/video 8-0 rx2n_0/v8_1 ai 4 tmds differential signal input/video 8-1 rx1p_0/v8_2 ai 5 tmds differential signal input/video 8-2 rx1n_0/v8_3 ai 6 tmds differential signal input/video 8-3 rx0p_0/v8_4 ai 7 tmds differential signal input/video 8-4 rx0n_0/v8_5 ai 8 tmds differential signal input/video 8-5 rxcp_0/v8_6 ai 9 tmds differential signal input/video 8-6 rxcn_0/v8_7 ai 10 tmds differential signal input/video 8-7 tmds_gnd ag 11 tmds ground rx2p_1 ai 12 tmds differential signal input rx2n_1 ai 13 tmds differential signal input rx1p_1 ai 14 tmds differential signal input rx1n_1 ai 15 tmds differential signal input rx0p_1 ai 16 tmds differential signal input rx0n_1 ai 17 tmds differential signal input rxcp_1 ai 18 tmds differential signal input rxcn_1 ai 19 tmds differential signal input tmds_vdd ap 20 tmds power (3.3 v) avs0 i 21 adc vertical sync input no power 5v tolerance ahs0 i 22 adc horizontal sync input avs0 and ahs0 could be used to select one of three scan chain. ahs0/avs0: 2?b00: {i_chain[2:0], mcu_chain[1:0], vbi_chain[2:0]} 2?b01: d_chain 2?b10: vdec_chain other are reserved no power 5v tolerance adc_vdd ag 23 adc power (1.8v) b0- ai 24 negative blue analog input (pb-) b0+ ai 25 positive blue analog input (pb+) g0- ai 26 negative green analog input (y-) g0+ ai 27 positive green analog input (y+) sog0 ai 28 sync-on-green r0- ai 29 negative red analog input (pr-) r0+ ai 30 positive red analog input (pr+) b1-/v8_7 ai 31 n e g ative blue analo g in p ut www..net
realtek rtd2662 6 (pb-)/video 8-7 b1+/v8_6 ai 32 positive blue analog input (pb+)/video 8-6 g1-/v8_5 ai 33 negative green analog input (y-)/video 8-5 g1+/v8_4 ai 34 positive green analog input (y+)/video 8-4 sog1/v8_3 ai 35 sync-on-green/ video 3 r1-/v8_2 ai 36 negative red analog input (pr-)/video 8-2 r1+/v8_1 ai 37 positive red analog input (pr+)/video 8-1 adc_gnd/vadc_gnd ap 38 adc/vadc gnd ahs1/v8_0 i 39 adc horizontal sync input/video 8-0 no power 5v tolerance avs1/vclk i 40 adc horizontal sync input/video clock no power 5v tolerance vin+0/v8_7 ai 41 positive video analog input 0/video 8-7 vin-0/v8_6 ai 42 negative video analog input 0/video 8-6 vin+1/v8_5 ai 43 positive video analog input 1/video 8-5 vin-1/v8_4 ai 44 negative video analog input 1/video 8-4 vin+2/v8_3 ai 45 positive video analog input 2/video 8-3 vin-2/v8_2 ai 46 negative video analog input 2/video 8-2 vin+3/v8_1 ai 47 positive video analog input 3/video 8-1 vin-3/v8_0 ai 48 negative video analog input 3/video 8-0 vadc_vdd ag 49 video decoder adc power (3.3v) a-adc0/gpio/avout/ vclk io 50 mcu adc input /mcu gpio/avout/video clock a-adc1/gpio io 51 6-bit mcu adc input/mcu gpio 6 bit a-adc2/gpio io 52 6-bit mcu adc input /mcu gpio 6 bit a-adc3/gpio io 53 6-bit mcu adc input/mcu gpio 6 bit a-adc4/gpio io 54 6-bit mcu adc input /mcu gpio 6 bit b-adc0/gpio/pwm1/p wm5 io 55 10-bit mcu adc input/mcu gpio/pwm 10 bit b-adc1/gpio/iicscl io 56 10-bit mcu adc input /mcu gpiod/iic bus 10 bit b-adc2/gpio/iicsda io 57 10-bit mcu adc input/mcu gpio/iic bus 10 bit ddcscl1/gpio io 58 ddc1(pen drain i/o)/mcu gpio no power 5v tolerance ddcsda1/gpio io 59 ddc1(open drain i/o)/mcu gpio no power 5v tolerance vcck p 60 digital power (1.8v) gndk g 61 digital ground pvcc p 62 pad power 3.3v nc -- 63 not connected sd0/spdif0/tcon[0]/g pio/irda io 64 iis-sd0 /spdif0 / tcon /mcu gpio/ infrared remote data pin ws/gpio/tcon[7][1]/p wm1 io 65 iis-ws /mcu gpio / tcon /pwm www..net
realtek rtd2662 7 sck/tcon[4][2]/gpio/ blu7 io 66 iis-sck / tcon /mcu gpio/ttl data bus mck/tcon[5][9]/gpio/ blu6 io 67 iis-mck / tcon /mcu gpio/ttl data bus sd0/spdif0/tcon[13][ 3]/gpio/blu5 io 68 iis-sd0 /spdif0 / tcon /mcu gpio/ttl data bus spdif1/sd1/tcon[7][3] /gpio/iicscl/blu4 io 69 spdif1 /iis-sd1 / tcon /mcu gpio/iic bus /ttl data bus spdif2/sd2/tcon[9][1 1]/gpio/iicsda/blu3 io 70 spdif2 /iis-sd2 / tcon /mcu gpio/iic bus/ttl data bus spdif3/sd3/tcon[10][ 8]/gpio/pwm1/pwm5/ blu2 io 71 spdif3 /iis-sd3 / tcon /mcu gpio/pwm /ttl bata bus nc -- 72 not connected vcck p 73 digital power (1.8v) blu7/blu1/txo3+ /gpio io 74 ttl data bus(blu7,blu1)/lvds /mcu gpio blu6/blu0/txo3- /gpio io 75 ttl data bus(blu6,blu0)/lvds /mcu gpio blu5/grn7/txoc+ /gpio io 76 ttl data bus(blu5,blu7)/lvds/mcu gpio blu4/grn6/txoc- /gpio io 77 ttl data bus(blu4,blu6)/lvds/mcu gpio blu3/grn5/txo2+ /gpio io 78 ttl data bus(blu3,blu5)/lvds/mcu gpio blu2/grn4/txo2- /gpio io 79 ttl data bus(blu2,blu4)/lvds/mcu gpio grn7/grn3/txo1+ /gpio io 80 ttl data bus(grn7,grn3)/lvds/mcu gpio grn6/grn2/txo1- /gpio io 81 ttl data bus(grn6,grn2)/lvds/mcu gpio grn5/grn1/txo0+ /gpio io 82 ttl data bus(grn5,grn1)/lvds/mcu gpio grn4/grn0/txo0- /gpio io 83 ttl data bus(grn4,grn0)/lvds/mcu gpio pvcc p 84 pad power 3.3v pgnd g 85 pad ground grn3/red7/txe3+ o 86 ttl data bus(grn3,red7)/lvds grn2/red6/txe3- o 87 ttl data bus(grn2,red6)/lvds red7/red5/txec+ o 88 ttl data bus(red7,red5)/lvds red6/red4/txec- o 89 ttl data bus(red6,red4)/lvds red5/red3/txe2+ o 90 ttl data bus(red5,red3)/lvds red4/red2/txe2- o 91 ttl data bus(red4,red2)/lvds red3/red1/txe1+ o 92 ttl data bus(red3,red1)/lvds red2/red0/txe1- o 93 ttl data bus(red2,red0)/lvds txe0+/dena o 94 lvds/ttl data enable txe0-/dhs o 95 lvds/ttl display h-sync gpio/pwm0/dclk io 96 mcu gpio/pwm/ttl display clock no power 5v tolerance gpio/pwm1/dvs io 97 mcu gpio/pwm/ttl display v-sync no power 5v tolerance gpio/pwm2 io 98 mcu gpio/pwm no power 5v tolerance gpio/pwm3/tcon[11][ 6] io 99 mcu gpio/pwm/tcon no power 5v tolerance gpio/pwm4/tcon[12][ 3] io 100 mcu gpio/pwm/tcon no power 5v tolerance gpio/pwm5/tcon[0] io 101 mcu gpio/pwm/tcon n o p ower 5v www..net
realtek rtd2662 8 tolerance sd3/spdif3/tcon[10]/ gpio/pwm0 io 102 iis-sd3/spdif3/tcon/mcu gpio/ pwm no power 5v tolerance sd2/spdif2/tcon[8]/g pio/iicscl/pwm1 io 103 iis-sd2/spdif2/tcon[8]/mcu gpio/iicscl/pwm1 no power 5v tolerance sd1/spdif1/tcon[5]/g pio/irqb/iicsda io 104 iis-sd1/spdif1/tcon[5]/mcu gpio/irq bar/iicsda no power 5v tolerance sd0/spdif0/tcon[9]/g pio io 105 iis-sd0/spdif0/tcon/mcu gpio no power 5v tolerance pvcc p 106 pad 3.3v power 3.3v pgnd p 107 pad 3.3v gnd mck/tcon[7]/gpio io 108 iis-mck/tcon/mcu gpio no power 5v tolerance sck/tcon[3]/gpio io 109 iis-sck/tcon/mcu gpio no power 5v tolerance ws/tcon[6]/gpio io 110 iis-ws/tcon/mcu gpio no power 5v tolerance sd0/spdif0/tcon[4]/g pio io 111 iis-sd0/spdif0/tcon/mcu gpio no power 5v tolerance sd1/spdif1/tcon[9]/g pio io 112 iis-sd1/spdif1/tcon/mcu gpio no power 5v tolerance sd2/spdif2/tcon[1]/g pio/irda io 113 iis-sd2/spdif2/tcon/mcu gpio/infrared remote data pin no power 5v tolerance sd3/spdif3/tcon[13]/ gpio/vclk io 114 iis-sd3/spdif3/tcon/mcu gpio/video 8-clock no power 5v tolerance spi_sclk/sdio io 115 spi flash serial data input/external mcu serial control i/f data in no power 5v tolerance si/mcu_sclk io 116 spi flash serial clock/external mcu serial control i/f clock no power 5v tolerance so/scsb io 117 spi flash serial data output /external mcu serial control i/f chip select no power 5v tolerance ceb/irqb io 118 spi flash chip enable bar/irq bar note:it should be pulled down to 0 v or pulled up to 3.3 v in order to designate the mcu type(internal mcu(0 volts) or external mcu(3.3 volts)). no power 5v tolerance nc -- 119 not connected vcck p 120 digital 1.8v power 1.8v ddcscl3/gpio io 121 ddc3(open drain i/o)/mcu gpio no power 5v tolerance ddcsda3/gpio io 122 ddc3(open drain i/o)/mcu gpio no power 5v tolerance ddcsda2/gpio io 123 ddc2(open drain i/o)/mcu gpio no power 5v tolerance ddcscl2/gpio io 124 ddc2(open drain i/o)/mcugpio no power 5v tolerance resetb i 125 chip reset bar low active; no power 5v tolerance cec i/o 126 cec bus pull up 27k ohm resistance to 3.3v power; no power 5v tolerance www..net
realtek rtd2662 9 xo ao 127 crystal output no power 5v tolerance xi ai 128 crystal input no power 5v tolerance mcu gpio assignment pin no. mcu gpio name 50 p6.0 51 p6.1 52 p6.2 53 p6.3 54 p6.4 55 p6.5 www..net
realtek rtd2662 10 56 p6.6 57 p6.7 58 p3.0/rxd(i/o) 59 p3.1/txd(o) 64 p1.0/t2(i) 65 p1.1/t2ex(i) 66 p1.2/clko2(o) 67 p1.3 68 p1.4 69 p1.5 70 p1.6 71 p1.7 74 p9.0 75 p9.1 76 p9.2 77 p9.3 78 p9.4 79 pa.0 80 pa.1 81 pa.2 82 pa.3 83 pa.4 94 p5.0 (removed) 95 p5.1 (removed) 96 p5.2 97 p5.3 98 p5.4 99 p5.5 100 p5.6 101 p5.7 102 p7.6 103 p7.5 104 p7.4 105 p8.0 108 p8.1/clko1(o) 109 p3.2/int0(i) 110 p3.3/int1(i) www..net
realtek rtd2662 11 111 p3.4/t0 112 p3.5(bs)/t1 113 p3.6 114 p3.7 121 p7.3 122 p7.2 123 p7.1 www..net
realtek rtd2662 12 2. chip data path block diagram figure 1 www..net
realtek rtd2662 13 3. electric specification dc characteristics table 1 absolute maximum ratings parameter symbol min typ max units voltage on input (5v tolerant) v in -1 5 v electrostatic discharge v esd 2.5 kv latch-up i la 100 ma ambient operating temperature t a 0 70 oc storage temperature (plastic) t stg -55 125 oc thermal resistance (junction to air) ja 25 oc/w junction acceptable temperature t j 125 oc table 2 dc characteristics/operating condition (0 < ta < 70 ) power consumption embedded mcu dot-pattern(check_11). 1 vga-in: 1600x1200/75hz display to 1680x1050/75hz dclk=170mhz. pattern generator chroma 2227 pattern name dot pattern 2 hdmi-in: 1600x1200/60hz display to 1680x1050/60hz. pattern generator qunatumdata 882 pattern name check11 (256 gray scale) 3 video decoder-in dvd-player av- i n display to 1680x1050 power name voltage operating(ma) power saving(ma) power down(ma) vcck(core)(vga) 1.8v 438 14.9 5.9 vcck(core)(hdmi) 1.8v 455 8.5 6.1 vcck(core)(video decoder) 1.8v 232 8.6 6.1 adc_vdd 1.8v 123 0.1 0.1 tmds_vdd 3.3v 173 19.9 19.9 vadc_vdd 3.3v 65.6 0.1 0.1 pvcc(lvds) 3.3v 78.5 2.5 2.5 pvcc(ttl) 3.3v 34.1 12.8 12.8 www..net
realtek rtd2662 14 4. mechanical specification 128 pin package www..net
realtek rtd2662 15 5. ordering information www..net


▲Up To Search▲   

 
Price & Availability of RTD2660

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X