Part Number Hot Search : 
SD431 39030 1ACMD A615ERU 80515 SI1012 93LC46 12D05
Product Description
Full Text Search
 

To Download RGP10KE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? rgp10a thru rgp10m vishay semiconductors formerly general semiconductor document number 88700 www.vishay.com 28-feb-02 1 glass passivated junction fast switching rectifier reverse voltage 50 to 1000v forward current 1.0a patented* 0.107 (2.7) 0.080 (2.0) 0.034 (0.86) 0.028 (0.71) dia. 1.0 (25.4) min. 1.0 (25.4) min. 0.205 (5.2) 0.160 (4.1) dia. note: lead diameter is for suffix "e" part numbers 0.026 (0.66) 0.023 (0.58) maximum ratings & thermal characteristics ratings at 25 c ambient temperature unless otherwise specified. rgp rgp rgp rgp rgp rgp rgp parameter symbol 10a 10b 10d 10g 10j 10k 10m unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum average forward rectified current 0.375" (9.5mm) lead length at t a =55 c i f(av) 1.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 30 a maximum full load reverse current, full cycle average 0.375" (9.5mm) lead length t a =55 c i r(av) 100 a typical thermal resistance (note 1) r ja 55 c/w operating junction and storage temperature range t j ,t stg -65 to +175 c electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. rgp rgp rgp rgp rgp rgp rgp parameter symbol 10a 10b 10d 10g 10j 10k 10m unit maximum instantaneous forward voltage at 1.0a v f 1.3 v maximum dc reverse current t a =25 c 5.0 at rated dc blocking voltage t a =150 c i r 200 a maximum reverse recovery time i f =0.5a, i r =1.0a, i rr =0.25a t rr 150 250 500 ns typical junction capacitance at 4.0v, 1mhz c j 15 pf notes: (1) thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, p.c.b. mounted do-204al (do-41) features  plastic package has underwriters laboratories flammability classification 94v-0  high temperature metallurgically bonded construction  cavity-free glass passivated junction  capable of meeting environmental standards of mil-s-19500  for use in high frequency rectifier circuits  fast switching for high efficiency  1.0 ampere operation at t a =55 c with no thermal runaway  typical i r less than 0.1 a  high temperature soldering guaranteed: 350 c/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension mechanical data case: jedec do-204al molded plastic over glass body terminals: plated axial leads, solderable per mil-std-750, method 2026 polarity: color band denotes cathode end mounting position: any weight: 0.012 oz., 0.3 g * glass-plastic encap- sulation technique is covered by patent no. 3,996,602, and brazed-lead assembly by patent no. 3,930,306 dimensions in inches and (millimeters)
rgp10a thru rgp10m vishay semiconductors formerly general semiconductor www.vishay.com document number 88700 2 28-feb-02 ambient temperature ( c) fig. 1 ?forward current derating curve average forward rectified current (a) fig. 3 ?typical instantaneous forward characteristics instantaneous forward voltage (v) instantaneous forward current (a) percent of rated peak reverse voltage (%) instantaneous reverse current ( a) fig. 4 ?typical reverse characteristics fig. 6 ?typical transient thermal impedance number of cycles at 60 h z t, pulse duration (sec.) fig. 2 ?maximum non-repetitive peak forward surge current forward surge current (a) reverse voltage (v) junction capacitance (pf) transient thermal impedance ( cw) fig. 5 ?typical junction capacitance 25 50 75 100 125 150 175 0 0.25 0.5 0.75 1.0 resistive or inductive load 0.375" (9.5m m) lead length 1 10 100 0 10 20 30 t j = t j max. 8.3ms single half sine-wave (jedec method) 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1 10 t j = 25 c pulse width = 300 s 1% duty cycle 0 20 40 60 80 100 0.01 0.1 1 10 20 1 10 100 1 10 100 t j = 25 c f = 1.0mh z vsig = 50mvp-p 0.01 0.1 1 10 100 0.1 1 10 100 t j = 25 c t j = 75 c t j = 125 c ratings and characteristic curves (t a = 25 c unless otherwise noted)


▲Up To Search▲   

 
Price & Availability of RGP10KE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X