Part Number Hot Search : 
FR16G02 TC55V ICS342 M5M44 P6KE82 SF100 CINT1175 MYB51DA
Product Description
Full Text Search
 

To Download RAY90 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all of the above information, including illustrations, is believed to be reliable. users, however, should independently evaluate the suitability of each product for their application. raychem makes no warranties as to the accuracy or completeness of the information and disclaims any liability regarding its use. raychems only obligations are those in the standard terms and conditions of sale for this product and in no case will raychem be liable for any incidental, indirect or consequential damages arising from the sale, resale, use or misuse of the product. raychem specifications are subject to change without notice. in addition raychem reserves the right to make changes in materials or processing, without notification to the buyer, which do not affect compliance with any applicable specification. printed in uk wc 93400 10/94 raychem, raybraid, tinel-lock and soldersleeve are trademarks of raychem corporation. ordering information part number diameter tinned copper wire of former (mm) no. of no. of ends individual strand minimum cable bundle tolerance carriers per carrier size (awg/mm) coverage % max. (mm) min. (mm) ray 90 -3.0 3.0 0.13 16 5 36/0.13 90 3.5 2.0 -4.0 4.0 0.25 16 7 36/0.13 90 5.0 3.0 -5.0 5.0 0.25 24 6 36/0.13 90 6.0 4.0 -6.0 6.0 0.25 24 7 36/0.13 90 7.0 5.0 -10.0 10.0 0.25 24 9 34/0.16 90 12.0 7.0 -12.5 12.5 0.25 24 10 34/0.16 90 13.0 11.0 -15.0 15.0 0.38 24 11 32/0.20 90 18.0 13.0 -20.0 20.0 0.38 36 7 30/0.25 90 23.0 17.0 -25.0 25.0 0.38 36 9 30/0.25 90 28.0 22.0 -30.0 30.0 0.38 36 9 28/0.32 90 36.0 27.0 ray 10x -3.0 3.0 0.13 16 10 38/0.10 93 5.0 2.5 -4.0 4.0 0.25 24 7 36/0.13 93 7.5 3.5 -6.0 6.0 0.25 24 9 36/0.13 93 9.5 4.5 -7.5 7.5 0.25 24 14 36/0.13 93 14.0 7.0 -10.0 10.0 0.25 36 12 36/0.13 93 22.0 8.0 -12.5 12.5 0.25 36 15 36/0.13 93 24.0 11.0 -20.0 20.0 0.38 48 16 36/0.13 93 38.0 16.0 the x in the part number shall be replaced with the plating type. ie. ray 101 = tin plated copper ray 103 = nickel plated copper ray 90 = tin plated copper only plastic former tinned copper braid ? screening for military harnesses ? easy removal from former ? 90% minimum optical coverage ? ray 101 and ray 103 super flexible with high expansion ratios raybraid tubular braiding for the electrical screening of wire bundles to ease the assembly of hand built harnesses, raychem manufacture a range of braids for the electrical screening of wire bundles. raybraid is supplied on a tube former which facilitates assembly and is more robust than braid supplied in flattened form. ray 90 minimum 90% optical coverage available in 10 different sizes from 3.0 to 30.0 mm supplied diameter. ray 101 and ray 103 (super flexible) minimum 93% maximum 100% optical coverage possess high usable expansion ratio (minimum 2:1). available in a wide range of sizes to cover 2.5 to 38.0 mm diameters. standard ray 90 is offered in tinned copper but alternative finishes are available. ray 101 is tinned copper, ray 103 is nickel plated copper for high temperature applications. ray 101 and ray 103 are also fully compatible with tinel lock adaptors for termination of the braid to associated connectors. for further information consult the integrated harness systems guide. raychem also supplies a range of soldersleeve connectors suitable for braid terminations. 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of RAY90

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X