Part Number Hot Search : 
1215Z SIS43 VIPER50B P4KE47 2N6796 34907 UZ15BSA EW6018
Product Description
Full Text Search
 

To Download PH406466 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  PH406466 quad 10/100base supporting automdix funtion transformer smt type feature designed for use with broadcom bcm5226/ bcm5318 and level one lxt9784/ lxt9785hc and marvell 3081/88e6050. designed to meet ir 235 0 c peak requirement. primary inductance 350 m h min. with 8ma dc bias. pick and place compatible. specifications @ 25 0 c parameter condition min. typ. max. unit inductance pin(40-39)&,pin(37-36) 350 *note1 m h turn ratio pin(1-2) : (40-39) 1 : 1 pin(4-5) : (37-36) 1 : 1 insertion loss @1-100mhz 1.0 db return loss @1-30mhz 16 db @30-60mhz *note2 db @60-80mhz 10 db cross talk @1-60mhz 40 db @60-100mhz 38 db cmrr @1-60mhz 45/40 db @60-100mhz 40/35 db voltage isolation 1 minute 1500 vrms note 1: measure at 8madc over operating temperature 0~70 0 c note 2: greater than 16-20 log(f/30 mhz)db dimension schematic unless otherwise specified , all tolerances are mm(inch) 0.25(0.01) tape & reel applications e dps-ph072(r2) 10 /24/2001 data sheet subject to change without notice sheet 1 of 1 16.76 0.1 0 j 2.0 j 1.5+0.1 20.00 0.1 0 2.00 0.10 4.00 0.10 0.35 0.05 1.75 0.10 6.02 0.10 44.00+-0.30 40.40+-0.10 20.20+-0.15 28.7+-0.10 tx4+ tx4- cmgnd rx4+ rx4- td4+ td4- ct4 rd4+ rd4- rd3- rd3+ ct3 td3+ td3- rx3- rx3+ cmgnd tx3+ tx3- td2+ td2- ct2 rd2+ rd2- rd1- rd1+ ct1 td1- td1+ tx2+ tx2- cmgnd rx2+ rx2- rx1- rx1+ cmgnd tx1- tx1+ weight ? ? ? 4.2 grams typ tape & reel ? 400 pcs/reel tube ? ? ? . 17 pcs/tube


▲Up To Search▲   

 
Price & Availability of PH406466

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X