Part Number Hot Search : 
SST4403 10206 SCE5742 S505TY ZMM5253B 12K32Q BR100 A220L
Product Description
Full Text Search
 

To Download OSY5PAZ2C1D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 s s u u p p e e r r f f l l u u x x p p r r e e m m i i u u m m y y e e l l l l o o w w l l e e d d OSY5PAZ2C1D features outline dimension high luminous super flux output 5 ? standard directivity long lifetime operation low thermal resistance superior weather-resistance uv resistant epoxy water clear type applications automotive tail, stop, turn signal lamps and interior lighting signage and channel letter decoration and entertainment lighting architectural lighting other lighting 2.5 0.76+0.1 2 4.95 2.5 5.08+0.2 1.5+0.1 5.08+0.3 2 3 5.0+0.2 1,4 cathode 2,3 anode unit:mm tolerance: +0.3mm 7.62 1 .5c 7.62 5.0 absolute maximum rating (ta=25 ) directivity item symbol value unit dc forward current i f 50 ma pulse forward current* i fp 120 ma reverse voltage v r 5 v power dissipation p d 130 mw operating temperature topr -30 ~ +85 storage temperature tstg -40 ~ +100 lead soldering temperature tsol 260 /5sec - *pulse width max.10ms duty ratio max 1/10 0 0 electrical -optical charac teristics (ta=25 ) maximum forward current item symbol condition min. typ. max. unit dc forward voltage v f i f =50ma 1.8 2.1 2.6 v dc reverse current i r v r =5v - - 10 a domi. wavelength* d i f =50ma 585 590 595 nm luminous intensity* iv i f =50ma 3000 4000 - mcd 50% power angle 2 1/2 i f =50ma - 120 - deg * 1 tolerance of dominant wavelength is + 1nm * 2 tolerance of luminous intensity is + 15% led & application technologies rth(j-a)=600c/w rth(j-a)=500c/w rth(j-a)=400c/w 70 50 30 20 maximun permissible forward current tj=115c if( forward current-ma) 40 30 20 10 0 0 10 ta(ambient temperature -c) 40 60 80 90 70 60 50


▲Up To Search▲   

 
Price & Availability of OSY5PAZ2C1D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X