Part Number Hot Search : 
TLPGE125 RU4AJG TCP135K2 XE9624F PVT312L ISL6312 GS1501 SMB20
Product Description
Full Text Search
 

To Download OJ-SH-XXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  422 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. oeg catalog 1308242 issued 3-03 (pdf rev.11-04) www.tycoelectronics.com technical support: refer to inside back cover. features miniature size 18.2 x 10.2 x 14.7h. 1 form a (spst-no) contact arrangement. designed to meet ul, csa, vde, tuv requirements. designed to meet 4kv dielectric between coil and contacts (oj). sensitive and standard coils available. immersion cleanable, sealed version available. oj/oje series 3-10 amp miniature, pc board relay appliances, hvac, industrial control. ul file no. e82292 csa file no. lr48471 vde file no. 10080 tuv file no. r75081 initial insulation resistance between mutually insulated elements: 1,000m ohms min. @ 500vdcm. mechanical data termination: printed circuit terminals. enclosure (94v-0 flammability ratings): oj/oje-ss: vented (flux-tight), plastic cover. oj/oje-sh: sealed, plastic case. weight: 0.32 oz (9g) approximately. coil data @ 20 c operate data must operate voltage: oj/oje -l: 75% of nominal voltage or less. oj/oje -d and -h: 70% of nominal voltage or less. must release voltage: oj/oje -l: 5% of nominal voltage or more. oj/oje -d and -h: 5% of nominal voltage or more. operate time: oj/oje -l: 15 ms max. oj/oje -d and -h: 10 ms max. release time: 4 ms max. environmental data temperature range: operating, class a (105 c) insulation: oj/oje-l: -30 c to +80 c oj/oje-d & -h: -30 c to +60 c. operating, class f (155 c) insulation: oj/oje-l: -30 c to +105 c oj/oje-d and -h: -30 c to +85 c. vibration, mechanical: 10 to 55 hz., 1.5mm double amplitude operational: 10 to 55 hz., 1.5mm double amplitude. shock, mechanical: 1,000m/s 2 (100g approximately). operational: 100m/s 2 (10g approximately). operating humidity: 20 to 85% rh. (non-condensing). initial dielectric strength between open contacts: oj: 750vac 50/60 hz. (1 minute). oje: 750vac 50/60 hz. (1 minute). between coil and contacts: oj: 4,000vac 50/60 hz. (1 minute). oje: 3,000vac 50/60 hz. (1 minute). surge voltage between coil and contacts: oj: 10,000v (1.2/50 s). oje: 5,000v (1.2/50 s). contact data @ 20 c arrangements: 1 form a (spst-no). material: ag, ag alloy. max. switching rate: 300 ops./min. (no load). 30 ops./min. (rated load). expected mechanical life: 10 million operations (no load). expected electrical life: 100,000 operations (rated load). minimum load: 100ma @5vdc. initial contact resistance: 100 milliohms @ 1a,6vdc. coil data voltage: 5 to 48vdc. nominal power: oj/oje-lm and lmh: 200 mw. oj/oje-dmand hm: 450 mw. coil temperature rise: oj/oje-lm and lmh : 30 c max., at rated coil voltage. oj/oje-dm and hm: 40 c max., at rated coil voltage. max. coil power: 130% of nominal. duty cycle: continuous. contact ratings ratings: oj/oje-lm: 3a @ 250vac resistive, 3a @ 28vdc resistive. oj/oje-lmh: 8a @ 250vac resistive, 8a @ 28vdc resistive. oj/oje-dm: 5a @ 250vac resistive, 5a @ 28vdc resistive. oj/oje-hm: 10a @ 250vac resistive, 10a @ 28vdc resistive. max. switched voltage: ac: 265v. dc: 30v. max. switched power: oj/oje-lm: 720va, 90w oj/oje-lmh: 1,800va, 200w oj/oje-dm: 1,200va, 150w oj/oje-hm: 2,500va, 280w note: consult factory regarding tv-5 rated models. oj/oje-l sensitive rated coil nominal coil must operate must release voltage current resistance voltage voltage (vdc) (ma) (ohms) 10% (vdc) (vdc) 5 40.0 125 3.75 0.25 6 33.3 180 4.50 0.30 9 22.5 400 6.75 0.45 12 16.7 720 9.00 0.60 24 8.6 2,800 18.00 1.20 oj/oje-d and -h standard rated coil nominal coil must operate must release voltage current resistance voltage voltage (vdc) (ma) (ohms) 10% (vdc) (vdc) 5 91.0 55 3.50 0.25 6 75.0 80 4.20 0.30 9 50.0 180 6.30 0.45 12 37.5 320 8.40 0.60 24 18.8 1,280 16.80 1.20 48 9.4 5,100 33.60 2.40 users should thoroughly review the technical data before selecting a product part number. it is recommended that user also seek out the pertinent approvals files of the agencies/laboratories and review them to ensure the product meets the requirements for a given application.
423 dimensions are shown for reference purposes only. dimensions are in inches over (millimeters) unless otherwise specified. specifications and availability subject to change. www.tycoelectronics.com technical support: refer to inside back cover. oeg catalog 1308242 issued 3-03 (pdf rev. 11-04) reference data wiring diagram (bottom view) outline dimensions ordering information typical part number b oje -sh -1 12 l m h f ,095 1. basic series: oj = 4kv dielectric, coil and contacts. oje = 3kv dielectric, coil and contacts. 2. enclosure: ss = vented (flux-tight)*, plastic cover. sh = sealed, plastic case. 3. termination: 1 = 1 pole 4. coil voltage: 05 = 5vdc 09 = 9vdc 24 = 24vdc 06 = 6vdc 12 = 12vdc 48 = 48vdc 5. coil input/contact rating: l = sensitive (200mw) coil, 3a contacts** d = standard (450mw) coil, 5a contacts h = standard (450mw) coil, 10a contacts 6. contact arrangement: m = 1 form a, spst-no 7. high capacity contact rating option for sensitive coil: h = 8a contacts (only available with coil input/contact rating code "l"). 8. insulation system: leave blank = class a (105 c) f = class f (155 c) 9. suffix: ,000 = standard model for enclosure code "ss" ,095 = standard model for enclosure code "sh" other suffix = custom model * not suitable for immersion cleaning processes. ** for higher contact rating with sensitve coil, add suffix "h" to the end of the part number as indicated in step 7 of orderi ng information. coil temperature rise operate time life expectancy pc board layout (bottom view) 12 10 8 6 4 2 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.1 0.2 0.3 0.4 0.5 0.6 0.7 coil power (w) coil power (w) time (msec) 60 50 40 30 20 10 temp. rise ( c) release time operate time test relay: oje-sh-112lmh 100 contact current (a) operation (x 10 4 ) 10 1 0 1 2 345 67 8 910 hm type, 120vac res. lmh type, 250vac res. lm type, 250vac res. dm type, 250vac res. .716 .02 (18.2 .5) .012 (.3) .500 .008 (12.70 .2) .039 (1.0) .1 .008 (2.54 .2) .067 (1.71) .300 .008 (7.62 .2) .157 .012 (4.00 .3) .401 .02 (10.2 .5) .018 x .018 (.45 x .45) .58 .02 (14.7 .5) .039 (1.0) .012 (.3) .500 .004 (12.7 .1) .100 .004 (2.54 .1) .067 (1.71) .300 .004 (7.6 .1) 4 ?.05 dia (1.3) oj-sh-105hm,095 oj-sh-112lmh,095 oj-sh-124lmh,095 oje-sh-105dm,095 oje-sh-112dm,095 oje-sh-124dm,095 our authorized distributors are more likely to stock the following items for immediate delivery. oje-sh-112hm,095 oje-sh-105lmh,095 oje-sh-112lmh,095 oje-sh-124lmh,095


▲Up To Search▲   

 
Price & Availability of OJ-SH-XXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X