Part Number Hot Search : 
RPM42BD CDRH2D11 033104 IS93C46D IRF73 E1215 PIC18F4 BF992
Product Description
Full Text Search
 

To Download N7782B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  agilent N7782B per analyzer and n7783b thermal cycling unit data sheet introduction agilents N7782B series of polarization extinction ratio (per) analyzers has been designed for high speed and highly accurate testing of per in pm ? bers. the polarimetric measurement principle guarantees reliable measurements of per values of up to 50 db. the real time measurement capability in combination with automation interfaces makes this unit ideally suited for integration in manufacturing systems, for example pig-tailing stations for laser diodes and planar wave guide components. analog interfaces are provided for integration of the system in control loop applications. key bene? ts ? accurate per-measurement up to 50 db ? real-time display ? easy-to-use: reliable results independent of operator skill set ? swept-wavelength and heating/stretching method available ? measurement of the per versus wavelength ? fast/slow axis detection ? instruments available for 850 nm up to 1640 nm ? internal ? xed wavelength sources at 850 nm/1310 nm/1550 nm available.
2 agilent n7 782b per analyzer a nd n7783b thermal cycling unit data sheet applications laser diode pmf pig-tailing alignment of the pm ? ber during the pig-tailing process is supported by real-time display of the per and the optical power. pmf splicing in order to support the alignment during the splicing pro- cess of pm ? bers the agilent N7782B provides real time display of the optical power and of the angular misalign- ment of the two ? bers. pm component characterization measurement of the per on pm components like ? ber polarizers, pmf couplers, pmf splitters, etc. laser diode pmf control N7782B per analyzer n7783b thermal cycling unit N7782B and n7783b application examples figure 1. laser diode pigtailing using the combination of N7782B and n7783b. figure 2. characterization of pmf cross-coupling polarization crosstalk in a pm ? ber is measured and dis- played as per. pm splice characterization the angular misalignment of a pm splice can be measured in a non-destructive way. even multiple splices in a chain can be characterized independently. using agilents tunable laser source 81600b series in com- bination with the N7782B per analyzer allows measuring the per as a function of wavelength. agilents software package includes drivers for most of the tunable laser sources commonly used in industry. the heating / stretching method the heating / stretching method provides accurate mea- surements of the per at a single wavelength. this method supports in particular well the measurement using narrow-band laser sources. an optional internal laser source allows stand-alone opera- tion of the system. agilents thermal cycling unit, n7783b, is fully controlled by the N7782B per analyzer and allows accurate and repeat- able cycling of the temperature of the ? ber under test. the per measurement system consisting of the N7782B and the n7783b shows excellent accuracy and repeatability. ease of use and automation interfaces, such as analog output ports for active alignment, make it particularly useful for production environments. ref. per = 15.33 db live per = 31.68 db p = 7.23 dbm
3 agilent n7 782b per analyzer a nd n7783b thermal cycling unit data sheet splice angle characterization for characterizing an optical connection between two polarization maintaining ? bers (pmfs), such as an optical splice, two thermal cycling units (n7783b) can be used. this eliminates the in? uence of input polarization or subsequent ? bers at the output and isolates the angular misalignment of the connection located between the two thermal cycling units. figure 3. table 1: speci? cations a) N7782B per analyzer wavelength speci? cation wavelength range 1270 nm 1375 nm (opt 300, o-band) 1270 nm 1375 nm, 1460 nm 1620 nm (opt 400, o/c/l-band) 1460 nm 1620 nm (opt 500, c/l-band) operating wavelength range b) 1260 nm ... 1640 nm per analysis per range [c,d] 0 50 db per uncertainty, single-tcu method [c,d] (typical) per= 0 db ... 30 db: 0.30 db per= 30 db 50 db: 0.60 db splice angle analysis splice angle uncertainty, dual-tcu method [c,d] (typical) (0.1 + 4% - angle) optical power input power range -50 dbm ... +7 dbm internal laser source wavelength o-band (opt. 401): 1290 nm 1360 nm, 1310 nm typ. c-band (opt. 501, 401): 1510 nm 1580 nm, 1550 nm typ. output power [e] (typical) o-band (opt. 401): -12 dbm c-band (opt. 501, 401): -10 dbm [a] ambient temperature change max. 0.5c since normalization. speci? cation valid on day of calibration. [b] per measurements are possible outside the speci? cation wavelength range if the user performs a manual calibration. note that a fully polarized light source is needed for calibration. [c] input power > -30 dbm [d] narrow-band light source with dop > 95% needed. [e] at room temperature.
4 agilent n7 782b per analyzer a nd n7783b thermal cycling unit data sheet table 2: speci? cations a) N7782B-101 per analyzer wavelength speci? cation wavelength [e] 850 nm nominal operating wavelength range 2) 830 nm ... 1000 nm per analysis per range [c,d] 0 ... 40 db per uncertainty, single-tcu method [c,d] (typical) per= 0 db ... 30 db: 0.30 db per= 30 db 40 db: 0.60 db splice angle analysis splice angle uncertainty, dual-tcu method [c,d] (typical) (0.1 + 5% angle) optical power input power range -35 dbm ... +10 dbm internal laser source wavelength 830 nm ... 880 nm, 850 nm typ. output power [f] (typical) - 11 dbm [a] ambient temperature change max. 0.5c since normalization. speci? cation valid on day of calibration. [b] per measurements are possible outside the speci? cation wavelength range if the user performs a manual calibration note that a fully polarized light source is needed for calibration. [c] input power > -20 dbm [d] narrow-band light source with dop > 95% needed. [e] the speci? cation wavelength matches the wavelength of the internal laser source. [f] at room temperature. table 3: speci? cations a) n7783b thermal cycling unit temperature minimum peak-to-peak temperature tuning range [b] 50 k ambient temperature range 20c ... 30c [a] ambient temperature change max. 0.5c since normalization. speci? cation valid on day of calibration. [b] measured on the surface of the tec elements.
5 agilent n7 782b per analyzer a nd n7783b thermal cycling unit data sheet
www.agilent.com/? nd/emailupdates get the latest information on the products and applications you select. www.agilent.com/? nd/agilentdirect quickly choose and use your test equipment solutions with con? dence. remove all doubt our repair and calibration services will get your equipment back to you, performing like new, when promised. you will get full value out of your agilent equipment throughout its lifetime. your equipment will be serviced by agilent-trained technicians using the latest factory calibration procedures, automated repair diagnostics and genuine parts. you will always have the utmost con? dence in your measurements. agilent offers a wide range of additional expert test an d measurement services for your equipment, including initial start-up assistance onsite education and training, as well as design, system integration, and project management. for more information on repair and calibration services, go to: www.agilent.com/find/removealldoubt www.agilent.com for more information on agilent technologies products, applications or services, please contact your local agilent of? ce. the complete list is available at: www.agilent.com/? nd/contactus americas canada (877) 894-4414 latin america 305 269 7500 united states (800) 829-4444 asia paci? c australia 1 800 629 485 china 800 810 0189 hong kong 800 938 693 india 1 800 112 929 japan 0120 (421) 345 korea 080 769 0800 malaysia 1 800 888 848 singapore 1 800 375 8100 taiwan 0800 047 866 thailand 1 800 226 008 europe & middle east austria 01 36027 71571 belgium 32 (0) 2 404 93 40 denmark 45 70 13 15 15 finland 358 (0) 10 855 2100 france 0825 010 700* *0.125 /minute germany 07031 464 6333** **0.14/minute ireland 1890 924 204 israel 972-3-9288-504/544 italy 39 02 92 60 8484 netherlands 31 (0) 20 547 2111 spain 34 (91) 631 3300 sweden 0200-88 22 55 switzerland 0800 80 53 53 united kingdom 44 (0) 118 9276201 other european countries: www.agilent.com/? nd/contactus revised: july 17, 2008 product speci? cations and descriptions in this document subject to change without notice. ? agilent technologies, inc. 2008 printed in usa, november 27, 2008 5989-8111en


▲Up To Search▲   

 
Price & Availability of N7782B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X