Part Number Hot Search : 
2SJ483 N4902B BD241B 2SK4107 KA224 82434LX MAX2324 2W2K7
Product Description
Full Text Search
 

To Download MOC3083 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
        !    (800 volts peak) the moc3081, moc3082 and MOC3083 devices consist of gallium arsenide infrared e mittin g d iode s o pticall y c ouple d t o m onolithi c s ilico n d etectors performing the function of zero voltage crossing bilateral triac drivers. they are designed for use with a triac in the interface of logic systems to equipment powered from 240 v ac lines, such as solidstate relays, industrial controls, motors, solenoids and consumer appliances, etc. ? simplifies logic control of 240 vac power ? zero voltage crossing ? dv/dt of 1500 v/ m s typical, 600 v/ m s guaranteed ? t o o r d e r d e v i c e s t h a t a r e t e s t e d a n d m a r k e d p e r v d e 0 8 8 4 r e q u i r e m e n t s , t h e s uf fix ovo must be included at end of part number . vde 0884 is a test option. recommended for 240 vac(rms) applications: ? solenoid/valve controls ? temperature controls ? lighting controls ? e.m. contactors ? static power switches ? ac motor starters ? ac motor drives ? solid state relays maximum ratings rating symbol value unit input led reverse voltage v r 6 volts forward current e continuous i f 60 ma total power dissipation @ t a = 25 c negligible power in output driver derate above 25 c p d 120 1.41 mw mw/ c output driver offstate output terminal voltage v drm 800 volts peak repetitive surge current (pw = 100 m s, 120 pps) i tsm 1 a total power dissipation @ t a = 25 c derate above 25 c p d 150 1.76 mw mw/ c total device isolation surge voltage (1) (peak ac voltage, 60 hz, 1 second duration) v iso 7500 vac(pk) total power dissipation @ t a = 25 c derate above 25 c p d 250 2.94 mw mw/ c junction temperature range t j 40 to +100 c ambient operating t emperature rang e t a 40 to +85 c storage t emperature rang t stg 40 to +150 c soldering temperature (10 s) t l 260 c 1. isolation surge voltage, v iso , is an internal device dielectric breakdown rating. 1. for this test, pins 1 and 2 are common, and pins 4, 5 and 6 are common. globaloptoisolator ?          coupler schematic standard thru hole 1. anode 2. cathode 3. nc 4. main terminal 5. substrate do not connect 6. main terminal 1 2 3 6 5 4 zero crossing circuit 6 1 www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit input led reverse leakage current (v r = 6 v) i r e 0.05 100 m a forward voltage (i f = 30 ma) v f e 1.3 1.5 volts output detector (i f = 0) leakage with led off, either direction (v drm = 800 v (1) ) i drm1 e 80 500 na critical rate of rise of offstate voltage (3) dv/dt 600 1500 e v/ m s coupled led t rigger current, current required to latch output (main terminal voltage = 3 v (2) ) moc3081 moc3082 MOC3083 i ft e e e e e e 15 10 5 ma peak onstate voltage, either direction (i tm = 100 ma, i f = rated i ft ) v tm e 1.8 3 volts holding current, either direction i h e 250 e m a inhibit voltage (mt1mt2 voltage above which device will not trigger) (i f = rated i ft ) v inh e 5 20 volts leakage in inhibited state (i f = rated i ft , v drm = 800 v, off state) i drm2 e 300 500 m a 1. t est voltage must be applied within dv/dt rating. 2. all devices are guaranteed to trigger at an i f value less than or equal to max i ft . therefore, recommended operating i f lies between max 2. i ft (15 ma for moc3081, 10 ma for moc3082, 5 ma for MOC3083) and absolute max i f (60 ma). 3. this is static dv/dt. see figure 7 for test circuit. commutating dv/dt is a function of the loaddriving thyristor(s) only . figure 1. onstate characteristics 3 v tm , onstate voltage (volts) i 400 0 +400 +800 2 1 0 1 2 3 tm , on-state current (ma) 600 800 200 +200 +600 44 0.7 figure 2. inhibit voltage versus temperature 40 t a , ambient temperature ( c) 0.8 1.1 1.3 20 0 20 40 60 80 , normalized 100 0.9 1 1.2 1.4 1.5 5 0.6 0.5 v inh normalized to t a = 25 c output pulse width 80 m s i f = 30 ma f = 60 hz t a = 25 c typical characteristics mo c 3 0 8 1 , mo c 3 0 8 2 , mo c3 0 8 3 www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
5 1 pw in , led trigger pulse width ( m s) 10 15 20 25 2 5 2010 50 0 ft i , normalized led trigger current normalized to: pw in  100 m s t a , ambient temperature ( c) 40 +400 vdc pulse input mercury wetted relay r test c test 10 k w x100 scope probe d.u.t. applied voltage waveform 252 v 0 volts  rc v max = 400 v dv  dt  0.63 v max  rc  504  rc 1. the mercury wetted relay provides a high speed repeated pulse to the d.u.t. 2. 100x scope probes are used, to allow high speeds and voltages. 3. the worstcase condition for static dv/dt is established by triggering the d.u.t. with a normal led input current, then removing the current. the variable r test allows the dv/dt to be gradually increased until the d.u.t . continues to trigger in response to the applied voltage pulse, even after the led current has been removed. the dv/dt is then decreased until the d.u.t. stops triggering.  rc is measured at this point and recorded. 5 40 t a , ambient temperature ( c) i 20 0 20 40 60 80 100 10 20 50 100 200 500 drm1 , peak blocking current (ma) 0.6 t a , ambient temperature ( c) i i f = rated i ft 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 20 0 20 40 60 80 100 drm2 , normalized i ft , normalized 0.7 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 normalized to t a = 25 c 20 0 20 40 60 80 100 v drm = 800 v figure 3. leakage with led off versus temperature figure 4. i drm2 , leakage in inhibit state versus temperature figure 5. trigger current versus temperature figure 6. led current required to trigger versus led pulse width figure 7. static dv/dt test circuit 100 40 mo c 3 0 8 1 , mo c 3 0 8 2 , mo c3 0 8 3 www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
r in 1 2 6 4 360 w moc308183 3 5 v cc note: this device should not be used to drive a load directly . it is intended to be a trigger device only. 330 39 0.01 240 vac hot neutral load typical circuit for use when hot line switching is required. in this circuit the ahoto side of the line is switched and the load connected to the cold or neutral side. the load may be connected to either the neutral or hot line. r in is calculated so that i f is equal to the rated i ft of the part, 15 ma for the moc3081, 10 ma for the moc3082, and 5 ma for the MOC3083. the 39 ohm resistor and 0.01 m f capacitor are for snubbing of the triac and may or may not be necessary depending upon the particular triac and load used. r in r1 2 6 43 5 v cc r2 load 360 w d1 1 scr scr d2 240 vac suggested method of firing two, backtoback scr' s, with a motorola triac driver. diodes can be 1n4001; resis- tors, r1 and r2, are optional 330 ohms. * for highly inductive loads (power factor < 0.5), change this value to 360 ohms. figure 8. hotline switching application circuit figure 9. inverseparallel scr driver circuit moc308183 mo c 3 0 8 1 , mo c 3 0 8 2 , mo c3 0 8 3 www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
package dimensions thru hole notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 6 4 1 3 a b seating plane t 4 pl f k c n g 6 pl d 6 pl e m a m 0.13 (0.005) b m t l m 6 pl j m b m 0.13 (0.005) a m t dim min max min max millimetersinches a 0.320 0.350 8.13 8.89 b 0.240 0.260 6.10 6.60 c 0.115 0.200 2.93 5.08 d 0.016 0.020 0.41 0.50 e 0.040 0.070 1.02 1.77 f 0.010 0.014 0.25 0.36 g 0.100 bsc 2.54 bsc j 0.008 0.012 0.21 0.30 k 0.100 0.150 2.54 3.81 l 0.300 bsc 7.62 bsc m 0 15 0 15 n 0.015 0.100 0.38 2.54     style 6: pin 1. anode 2. cathode 3. nc 4. main terminal 5. substrate 6. main terminal s urface mount a b  seating plane t j k l 6 pl m b m 0.13 (0.005) a m t c d 6 pl m a m 0.13 (0.005) b m t h g e 6 pl f 4 pl 31 46 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. dim min max min max millimetersinches a 0.320 0.350 8.13 8.89 b 0.240 0.260 6.10 6.60 c 0.115 0.200 2.93 5.08 d 0.016 0.020 0.41 0.50 e 0.040 0.070 1.02 1.77 f 0.010 0.014 0.25 0.36 g 0.100 bsc 2.54 bsc h 0.020 0.025 0.51 0.63 j 0.008 0.012 0.20 0.30 k 0.006 0.035 0.16 0.88 l 0.320 bsc 8.13 bsc s 0.332 0.390 8.43 9.90 mo c 3 0 8 1 , mo c 3 0 8 2 , mo c3 0 8 3 www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 0. 4 " lead spacing 6 4 1 3 a b n c k g f 4 pl seating d 6 pl e 6 pl plane t m a m 0.13 (0.005) b m t l j dim min max min max millimetersinches a 0.320 0.350 8.13 8.89 b 0.240 0.260 6.10 6.60 c 0.115 0.200 2.93 5.08 d 0.016 0.020 0.41 0.50 e 0.040 0.070 1.02 1.77 f 0.010 0.014 0.25 0.36 g 0.100 bsc 2.54 bsc j 0.008 0.012 0.21 0.30 k 0.100 0.150 2.54 3.81 l 0.400 0.425 10.16 10.80 n 0.015 0.040 0.38 1.02 mo c 3 0 8 1 , mo c 3 0 8 2 , mo c3 0 8 3 www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com
life support policy fairchilds products are not authorized for use as critical components in life support devices or systems without the express written approval of the president of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. www.fairchildsemi.com ? 2000 fairchild semiconductor corporation www.datasheet www.datasheet www.datasheet www.datasheet 4u 4u4u 4u .com .com .com .com


▲Up To Search▲   

 
Price & Availability of MOC3083

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X