Part Number Hot Search : 
2024Q FCW101Z 5ETTT MR24SF34 2N7002T 10020 50N06 SMCJ120
Product Description
Full Text Search
 

To Download MLK1005S15NJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  more product available online: www.digikey.com toll-free: 1-800-344-4539 ? phone 218-681-6674 ? fax: 218-681-3380 1488 (t091) e inductors mlk, mlf, glc, glf, mlg and mlz series mlk series: supports operating frequency bands of up to 12ghz with nominal inductance values from 1 ~ 100nh. provides high q characteristics. advanced monolithic structure is formed using a lamination and firing process with high-frequency ceramic and conductive materials. because the part is non-polarized, it can be used in bulk cassette loaders. operating temperature: -25c ~ 85c mlf series - magnetic shielded inductor: tdks mlf multi-layer chip inductor combines high performance with the most compact design available today. mlf inductors multi-layer technology utilizes ferrite paste and electric conductor paste layered in a monolithic structure. sintering of ferrite and electric conductors forms a perfect closed magnetic circuit and a magnetic shield. magnetic shielding is ideally suited for high density circuit application in disk drives, personal computers, measuring equipment, and telephone equipment. operating tem per ature: -25c ~ 85c glf series: features: ? delivers low rdc with high idc ? construction supports bulk mounting applications: perfect coil for step-up circuits, step-down circuits and decoupling circuits for each set power supply circuit ? portable audio visual devices ? mobile communication devices ? information devices (glf1608) ? amusement devices (glf1608) operating temperature: -40oc ~ 105oc glcr and glfr series: features: ? delivers low rdc with high idc ? able to withstand high temperature reflows (260 c during peak) used in lead free soldering applications: ? portable audio visual devices ? mobile communication devices ? information devices operating temperature: -40 c ~ 105 c mlg series: supports operating frequency bands of up to 10ghz with nominal inductance values from 0.6 ~ 390nh. provides high q characteristics. advanced monolithic structure is formed using a lamination and firing process with high-frequency ceramic and conductive materials. operating temperature: (mlg1005s, mlg0603s and mlg0603q) -55oc ~ 125oc; (mlg1608 ) -25c ~ 85c mlz series: this is a multi-layered inductor primarily designed for choking power lines. with one of the best resistance performance in the industry, this product delivers a significantly lower dc resistance value compared to our previous products. this reduces the loss at the power supply and contributes to power conservation. applications : choke coil to use for dvc, dsc, md, power supply circuit such as various module. operating temperature: -55c ~ 125c ? for tape and reel part number, change 1-nd to 2-nd. (continued) induc- dc rated tape and induc- tance test res. current srf cut tape reel ? tance toler- freq. max. max. min. digi-key pricing pricing tdk (h) ance (mhz) () (ma) (mhz) part no. 1 10 100 4,000 part no. fig. 4 mlf1608 (0603) 0.047 20% 50 0.20 200 600 445-1000-1-nd .41 3.40 27.20 119.00/m mlf1608d47nm 0.068 20% 50 0.30 200 550 445-1001-1-nd .41 3.40 27.20 119.00/m mlf1608d68nm 0.082 20% 50 0.30 200 500 445-1002-1-nd .41 3.40 27.20 119.00/m mlf1608d82nm 0.1 10% 25 0.35 200 450 445-1003-1-nd .41 3.40 27.20 119.00/m mlf1608dr10k 0.12 10% 25 0.40 200 400 445-1004-1-nd .41 3.40 27.20 119.00/m mlf1608dr12k 0.15 10% 25 0.45 200 350 445-1005-1-nd .41 3.40 27.20 119.00/m mlf1608dr15k 0.18 10% 25 0.50 150 320 445-1006-1-nd .41 3.40 27.20 119.00/m mlf1608dr18k 0.22 10% 25 0.55 150 290 445-1007-1-nd .41 3.40 27.20 119.00/m mlf1608dr22k 0.27 10% 25 0.60 150 260 445-1008-1-nd .41 3.40 27.20 119.00/m mlf1608dr27k 0.33 10% 25 0.75 100 230 445-1009-1-nd .41 3.40 27.20 119.00/m mlf1608dr33k 0.39 10% 25 0.85 100 210 445-1010-1-nd .41 3.40 27.20 119.00/m mlf1608dr39k 0.47 10% 25 0.95 100 190 445-1011-1-nd .41 3.40 27.20 119.00/m mlf1608dr47k 0.56 10% 25 1.05 100 170 445-1012-1-nd .41 3.40 27.20 119.00/m mlf1608dr56k 0.68 10% 25 1.25 70 150 445-1013-1-nd .41 3.45 27.56 120.58/m mlf1608dr68k 1.2 10% 10 0.65 50 110 445-1014-1-nd .41 3.40 27.20 119.00/m mlf1608a1r2k 1.5 10% 10 0.70 50 100 445-1015-1-nd .41 3.40 27.20 119.00/m mlf1608a1r5k 1.8 10% 10 0.85 50 90 445-1016-1-nd .41 3.40 27.20 119.00/m mlf1608a1r8k 2.2 10% 10 1.00 30 80 445-1017-1-nd .41 3.40 27.20 119.00/m mlf1608a2r2k 2.7 10% 10 1.15 30 70 445-1018-1-nd .41 3.40 27.20 119.00/m mlf1608a2r7k 3.3 10% 10 1.30 30 65 445-1019-1-nd .41 3.40 27.20 119.00/m mlf1608a3r3k 4.7 10% 10 1.60 30 55 445-1021-1-nd .41 3.40 27.20 119.00/m mlf1608a4r7k 5.6 10% 4 1.10 15 45 445-1022-1-nd .41 3.40 27.20 119.00/m mlf1608e5r6k 6.8 10% 4 1.30 15 40 445-1023-1-nd .41 3.40 27.20 119.00/m mlf1608e6r8k 8.2 10% 4 1.50 10 35 445-1024-1-nd .41 3.40 27.20 119.00/m mlf1608e8r2k 10 10% 2 1.70 10 30 445-1025-1-nd .41 3.40 27.20 119.00/m mlf1608e100k 15 10% 1 1.50 2 22 445-1027-1-nd .41 3.40 27.20 119.00/m mlf1608c150k 18 10% 1 1.60 2 20 445-1028-1-nd .41 3.40 27.20 119.00/m mlf1608c180k 22 10% 1 1.70 2 18 445-1029-1-nd .41 3.40 27.20 119.00/m mlf1608c220k 27 10% 1 1.80 2 15 445-1030-1-nd .41 3.40 27.20 119.00/m mlf1608c270k 33 10% 1 2.20 2 10 445-1031-1-nd .41 3.40 27.20 119.00/m mlf1608c330k induc- dc rated tape and induc- tance test res. current srf cut tape reel ? tance toler- freq. max. max. min. digi-key pricing pricing tdk (h) ance (mhz) () (ma) (mhz) part no. 1 10 100 2,000 part no. fig. 5 mlf2012 (0805) 0.047 20% 50 0.10 300 550 445-1032-1-nd .41 3.40 27.20 119.00/m mlf2012d47nm 0.082 20% 50 0.15 300 450 445-1034-1-nd .41 3.40 27.20 119.00/m mlf2012d82nm 0.1 10% 25 0.15 300 400 445-1035-1-nd .41 3.40 27.20 119.00/m mlf2012dr10k 0.12 10% 25 0.20 300 360 445-1036-1-nd .41 3.40 27.20 119.00/m mlf2012dr12k 0.15 10% 25 0.20 300 320 445-1037-1-nd .41 3.40 27.20 119.00/m mlf2012dr15k 0.22 10% 25 0.30 250 250 445-1039-1-nd .41 3.40 27.20 119.00/m mlf2012dr22k 0.27 10% 25 0.35 250 220 445-1040-1-nd .41 3.40 27.20 119.00/m mlf2012dr27k 0.33 10% 25 0.40 250 200 445-1041-1-nd .41 3.40 27.20 119.00/m mlf2012dr33k 0.47 10% 25 0.50 200 160 445-1043-1-nd .39 3.28 26.24 114.80/m mlf2012dr47k 0.56 10% 25 0.55 150 150 445-1044-1-nd .41 3.40 27.20 119.00/m mlf2012dr56k 0.68 10% 25 0.60 150 140 445-1045-1-nd .39 3.28 26.24 114.80/m mlf2012dr68k 0.82 10% 25 0.65 150 130 445-1046-1-nd .41 3.40 27.20 119.00/m mlf2012dr82k 1 10% 10 0.30 80 120 445-1047-1-nd .39 3.28 26.24 114.80/m mlf2012a1r0k 1.2 10% 10 0.35 80 110 445-1048-1-nd .41 3.40 27.20 119.00/m mlf2012a1r2k 1.8 10% 10 0.45 80 90 445-1050-1-nd .41 3.40 27.20 119.00/m mlf2012a1r8k 2.2 10% 10 0.50 50 80 445-1051-1-nd .41 3.40 27.20 119.00/m mlf2012a2r2k 2.7 10% 10 0.55 50 70 445-1052-1-nd .41 3.40 27.20 119.00/m mlf2012a2r7k 3.3 10% 10 0.60 50 60 445-1053-1-nd .41 3.40 27.20 119.00/m mlf2012a3r3k 4.7 10% 10 0.70 30 50 445-1055-1-nd .39 3.28 26.24 114.80/m mlf2012a4r7k 5.6 10% 4 0.60 15 45 445-1056-1-nd .41 3.40 27.20 119.00/m mlf2012e5r6k 6.8 10% 4 0.65 15 40 445-1057-1-nd .41 3.40 27.20 119.00/m mlf2012e6r8k 10 10% 2 0.80 15 30 445-1059-1-nd .39 3.28 26.24 114.80/m mlf2012e100k 12 10% 2 0.90 15 25 445-1060-1-nd .41 3.40 27.20 119.00/m mlf2012e120k 15 10% 1 0.70 5 22 445-1061-1-nd .41 3.40 27.20 119.00/m mlf2012c150k 18 10% 1 0.80 5 20 445-1062-1-nd .41 3.40 27.20 119.00/m mlf2012c180k dimensions in mm fig. 3 fig. 1 1. 0 1.0 2.6 0.3 0.8 1.6 0.7 0.7 2.1 0.5 2.0 1.25 0.5 0.5 0.5 0.4 0.5 1.0 0.5 0.1 min. fig. 2 fig. 4 fig. 5 0.6 0.15 0.3 0.3 0.3 max 0.3 max 0.35 max 0.35 max 0.7 0.7 0.7 0.7 0.3 0.8 1.6 0.8 ? most smt cutdown parts are available on a digi-reel ? . for digi-reel part number, change 1-nd to 6-nd or ct-nd to dkr-nd. see digi-key ? services on page 2 for additional information. ? induc- dc rated tape and induc- tance test res. current srf cut tape reel ? tance toler- freq. max. max. min. digi-key pricing pricing tdk (nh) ance (mhz) () (ma) (ghz) part no. 1 10 100 10,000 part no. fig. 2 mlk1005 (0402) 1.2 0.3nh 100 0.12 500 11 445-1456-1-nd .15 1.22 9.72 42.53/m mlk1005s1n2s 1.5 0.3nh 100 0.15 500 9.5 445-1457-1-nd .15 1.22 9.72 42.53/m mlk1005s1n5s 1.8 0.3nh 100 0.17 500 8.5 445-1458-1-nd .15 1.22 9.72 42.53/m mlk1005s1n8s 2.2 0.3nh 100 0.18 500 8 445-1459-1-nd .15 1.22 9.72 42.53/m mlk1005s2n2s 2.7 0.3nh 100 0.20 500 7.5 445-1460-1-nd .15 1.22 9.72 42.53/m mlk1005s2n7s 3.3 0.3nh 100 0.22 500 7 445-1461-1-nd .15 1.22 9.72 42.53/m mlk1005s3n3s 3.9 0.3nh 100 0.25 400 6.5 445-1462-1-nd .15 1.22 9.72 42.53/m mlk1005s3n9s 4.7 0.3nh 100 0.28 400 6 445-1463-1-nd .15 1.22 9.72 42.53/m mlk1005s4n7s 5.6 0.5nh 100 0.30 400 5.7 445-1464-1-nd .15 1.22 9.72 42.53/m mlk1005s5n6d 6.8 0.5nh 100 0.35 400 5.5 445-1465-1-nd .15 1.22 9.72 42.53/m mlk1005s6n8d 8.2 0.5nh 100 0.38 350 5 445-1466-1-nd .15 1.22 9.72 42.53/m mlk1005s8n2d 10 5% 100 0.42 350 4.7 445-1467-1-nd .15 1.22 9.72 42.53/m mlk1005s10nj 12 5% 100 0.47 350 4.3 445-1468-1-nd .15 1.22 9.72 42.53/m mlk1005s12nj 15 5% 100 0.50 300 4 445-1469-1-nd .15 1.22 9.72 42.53/m MLK1005S15NJ 18 5% 100 0.60 250 3.7 445-1470-1-nd .15 1.22 9.72 42.53/m mlk1005s18nj 22 5% 100 0.70 200 3.5 445-1471-1-nd .15 1.22 9.72 42.53/m mlk1005s22nj 27 5% 100 0.80 200 3 445-1472-1-nd .15 1.22 9.72 42.53/m mlk1005s27nj 33 5% 100 0.90 200 2.5 445-1473-1-nd .15 1.22 9.72 42.53/m mlk1005s33nj 47 5% 100 1.20 200 1.8 445-1475-1-nd .15 1.22 9.72 42.53/m mlk1005s47nj 56 5% 100 1.30 200 1.5 445-1476-1-nd .15 1.22 9.72 42.53/m mlk1005s56nj 68 5% 100 1.50 150 1.4 445-1477-1-nd .15 1.22 9.72 42.53/m mlk1005s68nj 82 5% 100 1.80 150 1.3 445-1478-1-nd .15 1.22 9.72 42.53/m mlk1005s82nj 100 5% 100 2.20 100 1.1 445-1479-1-nd .15 1.22 9.72 42.53/m mlk1005sr10j fig. 2 mlf1005 (0402) 0.1 10% 25 0.60 25 0.45 445-3502-1-nd .60 5.00 40.00 175.00/m mlf1005dr10kt 0.12 10% 25 0.70 25 0.40 445-3503-1-nd .60 5.00 40.00 175.00/m mlf1005dr12kt 0.15 10% 25 0.80 25 0.35 445-3504-1-nd .60 5.00 40.00 175.00/m mlf1005dr15kt 0.18 10% 25 0.90 25 0.32 445-3505-1-nd .60 5.00 40.00 175.00/m mlf1005dr18kt 0.22 10% 25 1.10 25 0.29 445-3506-1-nd .60 5.00 40.00 175.00/m mlf1005dr22kt 0.27 10% 25 1.30 25 0.26 445-3507-1-nd .60 5.00 40.00 175.00/m mlf1005dr27kt 0.33 10% 25 1.50 25 0.23 445-3508-1-nd .60 5.00 40.00 175.00/m mlf1005dr33kt 0.39 10% 10 0.60 10 0.21 445-3509-1-nd .60 5.00 40.00 175.00/m mlf1005ar39kt 0.47 10% 10 0.65 10 0.19 445-3510-1-nd .60 5.00 40.00 175.00/m mlf1005ar47kt 0.56 10% 10 0.70 10 0.17 445-3511-1-nd .60 5.00 40.00 175.00/m mlf1005ar56kt 0.68 10% 10 0.80 10 0.15 445-3512-1-nd .60 5.00 40.00 175.00/m mlf1005ar68kt 0.82 10% 10 0.90 10 0.13 445-3513-1-nd .60 5.00 40.00 175.00/m mlf1005ar82kt 1.0 10% 10 1.00 10 0.12 445-3514-1-nd .60 5.00 40.00 175.00/m mlf1005a1r0kt 1.2 10% 10 1.10 10 0.11 445-3515-1-nd .60 5.00 40.00 175.00/m mlf1005a1r2kt 1.5 10% 10 1.30 10 0.10 445-3516-1-nd .60 5.00 40.00 175.00/m mlf1005a1r5kt 1.8 10% 10 1.55 10 0.09 445-3517-1-nd .60 5.00 40.00 175.00/m mlf1005a1r8kt 2.2 10% 10 1.80 10 0.08 445-3518-1-nd .60 5.00 40.00 175.00/m mlf1005a2r2kt induc- dc rated tape and induc- tance test res. current srf cut tape reel ? tance toler- freq. max. max. min. digi-key pricing pricing tdk (nh) ance (mhz) () (ma) (ghz) part no. 1 10 100 15,000 part no. fig. 1 mlk0603 (0201) 1.0 0.3nh 100 0.20 300 12.0 445-1570-1-nd .18 1.47 11.76 51.00/m mlk0603l1n0s 1.2 0.3nh 100 0.22 300 11.0 445-1571-1-nd .18 1.47 11.76 51.00/m mlk0603l1n2s 1.5 0.3nh 100 0.24 300 10.0 445-1572-1-nd .18 1.47 11.76 51.00/m mlk0603l1n5s 1.8 0.3nh 100 0.27 300 10.0 445-1573-1-nd .18 1.47 11.76 51.00/m mlk0603l1n8s 2.2 0.3nh 100 0.30 300 9.0 445-1574-1-nd .18 1.47 11.76 51.00/m mlk0603l2n2s 2.7 0.3nh 100 0.35 300 8.5 445-1575-1-nd .18 1.47 11.76 51.00/m mlk0603l2n7s 3.3 0.3nh 100 0.40 200 8.0 445-1576-1-nd .18 1.47 11.76 51.00/m mlk0603l3n3s 3.9 0.3nh 100 0.45 200 8.0 445-1577-1-nd .18 1.47 11.76 51.00/m mlk0603l3n9s 4.7 0.3nh 100 0.50 200 7.5 445-1578-1-nd .18 1.47 11.76 51.00/m mlk0603l4n7s 5.6 0.3nh 100 0.60 200 6.5 445-1579-1-nd .18 1.47 11.76 51.00/m mlk0603l5n6s 6.8 5% 100 0.65 200 6.0 445-1580-1-nd .18 1.47 11.76 51.00/m mlk0603l6n8j 8.2 5% 100 0.70 200 6.0 445-1581-1-nd .18 1.47 11.76 51.00/m mlk0603l8n2j 10 5% 100 0.80 200 5.5 445-1582-1-nd .18 1.47 11.76 51.00/m mlk0603l10nj 12 5% 100 1.00 150 5.0 445-1583-1-nd .18 1.47 11.76 51.00/m mlk0603l12nj 15 5% 100 1.10 150 4.5 445-1584-1-nd .18 1.47 11.76 51.00/m mlk0603l15nj 18 5% 100 1.30 100 4.0 445-1585-1-nd .18 1.47 11.76 51.00/m mlk0603l18nj 22 5% 100 1.60 100 3.5 445-1586-1-nd .18 1.47 11.76 51.00/m mlk0603l22nj


▲Up To Search▲   

 
Price & Availability of MLK1005S15NJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X