Part Number Hot Search : 
D103K LT3463A TX1298T C221M ADT731 NM3SOL3 BYV26BZ WP710
Product Description
Full Text Search
 

To Download MKS2654-6-0-404 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7 technische daten technical data wtb btb stiftleisten wtb btb pin strips (seite 8 - 37) (seite 38 - 41) (seite 42 - 45) (page 8 - 37) (page 38 - 41) (page 42 - 45) mechanisch mechanical raster 2,5 mm 2,5 mm 2,5 mm pitch polzahl bis 20 bis 21 bis 40 positions up to 20 up to 21 up to 40 anschlu?art idc, crimpen, l?ten l?ten l?ten termination idc, crimp, soldering soldering soldering betriebstemperatur -40 c + 115 c -40 c + 115 c -40 c + 100 c operating temperature elektrisch electrical strombelastbarkeit 5a / 30 c 5a / 30 c 4a / 30 c current rating 2,5a / 70 c 2,5a / 70 c 1,5a / 70 c isolationswiderstand >10 9 ohm >10 9 ohm >10 9 ohm insulation resistance durchgangswiderstand <10 m ohm <10 m ohm <10 m ohm contact resistance prfspannung 1500 v ac 1500 v ac 1500 v ac test voltage werkstoffe materials isolierk?rper pc-v0 pc-v0 pbt-v0/ppo-vo housing kontakt cusn cusn cuzn contact kontaktoberfl?che verzinnt verzinnt verzinnt finishing tin plated tin plated tin plated detaillierte informationen auf anfrage! please ask for detailed data! rf rf rf rf rf k 2 k 2 k 2 k 2 k 2 t t t t t echnische daten echnische daten echnische daten echnische daten echnische daten / / / / / t t t t t echnical data echnical data echnical data echnical data echnical data steckverbindersystem connector system
20 serie mks 2650, l?tstifte in-line series mks 2650, solder pins in line polzahl artikel-nummer abmessungen c abmessungen d positions part number dimensions c dimensions d 2 mks 2651 - 6 - 0 - 202 9,7 2,5 2* mks 2652 - 6 - 0 - 202 7,9 2,5 3 mks 2653 - 6 - 0 - 303 12,2 5,0 4 mks 2654 - 6 - 0 - 404 14,7 7,5 5 mks 2655 - 6 - 0 - 505 17,2 10,0 6 mks 2656 - 6 - 0 - 606 19,7 12,5 7 mks 2657 - 6 - 0 - 707 22,2 15,0 8 mks 2658 - 6 - 0 - 808 24,7 17,5 9 mks 2659 - 6 - 0 - 909 27,2 20,0 10 mks 2660 - 6 - 0 - 1010 29,7 22,5 11 mks 2661 - 6 - 0 - 1111 32,2 25,0 12 mks 2662 - 6 - 0 - 1212 34,7 27,5 13 mks 2663 - 6 - 0 - 1313 37,2 30,0 14 mks 2664 - 6 - 0 - 1414 39,7 32,5 15 mks 2665 - 6 - 0 - 1515 42,2 35,0 16 mks 2666 - 6 - 0 - 1616 44,7 37,5 17 mks 2667 - 6 - 0 - 1717 47,2 40,0 18 mks 2668 - 6 - 0 - 1818 49,7 42,5 20 mks 2670 - 6 - 0 - 2020 54,7 47,5 * nase nur bis 7-polige ausfhrung * protrusion up to 7-way versions only * serie / series mks 2650 s s s s s tiftwannen, liegend tiftwannen, liegend tiftwannen, liegend tiftwannen, liegend tiftwannen, liegend pin connectors for horiz pin connectors for horiz pin connectors for horiz pin connectors for horiz pin connectors for horiz ontal connections ontal connections ontal connections ontal connections ontal connections * nur geeignet fr federleisten mkf 13216/13316 und mkh 5132 * only suitable for connectors mkf 13216/13316 and mkh 5132


▲Up To Search▲   

 
Price & Availability of MKS2654-6-0-404

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X