Part Number Hot Search : 
LTC17 SMBJ51CA FBL22033 69412KB NTE2530 NTE2530 C8051 00505
Product Description
Full Text Search
 

To Download MC74HC4051A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 june, 2005 ? rev. 3 1 publication order number: MC74HC4051A/d MC74HC4051A, mc74hc4052a, mc74hc4053a analog multiplexers / demultiplexers high?performance silicon?gate cmos the MC74HC4051A, mc74hc4052a and mc74hc4053a utilize silicon?gate cmos technology to achieve fast propagation delays, low on resistances, and low off leakage currents. these analog multiplexers/demultiplexers control analog voltages that may vary across the complete power supply range (from v cc to v ee ). the hc4051a, hc4052a and hc4053a are identical in pinout to the metal?gate mc14051ab, mc14052ab and mc14053ab. the channel?select inputs determine which one of the analog inputs/outputs is to be connected, by means of an analog switch, to the common output/input. when the enable pin is high, all analog switches are turned off. the channel?select and enable inputs are compatible with standard cmos outputs; with pullup resistors they are compatible with lsttl outputs. these devices have been designed so that the on resistance (r on ) is more linear over input voltage than r on of metal?gate cmos analog switches. for a multiplexer/demultiplexer with injection current protection, see hc4851a and hc4852a. features ? fast switching and propagation speeds ? low crosstalk between switches ? diode protection on all inputs/outputs ? analog power supply range (v cc ? v ee ) = 2.0 to 12.0 v ? digital (control) power supply range (v cc ? gnd) = 2.0 to 6.0 v ? improved linearity and lower on resistance than metal?gate counterparts ? low noise ? in compliance with the requirements of jedec standard no. 7a ? chip complexity: hc4051a ? 184 fets or 46 equivalent gates hc4052a ? 168 fets or 42 equivalent gates hc4053a ? 156 fets or 39 equivalent gates ? pb?free packages are available* *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. http://onsemi.com marking diagrams soic?16 d suffix case 751b tssop?16 dt suffix case 948f 1 16 pdip?16 n suffix case 648 1 16 1 16 1 16 mc74hc405xan awlyywwg 1 16 hc405xag awlyww hc40 5xa alyw   1 16 a = assembly location l, wl = wafer lot y, yy = year w, ww = work week g = pb?free package  = pb?free package (note: microdot may be in either location) 1 16 74hc405xa alywg soeiaj?16 f suffix case 966 1 16 1 16 soic?16 wide dw suffix case 751g 1 16 hc405xa awlywwg see detailed ordering and shipping information in the package dimensions section on page 13 of this data sheet. ordering information
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 2 logic diagram MC74HC4051A single?pole, 8?position plus common off x0 13 x1 14 x2 15 x3 12 x4 1 x5 5 x6 2 x7 4 a 11 b 10 c 9 enable 6 multiplexer/ demultiplexer x 3 analog inputs/ channel inputs pin 16 = v cc pin 7 = v ee pin 8 = gnd common output/ input 15 16 14 13 12 11 10 2 1 34567 v cc 9 8 x2 x1 x0 x3 a b c x4 x6 x x7 x5 enable v ee gnd pinout: MC74HC4051A (top view) outputs select l l l l h h h h x l l h h l l h h x l h l h l h l h x function table ? MC74HC4051A control inputs on channels enable select cba x0 x1 x2 x3 x4 x5 x6 x7 none l l l l l l l l h x = don?t care logic diagram mc74hc4052a double?pole, 4?position plus common off x0 12 x1 14 x2 15 x3 11 y0 1 y1 5 y2 2 y3 4 a 10 b 9 enable 6 x switch y switch x 13 analog inputs/outputs channel-select inputs pin 16 = v cc pin 7 = v ee pin 8 = gnd common outputs/inputs l l h h x l h l h x function table ? mc74hc4052a control inputs on channels enable select ba x0 x1 x2 x3 l l l l h x = don?t care pinout: mc74hc4052a (top view) 15 16 14 13 12 11 10 2 1 34567 v cc 9 8 x2 x1 x x0 x3 a b y0 y2 y y3 y1 enable v ee gnd y 3 y0 y1 y2 y3 none
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 3 logic diagram mc74hc4053a triple single?pole, double?position plus common off x0 12 x1 13 a 11 b 10 c 9 enable 6 x switch y switch x 14 analog inputs/outputs channel-select inputs pin 16 = v cc pin 7 = v ee pin 8 = gnd common outputs/inputs l l l l h h h h x l l h h l l h h x l h l h l h l h x function table ? mc74hc4053a control inputs on channels enable select cba l l l l l l l l h x = don?t care pinout: mc74hc4053a (top view) 15 16 14 13 12 11 10 2 1 34567 v cc 9 8 yxx1x0abc y1 y0 z1 z z0 enable v ee gnd z0 z0 z0 z0 z1 z1 z1 z1 y0 y0 y1 y1 y0 y0 y1 y1 x0 x1 x0 x1 x0 x1 x0 x1 none y0 2 y1 1 y 15 z0 5 z1 3 z 4 z switch note: this device allows independent control of each switch. channel?select input a controls the x?switch, input b controls the y?switch and input c controls the z?switch ??????????????????????? maximum ratings ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ? ?? ? ???? v cc ?????????????? ? ???????????? ? ?????????????? positive dc supply voltage (referenced to gnd) (referenced to v ee ) ????? ? ??? ? ????? ? 0.5 to + 7.0 ? 0.5 to + 14.0 ??? ? ? ? ??? v ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ? ?? ? ???? v is ?????????????? ? ???????????? ? ?????????????? analog input voltage ????? ? ??? ? ????? v ee ? 0.5 to v cc + 0.5 ??? ? ? ? ??? v ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? 25 ??? ??? ???? ? ?? ? ???? p d ?????????????? ? ???????????? ? ?????????????? power dissipation in still air, plastic dip? eiaj/soic package? tssop package? ????? ? ??? ? ????? 750 500 450 ??? ? ? ? ??? mw ???? ???? ?????????????? ?????????????? ????? ????? ??? ???  c ???? ? ?? ? ???? t l ?????????????? ? ???????????? ? ?????????????? lead temperature, 1 mm from case for 10 seconds plastic dip, soic or tssop package ????? ? ??? ? ????? 260 ??? ? ? ? ???  c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. ?derating ? plastic dip: ? 10 mw/  c from 65  to 125  c eiaj/soic package: ? 7 mw/  c from 65  to 125  c tssop package: ? 6.1 mw/  c from 65  to 125  c for high frequency or heavy load considerations, see chapter 2 of the on semiconductor high?speed cmos data book (dl129/d). this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high?impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 4 recommended operating conditions ???? ???? ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? ???? ? ?? ? ???? v cc ?????????????? ? ???????????? ? ?????????????? positive dc supply voltage (referenced to gnd) (referenced to v ee ) ??? ? ? ? ??? 2.0 2.0 ??? ? ? ? ??? 6.0 12.0 ??? ? ? ? ??? v ???? ???? ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? ???? ???? ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? ???? ???? ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? ???? ???? ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? ???? ???? ?????????????? ?????????????? ??? ??? ??? ??? ??? ???  c ???? ? ?? ? ? ?? ? ???? t r , t f ?????????????? ? ???????????? ? ? ???????????? ? ?????????????? input rise/fall time v cc = 2.0 v (channel select or enable inputs) v cc = 3.0 v v cc = 4.5 v v cc = 6.0 v ??? ? ? ? ? ? ? ??? 0 0 0 0 ??? ? ? ? ? ? ? ??? 1000 600 500 400 ??? ? ? ? ? ? ? ??? ns *for voltage drops across switch greater than 1.2v (switch on), excessive v cc current may be drawn; i.e., the current out of the switch may contain both v cc and switch input components. the reliability of the device will be unaffected unless the maximum ratings are exceeded. dc characteristics ? digital section (voltages referenced to gnd) v ee = gnd, except where noted symbo l parameter condition v cc v guaranteed limit unit ?55 to 25 c 85 c 125 c v ih minimum high?level input voltage, channel?select or enable inputs r on = per spec 2.0 3.0 4.5 6.0 1.50 2.10 3.15 4.20 1.50 2.10 3.15 4.20 1.50 2.10 3.15 4.20 v v il maximum low?level input voltage, channel?select or enable inputs r on = per spec 2.0 3.0 4.5 6.0 0.5 0.9 1.35 1.8 0.5 0.9 1.35 1.8 0.5 0.9 1.35 1.8 v i in maximum input leakage current, channel?select or enable inputs v in = v cc or gnd, v ee = ? 6.0 v 6.0 0.1 1.0 1.0  a i cc maximum quiescent supply current (per package) channel select, enable and v is = v cc or gnd; v ee = gnd v io = 0 v v ee = ? 6.0 6.0 6.0 1 4 10 40 20 80  a note: information on typical parametric values can be found in chapter 2 of the on semic onductor high?speed cmos data book (dl129/d).
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 5 dc characteristics ? analog section symbo l parameter condition v cc v ee guaranteed limit unit ?55 to 25 c 85 c 125 c r on maximum ?on? resistance v in = v il or v ih ; v is = v cc to v ee ; i s 2.0 ma (figures 1, 2) 4.5 4.5 6.0 0.0 ? 4.5 ? 6.0 190 120 100 240 150 125 280 170 140  v in = v il or v ih ; v is = v cc or v ee (endpoints); i s 2.0 ma (figures 1, 2) 4.5 4.5 6.0 0.0 ? 4.5 ? 6.0 150 100 80 190 125 100 230 140 115  r on maximum difference in ?on? resistance between any two channels in the same package v in = v il or v ih ; v is = 1/2 (v cc ? v ee ); i s 2.0 ma 4.5 4.5 6.0 0.0 ? 4.5 ? 6.0 30 12 10 35 15 12 40 18 14  i off maximum off?channel leakage current, any one channel v in = v il or v ih ; v io = v cc ? v ee ; switch off (figure 3) 6.0 ? 6.0 0.1 0.5 1.0  a maximum off?channelhc 4051a leakage current, hc4052a common channel hc4053a v in = v il or v ih ; v io = v cc ? v ee ; switch off (figure 4) 6.0 6.0 6.0 ? 6.0 ? 6.0 ? 6.0 0.2 0.1 0.1 2.0 1.0 1.0 4.0 2.0 2.0 i on maximum on?channelhc 4051a leakage current, hc4052a channel?to?channel hc4053a v in = v il or v ih ; switch?to?switch = v cc ? v ee ; (figure 5) 6.0 6.0 6.0 ? 6.0 ? 6.0 ? 6.0 0.2 0.1 0.1 2.0 1.0 1.0 4.0 2.0 2.0  a ac characteristics (c l = 50 pf, input t r = t f = 6 ns) symbo l parameter v cc v guaranteed limit unit ?55 to 25 c 85 c 125 c t plh , t phl maximum propagation delay, channel?select to analog output (figure 9) 2.0 3.0 4.5 6.0 270 90 59 45 320 110 79 65 350 125 85 75 ns t plh , t phl maximum propagation delay, analog input to analog output (figure 10) 2.0 3.0 4.5 6.0 40 25 12 10 60 30 15 13 70 32 18 15 ns t plz , t phz maximum propagation delay, enable to analog output (figure 11) 2.0 3.0 4.5 6.0 160 70 48 39 200 95 63 55 220 110 76 63 ns t pzl , t pzh maximum propagation delay, enable to analog output (figure 11) 2.0 3.0 4.5 6.0 245 115 49 39 315 145 69 58 345 155 83 67 ns c in maximum input capacitance, channel?select or enable inputs 10 10 10 pf c i/o maximum capacitance analog i/o 35 35 35 pf (all switches off) common o/i: hc4051a hc4052a hc4053a 130 80 50 130 80 50 130 80 50 feedthrough 1.0 1.0 1.0 note: for propagation delays with loads other than 50 pf, and information on typical parametric values, see chapter 2 of the on semiconductor high?speed cmos data book (dl129/d) c pd power dissipation capacitance (figure 13)* hc4051a hc4052a hc4053a typical @ 25 c, v cc = 5.0 v, v ee = 0 v pf 45 80 45 * used to determine the no?load dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . for load considerations, see chapter 2 of the on semiconductor high?speed cmos data book (dl129/d).
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 6 additional application characteristics (gnd = 0 v) symbo l parameter condition v cc v v ee v limit* unit 25 c bw maximum on?channel bandwidth or minimum frequency response (figure 6) f in = 1mhz sine wave; adjust f in voltage to obtain 0dbm at v os ; increase f in frequency until db meter reads ?3db; r l = 50  , c l = 10pf 2.25 4.50 6.00 ?2.25 ?4.50 ?6.00 ?51 ?52 ?53 mhz 80 80 80 95 95 95 120 120 120 ? off?channel feedthrough isolation (figure 7) f in = sine wave; adjust f in voltage to obtain 0dbm at v is f in = 10khz, r l = 600  , c l = 50pf 2.25 4.50 6.00 ?2.25 ?4.50 ?6.00 ?50 ?50 ?50 db f in = 1.0mhz, r l = 50  , c l = 10pf 2.25 4.50 6.00 ?2.25 ?4.50 ?6.00 ?40 ?40 ?40 ? feedthrough noise. channel?select input to common i/o (figure 8) v in 1mhz square wave (t r = t f = 6ns); adjust r l at setup so that i s = 0a; enable = gnd r l = 600  , c l = 50pf 2.25 4.50 6.00 ?2.25 ?4.50 ?6.00 25 105 135 mv pp r l = 10k  , c l = 10pf 2.25 4.50 6.00 ?2.25 ?4.50 ?6.00 35 145 190 ? crosstalk between any two switches (figure 12) (test does not apply to hc4051a) f in = sine wave; adjust f in voltage to obtain 0dbm at v is f in = 10khz, r l = 600  , c l = 50pf 2.25 4.50 6.00 ?2.25 ?4.50 ?6.00 ?50 ?50 ?50 db f in = 1.0mhz, r l = 50  , c l = 10pf 2.25 4.50 6.00 ?2.25 ?4.50 ?6.00 ?60 ?60 ?60 thd total harmonic distortion (figure 14) f in = 1khz, r l = 10k  , c l = 50pf thd = thd measured ? thd source v is = 4.0v pp sine wave v is = 8.0v pp sine wave v is = 11.0v pp sine wave 2.25 4.50 6.00 ?2.25 ?4.50 ?6.00 0.10 0.08 0.05 % *limits not tested. determined by design and verified by qualification. figure 1a. typical on resistance, v cc ? v ee = 2.0 v figure 1b. typical on resistance, v cc ? v ee = 3.0 v 250 200 150 100 50 0 0.25 0.5 0.75 1.0 1.25 1.5 1.75 2.0 2.25 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 100 80 60 40 20 0 0.25 0.5 0.75 1.0 1.25 1.5 1.75 2.25 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 25 c ?55 c 125 c 25 c ?55 c 125 c 2.0 0 300 180 160 140 120 0 2.5 2.75 3.0
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 7 figure 1c. typical on resistance, v cc ? v ee = 4.5 v figure 1d. typical on resistance, v cc ? v ee = 6.0 v 120 100 80 60 40 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 75 60 45 30 15 0 1.0 2.0 3.0 4.0 5.0 6.0 3.5 4.5 5.5 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 20 0 25 c ?55 c 125 c 25 c ?55 c 125 c 90 105 0 0.5 1.5 2.5 figure 1e. typical on resistance, v cc ? v ee = 9.0 v ?4.5 ?3.5 70 60 50 40 30 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 20 10 ?2.5 ?1.5 ?0.5 0.5 1.5 2.5 3.5 4.5 25 c ?55 c 125 c 80 0 figure 1f. typical on resistance, v cc ? v ee = 12.0 v ?6.0 ?5.0 60 50 40 30 v is , input voltage (volts), referenced to v ee r on , on resistance (ohms) 20 10 ?4.0 ?3.0 ?2.0 2.0 3.0 4.0 5.0 6.0 25 c ?55 c 125 c 0 ?1.0 1.0 0 figure 2. on resistance test set?up plotter mini computer programmable power supply dc analyzer v cc device under test + ? v ee analog in common out gnd
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 8 figure 3. maximum off channel leakage current, any one channel, test set?up figure 4. maximum off channel leakage current, common channel, test set?up figure 5. maximum on channel leakage current, channel to channel, test set?up figure 6. maximum on channel bandwidth, test set?up figure 7. off channel feedthrough isolation, test set?up figure 8. feedthrough noise, channel select to common out, test set?up off off 6 7 8 16 common o/i v cc v ee v ih nc a v cc v ee v cc off off 6 7 8 16 common o/i v cc v ee v ih analog i/o v cc v ee v cc on off 6 7 8 16 common o/i v cc v ee v il v cc v ee v cc n/c a analog i/o on 6 7 8 16 v cc v ee 0.1  f c l * f in r l db meter *includes all probe and jig capacitance off 6 7 8 16 v cc v ee 0.1  f c l * f in r l db meter *includes all probe and jig capacitance v os v os r l v is v il or v ih channel select on/off 6 7 8 16 v cc v ee c l * r l *includes all probe and jig capacitance channel select test point common o/i 11 v cc off/on analog i/o r l r l v cc gnd v in 1 mhz t r = t f = 6 ns
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 9 figure 9a. propagation delays, channel select to analog out figure 9b. propagation delay, test set?up channel select to analog out figure 10a. propagation delays, analog in to analog out figure 10b. propagation delay, test set?up analog in to analog out figure 11a. propagation delays, enable to analog out figure 11b. propagation delay, test set?up enable to analog out v cc gnd channel select analog out 50% t plh t phl 50% on/off 6 7 8 16 v cc c l * *includes all probe and jig capacitance channel select test point common o/i off/on analog i/o v cc v cc gnd analog in analog out 50% t plh t phl 50% on 6 7 8 16 v cc c l * *includes all probe and jig capacitance test point common o/i analog i/o on/off 6 7 8 enable v cc enable 90% 50% 10% t f t r v cc gnd analog out t pzl analog out t pzh high impedance v ol v oh high impedance 10% 90% t plz t phz 50% 50% analog i/o c l * test point 16 v cc 1k  1 2 1 2 position 1 when testing t phz and t pzh position 2 when testing t plz and t pzl
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 10 r l figure 12. crosstalk between any two switches, test set?up figure 13. power dissipation capacitance, test set?up figure 14a. total harmonic distortion, test set?up figure 14b. plot, harmonic distortion 0 ?10 ?20 ?30 ?40 ?50 ? 100 1.0 2.0 3.125 frequency (khz) db ?60 ?70 ?80 ?90 fundamental frequency device source on 6 7 8 16 v ee c l * *includes all probe and jig capacitance off r l r l v is r l c l * v os f in 0.1  f on/off 6 7 8 16 v cc channel select nc common o/i off/on analog i/o v cc a 11 v cc v ee on 6 7 8 16 v cc v ee 0.1  f c l * f in r l to distortion meter *includes all probe and jig capacitance v os v is applications information the channel select and enable control pins should be at v cc or gnd logic levels. v cc being recognized as a logic high and gnd being recognized as a logic low. in this example: v cc = +5v = logic high gnd = 0v = logic low the maximum analog voltage swings are determined by the supply voltages v cc and v ee . the positive peak analog voltage should not exceed v cc . similarly, the negative peak analog voltage should not go below v ee . in this example, the difference between v cc and v ee is ten volts. therefore, using the configuration of figure 15, a maximum analog signal of ten volts peak?to?peak can be controlled. unused analog inputs/outputs may be left floating (i.e., not connected). however, tying unused analog inputs and outputs to v cc or gnd through a low value resistor helps minimize crosstalk and feedthrough noise that may be picked up by an unused switch. although used here, balanced supplies are not a requirement. the only constraints on the power supplies are that: v cc ? gnd = 2 to 6 volts v ee ? gnd = 0 to ?6 volts v cc ? v ee = 2 to 12 volts and v ee gnd when voltage transients above v cc and/or below v ee are anticipated on the analog channels, external germanium or schottky diodes (d x ) are recommended as shown in figure 16. these diodes should be able to absorb the maximum anticipated current surges during clipping.
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 11 analog signal figure 15. application example figure 16. external germanium or schottky clipping diodes a. using pull?up resistors b. using hct interface figure 17. interfacing lsttl/nmos to cmos inputs on 6 7 8 16 +5v ?5v analog signal +5v ?5v +5v ?5v 11 10 9 to external cmos circuitry 0 to 5v digital signals on/off 7 8 16 v cc v ee v ee d x v cc d x v ee d x v cc d x analog signal on/off 6 7 8 16 +5v v ee analog signal +5v v ee +5v v ee 11 10 9 r * r r lsttl/nmos circuitry +5v * 2k r 10k analog signal on/off 6 7 8 16 +5v v ee analog signal +5v v ee +5v v ee 11 10 9 lsttl/nmos circuitry +5v hct buffer figure 18. function diagram, hc4051a 13 x0 14 x1 15 x2 12 x3 1 x4 5 x5 2 x6 4 x7 3 x level shifter level shifter level shifter level shifter 11 a 10 b 9 c 6 enable
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 12 figure 20. function diagram, hc4053a figure 19. function diagram, hc4052a 13 x1 12 x0 1 y1 2 y0 3 z1 5 z0 14 x level shifter level shifter level shifter level shifter 11 a 10 b 9 c 6 enable 12 x0 14 x1 15 x2 11 x3 1 y0 5 y1 2 y2 4 y3 3 y level shifter level shifter level shifter 10 a 9 b 6 enable 13 x 15 y 4 z
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 13 ordering information device package shipping ? MC74HC4051An pdip?16 500 units / box MC74HC4051Ang pdip?16 (pb?free) 500 units / box MC74HC4051Ad soic?16 48 units / rail MC74HC4051Adg soic?16 (pb?free) 48 units / rail MC74HC4051Adr2 soic?16 2500 units / tape & reel MC74HC4051Adr2g soic?16 (pb?free) 2500 units / tape & reel MC74HC4051Adt tssop?16* 96 units / rail MC74HC4051Adtg tssop?16* 96 units / rail MC74HC4051Adtr2 tssop?16* 2500 units / tape & reel MC74HC4051Adtr2g tssop?16* 2500 units / tape & reel MC74HC4051Adw soic?16 wide 48 units / rail MC74HC4051Adwg soic?16 wide (pb?free) 48 units / rail MC74HC4051Adwr2 soic?16 wide 1000 units / tape & reel MC74HC4051Adwr2g soic?16 wide (pb?free) 1000 units / tape & reel MC74HC4051Afel soeiaj?16 2000 units / tape & reel MC74HC4051Afelg soeiaj?16 (pb?free) 2000 units / tape & reel mc74hc4052an pdip?16 500 units / box mc74hc4052ang pdip?16 (pb?free) 500 units / box mc74hc4052ad soic?16 48 units / rail mc74hc4052adg soic?16 (pb?free) 48 units / rail mc74hc4052adr2 soic?16 2500 units / tape & reel mc74hc4052adr2g soic?16 (pb?free) 2500 units / tape & reel mc74hc4052adt tssop?16* 96 units / rail mc74hc4052adtg tssop?16* 96 units / rail mc74hc4052adtr2 tssop?16* 2500 units / tape & reel mc74hc4052adtr2g tssop?16* 2500 units / tape & reel mc74hc4052adw soic?16 wide 48 units / rail mc74hc4052adwg soic?16 wide (pb?free) 48 units / rail mc74hc4052adwr2 soic?16 wide 1000 units / tape & reel mc74hc4052af soeiaj?16 50 units / rail mc74hc4052afg soeiaj?16 (pb?free) 50 units / rail mc74hc4052afel soeiaj?16 2000 units / tape & reel mc74hc4052afelg soeiaj?16 (pb?free) 2000 units / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb?free.
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 14 ordering information device package shipping ? mc74hc4053an pdip?16 500 units / box mc74hc4053ang pdip?16 (pb?free) 500 units / box mc74hc4053ad soic?16 48 units / rail mc74hc4053adg soic?16 (pb?free) 48 units / rail mc74hc4053adr2 soic?16 2500 units / tape & reel mc74hc4053adr2g soic?16 (pb?free) 2500 units / tape & reel mc74hc4053adt tssop?16* 96 units / rail mc74hc4053adtg tssop?16* 96 units / rail mc74hc4053adtr2 tssop?16* 2500 units / tape & reel mc74hc4053adtr2 tssop?16* 2500 units / tape & reel mc74hc4053adw soic?16 wide 48 units / rail mc74hc4053adwg soic?16 wide (pb?free) 48 units / rail mc74hc4053adwr2 soic?16 wide 1000 units / tape & reel mc74hc4053adwr2g soic?16 wide (pb?free) 1000 units / tape & reel mc74hc4053af soeiaj?16 50 units / rail mc74hc4053afg soeiaj?16 (pb?free) 50 units / rail mc74hc4053afel soeiaj?16 2000 units / tape & reel mc74hc4053afelg soeiaj?16 (pb?free) 2000 units / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb?free.
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 15 package dimensions pdip?16 n suffix case 648?08 issue t soic?16 d suffix case 751b?05 issue j notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of leads when formed parallel. 4. dimension b does not include mold flash. 5. rounded corners optional. ?a? b f c s h g d j l m 16 pl seating 18 9 16 k plane ?t? m a m 0.25 (0.010) t dim min max min max millimeters inches a 0.740 0.770 18.80 19.55 b 0.250 0.270 6.35 6.85 c 0.145 0.175 3.69 4.44 d 0.015 0.021 0.39 0.53 f 0.040 0.70 1.02 1.77 g 0.100 bsc 2.54 bsc h 0.050 bsc 1.27 bsc j 0.008 0.015 0.21 0.38 k 0.110 0.130 2.80 3.30 l 0.295 0.305 7.50 7.74 m 0 10 0 10 s 0.020 0.040 0.51 1.01     notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 18 16 9 seating plane f j m r x 45  g 8 pl p ?b? ?a? m 0.25 (0.010) b s ?t? d k c 16 pl s b m 0.25 (0.010) a s t dim min max min max inches millimeters a 9.80 10.00 0.386 0.393 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.229 0.244 r 0.25 0.50 0.010 0.019 
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 16 tssop?16 dt suffix case 948f?01 issue a ??? ??? ??? dim min max min max inches millimeters a 4.90 5.10 0.193 0.200 b 4.30 4.50 0.169 0.177 c ??? 1.20 ??? 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.18 0.28 0.007 0.011 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash. protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ?w?.  section n?n seating plane ident. pin 1 1 8 16 9 detail e j j1 b c d a k k1 h g s u 0.15 (0.006) t s u 0.15 (0.006) t s u m 0.10 (0.004) v s t 0.10 (0.004) ?t? ?v? ?w? 0.25 (0.010) 16x ref k n n soic?16 wide dw suffix case 751g?03 issue c d 14x b 16x seating plane s a m 0.25 b s t 16 9 8 1 h x 45  m b m 0.25 h 8x e b a e t a1 a l c  notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not inlcude mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable dambar protrusion shall be 0.13 total in excess of the b dimension at maximum material condition. dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 10.15 10.45 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90 q 0 7  
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 17 package dimensions soeiaj?16 f suffix case 966?01 issue o h e a 1 dim min max min max inches ??? 2.05 ??? 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 ??? 0.78 ??? 0.031 a 1 h e q 1 l e  10  0  10  l e q 1  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). m l detail p view p c a b e m 0.13 (0.005) 0.10 (0.004) 1 16 9 8 d z e a b c d e e l m z
MC74HC4051A, mc74hc4052a, mc74hc4053a http://onsemi.com 18 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 MC74HC4051A/d literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC74HC4051A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X