Part Number Hot Search : 
BR401 AS1520 SB32011 33079 FCT16 A1220 74ACQ240 KF80B
Product Description
Full Text Search
 

To Download MAX15006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  general description the MAX15006/max15007 ultra-low quiescent-current linear regulators are ideal for use in automotive and battery-operated systems. these devices operate from an input voltage of 4v to 40v, deliver up to 50ma of out- put current, and consume only 10? of quiescent cur- rent at no load. the internal p-channel pass device keeps the quiescent current low even at full load. the max15007 consumes only 3? current when in shut- down. the MAX15006a/max15007a have a fixed 3.3v output while the MAX15006b/max15007b have a fixed 5v out- put voltage. the max15007 includes an enable input to turn the device on or off. all devices are short-circuit protected and include thermal shutdown. the MAX15006/max15007 operate over the -40? to +125? automotive temperature range. these devices are available in space-saving 3mm x 3mm 6-pin tdfn and 8-pin so thermally enhanced packages. applications automotive tire-pressure monitoring industrial telecom networking features  wide operating input voltage range (4v to 40v)  guaranteed 50ma output current  low quiescent current 10? (no load) and 90? (full load)  operates through cold-crank condition  withstands 45v load dump  low dropout voltage of 300mv (MAX15006b/max15007b)  stable operation with tiny 2.2? output capacitor  enable input (max15007)  preset 3.3v and 5.0v output voltages  thermal and short-circuit protection  -40? to +125? operating temperature range  thermally enhanced 3mm x 3mm 6-pin tdfn/ 8-pin so packages MAX15006/max15007 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so ________________________________________________________________ maxim integrated products 1 in out gnd n.c. in out MAX15006a MAX15006b 123 *ep 654 tdfn + + top view n.c. gnd *exposed pad *ep n.c. 1 2 8 7 out n.c. n.c. n.c. in so 3 4 6 5 max 15006a MAX15006b pin configurations 19-0663; rev 0; 10/06 for pricing, delivery, and ordering information, please contact maxim/dallas direct! at 1-888-629-4642, or visit maxim? website at www.maxim-ic.com. pin configurations continued at end of data sheet. ordering information ordering information continued at end of data sheet. note: all devices are specified over the -40? to +125? oper- ating temperature range. + denotes lead-free package. * ep = exposed pad. part pin- package top mark pkg code MAX15006 aasa+ 8 so-ep* s8e-12 MAX15006aatt+ 6 tdfn-ep* ape t633-2 MAX15006basa+ 8 so-ep* s8e-12 MAX15006batt+ 6 tdfn-ep* apf t633-2
MAX15006/max15007 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so 2 _______________________________________________________________________________________ absolute maximum ratings electrical characteristics (v in = 14v, i out = 1ma, c in = 0.1?, c out = 2.2?, t a = t j = -40? to +125?, unless otherwise noted. typical specifications are at t a = +25?.) (note 1) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specificatio ns is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. in to gnd ...............................................................-0.3v to +45v en to gnd..............................................................-0.3v to +45v out to gnd ...........................................................-0.3v to +12v out short-circuit duration ........................................continuous maximum current into any pin (except in and out) ......?0ma continuous power dissipation (t a = +70?) 6-pin tdfn-ep (derate 23.8mw/? above +70?) .......1904mw* 8-pin so-ep (derate 23.3mw/? above +70?) .........1860mw* thermal resistance ja , 6-pin tdfn ...........................................................42?/w jc , 6-pin tdfn ..........................................................8.5?/w ja , 8-pin so-ep ..........................................................43?/w jc , 8-pin so-ep ............................................................7?/w operating temperature range .........................-40? to +125? junction temperature ......................................................+150? storage temperature range .............................-65? to +150? lead temperature (soldering, 10s) .................................+300? parameter symbol conditions min typ max units input voltage range v in 440v i out = 0 (MAX15006) 10 17 i out = 0 (max15007) 11 18 i out = 100? (MAX15006) 10.5 18 i out = 100? (max15007) 11.5 19 i out = 1ma (MAX15006) 12 20 i out = 1ma (max15007) 13 21 i out = 50ma (MAX15006) 90 150 ground current i gnd regulator on, measured at gnd i out = 50ma (max15007) 93 150 ? shutdown supply current i shdn regulator off (max15007 only) 3 5 ? regulator guaranteed output current i out v in v out + v do 50 ma MAX15006a/max15007a 3.25 3.3 3.35 output voltage v out i out = 1ma (note 2) MAX15006b/max15007b 4.925 5.0 5.075 v i out = 5ma, MAX15006b/max15007b 30 53 i out = 50ma, MAX15006b/max15007b 300 525 dropout voltage (notes 3, 4) v do i out = 50ma, MAX15006a/max15007a 700 mv line regulation 6v v in 35v, i out = 1ma 0.25 % load regulation v in = v out + 3v, i out = 100? to 50ma 0.7 1.5 % *as per jedec51 standard (multilayer board).
MAX15006/max15007 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so _______________________________________________________________________________________ 3 note 1: limits at -40? are guaranteed by design. note 2: output voltage regulation is guaranteed for i out 5?. note 3: dropout voltage is defined as (v in - v out ) when v out is 2% below the value of v out when v in = v out + 3v. note 4: for v out = 3.3v, the 700mv dropout indicates v out does not reach 2% below v out at v in = v out + 3v at minimum 4v input voltage. note 5: enable to regulation time is the time the output takes to reach 95% of its final value with v in = 14v and en is taken from v il to v ih in 5ns. electrical characteristics (continued) (v in = 14v, i out = 1ma, c in = 0.1?, c out = 2.2?, t a = t j = -40? to +125?, unless otherwise noted. typical specifications are at t a = +25?.) (note 1) parameter symbol conditions min typ max units output current limit 80 350 ma v out = 3.3v 115 output voltage noise 100hz to 100khz, i out = 50ma, c out = 2.2? v out = 5v 179 ? rms power-supply rejection ratio psrr f = 100hz, v in_ripple = 500mv p-p , i out = 50ma 66 db enable logic v il 0.4 enable threshold voltage v ih 1.4 v enable threshold hysteresis 60 mv enable pulldown current internally pulled down to gnd 0.5 ? enable to regulation time (note 5) 0.4 2 ms thermal shutdown thermal shutdown t shdn junction temperature rising +165 ? thermal shutdown hysteresis t hyst 20 ?
MAX15006/max15007 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so 4 _______________________________________________________________________________________ typical operating characteristics (v in = 14v, c in = 0.1?, c out = 2.2?, v en = v in , t a = +25?, unless otherwise noted.) output voltage vs. input voltage (MAX15006a/max15007a) MAX15006 toc01 v in (v) v out (v) 35 30 20 25 10 15 5 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3.3 3.0 3.6 0 040 i out = 0 output voltage vs. input voltage (MAX15006b/max15007b) MAX15006 toc02 v in (v) v out (v) 35 30 20 25 10 15 5 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 0 040 i out = 0 output voltage vs. temperature (MAX15006a/max15007a) MAX15006 toc03 temperature ( c) v out (v) 125 100 50 75 0 25 -25 3.18 3.21 3.24 3.27 3.30 3.33 3.36 3.39 3.42 3.45 3.15 -50 150 i out = 50ma i out = 1ma output voltage vs. temperature (MAX15006b/max15007b) MAX15006 toc04 temperature ( c) v out (v) 125 100 50 75 0 25 -25 4.80 4.85 4.90 4.95 5.00 5.05 5.10 5.15 5.20 5.25 4.75 -50 150 i out = 50ma i out = 1ma dropout voltage vs. load current (MAX15006b/max15007b) MAX15006 toc05 i out (ma) v dropout (mv) 35 30 45 40 20 25 10 15 5 50 100 150 200 250 300 350 400 450 500 0 050 t a = +125 c t a = +25 c t a = -40 c ground current vs. load current (MAX15006b/max15007b) MAX15006 toc06 i out (ma) i gnd ( a) 35 30 45 40 20 25 10 15 5 10 20 30 40 50 60 70 80 90 100 0 050 t a = +125 c t a = +25 c t a = -40 c ground current vs. temperature (i out = 0) MAX15006 toc07 temperature ( c) i gnd ( a) 125 100 50 75 025 -25 2 4 6 8 10 12 14 16 18 0 -50 150 v in = +6v v in = +14v v in = +40v ground current vs. temperature (i out = 50ma) MAX15006 toc08 temperature ( c) i gnd ( a) 125 100 50 75 025 -25 91 92 93 94 95 96 97 98 99 100 90 -50 150 shutdown supply current vs. temperature MAX15006 toc09 temperature ( c) i shdn ( a) 125 100 50 75 025 -25 1 2 3 4 5 6 7 8 9 10 0 -50 150 v in = +40v v in = +14v v in = +6v
MAX15006/max15007 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so _______________________________________________________________________________________ 5 ground current distribution (t a = -40 c) MAX15006 toc10 i gnd ( a) number of units 10.9 10.8 10.7 10.6 10.5 3 6 9 12 15 18 21 24 27 0 10.4 11.0 max15007, i out = 0 50 units tested ground current distribution (t a = +25 c) MAX15006 toc11 i gnd ( a) number of units 11.3 11.2 11.1 11.0 10.9 3 6 9 12 15 18 21 24 27 0 10.8 11.4 max15007, i out = 0 50 units tested ground current distribution (t a = +125 c) MAX15006 toc12 i gnd ( a) number of units 12.0 11.9 11.8 11.7 3 6 9 12 15 18 21 24 27 0 11.6 12.1 max15007, i out = 0 50 units tested load-transient response (MAX15006b/max15007b) MAX15006 toc13 400 s/div v out ac-coupled 200mv/div 50ma i out 1ma input-voltage step response (MAX15006b/max15007b, i out = 1ma) MAX15006 toc14 400 s/div 18v v in 14v v out ac-coupled 100mv/div startup response MAX15006 toc15 200 s/div v in 5v/div v out 2v/div MAX15006b/max15007b i out = 1ma enable startup response MAX15006 toc16 400 s/div en 1v/div v out 2v/div MAX15006b/max15007b i out = 0 enable startup response MAX15006 toc17 400 s/div en 1v/div v out 2v/div MAX15006b/max15007b i out = 50ma enable startup response MAX15006 toc18 400 s/div en 1v/div v out 2v/div MAX15006b/max15007b v in = 40v, i out = 0 typical operating characteristics (continued) (v in = 14v, c in = 0.1?, c out = 2.2?, v en = v in , t a = +25?, unless otherwise noted.)
MAX15006/max15007 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so 6 _______________________________________________________________________________________ enable startup response MAX15006 toc19 400 s/div en 1v/div v out 2v/div MAX15006b/max15007b v in = 40v, i out = 50ma power-supply rejection ratio vs. frequency MAX15006 toc20 frequency (khz) psrr (db) 100 110 0.1 -90 -80 -70 -60 -50 -40 -30 -20 -10 0 -100 0.01 1000 i out = 50ma c out = 2.2 f c out = 10 f output-noise spectral density vs. frequency MAX15006 toc21 frequency (khz) output-noise spectral density ( v/ hz) 110 0.1 0.1 1 10 0.01 0.01 100 MAX15006a/max15007a i out = 50ma output-noise spectral density vs. frequency MAX15006 toc22 frequency (khz) 110 0.1 0.1 1 10 0.01 0.01 100 MAX15006b/max15007b i out = 50ma output-noise spectral density ( v/ hz) output voltage noise vs. load current MAX15006 toc23 i out (ma) e n ( v rms ) 40 35 25 30 15 10 20 5 15 30 45 60 75 90 105 120 135 150 0 050 45 MAX15006a/max15007a typical operating characteristics (continued) (v in = 14v, c in = 0.1?, c out = 2.2?, v en = v in , t a = +25?, unless otherwise noted.)
MAX15006/max15007 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so _______________________________________________________________________________________ 7 output voltage noise vs. output capacitance MAX15006 toc24 c out ( f) e n ( v rms ) 14 12 810 46 2 15 30 45 60 75 90 105 120 135 150 0 022 18 16 20 MAX15006a/max15007a i out = 25ma clamped load dump (i out = 0) MAX15006 toc25 100ms/div 40v v in 13.5v v out ac-coupled 20mv/div typical operating characteristics (continued) (v in = 14v, c in = 0.1?, c out = 2.2?, v en = v in , t a = +25?, unless otherwise noted.) pin description pin MAX15006 max15007 tdfn so tdfn so name function 1, 2 1 1, 2 1 in regulator supply input. supply voltage ranges from 4v to 40v. bypass with a 0.1? capacitor to gnd. 3 2, 3, 4, 6, 7 2, 4, 6, 7 n.c. no connection. not internally connected. 4 5 4 5 gnd ground 5, 6 8 5, 6 8 out regulator output. bypass out to gnd with a low-esr capacitor with a minimum 2.2?. 3 3 en active-high enable input. force en high (or connect to v in ) to turn the regulator on. pull en low (or leave unconnected) to place the device in a low-power shutdown mode. en is internally pulled down to gnd through a 0.5? sink current. ep ep ep ep ep exposed pad. internally connected to gnd. connect ep to the ground plane for enhanced thermal performance. do not use ep as a ground connection.
MAX15006/max15007 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so 8 _______________________________________________________________________________________ 8 _______________________________________________________________________________________ MAX15006 fet driver with current limit thermal sensor 1.242v ref error amplifier + - out in gnd figure 1. MAX15006 simplified functional diagram functional diagrams max15007 fet driver with current limit thermal sensor control logic 1.242v ref error amplifier + - out in en gnd figure 2. max15007 simplified functional diagram
MAX15006/max15007 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so _______________________________________________________________________________________ 9 detailed description the MAX15006/max15007 high-voltage linear regula- tors operate over a 4v to 40v input voltage range. these devices guarantee 50ma load drive, and offer preset output voltages of +3.3v or +5v. thermal shut- down and short-circuit protection prevent damage dur- ing overtemperature and overcurrent conditions. the max15007 includes an enable input (en) allowing the regulators to be turned on/off using a logic-level volt- age. driving en high turns on the device while driving en low places the device in a low-power shutdown mode. in shutdown, the supply current is reduced to 3? (typ). the MAX15006/max15007 operate over the -40c to +125? automotive temperature range. all devices are available in thermally enhanced 6-pin tdfn and 8-pin so packages capable of dissipating 1.904w and 1.860w at t a = +70?, respectively. regulator the regulator accepts an input voltage from 4v to 40v. the MAX15006a/max15007a have a fixed 3.3v output voltage while the MAX15006b/max15007b offer a fixed 5v output voltage. en input (max15007 only) en is an active-high, logic-level enable input that turns the device on or off. drive en high to turn the device on. an internal 0.5? pulldown current keeps the max15007 in shutdown mode when driven by a three- state driver in high-impedance mode, or an open-drain driver. while in shutdown, the device consumes only 3? (typ). en withstands voltages up to 40v, allowing it to be driven by high input level voltages or connected to in for always-on operation. thermal protection when the junction temperature exceeds +165?, an internal thermal sensor turns the pass transistor off, and allows the device to cool. the thermal sensor turns the pass transistor on again after the junction temperature cools by 20?. this results in a cycled output during continuous thermal-overload conditions. thermal pro- tection protects the MAX15006/max15007 in the event of fault conditions. operation at t j = +150? without going into thermal shutdown is not guaranteed. use figures 3a and 3b to determine the minimum guaran- teed output current. output short-circuit current limit the MAX15006/max15007 feature a 175ma current limit. the output can be shorted to gnd for an indefi- nite period of time without damage to the device. during a short circuit, the power dissipated across the pass transistor can quickly heat the device. when the die temperature reaches +165?, the MAX15006/ max15007 shut down and automatically restart after the die temperature cools by 20?. _______________________________________________________________________________________ 9 MAX15006 fig03a ambient temperature ( c) output current (ma) 125 120 110 115 90 95 100 105 85 5 10 15 20 25 30 35 40 45 50 55 0 80 130 v in = 26v, v out = 5v v in = 18v, v out = 5v v in = 18v, v out = 3.3v v in = 26v, v out = 3.3v figure 3a. minimum output current vs. ambient temperature (6-pin tdfn-ep) MAX15006 fig03b ambient temperature ( c) output current (ma) 125 120 110 115 90 95 100 105 85 5 10 15 20 25 30 35 40 45 50 55 0 80 130 v in = 26v, v out = 5v v in = 18v, v out = 5v v in = 18v, v out = 3.3v v in = 26v, v out = 3.3v figure 3b. minimum output current vs. ambient temperature (8-pin so-ep)
MAX15006/max15007 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so 10 ______________________________________________________________________________________ applications information available output current calculation the MAX15006/max15007 provide up to 50ma of con- tinuous output current. the input voltage range extends to 40v. package power dissipation limits the amount of output current available for a given input/output voltage and ambient temperature. figure 4 shows the maximum allowable power dissipation for these devices to keep the junction temperature below +150?. figure 4 assumes that the exposed metal pad of the MAX15006/max15007 is soldered to 1in 2 of pcb copper. use figure 4 to determine the allowable package dissi- pation for a given ambient temperature. alternately, use the following formulas to calculate the allowable pack- age dissipation. for the tdfn package: for the so-ep package: after determining the allowable package dissipation, calculate the maximum allowable output current, with- out exceeding the +150? junction temperature, using the following formula: the above equations do not include the negligible power dissipation from self-heating due to the ic ground current. example 1 (tdfn package): t a = +125? v in = 26v v out = 3.3v calculate the maximum allowable package dissipation at the given temperature as follows: and establish the maximum output current: example 2 (tdfn package): t a = +85? v in = 14v v out = 5v calculate the maximum allowable package dissipation at the given temperature as follows: p 1.9048w 0.0238 w c 85 c 70 c 1.5478w d =? ? () = i 595.8mw 26v 3.3v 26.2ma out(max) = ? = p 1.9048w 0.0238 w c 125 c 70 c 595.8mw d =? ? () = i p vv 50ma out(max) d in out = ? p d . . . = + ? () + < + ? ? ? ? ? ? ? ? ? ? 1 8605 70 1 8605 0 0233 70 70 125 w for t c w w c x t c for c t c a aa p d . . . = + ? () + < + ? ? ? ? ? ? ? ? ? ? 1 9048 70 1 9048 0 0238 70 70 125 w for t c w w c x t c for c t c a aa MAX15006 fig04 temperature ( c) p d (w) 140 120 100 40 60 80 20 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 0 0 1.9408w (6-pin tdfn) 1.8605w (8-pin so-ep) derate 23.8mw/ c derate 23.3mw/ c figure 4. calculated maximum power dissipation vs. ambient temperature
MAX15006/max15007 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so ______________________________________________________________________________________ 11 then determine the maximum output current: example 3 (tdfn package): t a = +50? v in = 9v v out = 5v calculate the maximum allowable package dissipation at the given temperature as follows: p d = 1.9048w find the maximum output current: in examples 2 and 3, the maximum output current is calculated as 172ma and 476ma, respectively; howev- er, the allowable output current cannot exceed 50ma. alternately, use figures 5a and 5b to quickly determine the maximum allowable output current for selected ambient temperatures and input voltages. output-capacitor selection and regulator stability for stable operation over the full temperature range and with load currents up to 50ma, use a low-esr 2.2? (min) ceramic or tantalum output capacitor. use larger output-capacitor values such as 22? to reduce noise, improve load-transient response, and power- supply rejection. some ceramic dielectrics exhibit large capacitance and esr variations with temperature. ensure the mini- mum capacitance under worst-case conditions does not drop below 1.3? to ensure output stability. with an x7r dielectric, 2.2? should be sufficient at all operat- ing temperatures. i 1.9048w 9v 5v 476ma out(max) () = ? =? = ima out max 50 i 1.5478w 14v 5v 172ma out(max) () = ? =? = ima out max 50 MAX15006 fig05a v in (v) i out(max) (ma) 35 30 20 25 10 15 5 5 10 15 20 25 30 35 40 45 50 55 60 0 040 t a = +85 c t a = +70 c t a = +125 c v out = 5v 6-pin tdfn figure 5a. calculated maximum output current vs. input voltage (6-pin tdfn-ep) MAX15006 fig05b v in (v) i out(max) (ma) 35 30 20 25 10 15 5 5 10 15 20 25 30 35 40 45 50 55 60 0 040 t a = +85 c t a = +70 c t a = +125 c v out = 5v 8-pin so-ep figure 5b. calculated maximum output current vs. input voltage (8-pin so-ep)
MAX15006/max15007 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so 12 ______________________________________________________________________________________ part enable input fixed output voltage (v) top mark pin-package MAX15006aasa+ 3.3 8 so-ep MAX15006aatt+ 3.3 ape 6 tdfn-ep MAX15006basa+ 5 8 so-ep MAX15006batt+ 5 apf 6 tdfn-ep max15007aasa+ 3.3 8 so-ep max15007aatt+ 3.3 apg 6 tdfn-ep max15007basa+ 5 8 so-ep max15007batt+ 5 aph 6 tdfn-ep selector guide top view in out gnd en in out max15007a max15007b 123 654 tdfn + + n.c. gnd *exposed pad *ep *ep n.c. 1 2 8 7 out n.c. n.c. en in so 3 4 6 5 max 15007a max15007b pin configurations (continued) ordering information (continued) note: all devices are specified over the -40? to +125? oper- ating temperature range. + denotes lead-free package. * ep = exposed pad. part pin- package top mark pkg code max15007 aasa+ 8 so-ep* s8e-12 max15007aatt+ 6 tdfn-ep* apg t633-2 max15007basa+ 8 so-ep* s8e-12 max15007batt+ 6 tdfn-ep* aph t633-2 chip information process: bicmos
MAX15006/max15007 package information (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation, go to www.maxim-ic.com/packages .) 6, 8, &10l, dfn thin.eps h 1 2 21-0137 package outline, 6,8,10 & 14l, tdfn, exposed pad, 3x3x0.80 mm 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so ______________________________________________________________________________________ 13
MAX15006/max15007 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so 14 ______________________________________________________________________________________ common dimensions symbol min. max. a 0.70 0.80 d 2.90 3.10 e 2.90 3.10 a1 0.00 0.05 l 0.20 0.40 pkg. code n d2 e2 e jedec spec b [(n/2)-1] x e package variations 0.25 min. k a2 0.20 ref. 2.300.10 1.500.10 6 t633-1 0.95 bsc mo229 / weea 1.90 ref 0.400.05 1.95 ref 0.300.05 0.65 bsc 2.300.10 8 t833-1 2.00 ref 0.250.05 0.50 bsc 2.300.10 10 t1033-1 2.40 ref 0.200.05 - - - - 0.40 bsc 1.700.10 2.300.10 14 t1433-1 1.500.10 1.500.10 mo229 / weec mo229 / weed-3 0.40 bsc - - - - 0.200.05 2.40 ref t1433-2 14 2.300.10 1.700.10 t633-2 6 1.500.10 2.300.10 0.95 bsc mo229 / weea 0.400.05 1.90 ref t833-2 8 1.500.10 2.300.10 0.65 bsc m o229 / weec 0.300.05 1.95 ref t833-3 8 1.500.10 2.300.10 0.65 bsc m o229 / weec 0.300.05 1.95 ref -drawing not to scale- h 2 2 21-0137 package outline, 6,8,10 & 14l, tdfn, exposed pad, 3x3x0.80 mm 2.300.10 mo229 / weed-3 2.00 ref 0.250.05 0.50 bsc 1.500.10 10 t1033-2 package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation, go to www.maxim-ic.com/packages .)
MAX15006/max15007 40v, ultra-low quiescent-current linear regulators in 6-pin tdfn/8-pin so maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circu it patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 408-737-7600 ____________________ 15 2006 maxim integrated products is a registered trademark of maxim integrated products, inc. heaney package information (continued) (the package drawing(s) in this data sheet may not reflect the most current specifications. for the latest package outline info rmation, go to www.maxim-ic.com/packages .) 8l, soic exp. pad.eps c 1 1 21-0111 package outline 8l soic, .150" exposed pad


▲Up To Search▲   

 
Price & Availability of MAX15006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X