Part Number Hot Search : 
29050 C1403 MMBT555 N5227 AD712TQ LS161 P1020 203D5
Product Description
Full Text Search
 

To Download LB104V03-A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification 1 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 specification for approval 10.4 ? vga tft lcd title model buyer *when you obtain standard approval, please use the above model name without suffix lb104v03 *model a1 suffix lg.philips lcd co., ltd. supplier please return 1 copy for your confirmation with your signature and comments. / / / date signature products engineering dept. lg. philips lcd co., ltd s. h. park / engineer s. d. cho / engineer prepared by s. c. won / g. manager k. k. jang / g. manager reviewed by s.h. kang / g.manager date signature ) ) ( ( final specification v preliminary specification
product specification 2 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 contents 23 precautions 9 10 7 interface connections 3 - 2 color input data refernece 3 - 5 22 designation of lot mark 8 - 1 22 packing form 8 - 2 packing 8 25 appendix. incoming inspection standard a 21 emc 7 - 2 1 cover 2 contents 3 record of revisions 4 general description 1 5 absolute maximum ratings 2 electrical specifications 3 6 electrical charactreistics 3 - 1 9 signal timing specifications 3 - 3 9 signal timing waveforms 3 - 4 11 power sequence 3 - 6 12 optical sfecifications 4 16 mechanical characteristics 5 20 reliablity 6 international standards 7 21 safety 7 - 1 page item no
product specification 3 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 record of revisions note change vi bration test condition 21 oct. 10. 2003 1.1 changing mechanical drawing 19 version 1.0(final specification) - sep. 01. 2003 1.0 insert min value of surface luminance, white (320) 13 weight 500 490g 17 insert note 7 item (.. external inverter for 2 ccfls .) 7 changing connector marker hirose or equivalent - > hirose,lg cable or equivalent 7 weight 500g 490g(max) 4 aug. 19. 2003 0.3 insert min value of operating voltage (455 vrms ,7.0 marms ) 6 changing mechanical drawing 19 half sine wave, 100g 120g, 6ms 2ms 20 weight 480g 500g 17 changing mechanical drawing 18 changing color coordinates 13 weight 480g 500g(max) 4 jul. 22. 2003 0.2 first draft (preliminary) - mar. 14. 2003 0.1 description page revision date revision no
product specification 4 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 1. general description general features 6 - bit, 262,144 colors color depth 640 horiz . by 480 vert . pixels rgb strip arrangement pixel format 400 cd/m 2 ( typ .) lamp ass ? y replaceable luminance, white 6.3 watt( typ .) power consumption 490g (max.) weight transmissive mode, normally white display operating mode hard coating(3h) anti - glare treatment of the front polarizer surface treatment 0.33 mm 0.33 mm pixel pitch 236(h) 180(v) 10(d) mm outline dimension 10.4 inches(26.42cm) diagonal active screen size the lb104v03 - a1 is a color active matrix liquid crystal display with an integ ral cold cathode fluorescent lamp (ccfl) backlight system. the matrix employs a - si thin film transistor as the active element. it is a transmissive type display operating in the normally white mode. this tft - lcd has 10.4 inches diagonally measured active display area with vga resolution(480 vertical by 640 horizontal pixel array). each pixel is divided into red, green and blue sub - pixels or dots which are arranged in vertical stripes. gray scal e or the brightness of the sub - pixel color is determined with a 6 - bit gray scale signal for each dot, thus, presenting a palette of more than 262,144 colors. the lb104v03 - a1 is intended to support applications where thin thickness, low power are critical factors and graphic displays are important. in combination with the vert ical arrangement of the sub - pixels, the lb104v03 - a1 characteristics provide an excellent flat display for office automation products such as notebook pc. input connector power supply timing controller source drive circuit tft - lcd (640 x 3 x 480) gate drive circuit power (v dd ,gnd) display data & timing signal g1 g2 g479 g480 d1 d2 d1919 d1920 lamp2 v bl gnd cn3 lamp1 v bl cn2 gnd cn1
product specification 5 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 2. absolute maximum ratings the following are maximum values which, if exceeded, may cause f aulty operation or damage to the unit. table 1. absolute maximum ratings storage operation 10 20 30 40 50 60 70 80 0 - 20 dry bulb temperature [ ? ] 10 % 20 % 40 % 60 % 90% 80% 0 10 20 30 40 50 60 wet bulb temperature [ c ] humidity[(%)rh] units 1 %rh 90 10 h op operating ambient humidity 1 %rh 90 10 h st storage humidity 1 c 60 - 20 t st storage temperature 1 c 50 0 t op operating temperature at 25 5 c vdc 4.0 - 0.3 vcc power input voltage max min parameter notes values symbol note : 1. temperature and relative humidity range are shown in t he figure below. wet bulb temperature should be 39 c max, and no condensation of water.
product specification 6 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 3. electrical specifications 3 - 1. electrical characteristics the lb104v03 - a1 requires two power inputs. one is employed to power the lcd electronics and to drive the tft array and liquid crystal. the second input which powers the ccfl, is typically generated by an inverter. the inverter is an external unit to the lcd. table 2. electrical characteristics 7 watt 6.4 5.8 - p bl power consumption 6 min 3 - - ts discharge stabilization time at 0 c at 25 c v rms 940 - - 5 khz 80 55 40 f bl operating frequency 4 vs established starting voltage v rms 750 - - 2 v rms 625 (2.0 marms ) 485 (6.0 marms ) 455 (7.0 marms ) v bl operating voltage 3 ma rms 7.0 6.0 2.0 i bl operating current lamp : 1 watt 0.66 0.58 - pc power consumption vdc 3.6 3.3 3.0 vcc power supply input voltage 1 ma 200 175 - i cc power supply input current 8 hrs - - 40,000 life time module : parameter symbol max typ min notes unit values note) the design of the inverter must have specifications for the la mp in lcd assembly. the performance of the lamp in lcm, for example life time or brightness, is extr emely influenced by the characteristics of the dc - ac inverter. so all the parameters of an inverter should be care fully designed so as not to produce too much leakage current from high - voltage output of the inverter. when you design or order the inv erter, please make sure unwanted lighting caused by the mismatch of the lamp a nd the inverter(no lighting, flicker, etc) never occurs. when you confirm it, the lcd assembly should be op erated in the same condition as installed in your instrument. 1. vcc=3.3v, 25 c , f v (frame frequency) = 60hz condition, whereas full black pattern i s displayed. 2. the variance of the voltage is 10%. 3. the typical operating current is for the typical surface luminance (l wh ) in optical characteristics . 4. the voltage above vs should be applied to the lamps for mo re than 1 second for start - up. otherwise, the lamps may not be turned on. the used lamp current is the lamp typical current.
product specification 7 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 5. the output of the inverter must have symmetrical(negative and positive) voltage waveform and symmetrical current waveform.(unsymmetrical ratio is less than 10%) please do not use the inverter which has unsymmetrical voltage and unsymmetrical current and spike wave. lamp frequency may produce interference with horizontal sy nchronous frequency and as a result this may cause beat on the display. therefore lamp frequency sh all be as away possible from the horizontal synchronous frequency and from its harmonics in order to p revent interference. 6. let ? s define the brightness of the lamp after being lighted for 5 mi nutes as 100%. t s is the time required for the brightness of the center of the la mp to be not less than 95%. 7. the lamp power consumption shown above does not include loss of external inverter for 2 ccfls . the used lamp current is the lamp typical current. 8. the life time is determined as the time at which brightness of the lamp is 50% compared to that of initial value at the typical lamp current on condition of continuou s operating at 25 2 c. * requirements for a system inverter design, which is intended t o have a better display performance, a better power efficiency and a more reliable lamp, are follo wing. it shall help increase the lamp lifetime and reduce leakage current. a. the asymmetry rate of the inverter waveform sho uld be less than 10%. b. the distortion rate of the waveform should be w ithin ? 2 10%. * inverter output waveform had better be more simi lar to ideal sine wave. * do not attach a conducting tape to lamp connecting wire. if the lamp wire attach to a conducting tape, tft - lcd module has a low luminance and the inverter has abnormal action. because leakage current is occurr ed between lamp wire and conducting tape. i p i - p * asymmetry rate: | i p ? i ? p | / i rms * 100% * distortion rate i p (or i ? p ) / i rms 3 - 2. interface connections this lcd employs three interface connections, a 30 pin connector is used for the module electronics interface and the other connectors are used for the integral backlight sys tem. the electronics interface connector is a model kn10g - 30s - 1h manufactured by hirose, gt101 - 30s - h16 manufactured by lg cable or equivalent. (mating connector: fi - x30m manufactured by jae) table 3. module connector pin configuration (cn1)
product specification 8 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 blue data b4 28 blue data b3 27 blue data b2 26 blue data b1 25 ground gnd 23 green data g5 22 green data g4 21 green data g3 20 green data g2 19 green data g1 18 green data g0 17 ground gnd 16 red data r5 15 red data r4 14 blue data b5 29 blue data b0 24 red data r3 13 red data r2 12 red data r1 11 red data r0 10 ground gnd 9 power (3.3v) vcc 2 power (3.3v) vcc 3 ground gnd 4 data clock dclk 5 data enable dtmg 6 vertical sync vsync 7 horizontal sync hsync 8 ground gnd 30 notes description symbol pin gnd ground 1 red data least significant bit (lsb) red data most significant bit (msb) green data least significant bit (lsb) green data most significant bit (msb) blue data most significant bit (msb) blue data least significant bit (lsb) [ i/f pin arrangement ] rear view pwb 1 30 the backlight interface connector is a model bhsr - 02vs - 1, manufactured by jst. the mating connector part number is sm02b - bhss - 1 or equivalent. pin 1 symbol notes hv description high voltage (pink color) low voltage (white color) 2 lv - - pleas refer to page 19, for detail
product specification 9 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 3 - 3. signal timing specifications table 5. timing table t hp 560 525 515 t vp period t hp - - 5 t vbp vertical back porch - - 12 t hfp horizontal front porch for dclk ns - - 6 t si setup time de - - 1 t hi hold time ns 30 - - t ir , t if rise/fall time t clk - - 12 t hbp horizontal back porch - - 1 t vfp vertical front porch for hsync ns - - 0 t sv setup time vsync - - 2 t hv hold time 24 - 2 t wv width_active ns 50 - - t vr , t vf rise/fall time for dclk ns - - 3 t sh setup time hsync - - 8 t hh hold time t clk 900 800 770 t hp period 120 - 12 t wh width_active ns 30 - - t hr , t hf rise/fall time mhz 28 25.1 21 f clk frequency dclk ns - - 8 t wcl width_low - - 5 t wch width_high 25 - - t rclk rise time 25 - - t fclk fall time ns 25 - - t dr , t df rise/fall time - - 3 t hd hold time setup time t sd symbol 6 min. - typ. - max. ns unit for dclk data note item
product specification 10 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 3 - 4. signal timing waveforms t hr , t vr t ir , t d , t sd invalid data invalid data vsync de de hsync vsync hsync dclk de data dclk dclk, hsync , vsync , de, data t clkl t clk t wch t wcl t fclk t rcl k t hd t sd 0.7v cc 0.5v cc 0.3v cc t hi t si t hh t sh t sv t hv t wh t hp t hfp t hbp t vp t wv t vbp t vfp t hf , t vf t if , t df , t hd
product specification 11 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 3 - 5. color input data reference the brightness of each primary color (red,green and blue) is bas ed on the 6 - bit gray scale data input for the color ; the higher the binary input, the brighter the color. th e table below provides a reference for color versus data input. table 6. color data reference 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 green (00) green 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 0 green (01) ? ? ? ... 0 0 0 0 0 0 1 1 1 1 1 0 0 0 0 0 0 0 green (62) 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 green (63) 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 red (00) red 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 red (01) ? ? ? ? 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 0 red (62) 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 red (63) 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 0 blue (01) ? ? ? ? 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 blue (62) 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 blue (63) blue (00) white yellow magenta cyan blue green red black 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 basic color 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 blue msb lsb green msb lsb red msb lsb b5 b4 b3 b2 b1 b0 g5 g4 g3 g2 g1 g0 r5 r4 r3 r2 r1 r0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 blue color input color data
product specification 12 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 3 - 6. power sequence note) 1. please avoid floating state of interface signal at invalid period. 2. when the interface signal is invalid, be sure to pull down the power supply for lcd vcc to 0v. 3. lamp power must be turn on after power supply for lcd and i nterface signal are valid. (ms) - - 400 t 7 (ms) 10 - - t 6 (ms) 50 - 0 t 5 (ms) - - 200 t 4 (ms) - - 200 t 3 (ms) 50 - 0 t 2 (ms) 10 - - t 1 max. typ. min. units value parameter table 7. power sequence table interface signal ( tx ) power for lamp power supply for lcd ( vcc) valid data 10% 10% 10% 10% 90% 90% 0v 0v t7 t6 t5 t2 t1 on off off t3 t4
product specification 13 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 4. optical specification fig. 1 optical characteristic measurement equipment and method table 8. optical characteristics ta=25 c , vcc=3.3v, f v =60hz, dclk = 25.1mhz, v in =3.3v, i l =6.0ma 5 viewing angle color coordinates 4 response time 0.127 0.107 0.087 by 0.315 0.295 0.275 wx white y axis, down ( f =270 ) y axis, up ( f =90 ) x axis, left ( f =180 ) x axis, right( f =0 ) degree - 60 50 q r degree - 60 50 q l degree - 40 35 q u degree - 50 45 q d blue 0.345 0.325 0.305 wy green red decay time rise time 0.315 0.295 0.275 gx 0.587 0.567 0.547 gy 0.654 0.634 0.614 rx 0.371 0.351 0.331 ry ms 25 20 - tr d 3 1.45 1.25 - d white luminance variation 0.166 0.146 0.126 bx ms 8 5 - tr r max typ min 1 - 300 - cr contrast ratio 2 cd/m 2 - 400 320 l wh surface luminance, white parameter symbol notes units values lcd module optical stage(x,y) pritchard 880 or equivalent 50cm optical characteristics are determined after the unit has been ? on ? and stable for approximately 30 minutes in a dark environment at 25 c . the values specified are at an approximate distance 50cm from the lcd surface at a viewing angle of f and q equal to 0 . fig. 1 presents additional information concerning the measuremen t equipment and method.
product specification 14 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 note) 1. contrast ratio(cr) is defined mathematically as surface luminanc e with all white pixels contrast ratio = surface luminanc e with all black pixels 2. surface luminance is the center point across the lcd surf ace 50cm from the surface with all pixels displaying white. for more information see fig 1. 3. the variation in surface luminance , the panel total vari ation ( d white ) is determined by measuring l n at each test position 1 through 5, and then dividing the maximum l n of 5 points luminance by minimum l n of 5 points luminance. for more information see fig 2. d white = maximum(l 1 ,l 2 , ? l 5 ) / minimum(l 1 ,l 2 , ? l 5 ) 4. response time is the time required for the display to tra nsition from white to black (rise time, tr r ) and from black to white(decay time, tr d ). for additional information see fig 3. 5. viewing angle is the angle at which the contrast ratio is greater than 10. the angles are determined for the horizontal or x axis and the vertical or y axis with respect to the z axis which is normal to the lcd surface. for more information see fig 4. 6. gray scale specification * f v =60hz 100 l63 74.0 l55 11.0 l23 22.0 l31 35.5 l39 52.5 l47 4.5 l15 0.8 l7 0.2 l0 luminance [%] ( typ ) gray level
product specification 15 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 fig. 3 response time the response time is defined as the following figure and shall b e measured by switching the input signal for ? black ? and ? white ? . tr r tr d 100 90 10 0 % optical response white black white fig. 2 luminance h v v/4 h,v : active area l4 l5 l1 l2 l3 center point v/2 h/4 h/2
product specification 16 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 fig. 4 viewing angle normal y eye f q f = 0 , right f = 180 , left f = 270 , down f = 90 , up
product specification 17 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 5. mechanical characteristics the contents provide general mechanical characteristics for the model lb104v03 - a1. in addition the figures in the next page are detailed mechanical drawing of the lcd. 158.4 mm vertical hard coating(3h) anti - glare treatment of the front polarizer surface treatment 490(max.) weight 163 0.5mm vertical 180.0 0.5mm vertical max. 10.5mm depth 211.2 mm horizontal active display area 215.6 0.5mm horizontal bezel area 236.0 0.5mm horizontal outline dimension
product specification 18 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 note) unit:[mm], general tolerance: 0.5mm
product specification 19 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 note) unit:[mm], general tolerance: 0.5mm
product specification 20 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 7. international standards 7 - 1. safety a) ul 60950, third edition, underwriters laboratories, inc., dat ed dec. 11, 2000. standard for safety of information technology equipment, includi ng electrical business equipment. b) can/csa c22.2, no. 60950, third edition, canadian standards a ssociation, dec. 1, 2000. standard for safety of information technology equipment, includi ng electrical business equipment. c) en 60950 : 2000, third edition iec 60950 : 1999, third edition european committee for electrotechnical standardization(cenelec) european standard for safety of information technology equipment including electrical business equipment. 7 - 2. emc a) ansi c63.4 ? methods of measurement of radio - noise emissions from low - voltage electrical and electrical equipment in the range of 9khz to 40ghz. ? american national standards institute(ansi), 1992 b) c.i.s.p.r ? limits and methods of measurement of radio interface characteris tics of information technology equipment. ? international special committee on radio interference. c) en 55022 ? limits and methods of measurement of radio interface characteris tics of information technology equipment. ? european committee for electrotechnical standardization.(cenelec), 1998 ( including a1: 2000 )
product specification 21 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 6. reliability environment test condition { result evaluation criteria } there should be no change which might affect the practical disp lay function when the display quality test is conducted under normal operating condition. 0 ~ 10,000 feet (3,048m) 24hr 0 ~ 40,000 feet (12,192m) 24hr altitude operating storage / shipment 7 half sine wave, 120g, 2ms one shock of each six faces shock test (non - operating) 6 random 1.0grms 3axis(x,y,z ), 1hrs/axis bandwidth : 10~500hz vibration test (non - operating) 5 ta= 0 c, 240h low temperature operation test 4 ta= 50 c, 50%rh, 240h high temperature operation test 3 ta= - 20 c, 240h low temperature storage test 2 ta= 60 c, 240h high temperature storage test 1 conditions test item no.
product specification 22 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 serial no. is printed on the label. the label is attached to the backside of the lcd module. this is subject to change without prior notice. 8 - 2. packing form a) package quantity in one box : 10 pcs b) box size :l323mm x w270mm x h262mm 8. packing 8 - 1. designation of lot mark a) lot mark a b c d e f g h i j k l m a,b,c : inch d : year e : month f : panel code g : factory code h : assembly code i,j,k,l,m : serial no note 1. year 2. month mark year 6 2006 2 2002 3 2003 4 2004 5 2005 0 2000 1 2001 7 9 8 7 2007 99 98 97 b nov mark month a oct 6 jun 7 jul 8 aug 9 sep 4 apr 5 may c 4 2 1 dec mar feb jan 5. serial no mark serial no. a0001 ~ a9999, - - - - , z9999 00001 ~ 99999 100,000 ~ 1 ~ 99,999 4. factory code mark factory code c k lpl nanjing lpl gumi 3. panel code 5 p5 factory 4 p4 factory 3 p3 factory h hydis panel 2 p2 factory mark panel code 1 p1 factory
product specification 23 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 9. precautions please pay attention to the followings when you use this tft lcd module. 9 - 1. mounting precautions (1) you must mount a module using holes arranged in four corners or four sides. (2) you should consider the mounting structure so that uneven fo rce (ex. twisted stress) is not applied to the module. and the case on which a module is mounted should have su fficient strength so that external force is not transmitted directly to the module. (3) please attach the surface transparent protective plate to th e surface in order to protect the polarizer. transparent protective plate should have sufficient strengt h in order to the resist external force. (4) you should adopt radiation structure to satisfy the temperat ure specification. (5) acetic acid type and chlorine type materials for the cover c ase are not desirable because the former generates corrosive gas of attacking the polarizer at high tempe rature and the latter causes circuit break by electro - chemical reaction. (6) do not touch, push or rub the exposed polarizers with glass, tweezers or anything harder than hb pencil lead. and please do not rub with dust clothes with c hemical treatment. do not touch the surface of polarizer for bare hand or grea sy cloth.(some cosmetics are detrimental to the polarizer.) (7) when the surface becomes dusty, please wipe gently with abso rbent cotton or other soft materials like chamois soaks with petroleum benzene. normal - hexane is recommended for cleaning the adhesives used to attach front / rear polarizers . do not use acetone, toluene and alcohol because they cause chemical damage to the polarizer. (8) wipe off saliva or water drops as soon as possible. their lo ng time contact with polarizer causes deformations and color fading. (9) do not open the case because inside circuits do not have suf ficient strength. 9 - 2. operating precautions (1) the spike noise causes the mis - operation of circuits. it should be lower than following voltage : v= 200mv(over and under shoot voltage) (2) response time depends on the temperature.(in lower temperatu re, it becomes longer.) (3) brightness depends on the temperature. (in lower temperature , it becomes lower.) and in lower temperature, response time(required time that brightness is stable after turned on) becomes longer. (4) be careful for condensation at sudden temperature change. co ndensation makes damage to polarizer or electrical contacted parts. and after fading condensation, smear or spot will occur. (5) when fixed patterns are displayed for a long time, remnant i mage is likely to occur. (6) module has high frequency circuits. sufficient suppression t o the electromagnetic interference shall be done by system manufacturers. grounding and shielding methods ma y be important to minimized the interference.
product specification 24 / 24 lb104v03 liquid crystal display ver. 1.1 oct. 10, 2003 since a module is composed of electronic circuits, it is not str ong to electrostatic discharge. make certain that treatment persons are connected to ground through wrist band etc . and don ? t touch interface pin directly. 9 - 3. electrostatic discharge control strong light exposure causes degradation of polarizer and color filter. 9 - 4. precautions for strong light exposure 9 - 5. storage (1) the protection film is attached to the bezel with a small m asking tape . when the protection film is peeled off, static electricity is generated between the film and polarizer. this should be peeled off slowly and carefully by people wh o are electrically grounded and with well ion - blown equipment or in such a condition, etc. (2) when the module with protection film attached is stored for a long time, sometimes there remains a very small amount of glue still on the bezel after the prot ection film is peeled off. (3) you can remove the glue easily. when the glue remains on the bezel surface or its vestige is recognized, please wipe them off with absorbent cotton wast e or other soft material like chamois soaked with normal - hexane. 9 - 6. handling precautions for protection film when storing modules as spares for a long time, the following p recautions are necessary. (1) store them in a dark place. do not expose the module to sunl ight or fluorescent light. keep the temperature between 5 c and 35 c at normal humidity. (2) the polarizer surface should not come in contact with any ot her object. it is recommended that they be stored in the container in w hich they were shipped.


▲Up To Search▲   

 
Price & Availability of LB104V03-A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X