Part Number Hot Search : 
27C51 51264 NJM592D8 FC123 2SC828 MMBZ5235 STP413D BD944
Product Description
Full Text Search
 

To Download IHLP2525CZ-01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.vishay.com 12 ihlp-2525cz-01 v ishay dale document number 34104 revision 03-nov-04 for technical questions, contact magnetics@vishay .com low profile, high current inductor features lowest height (3.0mm) in this package footprint. shielded construction. frequency range up to 5.0mhz. lowest dcr/ h, in this package size. handles high transient current spikes without saturation. ultra low buzz noise, due to composite construction. 100% lead (pb)-free and rohs compliant. applications pda/notebook/desktop/server applications. high current pol converters. low profile, high current power supplies. battery powered devices. dc/dc converters in distributed power systems. dc/dc converter for field programmable gate array (fpga). dimensions in inches [millimeters] notes: 1. all test data is referenced to 25 c ambient. 2. operating temperature range - 55 c to + 125 c 3. dc current (a) that will cause an approximate ? t of 40 c. 4. dc current (a) that will cause lo to drop approximately 20% 5. the part temperature (ambient + temp rise) should not exceed 125 c under worst case operating conditions. circuit design, component placement, pwb trace size and thickness, airflow and other cooling provisions all affect the part temperature. part temperature should be verified in the end application. manufactured under one or more of the following: us patents; 6,198,375 / 6,204,744 / 6,449,829 / 6,460,244. several foreign patents, and other patents pending. t ypical pad layout (min.) 0.135 [3.43] 0.290 [7.37] 0.118 [3.0] max. 0.146 [3.71] 0.050 0.012 [1.27 0.30] global part number model size inductance value p ackage code series ihl p 2 5 2 5 c zer 1 r 0m01 inductance t olerance description ihlp-2525cz-01 1.0 h 20% er e3 model inductance inductance package jdec lead free v alue tolerance code standard see the end of this data book for conversion tables 0.125 0.01 [3.18 0.3] lo dcr m ? dcr m ? heat rating saturation inductance typical max current current h 20% 25 c25 c dc amps 3 dc amps 4 @100khz, .25v, 0a typical typical 0.10 1.5 1.7 32.5 60 0.15 1.9 2.5 26 52 0.20 2.4 3.0 24 41 0.22 2.5 2.8 23 40 0.33 3.5 3.9 20 30 0.47 4 4.2 17.5 26 0.68 5 5.5 15.5 25 0.82 6.7 8 13 24 1.0 9 10 11 22 1.5 14 15 9 18 2.2 18 20 8 14 3.3 28 30 6 13.5 4.7 37 40 5.5 10 6.8 54 60 4.5 8 8.2 64 68 4 7.5 10 102 105 3 7.0 standard electrical specifications 0.255 0.010 [6.47 0.254] 0.270 0.015 [6.86 0.381]
www.vishay.com 13 ihlp-2525cz-01 v ishay dale document number 34104 revision 03-nov-04 for technical questions, contact magnetics@vishay .com ihlp-2525cz-01 0.10 h dc current (amps) inductance h performance graphs 40 100 20 60 0.000 80 0 l ? t c 10 0 30 40 20 60 50 0.120 0.100 0.080 0.060 0.040 0.020 temperature ( c) ihlp-2525cz-01 0.15 h dc current (amps) inductance h temperature ( c) ihlp-2525cz-01 0.20 h dc current (amps) inductance h temperature ( c) ihlp-2525cz-01 0.22 h dc current (amps) inductance h 40 100 20 60 0.00 80 0 5 0 15 20 10 25 l ? t c 0.25 0.20 0.15 0.10 0.05 30 35 40 temperature ( c) ihlp-2525cz-01 0.33 h dc current (amps) inductance h temperature ( c) ihlp-2525cz-01 0.47 h dc current (amps) inductance h 0.2 0.3 40 100 20 60 0.0 0.1 80 0 l ? t c 0.4 0.5 0.6 5 0 15 20 10 25 temperature ( c) ihlp-2525cz-01 0.68 h dc current (amps) inductance h 0.2 0.3 40 100 20 60 0.0 80 0 l ? t c 0.4 0.5 0.6 5 0 15 20 10 25 0.1 0.7 0.8 temperature ( c) ihlp-2525cz-01 0.82 h dc current (amps) inductance h temperature ( c) 40 100 20 60 0.0 80 0 l ? t c 0.16 10 0 30 40 20 50 0.14 0.12 0.10 0.08 0.06 0.04 0.02 40 100 20 60 0.00 80 0 5 0 15 20 10 25 l ? t c 0.25 0.20 0.15 0.10 0.05 30 35 40 40 100 20 60 0.00 80 0 l ? t c 5 0 15 20 10 30 25 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.2 0.3 40 100 20 60 0.0 0.1 80 0 l ? t c 0.4 0.5 0.6 10 0 5 20 25 0.7 0.8 0.9 15 low profile, high current inductor
www.vishay.com 14 ihlp-2525cz-01 v ishay dale document number 34104 revision 03-nov-04 for technical questions, contact magnetics@vishay .com ihlp-2525cz-01 1.00 h dc current (amps) inductance h performance graphs 0.4 0.6 40 100 20 60 0.0 0.2 80 0 l ? t c 0.8 1.0 1.2 5 0 15 20 10 temperature ( c) ihlp-2525cz-01 1.5 h dc current (amps) inductance h 0.4 0.6 40 100 20 60 0.0 80 0 l ? t c 0.8 1.0 1.2 2 0 4 6 10 8 0.2 1.4 1.6 18 14 12 16 temperature ( c) ihlp-2525cz-01 2.2 h dc current (amps) inductance h 40 100 20 60 80 0 14 0 12 4 2 10 l ? t c 2.5 8 6 2.0 1.5 1.0 0.0 0.5 temperature ( c) ihlp-2525cz-01 3.3 h dc current (amps) inductance h 40 100 20 60 80 0 l ? t c 2 0 6 8 4 12 10 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 temperature ( c) ihlp-2525cz-01 4.7 h dc current (amps) inductance h 1.0 1.5 40 100 20 60 0.0 0.5 80 0 l ? t c 2.0 2.5 3.0 5 0 2 3 1 6 4 7 8 9 10 3.5 4.0 4.5 5.0 temperature ( c) ihlp-2525cz-01 6.8 h dc current (amps) inductance h 2.0 3.0 40 100 20 60 0.0 1.0 80 0 l ? t c 4.0 5.0 6.0 5 0 2 3 1 6 4 7 8 7.0 8.0 9.0 temperature ( c) ihlp-2525cz-01 8.2 h dc current (amps) inductance h temperature ( c) ihlp-2525cz-01 10.0 h dc current (amps) inductance h 40 100 20 60 80 0 l ? t c 0 4 2 1 3 5 6 7 8.0 6.0 4.0 2.0 10.0 0.0 temperature ( c) 4.0 5.0 40 100 20 60 0.0 80 0 l ? t c 6.0 7.0 8.0 1 0 2 3 5 4 3.0 9.0 9 7 6 8 2.0 1.0 low profile, high current inductor


▲Up To Search▲   

 
Price & Availability of IHLP2525CZ-01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X