Part Number Hot Search : 
2SC4008 UTC1353 133TQI W742C810 BYD72D TLP361 GP10M LC758
Product Description
Full Text Search
 

To Download DJ310016TA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fax: 01371 875075 www.dubilier.co.uk tel: 01371 875758  capacitors aluminium electrolytic high temp. dj  item performance characteristics rated working voltage range 6.3 to 100v dc 160 to 450v dc operating temperature range -40 to +105c -25 to +105c nominal capacitance range 0.1 to 15000f 0.47 to 220f capacitance tolerance 20%(120hz, +20c) leakage current l 0.01cv or 3[a] whichever is greater l 0.06cv after 2 minutes application of rated working voltage at +20c tan ? (120hz, +20c) working voltage [v] 6.3 10 16 25 35 50 63 100 tan ? max. 0.22 0.19 0.16 0.14 0.12 0.10 0.09 0.07 working voltage [v] 160 200 250 350 400 450 tan ? max. 0.15 0.15 0.15 0.20 0.24 0.24 for capacitance value > 1000f, add 0.02 per extra 1000f maximum permissible ripple refer to standard products table (120hz, +105c) current correction factor for frequency freq. [hz] 60 120 1k 10k 100k w.v. [vdc] cap [f] 0.1 ~ 330 0.85 1 1.30 1.40 1.55 6.3 ~ 50 470 ~ 3300 0.95 1 1.15 1.20 1.25 4700 0.95 1 1.10 1.20 1.20 0.47 ~ 33 0.75 1 1.55 1.65 1.80 63 ~ 100 47 ~ 220 0.75 1 1.40 1.60 1.65 330 0.80 1 1.30 1.35 1.40 160 1 ~ 220 0.70 1 1.30 1.70 1.70 miniaturised case sizes (compatible with cebm) long-life grade (up to 2000 hours @105c) lowest cost high performance electrolytic the dj3 offers many excellent characteristics for a multitude of roles. its basic specification of high-temperature and small size allows use as a switching power-supply output capacitor. smaller values are usable in all high-temperature circuits, for example, in monitors and automotive applications. at lower temperatures, dj3s offer life-times of well over 10-15 years, for high reliability equipment. 100 1  ta range capacitance f voltage options ta = tape/ammo blank = loose ta = 5mm pitch. for others add pitch e.g. ta 2mm = 2mm pitch. dj  l + 1 15 min 5 mi n d ? p d ? +0.5 0.5 v inyl sleeve d? 5 6.3 8 10 12.5 16 18 p 2.0 2.5 3.5 5.0 5.0 7.5 7.5 d? 0.5 0.6 0.8 ordering information outline drawing specification section 1
fax: 01371 875075 www.dubilier.co.uk tel: 01371 875758  capacitors aluminium electrolytic high temp. dj  specification low temperature characteristics impedance ratio max. at 120hz working voltage [v] 6.3 10 16 25 35 50 63 100 -25c/+20c 4 3 2 2 2 2 2 2 -40c/+20c 8 6 4 3 3 3 3 3 working voltage [v] 160 200 250 350 400 450 -25c/+20c 3 3 3 6 6 15 for capacitance value > 1000f: add 0.5 per extra 1000f for -25c/+20c add 1.0 per extra 1000f for -40c/+20c washability 5 mins in freon te, arklone am or equivalents high temperature loading test conditions duration 2000 hours (1000 hours for ?8mm. products) ambient temperature +105c applied voltage dc voltage with maximum permissible ripple current specified at +105c (sum of the dc voltage and super-imposed peak ac voltage for maximum permissible ripple current should be equal to rated dc working voltage) post test requirements at +20c leakage current initial specified value capacitance change 20% of initial measured value tan ? 200% of initial specified value shelf life test conditions post test requirements at +20c duration ambient temperature same limits for high temperature loading applied voltage section 1
fax: 01371 875075 www.dubilier.co.uk tel: 01371 875758 50 ripple currents (ma, rms) at 105?c, 120hz capacitors aluminium electrolytic high temp. dj  wv 6.3 10 16 25 35 50 63 100 160 f ?xl/mm ?xl/mm ?xl/mm ?xl/mm ?xl/mm ?xl/mm ?xl/mm ?xl/mm ?xl/mm 0.1 5x11 6.3x11 0.22 5x11 6.3x11 0.33 5x11 6.3x11 0.47 5x11 6.3x11 1.0 5x11 6.3x11 2.2 5x11 6.3x11 3.3 5x11 8x11.5 4.7 5x11 8x11.5 10 5x11 6.3x11 10x12.5 22 5x11 6.3x11 8x11.5 10x20 33 5x11 6.3x11 6.3x11 10x12.5 12.5x20 47 5x11 6.3x11 6.3x11 8x11.5 10x16 12.5x25 100 5x11 6.3x11 6.3x11 8x11.5 8x11.5 10x17 12.5x20 16x25 220 6.3x11 8x11.5 8x11.5 10x12.5 10x16 10x20 16x25 18x35.5 330 6.3x11 8x11.5 8x11.5 10x12.5 10x16 10x20 12.5x20 16x25 470 8x11.5 8x11.5 10x12.5 10x16 10x20 12.5x20 12.5x20 16x31.5 1000 10x12.5 10x16 10x20 12.5x20 12.5x25 16x25 16x31.5 2200 12.5x20 12.5x20 12.5x25 16x25 16x31.5 18x35.5 3300 12.5x20 12.5x25 16x25 16x31.5 18x35.5 4700 16x25 16x25 16x31.5 18x35.5 18x40 6800 16x25 16x31.5 18x35.5 10000 16x31.5 18x35.5 15000 18x35.5 wv 200 250 350 400 450 f 0.47 6.3x11 8x11.5 8x11.5 8x11.5 1 6.3x11 6.3x11 10x12.5 10x12.5 10x16 2.2 6.3x11 8x11.5 10x12.5 10x12.5 10x20 3.3 8x11.5 10x12.5 10x16 10x20 12.5x20 4.7 10x12.5 10x12.5 10x20 10x20 12.5x25 10 10x16 10x20 12.5x20 12.5x25 16x25 22 12.5x20 12.5x20 16x25 16x25 16x31.5 33 12.5x20 12.5x25 16x25 16x31.5 18x35.5 47 12.5x25 16x25 16x31.5 18x35.5 100 16x25 16x31.5 range high voltage range uf/volts .v 10v 1 v 5v 5v 50v v 100v 1 0v 00v 50v 00v 50v 0.47uf 7 8 10 12 12 12 18 11 1.0uf 12 12 15 17 17 17 30 19 2.2uf 18 20 22 25 25 29 35 29 3.3uf 25 24 29 36 36 42 41 35 4.7uf 30 34 37 43 50 50 57 50 10uf 50 55 65 70 80 80 97 75 22uf 60 65 75 90 115 130 135 155 170 110 33uf 70 75 85 105 110 160 175 190 190 200 205 47uf 85 90 104 125 145 210 230 220 230 245 250 100uf 100 110 135 145 190 210 260 385 330 335 340 220uf 165 180 235 250 315 400 465 590 500 515 525 330uf 193 255 285 355 440 535 650 720 850 920 470uf 280 305 395 470 580 730 800 875 980 1000uf 470 570 700 821 995 1110 1200 2200uf 930 1010 1150 1230 1450 1340 3300uf 1100 1220 1350 1450 1660 4700uf 1320 1410 1560 1690 6800uf 1490 1610 1790 10000uf 1830 1980 15000uf 2280 section 1


▲Up To Search▲   

 
Price & Availability of DJ310016TA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X