Part Number Hot Search : 
88PG8216 MS2305 1N4481 T3331 MG100Q M56769 AD1849 CTQ080
Product Description
Full Text Search
 

To Download CGB7017-SP-0G0T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc-8.0 ghz ingap hbt, mmic or packaged, matched gain block amplifier page 1 of 7 mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2006 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. cgb7017-sc (-bd) functional block diagram (sot-89) input ground output bias ground 1 2 3 4 features low operating voltage: 5v 33.8 dbm output ip3 @ 850 mhz 3.3 db noise figure @ 850 mhz 23.1 db gain @ 850 mhz, 19.5 db @ 6 ghz 18.2 dbm p1db @ 850 mhz low performance variation over temperature low cost: die form or sot-89 package 100% dc on-wafer testing esd protection on all die: >1000v hbm low thermal resistance: <100oc/watt pa driver amp, if amp, lo buffer amp cellular, pcs, gsm, umts wireless data and satcom transmit and receive functions catv applications electrical characteristics unless otherwise specified, the following specifications are guaranteed at room temperature in a mimix test fixture. notes: 1. test conditions in mimix eval board, vs = 5 v, id = 70 ma typ., rbias = 10 , zs = zl = 50 , oip3 tone spacing = 1 mhz, pout per tone = 6 dbm. 2. values reflect performance in recommended application circuit. 850 mhz 1950 mhz 2400 mhz 3500 mhz 6000 mhz units max. typ. min. max. typ. min. max. typ. min. max. typ. min. temperature (oc) parameter small signal gain output p1db output ip3 noise figure operating current input return loss output return loss pout @ -45 dbc, acp is-95, 9 forward channels +25 -40 to +85 +25 -40 to +85 +25 -40 to +85 +25 -40 to +85 +25 -40 to +85 +25 -40 to +85 +25 -40 to +85 +25 -40 to +85 22.1 22.0 17.2 16.9 32.3 31.8 65 59 11 10 16 15 23.1 23.1 18.2 18.2 33.8 33.8 3.3 3.3 70 70 15 15 23 23 12 12 24.1 24.2 4.1 4.5 75 79 21.0 20.9 16.7 16.3 31.4 30.9 65 59 11 10 11 10 22.0 22.0 17.7 17.7 32.9 32.9 3.6 3.6 70 70 16 16 16 16 12 12 23.0 23.1 4.4 4.8 75 79 20.8 20.7 16.7 16.3 30.2 29.7 65 59 11 10 11 10 21.8 21.8 17.7 17.7 31.7 31.7 3.7 3.7 70 70 15 15 16 16 22.8 22.9 4.5 4.9 75 79 21.0 21.0 17.0 17.0 27.6 27.6 3.8 3.8 70 70 11 11 16 16 db db dbm dbm dbm dbm db db ma ma db db db db dbm dbm max. typ. min. 19.5 19.5 12.0 12.0 20.3 20.3 4.6 4.6 70 70 7.5 7.5 13 13 max device voltage max device current max device dissipated power rf input power storage temperature junction temperature operating temperature thermal resistance eds (hbm) +6.0 v 130 ma 0.65 w +17 dbm -55oc to 150oc 150oc -40oc to +85oc 85o c/w 1000 v absolute maximum ratings description the cgb7017-sc (-bd) is a darlington configured, high dynamic range, utility gain block amplifier. designed for applications operating within the dc to 8.0 ghz frequency range, mimix?s broadband, cascadable, gain block amplifiers are ideal solutions for transmit, receive and if applications. these mmic amplifiers are available in bare die form or an industry standard sot-89 package. mimix's ingap hbt technology and an industry low thermal resistance offers a thermally robust and reliable gain block solution. the ingap hbt die have extra pads to enable thorough dc testing. this unique test capability and the inclusion of esd protection on all die, significantly enhances the quality, reliability and ruggedness of these products. with a single bypass capacitor, optional rf choke and two dc blocking capacitors, this gain block amplifier offers significant ease of use in a broad range of applications. operation of this device above any of these parameters may cause permanent damage. may 2006 - rev 23-may-06
may 2006 - rev 23-may-06 noise figure vs frequency 2.5 3 3.5 4 4.5 5 5.5 6 6.5 02468 frequency (ghz) noise figure (db) 25 c -40 c 85 c |s21| vs frequency 12 14 16 18 20 22 24 26 012345678 frequency (ghz) |s21| (db) 25 c -40 c 85 c |s11| vs frequency -20 -16 -12 -8 -4 012345678 frequency (ghz) |s11| (db) 25 c -40 c 85 c |s12| vs frequency -30 -28 -26 -24 -22 -20 -18 012345678 frequency (ghz) |s22| (db) 25 c -40 c 85 c |s22| vs frequency -26 -22 -18 -14 -10 -6 012345678 frequency (ghz) |s22| (db) 25 c -40 c 85 c page 2 of 7 mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2006 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. typical s-parameter and noise performance dc-8.0 ghz ingap hbt, mmic or packaged, matched gain block amplifier cgb7017-sc (-bd)
may 2006 - rev 23-may-06 p1db vs frequency 6 8 10 12 14 16 18 20 012345678 frequency (ghz) p1db (dbm) 25 c -40 c 85 c oip3 vs frequency 14 18 22 26 30 34 38 012345678 frequency (ghz) oip3 (dbm) 25 c -40 c 85 c 1 mhz separation, 6 dbm/tone acp @ 850 mhz vs pout 9 channels forward, 750 khz offset, 30 khz bw -60 -55 -50 -45 -40 -35 -30 4 8 12 16 20 pout (dbm) acp (dbc) 25 c -40 c 85 c linearity performance - base station acp ? is-95 alt1 ch. pwr @ 850 mhz vs pout 9 channels forward, 1.98 mhz offset, 30 khz bw -85 -75 -65 -55 -45 4 8 12 16 20 pout (dbm) acp (dbc) 25 c -40 c 85 c acp @ 1950 mhz vs. pout 9 forward channels, 885 khz offset 30 khz bw -65 -55 -45 -35 -25 4 8 12 16 20 pout (dbm) acp (dbc) 25 c -40 c 85 c alt1 ch. pwr @ 1950 mhz vs pout 9 channels forward, 1.25 mhz offset 12.5 khz bw -75 -65 -55 -45 -35 4 8 12 16 20 pout (dbm) acp (dbc) 25 c -40 c 85 c acp @ 2140 mhz vs pout wcdma, 3gpp tm1, 1 channel, 64 dpch -55 -50 -45 -40 -35 -30 -25 -20 4 8 12 16 20 pout (dbm) acp (dbc) 25 c -40 c 85 c alt. ch. pwr @ 2140 mhz vs pout wcdma, 3gpp tm1, 1 channel, 64 dpch -65 -60 -55 -50 -45 -40 4 8 12 16 20 pout (dbm) acp (dbc) 25 c -40 c 85 c page 3 of 7 mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2006 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. typical power and linearity performance dc-8.0 ghz ingap hbt, mmic or packaged, matched gain block amplifier cgb7017-sc (-bd)
may 2006 - rev 23-may-06 page 4 of 7 mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2006 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. typical scattering parameters ( v d = +4.5 v , icc = 74 ma, t = 2 3 c, device in a 50 ohm system) dc-8.0 ghz ingap hbt, mmic or packaged, matched gain block amplifier cgb7017-sc (-bd) frequency s 11 s 21 s 12 s 22 (mhz) (mag) (ang) (mag) (ang) (mag) (ang) (mag) (ang) 100 0.0 3 9 -164 15.58 175 0.054 -1 0.017 -1 3 0 200 0.04 3 -152 15.51 170 0.055 -2 0.026 -124 3 00 0.051 -144 15.45 164 0.055 -4 0.0 3 6 -120 400 0.058 -140 15. 3 7 159 0.055 -5 0.046 -119 500 0.066 -1 3 6 15.27 154 0.055 -6 0.055 -119 600 0.075 -1 3 4 15.17 149 0.055 -7 0.065 -120 700 0.084 -1 3 4 15.06 144 0.055 -8 0.074 -122 800 0.094 -1 3 4 14.9 3 1 3 9 0.056 -10 0.08 3 -12 3 900 0.10 3 -1 3 4 14.81 1 3 4 0.056 -11 0.092 -124 1000 0.11 3 -1 3 4 14.68 1 3 0 0.057 -12 0.101 -126 1100 0.122 -1 3 5 14.54 125 0.057 -14 0.109 -128 1200 0.1 3 1-1 3 6 14.40 120 0.057 -15 0.116 -1 3 0 1 3 00 0.140 -1 3 7 14.25 115 0.058 -16 0.12 3 -1 3 2 1400 0.148 -1 3 9 14.08 110 0.059 -18 0.1 3 0-1 3 4 1500 0.156 -140 1 3 .9 3 106 0.059 -19 0.1 3 7-1 3 6 1600 0.164 -142 1 3 .77 101 0.060 -21 0.14 3 -1 3 8 1700 0.172 -144 1 3 .61 96 0.060 -22 0.149 -140 1800 0.181 -145 1 3 .44 92 0.061 -24 0.155 -142 1900 0.190 -147 1 3 .28 87 0.062 -25 0.160 -144 2000 0.197 -149 1 3 .12 8 3 0.062 -27 0.166 -146 2100 0.204 -151 12.96 78 0.06 3 -29 0.171 -147 2200 0.211 -15 3 12.80 74 0.064 - 3 0 0.177 -149 2 3 00 0.218 -155 12.64 69 0.065 - 3 2 0.180 -151 2400 0.225 -157 12.49 65 0.065 - 3 4 0.185 -15 3 2500 0.2 3 1 -159 12. 33 60 0.066 - 3 6 0.190 -154 2600 0.2 3 7 -162 12.19 56 0.067 - 3 7 0.194 -156 2700 0.24 3 -164 12.04 52 0.068 - 3 9 0.199 -158 2800 0.248 -167 11.89 47 0.069 -41 0.20 3 -160 2900 0.254 -169 11.75 4 3 0.070 -4 3 0.206 -162 3 000 0.260 -171 11.61 3 9 0.070 -45 0.211 -16 3 3 100 0.265 -17 3 11.49 3 5 0.072 -47 0.216 -165 3 200 0.269 -176 11. 3 8 3 1 0.07 3 -49 0.222 -167 33 00 0.274 -179 11.27 26 0.074 -51 0.227 -169 3 400 0.279 178 11.17 22 0.075 -5 3 0.2 3 1 -171 3 500 0.285 175 11.07 18 0.076 -55 0.2 3 6 -17 3 3 600 0.289 17 3 10.97 14 0.077 -57 0.242 -175 3 700 0.29 3 169 10.89 10 0.078 -59 0.248 -178 3 800 0.296 166 10.81 6 0.079 -61 0.254 179 3 900 0.299 162 10.7 3 1 0.080 -64 0.259 176 4000 0. 3 0 3 159 10.66 - 3 0.082 -66 0.264 174 4100 0. 3 06 155 10.58 -7 0.08 3 -68 0.268 171 4200 0. 3 07 151 10.52 -11 0.084 -70 0.274 168 4 3 00 0. 3 08 147 10.46 -15 0.086 -7 3 0.279 164 4400 0. 3 09 142 10.42 -20 0.087 -75 0.28 3 160 4500 0. 3 10 1 3 8 10. 3 6 -24 0.089 -78 0.287 157 4600 0. 3 12 1 33 10. 3 2 -28 0.090 -80 0.292 15 3 4700 0. 3 1 3 128 10.28 - 33 0.091 -8 3 0.297 149 4800 0. 3 12 122 10.24 - 3 7 0.09 3 -86 0. 3 02 145 4900 0. 3 1 3 117 10.22 -41 0.095 -89 0. 3 07 140 5000 0. 3 14 110 10.19 -46 0.096 -91 0. 3 11 1 3 5 continues n ext page. s-parameter data files are available on-line at: www.mimixbroadband.com
may 2006 - rev 23-may-06 page 5 of 7 mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2006 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. typical scattering parameters ( v d = +4.5 v , icc = 74 ma, t = 2 3 c, device in a 50 ohm system) dc-8.0 ghz ingap hbt, mmic or packaged, matched gain block amplifier cgb7017-sc (-bd) frequency s 11 s 21 s 12 s 22 (mhz) (mag) (ang) (mag) (ang) (mag) (ang) (mag) (ang) 5100 0. 3 15 104 10.15 -51 0.098 -94 0. 3 14 1 3 0 5200 0. 3 16 97 10.1 3 -55 0.100 -97 0. 3 19 125 5 3 00 0. 3 17 91 10.11 -60 0.101 -100 0. 3 24 120 5400 0. 3 19 8 3 10.08 -65 0.10 3 -104 0. 33 0 114 5500 0. 3 2 3 75 10.05 -69 0.105 -107 0. 33 5 108 5600 0. 3 29 67 10.0 3 -74 0.106 -110 0. 3 41 101 5700 0. 33 7 59 9.99 -79 0.108 -114 0. 3 47 95 5800 0. 3 46 51 9.96 -84 0.109 -117 0. 3 54 88 5900 0. 3 55 42 9.90 -90 0.110 -121 0. 3 61 81 6000 0. 3 67 33 9.84 -95 0.112 -125 0. 3 69 7 3 6100 0. 3 84 24 9.76 -100 0.11 3 -129 0. 3 78 66 6200 0.401 15 9.66 -106 0.11 3 -1 33 0. 3 86 58 6 3 00 0.420 7 9.56 -111 0.114 -1 3 70. 3 97 51 6400 0.441 -2 9.4 3 -117 0.115 -141 0.408 4 3 6500 0.46 3 -10 9.29 -12 3 0.115 -145 0.421 3 5 6600 0.487 -19 9.1 3 -128 0.114 -149 0.4 3 527 6700 0.51 3 -26 8.9 3 -1 3 4 0.114 -15 3 0.448 19 6800 0.5 3 7- 3 4 8.7 3 -140 0.11 3 -158 0.462 12 6900 0.561 -42 8.50 -145 0.112 -162 0.477 4 7000 0.586 -49 8.27 -151 0.110 -166 0.492 - 3 7100 0.609 -56 8.00 -157 0.109 -170 0.505 -11 7200 0.6 3 2-6 3 7.72 -162 0.106 -174 0.518 -18 7 3 00 0.652 -70 7.44 -168 0.104 -178 0.5 3 1 -25 7400 0.670 -76 7.17 -17 3 0.102 178 0.542 - 3 1 7500 0.688 -82 6.88 -178 0.099 174 0.554 - 3 8 7600 0.70 3 -88 6.59 176 0.096 170 0.565 -44 7700 0.718 -94 6. 3 1 171 0.094 167 0.575 -49 7800 0.7 3 0 -99 6.02 166 0.091 16 3 0.584 -55 7900 0.741 -104 5.76 162 0.089 160 0.592 -60 8000 0.749 -109 5.50 157 0.086 157 0.599 -65 8100 0.757 -114 5.24 152 0.08 3 15 3 0.607 -70 8200 0.766 -119 5.00 148 0.081 151 0.61 3 -75 8 3 00 0.772 -12 3 4.75 144 0.078 148 0.619 -80 8400 0.776 -128 4.5 3 1 3 9 0.076 145 0.625 -84 8500 0.779 -1 3 24. 33 1 3 5 0.074 142 0.629 -88 8600 0.782 -1 3 6 4.1 3 1 3 1 0.072 1 3 9 0.6 33 -92 8700 0.78 3 -140 3 .9 3 127 0.069 1 3 7 0.6 3 8 -95 8800 0.786 -144 3 .75 12 3 0.067 1 3 4 0.642 -99 8900 0.787 -147 3 .58 120 0.065 1 3 2 0.644 -10 3 9000 0.786 -151 3 .42 116 0.064 1 3 0 0.647 -106 9100 0.785 -155 3 .27 112 0.062 128 0.650 -109 9200 0.784 -158 3 .1 3 109 0.060 126 0.652 -112 9 3 00 0.78 3 -162 2.99 105 0.059 12 3 0.654 -115 9400 0.781 -165 2.86 102 0.057 121 0.656 -118 9500 0.777 -168 2.74 98 0.056 119 0.658 -121 9600 0.77 3 -171 2.62 95 0.055 117 0.660 -124 9700 0.769 -175 2.51 91 0.054 115 0.661 -127 9800 0.765 -178 2.41 88 0.05 3 11 3 0.66 3 -129 9900 0.762 179 2. 3 1 85 0.052 112 0.664 -1 3 2 10000 0.756 176 2.21 81 0.051 110 0.665 -1 3 4 s-parameter data files are available on-line at: www.mimixbroadband.com
may 2006 - rev 23-may-06 page 6 of 7 mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2006 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. note: this schematic represents the topology of the application circuit recommended by mimix. recommended bias resistor values for id = 78 ma supply voltage (v) 5v 7v 8v 10v rbias (r1 description: 1206 1/4w 1%) 10 38 52 ?? rbias (r1 description: 1210 1/2w 1%) ? ? note: rbias provides dc bias stability over temperature. 81 note: this schematic represents the topology of the application circuit recommended by mimix. recommended bias resistor values for id = 78 ma supply voltage (v) 5v 7v 8v 10v rbias (r1 description: 1206 1/4w 1%) 10 38 52 ?? rbias (r1 description: 1210 1/2w 1%) ? ? note: rbias provides dc bias stability over temperature. 81 ref designator value description size c1, c2, c3 c4 l1 l1 l3 r1 r2 c4 1000 pf 1.0 f 56 nh 470 nh 6.8 nh 75 0805 0805 0603 0805 0603 1206 / 1210 1206 n/a mch185a101jk vitr 1.0 f 25v cer cap 0805 x7r 10% coilcraft 0603 cs 10% coilcraft 0805 cs 10% coilcraft 0603 cs 10% r bias = (vs - vd) / id 1206 1/4w dnp (do not place) dc-8.0 ghz ingap hbt, mmic or packaged, matched gain block amplifier cgb7017-sc (-bd) 2 rf in vs rf out c1 c2 uuuu l1 r bias = (vs - vd) / id 4 3 1 vd r1 c3 c4 2 rf in vs rf out c1 c5 uuuu l2 r bias = (vs - vd) / id 4 3 1 vd r1 c3 c4 uuuu l3 r2 c2 cgb7017-sc gain vs temp and frequency 17 18 19 20 21 22 23 0 1000 2000 3000 4000 5000 6000 frequency (mhz) small signal gain (db) -40c 25c 85c application circuit application circuit for flat gain @ 2 to 6 ghz typical gain performance evaluation board - sc package (sot-89) note: contact factory for matching recommendations if flat gain is required from 2 to 6 ghz.
may 2006 - rev 23-may-06 page 7 of 7 mimix broadband, inc., 10795 rockley rd., houston, texas 77099 tel: 281.988.4600 fax: 281.988.4615 mimixbroadband.com characteristic data and specifications are subject to change without notice. ? 2006 mimix broadband, inc. export of this item may require appropriate export licensing from the u.s. government. in purchasing these parts, u.s. domestic customers accept their obligation to be compliant with u.s. export laws. dc-8.0 ghz ingap hbt, mmic or packaged, matched gain block amplifier cgb7017-sc (-bd) physical dimensions - sc package (sot-89) 123 4 xxxxxxx xxxxxx zyyww dimensions in millimeters [inches] 4.50 [0.177] 1.73 [0.068] 0.46 [0.18] 3x 1.50 [0.059] 3.00 [0.118] 0.76 [0.030] 0.38 [0.015] 0.38 [0.015] 4.41 [0.163] 1.55 [0.061] 2.50 [0.096] 0.71 [0.028] markings: xxxxxxx = mimix model no. xxxxxx = wafer lot no. zyyww = date code (yr/week) first letter country of origin if other that usa 0.99 [0.039] 0.58 [0.023] 0.64 [0.025] 0.86 [0.034] 1.27 [0.050] 3.48 [0.137] 5.33 [0.210] 3.86 [0.152] 1.70 [0.067] 2.06 [0.081] 0.41 [0.016] physical dimensions - bd (bare die) ordering information part number for ordering description cgb7017-bd bare die in gelpak cgb7017-sc-0g00 matte tin plated rohs compliant sot-89 surface mount package in bulk quantity cgb7017-sc-0g0t matte tin plated rohs compliant sot-89 surface mount package in tape and reel cgb7017-sp-0g00 matte tin plated rohs compliant sot-86 surface mount package in bulk quantity CGB7017-SP-0G0T matte tin plated rohs compliant sot-86 surface mount package in tape and reel pb-cgb7017-sc-0000 evaluation board for sot-89 packaged device with sma connectors pb-cgb7017-sp-0000 evaluation board for sot-86 packaged device with sma connectors we also offer the plastic packages with snpb (tin-lead) or nipdau plating. please contact your regional sales manager for more information regarding different plating types


▲Up To Search▲   

 
Price & Availability of CGB7017-SP-0G0T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X