Part Number Hot Search : 
3477M000 RT1P250X PAW887B AD7523 06M00 47510 47510 815DE
Product Description
Full Text Search
 

To Download AD7466 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AD7466/ad7467/ad7468 a rev. prc 07/01 information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. no license is granted by implication or otherwise under any patent or patent rights of analog devices. one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781/329-4700 world wide web site: http://www.analog.com fax: 781/326-8703 analog devices, inc., 2001 1.8 v, micro-power, 8/10/12-bit adcs in 6 lead sot-23 preliminary technical data functional block diagram features specified for v dd of 1.8 v to 3.6 v low power: 0.9 mw max at 60 ksps with 3.6 v supplies 0.4 mw max at 100 ksps with 1.8 v supplies fast throughput rate: 100 ksps wide input bandwidth: 70db snr at 30 khz input frequency flexible power/serial clock speed management no pipeline delays high speed serial interface spi/qspi/ mm mm m wire/dsp compatible standby mode: 0.5 a max 6-lead sot-23 package and 8 lead mm mm m soic applications battery powered systems medical instruments ramote data acquisition isolated data acquisition general description the AD7466/ad7467/ad7468 are 12/10/8-bit, high speed, low power, successive-approximation adcs re- spectively. the parts operate from a single 1.8 v to 3.6 v power supply and feature throughput rates up to 100 ksps. the parts contain a low-noise, wide bandwidth track/hold amplifier which can handle input frequencies in excess of 100 khz. the conversion process and data acquisition are controlled using cs and the serial clock, allowing the devices to interface with microprocessors or dsps. the input signal is sampled on the falling edge of cs and the conversion is also initiated at this point. there are no pipelined delays associated with the part. the AD7466/ad7467/ad7468 use advanced design tech- niques to achieve very low power dissipation at high throughput rates. the reference for the part is taken internally from v dd. this allows the widest dynamic input range to the adc. thus the analog input range for the part is 0 to v dd . the conversion rate is determined by the sclk. product highlights 1. specified for supply voltages of 1.8 v to 3.6 v 2. 8/10/12-bit adcs in a sot-23 package. 3. high throughput with low power consumption 4. flexible power/serial clock speed management the conversion rate is determined by the serial clock allowing the conversion time to be reduced through the serial clock speed increase. automatic power down after conversion, which allows the average power cunsumption to be reduced when in powerdown. power consumption is 0.5 m a max when in powerdown. 5. reference derived from the power supply. 6. no pipeline delay the part features a standard successive-approximation adc with accurate control of the conversions via a cs input. t/hv in AD7466/67/68 v dd 12/10/8-bit successive approximation adc sclk control logic sdata cs gnd
C2C rev. prc AD7466Cspecifications 1 parameter b version 1, 2 unit t est conditions/comments dynamic performance f in = 30 khz sine wave signal-to-noise + distortion (sinad) 2 70 db min signal-to-noise ratio (snr) 2 71 db min total harmonic distortion (thd) 2 C78 db typ peak harmonic or spurious noise (sfdr) 2 C80 db typ intermodulation distortion (imd) 2 fa = 29.1 khz, fb = 29.9 khz second order terms C78 db typ third order terms C78 db typ aperture delay 10 ns typ aperture jitter 30 ps typ full power bandwidth tbd mhz typ @ 3 db full power bandwidth tbd mhz typ @ 0.1 db dc accuracy resolution 12 bits integral nonlinearity 2 1.5 lsb max 0.6 lsb typ differential nonlinearity 2 C0.9/+1.5 lsb max g uaranteed no missed codes to 12 bits 0.75 lsb typ offset error 3 1.5 lsb max gain error 3 1.5 lsb max analog input input voltage ranges 0 to v dd v dc leakage current 1 a max input capacitance 30 pf typ logic inputs input high voltage, v inh 0.7(v dd ) v min v dd = 1.8 v to 3.6 v input low voltage, v inl 0.4 v max input current, i in , sclk pin 1 a max typically 10 na, v in = 0 v or v dd input current, i in , cs pin 1 a typ input capacitance, c in 2,3 10 pf max logic outputs output high voltage, v oh v dd C 0.2 v min i source = 200 a; v dd = 1.8 v to 3.6 v output low voltage, v ol 0.2 v max i sink = 200 a floating-state leakage current 10 a max floating-state output capacitance 2,3 10 pf max output coding straight (natural) binary conversion rate conversion time 6.66 s max sixteen sclk cycles track/hold acquisition time tbd ns max full-scale step input tbd ns max sine wave input throughput rate 100 ksps max see serial interface section power requirements v dd 1.8/3.6 v min/max i dd digital i/ps = 0 v or v dd normal mode (operational) 350 m a max v dd = 3 v. sclk on or off 200 m a max v dd = 1.8 v. sclk on or off power-down 0.5 a max sclk off 80 a max sclk on power dissipation 4 normal mode (operational) tbd mw max v dd = 3 v. f sample = tbd mw max v dd = 1.8 v. f sample = tbd power-down 1.5 w max v dd = 3 v. sclk off 0.9 w max v dd = 1.8 v. sclk off notes 1 temperature ranges as follows: b versions: C40c to +85c. 2 see terminology. 3 sample tested at 25c to ensure compliance. 4 see power versus throughput rate section. specifications subject to change without notice. (v dd = 1.8 v to 3.6 v, f sclk = 2.4 mhz, f sample = 100 ksps unless otherwise noted; t a = t min to t max , unless otherwise noted.)
C3C rev. prc parameter b version 1, 2 unit test conditions/comments dynamic performance f in = 30 khz sine wave, signal-to-noise + distortion (sinad) 2 61 db min total harmonic distortion (thd) 2 C73 db max peak harmonic or spurious noise (sfdr) 2 C74 db max intermodulation distortion (imd) 2 fa = 29.1 khz, fb = 29.9 khz second order terms C78 db typ third order terms C78 db typ aperture delay 10 ns typ aperture jitter 30 ps typ full power bandwidth tbd mhz typ @ 3 db full power bandwidth tbd mhz typ @ 0.1 db dc accuracy resolution 10 bits integral nonlinearity 1 lsb max differential nonlinearity 0.9 lsb max guaranteed no missed codes to 10 bits offset error 1 lsb max gain error 1 lsb max analog input input voltage ranges 0 to v dd v dc leakage current 1 a max input capacitance 30 pf typ logic inputs input high voltage, v inh 0.7(v dd) v min v dd = 1.8 to 3.6 v input low voltage, v inl 0.4 v max input current, i in , sclk pin 1 a max typically 10 na, v in = 0 v or v dd input current, i in , cs pin 1 a typ input capacitance, c in 2,3 10 pf max logic outputs output high voltage, v oh v dd C 0.2 v min i source = 200 a; output low voltage, v ol 0.2 v max i sink = 200 a floating-state leakage current 10 a max floating-state output capacitance 2,3 10 pf max output coding straight (natural) binary conversion rate conversion time 5 m s max 12 sclk cycles with sclk at 20 mhz track/hold acquisition time tbd ns max throughput rate 100 ksps max see serial interface section power requirements v dd 1.8/3.6 v min/max i dd digital i/ps = 0 v or v dd normal mode (operational) 350 m a max v dd = 3 v . sclk on or off 200 m a max v dd = 1.8 v . sclk on or off power-down mode 0.5 a max sclk off 80 a max sclk on power dissipation 4 normal mode (operational) tbd mw max v dd = 3 v. f sample = 100 ksps tbd mw max v dd = 1.8 v. f sample = tbd power-down 1.5 w max v dd = 3 v. sclk off 0.9 w max v dd = 1.8 v. sclk off notes 1 temperature ranges as follows: b versions: C40c to +85c. 2 see terminology. 3 sample tested at 25c to ensure compliance. 4 see power versus throughput rate section. specifications subject to change without notice. ad7467Cspecifications 1 (v dd = 1.8 v to 3.6 v, f sclk = 2.4 mhz, f sample = 100 ksps unless otherwise noted; t a = t min to t max , unless otherwise noted.)
C4C rev. prc parameter b version 1, 2 unit test conditions/comments dynamic performance f in =30 khz sine wave, f sample =100ksps signal-to-noise + distortion (sinad) 2 49 db min total harmonic distortion (thd) 2 C65 db max peak harmonic or spurious noise (sfdr) 2 C65 db max intermodulation distortion (imd) 2 fa = 29.1 khz, fb = 29.9 khz second order terms C68 db typ third order terms C68 db typ aperture delay 10 ns typ aperture jitter 30 ps typ full power bandwidth tbd mhz typ @ 3 db full power bandwidth tbd mhz typ @ 0.1 db dc accuracy 2 resolution 8 bits integral nonlinearity 0.5 lsb max differential nonlinearity 0.5 lsb max guaranteed no missed codes to 8 bits offset error 0.5 lsb max gain error 0.5 lsb max total unadjusted error (tue) 0.5 lsb max analog input input voltage ranges 0 to v dd v dc leakage current 1 a max input capacitance 30 pf typ logic inputs input high voltage, v inh 0.7(v dd) v min v dd = 1.8 to 3.6 v input low voltage, v inl 0.4 v max input current, i in , sclk pin 1 a max typically 10 na, v in = 0 v or v dd input current, i in , cs pin 1 a typ input capacitance, c in 2,3 10 pf max logic outputs output high voltage, v oh v dd C 0.2 v min i source = 200 a; v dd = 1.8 v to 3.6 v output low voltage, v ol 0.2 v max i sink = 200 a floating-state leakage current 10 a max floating-state output capacitance 3, 4 10 pf max output coding straight (natural) binary conversion rate conversion time 4.166 m s max 10 sclk cycles with sclk at 2.4 mhz track/hold acquisition time tbd ns max throughput rate 100 ksps max see serial interface section power requirements v dd 1.8/3.6 v min/max i dd digital i/ps = 0 v or v dd normal mode (static) 350 m a max v dd = 3v. sclk on or off 200 m a max v dd = 1.8 v . sclk on or off power-down mode 0.5 a max sclk off 80 a max sclk on power dissipation 5 normal mode (operational) tbd mw max v dd = 3 v. f sample = tbd tbd mw max v dd = 1.8 v. f sample = tbd power-down 1.5 w max v dd = 3 v. sclk off 0.9 w max v dd = 1.8 v. sclk off notes 1 temperature ranges as follows: b versions: C40c to +85c. 2 see terminology. 3 sample tested at 25c to ensure compliance. 4 see power versus throughput rate section. specifications subject to change without notice. ad7468Cspecifications 1 (v dd = 1.8 v to 3.6 v, f sclk = 2.4 mhz, f sample = 100 ksps unless otherwise noted; t a = t min to t max , unless otherwise noted.)
AD7466/ad7467/ad7468 C5C rev. prc parameter ad 7466 units description f sclk 2 10 khz min tbd mhz max t convert 16* t sclk t quiet t b d ns min minimum quiet time required between bus relinquish and start of next conversion t 1 t b d ns min minimum cs pulse width t 2 10 ns min cs to sclk setup time t 3 3 t b d ns max delay from cs until sdata 3-state disabled t 4 3 t b d ns max data access time after sclk falling edge t 5 0.4t sclk ns min sclk low pulse width t 6 0.4t sclk ns min sclk high pulse width t 7 t b d ns min sclk to data valid hold time t 8 4 t b d ns max sclk falling edge to sdata high impedance t power-up 5 tbd m s typ power up time from full power-down. timing specifications 1 notes 1 sample tested at +25c to ensure compliance. all input signals are specified with tr = tf = 5 ns (10% to 90% of v dd ) and timed from a voltage level of 1.6 volts. 2 mark/space ratio for the sclk input is 40/60 to 60/40. 3 measured with the load circuit of figure 1 and defined as the time required for the output to cross 0.8 v or 2.0 v. 4 t 8 is derived form the measured time taken by the data outputs to change 0.5 v when loaded with the circuit of figure 1. the measured number is then extrapolated back to remove the effects of charging or discharging the 50 pf capacitor. this means that the time, t 8 , quoted in the timing characteristics is the true bus relinquish time of the part and is independent of the bus loading. 5 see power-up time section. specifications subject to change without notice. ( v dd = +1.8 v to +3.6 v; t a = t min to t max , unless otherwise noted.) caution esd (electrostatic discharge) sensitive device. electrostatic charges as high as 4000 v readily accumulate on the human body and test equipment and can discharge without detection. although the AD7466/ad7467/ad7468 feature proprietary esd protection circuitry, per- manent damage may occur on devices subjected to high energy electrostatic discharges. there- fore, proper esd precautions are recommended to avoid performance degradation or loss of functionality. absolute maximum ratings 1 (t a = +25c unless otherwise noted) v dd to gnd C0.3 v to tbd v analog input voltage to gnd C0.3 v to v dd + 0.3 v digital input voltage to gnd C0.3 v to tbdv digital output voltage to gnd C0.3 v to v dd + 0.3 v input current to any pin except supplies 2 10 ma operating temperature range commercial (a, b version) C40c to +85c storage temperature range C65c to +150c junction temperature +150c sot-23 package, power dissipation 450 mw q ja thermal impedance 229.6 c/w (sot23) 205.9c/w (soic) q jc thermal impedance 91.99c/w (sot23) 43.74c/w (soic) lead temperature, soldering vapor phase (60 secs) +215c infared (15 secs) +220c esd tbd notes 1 stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2 transient currents of up to 100 ma will not cause scr latch up. figure 1. load circuit for digital output timing specifications +1.6v i ol 200a 200a i oh to output pin c l 50pf
AD7466/ad7467/ad7468 C6C rev. prc pin function description pin pin no. mnemonic function 6 cs chip select. active low logic input. this input provides the dual function of initiating con- versions on the AD7466/ad7467/ad7468 and also frames the serial data transfer. 1v dd power supply input. the v dd range for the AD7466/67/68 is from +1.8 v to +3.6 v. 2 g n d analog ground. ground reference point for all circuitry on the AD7466/ad7467/ad7468. all analog input signals should be referred to this gnd voltage. 3v in analog input. single-ended analog input channel. the input range is 0 to v dd . 5 sdata data out. logic output. the conversion result from the AD7466/ad7467/ad7468 is pro- vided on this output as a serial data stream. the bits are clocked out on the falling edge of the sclk input. the data stream from the AD7466 consists of four leading zeros followed by the 12 bits of conversion data which is provided msb first. the data stream for the ad7467 consists of four leading zeros followed by 10 bits of data. the datastream for the ad7468 consists of four leading zeros followed by 8 bits of data. 4 sclk serial clock. logic input. sclk provides the serial clock for accessing data from the part. this clock input is also used as the clock source for the AD7466/ad7467/ad7468 conver- sion process. AD7466/67/68 pinconfiguration AD7466/7/8 top view 1 2 3 4 5 6 cs sdata sclk v dd gnd v in (not to scale) ordering guide temperature linearity package branding model range error (lsb) 1 option 2 information AD7466brt C40c to +85c 1 max rt-6 clb ad7467brt C40c to +85c 1 max rt-6 cmb ad7468brt C40c to +85c 0.5 max rt-6 cnb AD7466brm C40c to +85c 1 max rm-8 cqb ad7467brm C40c to +85c 1 max rm-8 crb ad7468brm C40c to +85c 0.5 max rm-8 csb eval-AD7466cb 3 eval-ad7467cb 3 eval-control brd2 4 notes 1 linearity error here refers to integral linearity error. 2 rt = sot-23, rm = m soic. 3 this can be used as a stand-alone evaluation board or in conjunction with the eval-control board for evaluation/demonstration purposes. 4 this board is a complete unit allowing a pc to control and communicate with all analog devices evaluation boards ending in the cb designators. AD7466/7/8 top view 1 2 3 45 6 7 8 nc cs sdata sclk v dd gnd v in (not to scale) nc AD7466/67/68 sot-23 AD7466/67/68 mm mm m soic
AD7466/ad7467/ad7468 C7C rev. prc terminology integral nonlinearity this is the maximum deviation from a straight line pass- ing through the endpoints of the adc transfer function. for the AD7466/67/68 the endpoints of the transfer function are zero scale, a point 1 lsb below the first code transition, and full scale, a point 1 lsb above the last code transition. differential nonlinearity this is the difference between the measured and the ideal 1 lsb change between any two adjacent codes in the adc. offset error this is the deviation of the first code transition (00 . . . 000) to (00 . . . 001) from the ideal, i.e agnd + 1 lsb. gain error this is the deviation of the last code transition (111 . . . 110) to (111 . . . 111) from the ideal (i.e., v ref C 1lsb) after the offset error has been adjusted out. track/hold acquisition time the track/hold amplifier returns into track mode at the end of conversion. track/hold acquisition time is the time required for the output of the track/hold amplifier to reach its final value, within 0.5 lsb, after the end of conversion. see serial interface timing section for more details. signal to (noise + distortion) ratio this is the measured ratio of signal to (noise + distor- tion) at the output of the a/d converter. the signal is the rms amplitude of the fundamental. noise is the sum of all nonfundamental signals up to half the sampling frequency (f s /2), excluding dc. the ratio is dependent on the number of quantization levels in the digitization process; the more levels, the smaller the quantization noise. the theoretical signal to (noise + distortion) ratio for an ideal n-bit converter with a sine wave input is given by: signal to ( noise + distortion ) = (6.02 n + 1.76) db thus for a 12-bit converter, this is 74 db and for a 10- bit converter this is 62db. total harmonic distortion total harmonic distortion (thd) is the ratio of the rms sum of harmonics to the fundamental. for the AD7466/ ad7467/ad7468, it is defined as: where v 1 is the rms amplitude of the fundamental and v 2 , v 3 , v 4 , v 5 and v 6 are the rms amplitudes of the second through the sixth harmonics. peak harmonic or spurious noise peak harmonic or spurious noise is defined as the ratio of the rms value of the next largest component in the adc output spectrum (up to f s /2 and excluding dc) to the rms value of the fundamental. normally, the value of this specification is determined by the largest harmonic in the spectrum, but for adcs where the harmonics are buried in the noise floor, it will be a noise peak. intermodulation distortion with inputs consisting of sine waves at two frequencies, fa and fb, any active device with nonlinearities will create distortion products at sum and difference frequencies of mfa nfb where m, n = 0, 1, 2, 3, etc. intermodulation distortion terms are those for which neither m nor n are equal to zero. for example, the second order terms in- clude (fa + fb) and (fa C fb), while the third order terms include (2fa + fb), (2fa C fb), (fa + 2fb) and (fa C 2fb). the AD7466/ad7467/ad7468 are tested using the ccif standard where two input frequencies are used. in this case, the second order terms are usually distanced in fre- quency from the original sine waves while the third order terms are usually at a frequency close to the input frequen- cies. as a result, the second and third order terms are specified separately. the calculation of the intermodulation distortion is as per the thd specification where it is the ratio of the rms sum of the individual dis- tortion products to the rms amplitude of the sum of the fundamentals expressed in dbs. thd (db ) = 20 log v 2 2 + v 3 2 + v 4 2 + v 5 2 + v 6 2 v 1
AD7466/ad7467/ad7468 C8C rev. prc AD7466/ad7467/ad7468 typical performance curves figure 2 shows a typical fft plot for the AD7466 at 100 khz sample rate and 30 khz input frequency. figure 2. AD7466 dynamic performance at 100 ksps title 0 0 0 00 0 t it l e 0000 title 0 0 0 00 0 t it l e 0000 title 0 0 0 00 0 t it l e 0000 figure 3. AD7466 sinad vs analog input frequency at 100 ksps figure 5. AD7466 thd vs analog input frequency at 100 ksps title 0 0 0 00 0 t it l e 0000 figure 4. psrr vs supply ripple frequency
AD7466/ad7467/ad7468 C9C rev. prc circuit information the AD7466/ad7467/ad7468 are fast, micro-power, 12/ 10/8-bit, a/d converters respectively. the parts can be operated from a +1.8 v to +3.6 v supply. when operated from any supply voltage within this range, the AD7466/ ad7467/ad7468 is capable of throughput rates of 100 ksps when provided with a 2 mhz clock. the AD7466/ad7467/ad7468 provides the user with an on-chip track/hold, a/d converter, and a serial interface housed in a tiny 6-pin sot-23 package, which offers the user considerable space saving advantages over alternative solutions. the serial clock input accesses data from the part but also provides the clock source for the successive- approximation a/d converter. the analog input range is 0 to v dd . an external reference is not required for the adc and neither is there a reference on-chip. the reference for the AD7466/ad7467/ad7468 is derived from the power supply and thus gives the widest dynamic input range. the AD7466/ad7467/ad7468 also features an automatic power-down mode option to allow power saving between conversions. the power-down feature is implemented across the standard serial interface as described in the modes of operation section. adc transfer function the output coding of the AD7466/ad7467/ad7468 is straight binary. the designed code transitions occur at successive integer lsb values (i.e., 1lsb, 2lsbs, etc.). the lsb size is = v dd /4096 for the AD7466,the lsb size is = v dd /1024 for the ad7467, and the lsb size is = v dd /256 for the ad7468 . the ideal transfer characteristic for the AD7466/ad7467/ad7468 is shown in figure 10 below. converter operation the AD7466/ad7467/ad7468 is a successive approxi- mation analog-to-digital converter based around a charge redistribution dac. figures 8 and 9 show simplified schematics of the adc. figure 8 shows the adc during its acquisition phase. sw2 is closed and sw1 is in posi- tion a, the comparator is held in a balanced condition and the sampling capacitor acquires the signal on v in . when the adc starts a conversion, see figure 9, sw2 will open and sw1 will move to position b causing the com- parator to become unbalanced. the control logic and the charge redistribution dac are used to add and sub- tract fixed amounts of charge from the sampling capacitor to bring the comparator back into a balanced condition. when the comparator is rebalanced the conversion is com- plete. the control logic generates the adc output code. figure 10 shows the adc transfer function. figure 8. adc acquisition phase figure 9. adc conversion phase figure 10. AD7466/67/68 transfer characteristic charge redistribution dac v in v dd / 2 sampling capacitor comparator control logic acquisition phase sw1 a b sw2 agnd charge redistribution dac v in v dd / 2 sampling capacitor comparator control logic conversion phase sw1 a b sw2 agnd 000...000 0v a d c c o d e analog input 111...111 000...001 000...010 111...110 111...000 011...111 1lsb +v dd -1lsb 1lsb = v dd /4096 (AD7466) 1lsb = v dd /1024 (ad7467) 1lsb = v dd /256 (ad7468)
AD7466/ad7467/ad7468 C10C rev. prc figure 11. ref193 as power supply to AD7466/ad7467/ ad7468 analog input figure 12 shows an equivalent circuit of the analog input sturcture of the AD7466/ad7467/7468. the two diodes d1 and d2 provide esd protection for the analog inputs. care must be taken to ensure that the analog input signal never exceeds the supply rails by more than 200mv. this will cause these diodes to become forward biased and start conducting current into the substrate. the capacitor c1 in figure 12 is typically about 4pf and can primarily be at- tributed to pin capacitance. the resistor r1 is a lumped component made up of the on resistance of a switch. this resistor is typically about 100 w . the capacitor c2 is the adc sampling capacitor and has a capacitance of 16pf typically. for ac applications, removing high frequency components from the analog input signal is recommended by use of a band-pass filter on the relevant analog input pin. in applications where harmonic distortion and signal to noise ratio are critical the analog input should be driven v in d1 v dd d2 r1 c2 16pf c1 4pf conversion phase - switch open track phase - switch closed from a low impedance source. large source impedances will significantly affect the ac performance of the adc. this may necessitate the use of an input buffer amplifier. the choice of the op amp will be a function of the par- ticular application. when no amplifier is used to drive the analog input the source impedance should be limited to low values. the maximum source impedance will depend on the amount of total harmonic distortion (thd) that can be tolerated. the thd will increase as the source impedance increases and performance will degrade. figure 13 shows a graph of the total harmonic distortion vs. analog input signal frequency for different source impedances when using a supply voltage of 2.7v and sampling at a rate of 100 ksps. figure 12. equivalent analog input circuit v dd v in gnd +5v supply 0.1f 10f ref193 0.1f 1f tant +3v AD7466/67/68 0v tov dd input sdata c/p sclk serial interface cs 1ma 680nf the ad7468 conversion result consists of four leading zeros followed by the msb of the 8-bit result. alternatively, because the supply current required by the AD7466/ad7467/ad7468 is so low, a presision reference can be used as the supply source to the AD7466/ad7467/ ad7468. a ref19x voltage reference (ref193 for 3v, ref192 for 2.5 v ) can be used to supply the required voltage to the adc - see figure 11. this configuration is especially useful if your power supply is quite noisy or if the system supply voltages are at some value other than 3v (e.g. 2.5v). the ref19x will output a steady voltage to the AD7466/ad7467/ad7468. in applications where power consumption is important, the automatic power down mode of the adc and the sleep mode of the ref19x reference should be used to improve power per- formance. see modes of operation section of the datasheet. typical connection diagram figure 11 shows a typical connection diagram for the AD7466/ad7467/ad7468. v ref is taken internally from v dd and as such v dd should be well decoupled. this pro- vides an analog input range of 0v to v dd . for the AD7466 the conversion result is output in a 16-bit word with four leading zeroes followed by the msb of the 12- bit result. the ad7467 conversion result consists of four leading zeros followed by the msb of the 10-bit result.
AD7466/ad7467/ad7468 C11C rev. prc digital inputs the digital inputs applied to the AD7466/ad7467/ ad7468 are not limited by the maximum ratings which limit the analog inputs. one advantage of sclk and cs not being restricted by the v dd + 0.3v limit is the fact that power supply sequencing issues are avoided. if cs or sclk are applied before v dd then there is no risk of latch-up as there would be on the analog inputs if a signal greater than 0.3v was applied prior to v dd . mode of operation the AD7466/ad7467/ad7468 automatically enters powerdown at the end of each conversion. this mode of operation is designed to provide flexible power manage- ment options and to optimize the power dissipation/ throughput rate ratio for differing application require- ments. figure 14 shows the general diagram of the operaion of the AD7466/ad7467/ad7468. on the falling cs edge the part begins to power up and the track and hold, which was in hold while the part was in power down, will go into track mode. when operating the part with a 2.4 mhz clock it will take 2 clock cycles to fully power up the part and acquire the input signal. on the third sclk falling edge after the cs falling edge the track and hold will return to hold mode. for the AD7466 sixteen serial clock cycles are required to com- plete the conversion and access the complete conversion result.on the 16th sclk falling edge the part will auto- matically enter power down . the ad7467 will automati- cally enter powerdown on the fourteenth sclk falling edge. the ad7468 will automatically enter powerdown on the twelveth sclk falling edge. when supplies are first applied to the AD7466/ad7467/ad7468 a dummy conversion should be performed to ensure that the part is in powerdown mode. the conversion is iniated on the falling edge of cs as described in the serial interface section. for the AD7466 if cs is brought high any time before the 16th sclk falling edge the part will enter power down and the con- version that was initiated by the falling edge of cs will be terminated and sdata will go back into tri-state. this also applies for the ad7467/ad7468, if cs is brought high before the conversion is complete (the 14th sclk falling edge for the ad7467, and the 12th sclk falling edge for the ad7468) the part will enter powerdown and the conversion will be terminated. once a data transfer is complete (sdata has returned to tri-state), another conversion can be initiated after the quiet time, t quiet , has elapsed by bringing cs low again. valid data 16 1 the part begins to power up 3 AD7466 enters powerdown 2 ad7467 enters powerdown ad7468 enters powerdown 14 12 figure 14. normal mode operation figure 13. thd vs. analog input frequency for various source impedance title 0 0 0 00 0 t it l e 0000
AD7466/ad7467/ad7468 C12C rev. prc serial interface figure 15, 16, 17 show the detailed timing diagram for serial interfacing to the AD7466/ad7467/ad7468.the serial clock provides the conversion clock and also con- trols the transfer of information from the adc during a conversion. on the cs falling edge the part begins to power up. the falling edge of cs puts the track and hold into track mode and takes the bus out of tristate. the conversion is also initiated at this point and will require 16 sclk cycles to complete. on the third sclk falling edge the part should be fully powered up, as shown in figure 15 at point b. on the third sclk falling edge after the cs falling edge the track and hold will return to hold. on the 16th sclk falling edge the sdata line will go back into tristate and the AD7466 will enter power down. if the rising edge of cs occurs before 16 sclks have elapsed then the conver- sion will be terminated and the sdata line will go back into tri-state and the part will enter power down, otherwise sdata returns to tri-state on the 16th sclk falling edge as shown in figure 15. sixteen serial clock cycles are required to perform the conversion process and to access data from the AD7466. for the ad7467, the fourteenth sclk falling edge will cause the sdata line to go back into tri-state and the part will enter powerdown. if the rising edge of cs occurs before 14 sclks have elapsed then the conversion will be terminated and the sdata line will go back into tri-state and the ad7467 will enter powerdown, otherwise sdata returns to tri-state on the 14th sclk falling edge as ahown in figure 16. fourteen serial clock cycles are re- quired to perform the conversion process and to access data from the ad7467. for the ad7468, the 12th sclk falling edge will cause the sdata line to go back into tri-state and the part will enter powerdown. if the rising edge of cs occurs before 12 sclks have elapsed then the conversion will be termi- nated and the sdata line will go back into tri-state and the ad7468 will enter powerdown, otherwise sdata returns to tri-state on the 12th sclk falling edge as ahown in figure 17. twelve serial clock cycles are re- quired to perform the conversion process and to access data from the ad7468. cs going low provides the first leading zero to be read in by the microcontroller or dsp. the remaining data is then clocked out by subsequent sclk falling edges be- ginning with the 2nd leading zero, thus the first falling clock edge on the serial clock has the first leading zero provided and also clocks out the second leading zero. for the AD7466 the final bit in the data transfer is valid on the sixteenth falling edge, having being clocked out on the previous (15th) falling edge. figure 15. AD7466 serial interface timing diagram figure 16. ad7467 serial interface timing diagram cs sclk 1 5 13 sdata 4 leading zero's 3-state t 4 2 34 t 3 t quiet t convert t 2 3-state db9 db8 db0 t 6 t 7 t 8 14 zerozero zero z b t 5 cs t quiet 3-state t 5 t 8 b db0 t 7 sclk 1 sdata 4 leading zero's zero zero zero z 3-state t 4 2 34 t 3 t convert t 2 db7 t 6 8 bits of data 12 11 figure 17. ad7468 serial interface timing diagram cs sclk 1 5 13 15 sdata 4 leading zero's 3-state t 4 2 34 16 t 5 t 3 t quie t t convert t 2 3-state db11 db10 db2 db0 t 6 t 7 t 8 14 zero zero zero z b db1
AD7466/ad7467/ad7468 C13C rev. prc microprocessor interfacing the serial interface on the AD7466/ad7467/ad7468 allows the part to be directly connected to a range of many different microprocessors. this section explains how to interface the AD7466/ad7467/ad7468 with some of the more common microcontroller and dsp serial interface protocols. AD7466/7/8 to tms320c5xc54x the serial interface on the tms320c5x uses a continuous serial clock and frame synchronization signals to synchro- nize the data transfer operations with peripheral devices like the AD7466/67/68. the cs input allows easy inter- facing between the tms320c5x and the AD7466/67/68 without any glue logic required. the serial port of the tms320c5x/c54x is set up to operate in burst mode with internal clkx (tx serial clock) and fsx (tx frame sync). the serial port control register (spc) must have the following setup: fo = 0, fsm = 1, mcm = 1 and txm = 1. the format bit, fo, may be set to 1 to set the word length to 8-bits, in order to implement the power-down mode on the AD7466/67/68. the connection diagram is shown in figure 18. it should be noted that for signal processing applications, it is im- perative that the frame synchronisation signal from the tms320c5x/c54x will provide equidistant sampling. AD7466/7/8 to adsp21xx the adsp21xx family of dsps are interfaced directly to the AD7466/67/68 without any glue logic required. the sport control register should be set up as follows: tfsw = rfsw = 1, alternate framing invrfs = invtfs = 1, active low frame signal dtype = 00, right justify data slen = 1111, 16-bit data words isclk = 1, internal serial clock tfsr = rfsr = 1, frame every word irfs = 0, itfs = 1. the connection diagram is shown in figure 19. the adsp21xx has the tfs and rfs of the sport tied together, with tfs set as an output and rfs set as an input. the dsp operates in alternate framing mode and the sport control register is set up as described. the frame synchronisation signal generated on the tfs is tied to cs and as with all signal processing applications figure 18. interfacing to the tms320c5x equidistant sampling is necessary. however, in this ex- ample, the timer interrupt is used to control the sampling rate of the adc and under certain conditions, equidistant sampling may not be acheived. the timer registers etc. are loaded with a value which will provide an interrupt at the required sample interval. when an interrupt is received, a value is trans- mitted with tfs/dt (adc control word). the tfs is used to control the rfs and hence the reading of data. the frequency of the serial clock is set in the sclkdiv register. when the instrustion to transmit with tfs is given, (i.e. ax0=tx0), the state of the sclk is checked. the dsp will wait until the sclk has gone high, low and high before transmission will start. if the timer and sclk values are chosen such that the instruction to trans- mit occurs on or near the rising edge of sclk, then the data may be transmitted or it may wait until the next clock edge. for example, the adsp2111 has a master clock frequency of 16mhz. if the sclkdiv register is loaded with the value 3 then a sclk of 2mhz is obtained, and 8 master clock periods will elapse for every 1 sclk period. if the timer registers are loaded with the value 803, then 100.5 sclks will occur between interrupts and subsequently between transmit instructions. this situation will result in non-equidistant sampling as the transmit instruction is occuring on a sclk edge. if the number of sclks be- tween interrupts is a whole integer figure of n then equi- distant sampling will be implemented by the dsp. AD7466/67/68 to dsp56xxx the connection diagram in figure 20 shows how the AD7466/67/68 can be connected to the ssi (synchronous serial interface) of the dsp56xxx family of dsps from motorola. the ssi is operated in synchronous mode (syn bit in crb =1) with internally generated 1-bit clock period frame sync for both tx and rx (bits fsl1 =1 and fsl0 =0 in crb). set the word length to 16 by setting bits wl1 =1 and wl0 = 0 in cra. it should be noted that for signal processing applications, it is impera- tive that the frame synchronisation signal from the dsp56xxx will provide equidistant sampling. figure 19. interfacing to the adsp-21xx AD7466/7/8* sdata sclk cs tms320c5x/c54x* *additional pins omitted for clarity clkx clkr dr fsx fsr AD7466/7/8* sclk cs adsp21xx* *additional pins omitted for clarity sclk dr rfs tfs sdata
AD7466/ad7467/ad7468 C14C rev. prc figure 20. interfacing to the dsp56xx AD7466/67/68 to mc68hc16 the serial peripheral interface (spi) on the mc68hc16 is configured for master mode (mstr = 1), clock po- larity bit (cpol) = 1 and the clock phase bit (cpha) = 0. the spi is configured by writing to the spi control register (spcr) - see 68hc16 user manual. the serial transfer will take place as a 16-bit operation when the size bit in the spcr register is set to size = 1. a con- nection diagram is shown in figure 21. figure 21. interfacing to the mc68hc16 cs AD7466/7/8* sclk mc68hc16* sclk/pmc2 miso/pmc0 ss/pmc3 *additional pins omitted for clarity sdata AD7466/7/8* sdata sclk cs dsp56xxx* *additional pins omitted for clarity sck srd sc2
AD7466/ad7467/ad7468 C15C rev. prc 6-lead sot23 (rt-6) outline dimensions dimensions shown in inches and (mm). 0.122 (3.10) 0.106 (2.70) pin 1 0.118 (3.00) 0.098 (2.50) 0.075 (1.90) bsc 0.037 (0.95) bsc 1 3 4 5 6 2 0.071 (1.80) 0.059 (1.50) 0.009 (0.23) 0.003 (0.08) 0.022 (0.55) 0.014 (0.35) 10 0 0.020 (0.50) 0.010 (0.25) 0.006 (0.15) 0.000 (0.00) 0.051 (1.30) 0.035 (0.90) seating plane 0.057 (1.45) 0.035 (0.90) 8 5 4 1 0.122 (3.10) 0.114 (2.90) 0.199 (5.05) 0.187 (4.75) pin 1 0.0256 (0.65) bsc 0.122 (3.10) 0.114 (2.90) seating plane 0.006 (0.15) 0.002 (0.05) 0.018 (0.46) 0.008 (0.20) 0.043 (1.09) 0.037 (0.94) 0.120 (3.05) 0.112 (2.84) 0.011 (0.28) 0.003 (0.08) 0.028 (0.71) 0.016 (0.41) 33 27 0.120 (3.05) 0.112 (2.84) 8-lead microsoic (rm-8)


▲Up To Search▲   

 
Price & Availability of AD7466

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X