Part Number Hot Search : 
KBJ10005 AD557 CS842 GC032 DDZX9705 8109B EPB5208G GLU82N10
Product Description
Full Text Search
 

To Download 1SMC80AT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2005 august, 2005 ? rev. 4 1 publication order number: 1smc5.0at3/d 1smc5.0at3 series 1500 watt peak power zener transient voltage suppressors unidirectional* the smc series is designed to protect voltage sensitive components from high voltage, high energy transients. they have excellent clamping capability, high surge capability, low zener impedance and fast response time. the smc series is supplied in on semiconductor?s exclusive, cost-effective, highly reliable surmetic  package and is ideally suite d for use in communication systems, automotive, numerical controls, pr ocess controls, medical equipment, business machines, power supplies and many other industrial/consumer applications. features ? working peak reverse voltage range ? 5.0 v to 78 v ? standard zener breakdown voltage range ? 6.7 v to 91.25 v ? peak power ? 1500 watts @ 1 ms ? esd rating of class 3 (>16 kv) per human body model ? maximum clamp voltage @ peak pulse current ? low leakage < 5  a above 10 v ? ul 497b for isolated loop circuit protection ? maximum temperature coefficient specified ? response time is typically < 1 ns ? pb?free packages are available mechanical characteristics: case: void-free, transfer-molded, thermosetting plastic finish: all external surfaces are corrosion resistant and leads are readily solderable maximum case temperature for soldering purposes: 260 c for 10 seconds leads: modified l?bend providing more contact area to bond pads polarity: cathode indicated by molded polarity notch mounting position: any plastic surface mount zener transient voltage suppressors 5.0?78 volts 1500 watt peak power device package shipping ? ordering information 1smcxxxat3 smc 2500/tape & reel smc case 403 plastic cathode anode marking diagram ayww gxx   1smcxxxat3g smc (pb?free) 2500/tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. see specific marking information in the device marking column of the electrical characteristics table on page 3 o f this data sheet. device marking information bidirectional devices will not be available in this series . a = assembly location y = year ww = work week gxx = device code (refer to page 3)  = pb?free package (note: microdot may be in either location) http://onsemi.com
1smc5.0at3 series http://onsemi.com 2 maximum ratings rating symbol value unit peak power dissipation (note 1) @ t l = 25 c, pulse width = 1 ms p pk 1500 w dc power dissipation @ t l = 75 c measured zero lead length (note 2) derate above 75 c thermal resistance from junction to lead p d r  jl 4.0 54.6 18.3 w mw/ c c/w dc power dissipation (note 3) @ t a = 25 c derate above 25 c thermal resistance from junction to ambient p d r  ja 0.75 6.1 165 w mw/ c c/w forward surge current (note 4) @ t a = 25 c i fsm 200 a operating and storage temperature range t j , t stg ?65 to +150 c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual str ess limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation i s not implied, damage may occur and reliability may be affected. 1. 10 x 1000  s, non?repetitive. 2. 1 in square copper pad, fr?4 board. 3. fr?4 board, using on semiconductor minimum recommended footprint, as shown in 403 case outline dimensions spec. 4. 1/2 sine wave (or equivalent square wave), pw = 8.3 ms, duty cycle = 4 pulses per minute maximum. electrical characteristics (t a = 25 c unless otherwise noted, v f = 3.5 v max @ i f = 100 a) (note 5) symbol parameter i pp maximum reverse peak pulse current v c clamping voltage @ i pp v rwm working peak reverse voltage i r maximum reverse leakage current @ v rwm v br breakdown voltage @ i t i t test current i f forward current v f forward voltage @ i f 5. 1/2 sine wave or equivalent, pw = 8.3 ms non?repetitive duty cycle uni?directional tvs i pp i f v i i r i t v rwm v c v br v f
1smc5.0at3 series http://onsemi.com 3 electrical characteristics (t a = 25 c unless otherwise noted) device* device marking v rwm (note 6) i r @ v rwm breakdown voltage v c @ i pp (note 8) v br volts (note 7) @ i t v c i pp volts  a min nom max ma volts amps 1smc5.0at3, g 1smc6.0at3, g 1smc6.5at3, g 1smc7.0at3, g gde gdg gdk gdm 5.0 6.0 6.5 7.0 1000 1000 500 200 6.4 6.67 7.22 7.78 6.7 7.02 7.6 8.19 7.0 7.37 7.98 8.6 10 10 10 10 9.2 10.3 11.2 12 163 145.6 133.9 125 1smc7.5at3, g 1smc8.0at3, g 1smc8.5at3, g 1smc9.0at3, g gdp gdr gdt gdv 7.5 8.0 8.5 9.0 100 50 25 10 8.33 8.89 9.44 10 8.77 9.36 9.92 10.55 9.21 9.83 10.4 11.1 1 1 1 1 12.9 13.6 14.4 15.4 116.3 110.3 104.2 97.4 1smc10at3, g 1smc12at3, g 1smc13at3, g gdx gee geg 10 12 13 5 5 5 11.1 13.3 14.4 11.7 14 15.15 12.3 14.7 15.9 1 1 1 17 19.9 21.5 88.2 75.3 69.7 1smc14at3, g 1smc15at3, g 1smc16at3, g 1smc17at3, g gek gem gep ger 14 15 16 17 5 5 5 5 15.6 16.7 17.8 18.9 16.4 17.6 18.75 19.9 17.2 18.5 19.7 20.9 1 1 1 1 23.2 24.4 26 27.6 64.7 61.5 57.7 53.3 1smc18at3, g 1smc20at3, g 1smc22at3, g 1smc24at3, g get gev gex gez 18 20 22 24 5 5 5 5 20 22.2 24.4 26.7 21.05 23.35 25.65 28.1 22.1 24.5 26.9 29.5 1 1 1 1 29.2 32.4 35.5 38.9 51.4 46.3 42.2 38.6 1smc26at3, g 1smc28at3, g 1smc30at3, g 1smc33at3, g gfe gfg gfk gfm 26 28 30 33 5 5 5 5 28.9 31.1 33.3 36.7 30.4 32.75 35.05 38.65 31.9 34.4 36.8 40.6 1 1 1 1 42.1 45.4 48.4 53.3 35.6 33 31 28.1 1smc36at3, g 1smc40at3, g 1smc43at3, g 1smc45at3 gfp gfr gft gfv 36 40 43 45 5 5 5 5 40 44.4 47.8 50 42.1 46.75 50.3 52.65 44.2 49.1 52.8 55.3 1 1 1 1 58.1 64.5 69.4 72.2 25.8 32.2 21.6 20.6 1smc48at3, g 1smc51at3, g 1smc54at3, g 1smc58at3, g gfx gfz gge ggg 48 51 54 58 5 5 5 5 53.3 56.7 60 64.4 56.1 59.7 63.15 67.8 58.9 62.7 66.3 71.2 1 1 1 1 77.4 82.4 87.1 93.6 19.4 18.2 17.2 16 1smc60at3 1smc64at3, g 1smc70at3, g 1smc75at3, g 1smc78at3, g ggk ggm ggp ggr ggt 60 64 70 75 78 5 5 5 5 5 66.7 71.1 77.8 83.3 86.7 70.2 74.85 81.9 87.7 91.25 73.7 78.6 86 92.1 95.8 1 1 1 1 1 96.8 103 113 121 126 15.5 14.6 13.3 12.4 11.4 6. a transient suppressor is normally selected according to the maximum working peak reverse voltage (v rwm ), which should be equal to or greater than the dc or continuous peak operating voltage level. 7. v br measured at pulse test current i t at an ambient temperature of 25 c. 8. surge current waveform per figure 2 and derate per figure 3 of the general data ? 1500 watt at the beginning of this group. *the ?g?? suffix indicates pb?free package available.
1smc5.0at3 series http://onsemi.com 4 nonrepetitive pulse waveform shown in figure 2 t p , pulse width 1 10 100 0.1  s1  s10  s 100  s 1 ms 10 ms figure 1. pulse rating curve 01234 0 50 100 t, time (ms) value (%) half value ? i pp 2 peak value ? i pp figure 2. pulse waveform figure 3. pulse derating curve peak pulse derating in % of peak power or current @ t a = 25 c 100 80 60 40 20 0 0 25 50 75 100 125 150 t a , ambient temperature ( c) 120 140 160 t p pulse width (t p ) is defined as that point where the peak current decays to 50% of i pp .  v br , instantaneous increase in v br above v br (nom) (volts) 0.3 0.5 0.7 1 2 3 5 7 10 20 30 1000 500 200 100 50 1 2 5 10 20 t l =25 c t p =10  s v br (nom)=6.8to13v 20v 24v 43v 75v 120v 180v figure 4. dynamic impedance p pk , peak power (kw) t r 10  s i t , test current (amps) ul recognition the entire series has underwriters laboratory recognition for the classification of protectors (qvgv2) under the ul standard for safety 497b and file #116110. many competitors only have one or two devices recognized or have recognition in a non-protective category. some competitors have no recognition at all. with the ul497b recognition, our parts successfully passed several tests including strike voltage breakdown test, endurance conditioning, temperature test, dielectric voltage-withstand test, discharge test and several more. whereas, some competitors have only passed a flammability test for the package material, we have been recognized for much more to be included in their protector category.
1smc5.0at3 series http://onsemi.com 5 application notes response time in most applications, the transient suppressor device is placed in parallel with the equipment or component to be protected. in this situation, there is a time delay associated with the capacitance of the device and an overshoot condition associated with the inductance of the device and the inductance of the connection method. the capacitive effect is of minor importance in the parallel protection scheme because it only produces a time delay in the transition from the operating voltage to the clamp voltage as shown in figure 5. the inductive effects in the device are due to actual turn-on time (time required for the device to go from zero current to full current) and lead inductance. this inductive effect produces an overshoot in the voltage across the equipment or component being protected as shown in figure 6. minimizing this overshoot is very important in the application, since the main purpose for adding a transient suppressor is to clamp voltage spikes. the smc series have a very good response time, typically < 1 ns and negligible inductance. however, external inductive effects could produce unacceptable overshoot. proper circuit layout, minimum lead lengths and placing the suppressor device as close as possible to the equipment or components to be protected will minimize this overshoot. some input impedance represented by z in is essential to prevent overstress of the protection device. this impedance should be as high as possible, without restricting the circuit operation. duty cycle derating the data of figure 1 applies for non-repetitive conditions and at a lead temperature of 25 c. if the duty cycle increases, the peak power must be reduced as indicated by the curves of figure 7. average power must be derated as the lead or ambient temperature rises above 25 c. the average power derating curve normally given on data sheets may be normalized and used for this purpose. at first glance the derating curves of figure 7 appear to be in error as the 10 ms pulse has a higher derating factor than the 10  s pulse. however, when the derating factor for a given pulse of figure 7 is multiplied by the peak power value of figure 1 for the same pulse, the results follow the expected trend.
1smc5.0at3 series http://onsemi.com 6 v l v v in v in (transient) v l t d v v in (transient) overshoot due to inductive effects t d = time delay due to capacitive effect t t figure 5. figure 6. figure 7. typical derating factor for duty cycle derating factor 1 ms 10  s 1 0.7 0.5 0.3 0.05 0.1 0.2 0.01 0.02 0.03 0.07 100  s 0.1 0.2 0.5 2 5 10 50 1 20 100 d, duty cycle (%) pulse width 10 ms typical protection circuit v in v l z in load
1smc5.0at3 series http://onsemi.com 7 package dimensions smc case 403?03 issue e dim a min nom max min millimeters 1.90 2.13 2.41 0.075 inches a1 0.05 0.10 0.15 0.002 b 2.92 3.00 3.07 0.115 c 0.15 0.23 0.30 0.006 d 5.59 5.84 6.10 0.220 e 6.60 6.86 7.11 0.260 l 0.76 1.02 1.27 0.030 0.084 0.095 0.004 0.006 0.118 0.121 0.009 0.012 0.230 0.240 0.270 0.280 0.040 0.050 nom max 7.75 7.94 8.13 0.305 0.313 0.320 h e e bd c l1 l a1 a notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. d dimension shall be measured within dimension p. 4. 403?01 thru ?02 obsolete, new standard 403?03. h e 0.020 ref 0.51 ref l1 4.343 0.171 3.810 0.150 2.794 0.110  mm inches  scale 4:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 1smc5.0at3/d surmetic is a trademark of semiconductor components industries, llc. literature fulfillment : literature distribution center for on semiconductor p.o. box 61312, phoenix, arizona 85082?1312 usa phone : 480?829?7710 or 800?344?3860 toll free usa/canada fax : 480?829?7709 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of 1SMC80AT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X