Part Number Hot Search : 
SOD1E4 VN0645N2 B43704 VN0645N2 MMBT2222 SE556 SE556 P06LG
Product Description
Full Text Search
 

To Download TS4148RX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ts4148 rx 400mw high speed smd switching diode small signal diode ? extremely thin/leadless package ? high mounting capability,strong surage with stand, high reliability. ? pb free version and rohs compliant ? case :1206 standard package, molded plastic min max min max 3.18 3.40 0.134 0.118 1.30 1.70 0.510 0.670 0.35 0.75 0.014 0.030 0.75 0.95 0.029 0.037 1.68 1.50 0.076 0.044 package 1206 maximum ratings electrical characteristics reverse breakdown voltage (note 2) forward voltage i f = 10ma v r = 20v v r = 75v junction capacitance v r =0, f=1.0mhz reverse recovery time (note3) notes:1. valid provided that electrodes are kept at ambient temperature notes:2. test condition : i r =100 a notes:3. test condition : i f =10ma, i r =1ma,r l =100 ? i o 150 8.3ms single half sine waveform tp=1sec square waveform i fsm v (br) c/w r ja 75 units v max 375 - - v 75 ma ma 0.5 2.0 pf junction and storage temperature range reverse leakage current min -65 to + 175 type number symbol v f c t j , t stg trr ns - 4.0 c j 4 - i r 1206 maximum ratings and electrical characteristics features mechanical data ? terminal: gold plated, solderable per mil-std-750, method 2026 guaranteed unit (mm) unit (inch) d ? high temperature soldering guaranteed: 260 c/10s ? designed for mounting on small surface. non-repetitive peak forward surge current mean forward current 25 1.00 thermal resistance (junction to ambient) (note 1) repetitive peak reverse voltage p d v rrm type number repetitive peak forward current ? polarity : indicated by cathode band ? weight : 0.010 gram (approximately) i frm non-repetitive peak reverse voltage v rsm rating at 25 c ambient temperature unless otherwise specified. 100 v ? green compound (halogen free) with suffix "g" on packing code and prefix "g" on date code power dissipation symbol 5kpcs / 7" reel ts4148 rx na a 300 value 400 5 a units mw v dimensions ordering information part no. packing c e a b c e d b a version : e09
ts4148 rx 400mw high speed smd switching diode small signal diode rating and sharacteristic curves fig 3 admissible power dissipation curve 0 100 200 300 400 500 0 25 50 75 100 125 150 175 200 power dissipation (mw) fig 4 typical junction capacitance 0.6 0.7 0.8 0.9 1 1.1 1.2 0246810 junction capacitance (pf) ambient temperature (c) reverse voltage (v) fig 1 typical forward characteristics 0.01 0.1 1 10 100 1000 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 instantaneous forward current (a) fig 5 forward resistance vs. forward current 1 10 100 1000 10000 0 0 1 10 100 forward current (ma) dynamic forward resistance ( ? ) ta=25c ta=100 instantaneous forward voltage (v) fig 2 reverse current vs reverse voltage 0.01 0.1 1 10 100 0 20 40 60 80 100 120 reverse current (ua) reverse voltage (v) ta=25c version : e09


▲Up To Search▲   

 
Price & Availability of TS4148RX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X