Part Number Hot Search : 
HT49R 4749A 46010 5KP75 DS123 SHD12 43618 40000
Product Description
Full Text Search
 

To Download TIP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 37025 revision 05-dec-00 www.vishay.com 2 TIP vishay dale infrared touch panels with controller features ? fast response time ? flexible operating modes ? user transparent ? rugged construction ? sealed for environmental resistance ? immune to high or changing ambient light ? rs-232c interface ? pre-assembled - no assembly or disassembly required to mount display interface specifications type: rs-232c. data rate: 300, 1200, 9600 baud and auto baud. word format: 8 bits, no parity, 1 start bit, 1 stop bit. electrical specifications voltage: + 12 vdc 5%. current: 400 ma typical. TIP products are infrared touch panels designed to fit most flat panel display technologies. the touch panels are a matrix of infrared diodes and detectors, scanning electronics, micro-processor controller, bezel/optical filter assembly and hardware to mount the touch panel and controller to the flat panel display. these touch panels are ideal for many applications including medical instrumentation, machine or process controls, point of sale devices, public information displays, banking and military. vishay dale ? TIP touch panels have a unique patented scan- ning l9ogic system that makes them virtually immune to most lighting environments. optional pc based software (tbdriver, a dos mouse emulator; and twdriver, a windows ? mouse emulator) provide simple touch panel integration. windows ? is a registered trademark of the microsoft corporation. environmental specifications operating temperature: 0 c to + 55 c. storage temperature: - 55 c to + 85 c. relative humidity: 10 - 90% non-condensing. *other user specified filters will be designated as "s". contact factory for availability. any "s" filter designation will requir e a factory assigned dash number suffix. filters a-d are plastic. glass filters may be available on selected models. note: many additional touch panel options available to fit color lcd's and other display technologies. please contact factory for assistance. xxx dash number (if required) a filter * matrix 3216 3220 3224 3526 a = non polarized, gray b = polarized, gray c = non polarized, amber d = polarized, amber s = special - contact factory touch points 63 x 31 63 x 39 63 x 47 69 x 5 1 touch panel display technology eld eld eld eld manufacturer finlux planar finlux planar sharp sharp planar pixels 512 x 256 640 x 400 640 x 480 640 x 480 part number md512.256 el6648mss md640.400 el8358hr lj640u27 lj64zu49 el7768ms designator fa pa fb pb sa sb pc TIP model 3216 matrix fa display designator ordering information
www.vishay.com 3 TIP vishay dale document number: 37025 revision 05-dec-00 pin description j1 data connector pin 1 3 5 7 9 signal rd (to touch panel) + 12 (optional) cts rts ground pin 2 4 6 8 10 signal ground + 12 (optional) reserved reserved td (from touch panel) mating connectors other amp 746288-1 molex 22-01-3027 housing, 08-50-0114 terminals molex 22-01-3037 housing , 08-50-0114 terminals dale 280105-02 280108-07 280108-06 j1 j5, j6 j4 signal + 12 vdc gnd j5, j6 power connector pin 1 2 j4 audio feed back connector pin 1 2 3 signal gnd beeper signal (active low) + 5 vdc general description each vishay dale ? touch panel has infrared led emitters and detectors along the x and y axis, forming a grid of infrared light beams across the face of the display. the first two numbers of the TIP "matrix" number specify the number of vertical beams and the last two numbers specify the number of horizontal beams. the controller scans the emitter/detector pairs one at a time and determines whether both x and y beams are blocked, indicating that a finger or stylus is present. (when beams are blocked on only one axis, they are ignored and not reported to the host.) the controller determines the coordinates of the touch point and reports them to the host computer. by interpolating a "virtual" beam between two physical beams, the number of touch points on each axis is effectively doubled. when an odd number of beams along either axis is blocked, the coordinate of the center physical beam is reported. when an even number of beams is blocked, the coordinate of the virtual beam in the center of the blocked beams is calculated and reported. the touch controller supports enter, exit, continuous and tracking report modes or combinations of these modes. the controller also has a beeper output. hardware handshaking, software handshaking, baud rates and auto-baud features are jumper selected. the user initializes the desired report modes and requests reports when needed. several optical filters are standard to provide the most cost effective filter for each application. "non-standard" filters may be specified as well. the filter increases the contrast ratio of the display and protects the display face and electronics. vishay dale ? can assist in recommending the optimum filter based on years of experience as a display manufacturer. the perimeter of the filter is bonded to the bezel and a bezel to front panel gasket is includedto provide a splash proof seal. command set (a bridged) 11h 13h 20h 21h 22h 23h 24h 25h 26h 27h 28h 29h 2ah 2bh 2ch 2eh 2fxxh 34h dc1, ctl q, xon software handshaking dc3, ctl s, xoff, software handshaking enable exit point mode disable exit point mode (default) enable enter point mode disable enter point mode (default) enable continuous mode/disable tracking disable continuous mode (default) and tracking enable touch panel disable touch panel (default) request failed beam report enable automatic report transfer disable automatic report transfer (default) request one coordinate report reset touch panel disable beeper (default) sound beep, xx = duration (00h to ffh) enable tracking mode/disable continuous dimensions in inches [millimeters] touch frame viewing area 7.9 x 4.1 [200.66 x 104.14] 8.0 x 5.2 [203.20 x 132.08] 7.8 x 5.9 [198.12 x 149.86] 8.6 x 6.4 [218.44 x 162.56] d 5.67 [144.02] 6.950 [176.53] 7.086 [179.98] 7.532 [191.31] b 9.608 [244.04] 9.748 [247.60] 9.680 [246.0] 10.404 [264.26] c 4.86 [123.44] 6.238 [158.45] 6.687 [169.85] 7.311 [185.70] model 3216 3220 3224 3526 b a d c viewing area
document number: 37025 revision 05-dec-00 www.vishay.com 4 TIP vishay dale TIP 3220 with planar 640 x 400 display dimensions in inches [millimeters] contact factory for models not shown. note: detail a shows display and touch panel assembly after installation to customer's front panel. bezel customer's front panel TIP 3220 with sharp 640 x 400 display locking screw locking screw touch panel controller finlux display gasket touch frame assembly 2.14 [54.36] max. 3.544 [90.02] ref. 6.00 [152.40] max. TIP 3216 with finlux 512 x 256 display 10.0 [254.0] ref. 10.236 [259.99] ref. detail a sharp display assembly touch panel controller gasket touch frame assembly mounting hardware 2.32 [58.93] max. 7.06 [179.32] max. 9.86 [250.44] max. display dc/dc converter touch panel controller planar display assembly touch frame assembly gasket 10.60 [269.24] max. 7.06 [179.32] max. 2.00 [50.80] max.


▲Up To Search▲   

 
Price & Availability of TIP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X