Part Number Hot Search : 
60R125 MBR1560 645ET MC80F LTC5100 002000 12022 ZMM5229
Product Description
Full Text Search
 

To Download SFM101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 maximum ratixgs and electrical characteristics sf m1 01 th ru sf m1 08 features mechanical data u n i t s 0 c 0 c - 6 5 t o + 1 5 0 - 6 5 t o + 1 2 5 p f n s symbol v o l t s v o l t s v o l t s a m p s a m p s v o l t s v rrm v rms v dc i (av) i fsm v f i r c j 1.0 30 1.0 1.3 1.7 t j t rr t stg 5.0 100 60 20 50 25 35 a ldeal for surface mounted applications easy pick and placelow leakage current glass passivated chips fast switching metallurgically bonded construction high temperature soldering guaranteed o 250 c/10 seconds/.375 , (9.5mm) lead lengths case molded plastic use ul94v-0 recoqnized flame retardant epoxyt erminals plated terminals, solderable per mil-std-202, method 208polarity red color band on body denotes cathode mounting position any weight 0.12gram o ratings at 25 c ambient temp. unless otherwise specified single phase, half sine wave, 60hz, resistive or inductive load notes 1. reverse recovery test conditions i f =0.5a, i r =1.0a, i rr =0.25a 2. measured at 1 mhz and applied reverse voltage of 4.0 volts d .c r ja r jc 0 c / w surface mount glass p assivated super f ast silicon rectifiers surface mount glass p assivated super f ast silicon rectifiers maximum current peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 375 , 0 (9.5mm) lead length at t t =55 c peak forward surge current ,8.3ms single half sine- wave superimposed on rated load (jedec method) maximum instantaneous forward voltage at 1.0a 0 maximum dc reverse current @t a =25 c 0 at rated dc blocking voltage t a =125 c maximum reverse recovery time (note 1) typical junction capacitance (note 2) typical junction capacitance operating temperature range t j storage temperature range t stg 50 35 50 100 70 100 150 105 150 200 140 200 300 210 300 400 280 400 500 350 500 600 420 600 sfm 108 sfm 101 sfm 102 sfm 103 sfm 104 sfm 105 sfm 106 sfm 107 d o - 2 1 3 a b / m e l f 0.022(0.559 ) 0.016(0.406 ) 0.205(5.20 ) 0.185(4.70 ) 0.105(2.67 ) 0.095(2.41 ) + 0 -0.008(0.20 ) solderable ends cathode ban d d1 = d2=d 1 d 2 dimension in inches (millimeters ) www.paceleader.com.tw
2 rating and characteristics curves SFM101 thru sfm108 sf m1 01 th ru sf m1 08 surface mount glass p assivated super f ast silicon rectifiers surface mount glass p assivated super f ast silicon rectifiers www.paceleader.com.tw


▲Up To Search▲   

 
Price & Availability of SFM101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X