` solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404 - 7855 * fax: (562) 404 - 1773 ssdi@ssdi - power.com * www.ssdi - power.com designer?s data sheet 1 / 6 pin to - 259 sdr623ct/ca thru sdr626ct/ca 40a 35nsec 300 - 600 v common anode & common cathode hyper fast centertap rectifier features : hyper fast recovery: 35nsec maximum 3 / isolated low profile package low reverse leakage current eutectic die attach available hermetically sealed package dual centertap: 1 common anode, 1 common cathode optional bent leads available tx, txv, and s - level screening available 2 / maximum ratings 6 / symbol value units peak repetitive reverse voltage sdr623ct/ca sdr624ct/ca sdr625ct/ca sdr626ct/ca v rrm v rwm v r 300 400 500 600 volts average rectified forward current (resistive load, 60 hz sine wave, t a = 25 c) total io 80 amps peak surge current 5 / (8.3 ms pulse, half sine wave, t a = 25 c) i fsm 200 amps operating & storage tempera ture t op & t stg - 65 to +200 oc maximum total thermal resistance junction to case 4 / junction to case 5 / r q jc 0.65 1.9 oc/w notes: 1/ for ordering information, price, operating curves, and availability - contact factory. 2/ scre ened to mil - prf - 19500. 3/ recovery conditions: i f = 0.5 amp, i r = 1.0 amp, rec. to 0.25 amp. 4/ all legs tied together. 5/ each leg. 6/ ratings at 25 c (unless otherwise specified). note: all specifications are subje ct to change without notification. scd's for these devices should be reviewed by ssdi prior to release. data sheet #: rh0231g doc
solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404 - 7855 * fax: (562) 404 - 1773 ss di@ssdi - power.com * www.ssdi - power.com sdr623ct/ca thru sdr626ct/ca electrical characteristics symbol max units instantaneous forward voltage drop ( i f = 10adc, pulse ) ( i f = 20adc, pulse ) t a = 25 oc t a = 25 oc v f1 v f2 1 .45 1.65 v dc instantaneous forward voltage drop (i f = 10adc, pulse ) t a = 100 oc t a = - 55 oc v f3 v f4 1.35 1.55 v dc reverse leakage current (100% of rated v r , pulse) t a = 25 oc t a = 100 oc i r1 i r2 50 5 m a m a reverse recovery time ( i f = 0.5a, i r = 1a, i rr = 0.25a, t a = 25oc) t rr 35 nsec junction capacitance (v r = 10v dc , t a = 25oc, f = 1mhz) c j 150 pf pin assignment configuration pin 1 pin 2 pin 3 common cathode anode 1 cathode anode 2 c onfiguration pin 4 pin 5 pin 6 common anode cathode 1 anode cathode 2 to - 259 - 6 outline: tolerances unless specified - .xx .020? .xxx .010? note: all specifications are sub ject to change without notification. scd's for these devices should be reviewed by ssdi prior to release. data sheet #: rh0231g doc
|