Part Number Hot Search : 
LS353 54055 MMSZ5V6 8112800 BT151 BC212KA 2SB123 11021
Product Description
Full Text Search
 

To Download LOU3000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/6 LOU3000 high brightness led lamp different and better features ? colorless transparency lens type ? 3mm(t-1) all plastic mold type ? high luminosity outline dimensions (unit : mm) straight type st opper type pin connectors 1.anode 2.cathode
2/6 LOU3000 high brightness led lamp different and better absolute maximum ratings characteristic symbol ratings unit power dissipation p d 75 mw forward current i f 30 ma * 1 peak forward current i fp 100 ma reverse voltage v r 5 v operating temperature t opr -3085 storage temperature t stg -40100 * 2 soldering temperature t sol 260 for 3 seconds *1.duty ratio = 1/16, pulse width = 0.1ms *2.keep the distance more than 2. 0mm from pcb to the bottom of led package electrical C optical characteristics (ta=25) characteristic symbol test condition min. typ. max. unit forward voltage v f i f = 20ma - 2.0 2.5 v dominant wavelength p i f = 20ma - 621 - nm spectrum bandwidth i f = 20ma - 25 - nm reverse current i r v r =5v - - 10 ua * 3 half angle 1/2 i f = 20ma - 17 - deg *3. 1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity
3/6 LOU3000 high brightness led lamp different and better luminous intensity ranks (ta=25) iv rank test condition min. typ. max. unit p 1200 - 1700 q 1700 - 2400 r 1700 - 2400 s i f = 20ma 2400 - 3400 mcd * luminous intensity is tested a t a current pulse duration of 2 5 ms and an accuracy of 11%. intensity measured : 0.01sr(cie. led_b) precautions on led using * to avoid optical difference, please do not mix differently-ra nked product.
4/6 LOU3000 high brightness led lamp different and better relative intensity[%] 0 10 20 30 40 50 60 70 80 0 0.5 1 1.5 2 2.5 0 0.5 1 1.5 0 5 10 15 20 25 30 characteristic diagrams forward current i f [ma] forward voltage v f [v] forward current i f [ma] intensity normalized at 20ma fig. 1 i f - v f fig. 2 i v - i f fig. 3 spectrum distribution ta=25 ta=25 wavelength [nm] ta=25 fig. 4 relative intensity-ta ta=25
5/6 LOU3000 high brightness led lamp different and better fig. 5 radiation diagram relative luminous intensity iv[%] 0 50 100 50 100
6/6 LOU3000 high brightness led lamp different and better revision history sheet spec no. title specification for approval times date summary of revision remarks 1 2 2001. 07. 15 2003. 02. 26 ???? format ??


▲Up To Search▲   

 
Price & Availability of LOU3000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X