Part Number Hot Search : 
EL4584C MIC5335 KBPC1510 VN050 2N338 MA45445 HCT57 NTE2088
Product Description
Full Text Search
 

To Download KTA1001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dim a b d e g h k 4.70 max 2.50 0.20 1.70 max 0.45+0.15/-0.10 4.25 max 1.50 0.10 0.40 typ 1.75 max 0.75 min 0.5+0.10/-0.05 sot-89 c j g d 123 2. collector (heat sink) a c k j f millimeters h 1. base 3. emitter b e ff d + _ + _ 1994. 3. 21 1/2 semiconductor technical data KTA1001 epitaxial planar pnp transistor revision no : 0 electrical characteristics (ta=25 1 ) characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =-35v, i e =0 - - -100 na emitter cut-off current i ebo v eb =-8v, i c =0 - - -100 na collector-emitter breakdown voltage v (br)ceo i c =-10ma, i b =0 -20 - - v emitter-base breakdown voltage v (br)ebo i e =-1ma, i c =0 -8 - - v dc current gain h fe (1) (note2) v ce =-2v, i c =-0.5a 100 - 320 h fe (2) v ce =-2v, i c =-3a 70 - - collector-emitter saturation voltage v ce(sat) i c =-3a, i b =-75ma - - -0.5 v base-emitter voltage v be v ce =-2v, i c =-3a - - -1.5 v transition frequency f t v ce =-2v, i c =-0.5a - 170 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 62 - pf characteristic symbol rating unit collector-base voltage v cbo -35 v collector-emitter voltage v ceo -20 v emitter-base voltage v ebo -8 v collector current dc i c -3 a pulse (note1) i cp -5 a base current i b -0.5 a collector power dissipation ta=25 1 p c 0.5 w tc=25 1 * 1 junction temperature t j 150 1 storage temperature range t stg -55  150 1 note1 : pulse test : pulse width=10ms(max.) duty cycle=30%(max.) *pc : KTA1001 mounted on ceramic substrate(250mm 2 x0.8t) note2 : h fe (1) classification 0:100  200, y:160  320 camera strobo flash application. high current application. features  h fe =100  320 (v ce =-2v, i c =-0.5a).  h fe =70(min.) (v ce =-2v, i c =-3a).  low collector saturation voltage. : v ce(sat) =-0.5v(max.) (i c =-3a, i b =-75ma).  high power dissipation. : p c =1w(tc=25 1 ), p c =0.5w(ta=25 1 ). maximum rating (ta=25 1 ) k type name h rank fe lot no. marking
1994. 3. 21 2/2 KTA1001 revision no : 0 i - v c ce ce collector-emitter voltage v (v) 0 -0.8 c 0 collector current i (a) -1 safe operating area ce collector-emitter voltage v (v) -0.1 -0.03 c collector current i (a) collector power disspation p (w) c 0.2 20 0 ambient temperature ta ( c) a c p - t ce -0.01 collector current i (a) c c ce v (sat) - i 30 dc current gain h fe -0.01 collector current i (a) c c fe h - i -1.6 -2.4 -3.2 -4.0 -2 -3 -4 common emitter ta=25 c i =-1ma b -2ma -3ma -5ma -10ma -20ma -50ma -100ma voltage v (sat) (v) collector-emitter saturation -0.03 -0.1 -0.3 -1 -3 -10 -0.01 -0.03 -0.05 -0.1 -0.3 -0.5 -1 common eitter i /i =40 c b ta=100 c ta=25 c ta=-25 c -0.03 -0.1 -0.3 -1 -3 -10 50 100 300 500 1k 2k common emitter v =-1v ce ta=100 c ta=25 c ta=-25 c 40 60 80 100 120 140 160 0 0.4 0.6 0.8 1.0 1.2 mounted on ceramic substrate (250mm x0.8t) ta=25 c 1 2 1 2 -0.3 -1 -3 -10 -30 -0.05 -0.1 -0.3 -0.5 -1 -3 -5 -10 * single nonrepetitive pulse ta=25 c curves must be derated linearly with increase in temperature i max. (pulsed) c i max. (dc) c 10ms 10 0ms * * * dc o pera ti on 2


▲Up To Search▲   

 
Price & Availability of KTA1001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X