Part Number Hot Search : 
AN2808 4815D LC753 LNK419EG BFXXXX DTA143T KI1557DH SMA39
Product Description
Full Text Search
 

To Download K1835 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sK1835 silicon n-channel mos fet application high speed power switching features high breakdown voltage (v dss = 1500v) high speed switching low drive current no secondary breakdown suitable for switchingregulator outline and equivalent circuit to-3p 1. gate 2. drain (flange) 3. source d g s 1 2 3
2sK1835 2 absolute maximum ratings (ta = 25?) item symbol ratings unit drain to source voltage v dss 1500 v gate to source voltage v gss 20 v drain current i d 4a drain peak current i d(pulse) * 1 10 a body to drain diode reverse drain current i dr 4a channel dissipation pch* 2 125 w channel temperature tch 150 c storage temperature tstg ?5 to +150 c notes 1. pw 10 m s, duty cycle 1 % 2. value at tc = 25 c
2sK1835 3 electrical characteristics (ta = 25?) item symbol min typ max unit test conditions drain to source breakdown voltage v (br)dss 1500 v i d = 10 ma, v gs = 0 gate to source leak current i gss 1 m av gs = 20 v, v ds = 0 zero gate voltage drain current i dss 500 m av ds = 1200 v, v gs = 0 gate to source cutoff voltage v gs(off) 2.0 4.0 v i d = 1 ma, v ds = 10 v static drain to source on state resistance r ds(on) 4.6 7.0 w i d = 2 a v gs = 15 v* 1 forward transfer admittance |y fs | 0.9 1.4 s i d = 2 a v ds = 20v* 1 input capacitance ciss 1700 pf v ds = 10 v output capacitance coss 230 pf v gs = 0 reverse transfer capacitance crss 100 pf f = 1 mhz turn-on delay time t d(on) 25 ns i d = 2a rise time t r 80 ns v gs = 10 v turn-off delay time t d(off) 230 ns r l = 15 w fall time t f ?0?s body to drain diode forward voltage v df 0.85 v i f = 4 a, v gs = 0 body to drain diode reverse recovery time t rr 2500 ns i f = 4 a, v gs = 0, di f / dt = 100 a / m s note 1. pulse test
2sK1835 4 200 150 100 50 0 channel dissipation pch (w) 50 100 150 200 case temperature tc (?) power vs. temperature derating 50 30 10 3 1 0.3 0.1 0.05 10 30 100 300 1000 3000 10000 1 ms pw = 10 ms (1 shot) drain current i (a) d operation in this area is ilmited by r (on) ds drain to source voltage v (v) ds 10 s m 100 s m ta = 25? dc operation (tc = 25?) maximum safe operation area 5 4 3 2 1 0 10 20 30 40 50 pulse test 10 v 8 v 6 v 5 v drain current i (a) d drain to source voltage v (v) ds v = 4 v gs typical output characteristics 5 4 3 2 1 02 4 6810 gate to source voltage v (v) gs drain current i (a) d pulse test tc = ?5? 25? 75? v = 20 v ds typical transfer characteristics
2sK1835 5 25 20 15 10 5 0 4 8 12 16 20 gate to source voltage v (v) pulse test 3 a 2 a i = 1 a d drain to source saturation voltage v (on) (v) ds gs drain to source saturation voltage vs. gate to source voltage 50 20 10 5 2 1 0.5 0.2 0.5 1 2 5 10 20 drain current i (a) d static drain?ource on state resistance r (on) ( ) ds w v = 10 v gs 15 v pulse test static drain to source on state resistance vs. drain current 25 20 15 10 5 0 0 ?0 40 80 120 160 case temperature t (?) c static drain?ource on state resistance r (on) ( ) w ds pulse test 1 a 2 a i = 3 a d v = 15 v gs static drain to source on state resistance vs. temperature 10 5 2 1 0.5 0.2 0.1 0.05 0.1 0.2 0.5 1 2 5 forward transfer admittance |y | (s) drain current i (a) d tc = ?5? 25? 75? pulse test v = 20 v ds fs forward transfer admittance vs. drain current
2sK1835 6 5000 2000 1000 500 200 100 5 0.1 0.2 0.5 1 2510 reverse recovery time trr (ns) reverse drain current i (a) dr gs di / dt = 100 a / s v = 0, ta = 25? m body to drain diode reverse recovery time 1000 10000 100 10 10 20 30 40 50 ciss coss v = 0 f = 1 mhz drain to source voltage v capacitance c (pf) gs ds crss 0 typical capacitance vs. drain to source voltage 1000 800 600 400 200 0 40 80 120 160 200 0 4 8 12 16 20 drain to source voltage v (v) ds i = 4 a v = 600 v dd 250 v 400 v 250 v v = 600 v 400 v v ds v gs dd gate charge g (nc) q d gate to source voltage v (v) gs dynamic input characteristics 1000 500 200 100 50 20 10 0.05 0.1 0.2 0.5 1 2 5 tf tr td (off) drain current i (a) d switching time t (ns) v = 10 v, duty 1 % gs pw = 5 s m switching characteristics td (on)
2sK1835 7 0 0.4 0.8 1.2 1.6 2.0 1 2 3 4 5 pulse test 0,? v reverse drain current i (a) dr v = 15 v gs source to drain voltage v (v) sd 0 reverse drain current vs. source to drain voltage 10 100 1 m 10 m 100 m 10 0.01 0.03 0.1 0.3 1.0 3 pulse width pw (s) normalized transient thermal impedance s (t) g m m d = 1 0.5 0.2 0.1 0.05 0.02 1 shot pulse tc = 25? 0.01 1 q ch ?c(t) = s(t) ch ?c ch ?c = 1.0? / w, tc = 25? p d = pw t pw t dm g . q q normalized transien thermal impedance vs. pulse width
2sK1835 8 vin monitor vout monitor r v 30 v 50 vin 10 v d.u.t dd l = . . w switching time test circuit vin 10 % 90 % 90 % 90 % 10 % td (on) td (off) tr tf vout 10 % waveforms
f 3.2 0.2 4.8 0.2 1.5 0.3 2.8 0.6 0.2 1.0 0.2 18.0 0.5 19.9 0.2 15.6 0.3 0.5 1.0 5.0 0.3 1.6 1.4 max 2.0 2.0 14.9 0.2 3.6 0.9 1.0 5.45 0.5 5.45 0.5 hitachi code jedec eiaj weight (reference value) to-3p conforms 5.0 g unit: mm
cautions 1. hitachi neither warrants nor grants licenses of any rights of hitachi? or any third party? patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party? rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi? sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi? sales office for any questions regarding this document or hitachi semiconductor products. hitachi, ltd. semiconductor & integrated circuits. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 copyright ? hitachi, ltd., 1999. all rights reserved. printed in japan. hitachi asia pte. ltd. 16 collyer quay #20-00 hitachi tower singapore 049318 tel: 535-2100 fax: 535-1533 url northamerica : http:semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia (singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm asia (taiwan) : http://www.hitachi.com.tw/e/product/sicd_frame.htm asia (hongkong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. taipei branch office 3f, hung kuo building. no.167, tun-hwa north road, taipei (105) tel: <886> (2) 2718-3666 fax: <886> (2) 2718-8180 hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower, world finance centre, harbour city, canton road, tsim sha tsui, kowloon, hong kong tel: <852> (2) 735 9218 fax: <852> (2) 730 0281 telex: 40815 hitec hx hitachi europe ltd. electronic components group. whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 778322 hitachi europe gmbh electronic components group dornacher strae 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi semiconductor (america) inc. 179 east tasman drive, san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to:


▲Up To Search▲   

 
Price & Availability of K1835

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X