Part Number Hot Search : 
TVR1D BYW95 TC52425 74LV1G ACPP2010 M74HC40 2SK35 74LV1G
Product Description
Full Text Search
 

To Download HRA-S-DC12V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hra(h) ? relay 1.coil data 1-1.nominal voltage 3 vdc to 24 vdc 1-2.coil resistance refer to table 1 1-3.operate voltage refer to table 1 1-4.release voltage refer to table 1 1-5.nominal power consumption 330 to 450 mw 2.contact data 2-1.contact arrangement 1 form c 2-2.contact material auag 2-3.contact rating 1a 24 vdc / 120vac 2-4.max. switching voltage 30 vdc / 120 vac 2-5.max. switching current 2a 2-6.max. switching power 120 va , 24w 2-7.contact resistance ( initial ) 100 m |? . at 6 vdc 1a 2-8.life expectancy electrical 100,000 operations at nominal load mechanical 10,000,000 operations 3.general data 3-1.insulation resistance min.100m |? at 500 vdc 3-2.dielectric strength 500vac , 1min between open contact 500vac , 1min between contacts and coil 3-3.operate time max. 6ms 3-4.release time max. 4ms 3-5.temperature range -25 to +70 ?? 3-6.shock resistance 15g 3-7.vibration resistance 10-55 hz , amplitude 1.5mm 3-8.weight 1.7 gr. 3-9.safety standard ul no. e164730 4.dimensions ( in mm ) ?? 5.ordering code hra h- s dc5v ?? ?? | | | | | | | | | | | | | | |_____ ?? nominal voltage: dc3v , dc5v , dc6v , dc9v , dc12v , dc24v |____ _________ ?? enclosure s ----washable
| | |_____ ________ _________ ?? coil nil ---- standard type h ------- high sensitive type |_____ ________ _________ _________ ?? type 6.coil data chart ordering code coil nominal vdc coil resistance |? +/- 10% operate voltage vdc release voltage vdc coil nominal mw hra-s dc3v 3 20 2.4 0.15 450 hra-s dc5v 5 55 4.00 0.25 hra-s dc6v 6 80 4.80 0.30 hra-s dc9v 9 180 7.20 0.45 hra-s dc12v 12 320 9.60 0.60 hra-s dc24v 24 1280 19.20 1.20 hrah-s dc3v 3 28 2.40 0.15 330 hrah-s dc5v 5 75 4.00 0.25 hrah-s dc6v 6 110 4.80 0.30 hrah-s dc9v 9 250 7.20 0.45 hrah-s dc12v 12 440 9.60 0.60 hrah-s dc24v 24 1560 19.20 1.20 380 table 1 7.hra(h) characteristic data ?? ?? life curve ?? maximum switching power ??
?? ??


▲Up To Search▲   

 
Price & Availability of HRA-S-DC12V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X