Part Number Hot Search : 
BL8596 429BE AT88S NESJ25 2N350 KBJ410 K2750 CS8530
Product Description
Full Text Search
 

To Download GRM36XXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cg01-i 13 grm40 ??? x7r 103 k 050 a d capacitor 3-digit code temperature capacitance capacitance voltage marking packaging type and size appears as characteristics value tolerance identified by a = unmarked see below and necessary x5r expressed in x7r/x5r: a three-digit following pages. to indicate x7r picofarads and k = ?0% number. special y5v identified by a m = ?0% thickness three-digit number. non-standard requirements. first two digits j = ?% please consult represent significant y5v: z = +80 ?0 % your local sales figures. last digit office for details. specifies the number of zeros to follow. part numbering system chip termination diagrams nickel barrier layer (standard) ceramic dielectric inner electrode inner termination (ag or ag/pd or cu) nickel plated barrier layer tin plating* *size 0402 ?solder plated grm series reel diameter/ code tape material 7 paper tape d 7 plastic tape l 13 paper tape j 13 plastic tape k bulk b bulk cassette c 7 paper q 2mm pitch see pages 33-36 for labeling and packaging information. all products on this page are available as standard through authorized murata electronics distributors. surface mount monolithic chip capacitors high dielectric constant type grm36/39/40/42-6/42-2/43-2/44-1 series features miniature size no polarity nickel barrier termination standard ?highly resistant to metal migration uniform dimensions and configuration suitable for reflow soldering grm39, 40 and 42-6 suitable for wave soldering minimum series inductance tape and reel packaging bulk case packaging available for grm40 and smaller wide selection of capacitance values and voltages largest production capacity and volume in the world eia l w t e (min.) g (min.) dimensions: mm size code length width thickness termination insulation grm36 0402 1.0 0.05 0.5 0.05 0.5 0.05 0.15 ~ 0.3 0.4 grm39* 0603 1.6 0.1 0.8 0.1 0.8 0.1 0.2 ~ 0.5 0.5 0.6 0.1 grm40 0805 2.0 0.1 1.25 0.1 0.85 0.1 0.2 ~ 0.7 0.7 1.25 0.1 3.2 0.15 1.6 0.15 0.85 0.1 grm42-6 1206 1.15 0.1 0.3 ~ 0.8 1.5 3.2 0.2 1.6 0.2 1.6 0.2 1.15 0.1 grm42-2 1210 3.2 0.3 2.5 0.2 1.35 0.15 0.3 min. 1.0 1.8 0.2 2.5 0.2 grm43-2 1812 4.5 0.4 3.2 0.3 2.0 max. 0.3 min. 2.0 grm44-1 2220 5.7 0.4 5.0 0.4 2.0 max. 0.3 min. 2.0 chip dimensions *bulk case packaging is l = 1.6 0.07, w, t = 0.8 0.07. ee g lw t surface mount monolithic chip capacitors
capacitance change x5r: ?5% cx ?5? to +85? with temperature: x7r: ?5% cx ?5? to +125? y5v: cx ?0? to +85? capacitance & d.f. x5r, x7r: 1khz ?00hz @ 1.0 ?2vrms (frequency & voltage) y5v: 1khz ?00hz @ 1.0 ?2vrms min. 25v 16v 10v 6.3v dissipation factor (d.f.) x5r 2.5% 3.5% 3.5% 5% x7r 2.5% 3.5% 3.5% 5% y5v 5.0% 9.0% 12.5% 12.5% 14 cg01-i surface mount monolithic chip capacitors high dielectric constant type?specification grm36/39/40/42-6/42-2/43-2/44-1 series x5r/x7r 100,000 megohms or 1000 megohms-mfd insulation (whichever is less) resistance (i.r.) y5v 10,000 megohms or 500 megohms?fd (whichever is less) 250% of rated voltage for 5 seconds with series dielectric strength resistor limiting charge current to 50ma max.; (flash) 200% for 500v typ. aging (per decade) x5r/x7r 3% y5v 7% general/electrical mechanical environmental test test method post test limits terminal < 0603 1.0 lbs. adhesion 0805 2.2 lbs. no evidence of termination peeling 1 mm deflection (glass epoxy board) deflection no mechanical damage cap., df, ir meet initial limits solderability mil-std-202 meets requirement method 208f for specific details contact factory test test method post test limits mil-std-202, method 107, condition a prior to starting thermal shock test, capacitors shall be heat treated thermal (deaged) for one (1) hour at 150?. allow capacitors to stabilize at shock room temperature for 48 hours prior to taking initial measurements. (air to air) post thermal shock measurement shall be taken after 48 hours stabilization. appearance: no defects humidity, maintain the capacitor at 40 2? and 90 to 95% humidity for capacitance: x5r, x7r within ?2.5%; z5u, y5v within ?0% steady 500 12 hours. remove and let sit for 48 4 hours at room q/d.f.: see chart below. state temperature, then measure. i.r.: 1,000m or 50 f (whichever is less) apply the rated voltage at 40 2? and 90 to 95% humidity for appearance: no defects 500 12 hours. remove and let sit for 48 4 hours at room capacitance: x5r, x7r within ?2.5%; z5u within ?0%; temperature, then measure. the charge/discharge current is y5v within +30/-40% (10vmax), within ?0% (others) less than 50ma. humidity load ?initial measurement for y5v/10v max. apply the rated dc voltage for 1 hour at 40 20?. remove and let sit for 48 4 hours at room temperature. perform initial measurement. i.r.: 500m or 25 f (whichever is less) dielectric strength: no failure apply 200% of rated voltage for 1000 12 hours at life test maximum operating temperature; 150% for 500v upon completion of above test wait 48 hours prior to performing post testing. mounting capacitor supporter unit: mm 45 45 deflection capacitance meter glass epoxy board 10 load r340 2n appearance: no defects capacitance: x5r/x7r 12.5% cx, z5u/y5v ?0% cx d.f.: x5r/x7r = 3.0% max. @ 25?, (5% max. @ 25? for 16v & 10v series) (7.5% max. @ 25? for 6.3v series) y5v = 7.5% max. @ 25?, (10% max. @ 25? for 16v series) (15% max. @ 25? for 10v & 6.3v series) i.r.: x5r/x7r 1,000m or 50m -mfd. (whichever is less) y5v 1,000m or 50m -mfd. (whichever is less) flash: 250% rated voltage appearance: no visual damage c: x5r/x7r = ?2.5% y5v = ?0.0% d.f.: x5r/x7r = 2.5% max. @ 25?, (3.5% max. @ 25? for 16v & 10v series) (7.5% max. @ 25? for 6.3v series) y5v = 5.0% max. @ 25?, (9.0% max. @ 25? for 16v series) (15% max. @ 25? for 10v & 6.3v series) i.r.: x5r/x7r = 100,000m min. of 1,000m f (whichever is less) y5v = 10,000 or 500m f min. (whichever is less) +22 ?2 % char. 25v min. 16v 10v 6.3v x5r 0.05 max. 0.05 max. 0.05 max. 0.075 max. x7r q/d.f. z5u 0.05 max. 0.1 max. (c<1.0 f) y5v 0.075 max. 0.125 max. 0.15 max. 0.15 max. (c 1.0 f)
surface mount monolithic chip capacitors high dielectric constant x5r/x7r/y5v types grm36/39/40 series cg01-i 15 type (eia code) grm36* (0402) grm39 (0603) grm40 (0805) char. x5r x7r y5v x7r y5v x7r y5v volt. 10 16 10 16 25 50 10 16 25 50 10 16 25 50 100 200 10 16 25 50 100 10 16 25 50 100 200 16 25 50 100 cap. (pf) 220 270 330 390 470 560 680 820 1000 1200 1500 1800 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 22000 27000 33000 39000 47000 56000 68000 82000 100000 120000 150000 180000 220000 270000 330000 390000 470000 560000 680000 820000 1000000 1500000 2200000 3300000 4700000 10000000 thickness and packaging types/quantity type thickness: t bulk taping bulk case type thickness: t bulk taping bulk case (mm) (pcs./bag) (pcs./ 178mm reel) 3 (pcs./case) (mm) (pcs./bag) (pcs./ 178mm reel) 3 (pcs./case) grm36 : 0.5 0.05 1000 10000 50000 grm40 : 0.85 0.1 1000 4000 grm39 : 0.8 0.1 4 1000 4000 15000 : 1.25 0.1 1000 3000 5000 grm40 : 0.6 0.1 1000 4000 10000 3 330mm reel is available on request. 4 bulk case packaging is t = 0.8 0.07. *grm36 series is suited to only reflow soldering. 1 type: grm40-034 (l: 2 0.15, w: 1.25 0.15, t: 1.25 0.15) 2 only for taping 2 2 2 2 2 2 1 1 surface mount monolithic chip capacitors
surface mount monolithic chip capacitors high dielectric constant x5r/x7r/y5v types grm42-6/42-2/43-2/44-1 series 16 cg01-i type (eia code) grm42-6 (1206) grm42-2 (1210) grm43-2 (1812) grm44-1 (2220) char. x5r x7r y5v x5r x7r y5v x7r y5v x7r y5v volt. 6.3 10 10 16 25 50 100 200 6.3 16 25 50 100 10 16 50 100 200 50 100 50 100 200 50 100 50 100 200 50 100 cap. (pf) 3300 3900 4700 5600 6800 8200 10000 12000 15000 18000 22000 27000 33000 39000 47000 56000 68000 82000 100000 120000 150000 180000 220000 270000 330000 390000 470000 560000 680000 820000 1000000 1200000 1500000 1800000 2200000 3300000 4700000 10000000 thickness and packaging types/quantity type thickness: t bulk taping type thickness: t bulk taping (mm) (pcs./bag) (pcs./ 178mm reel) 1 (mm) (pcs./bag) (pcs./ 178mm reel) 1 : 0.85 0.1 1000 4000 grm42-2 : 1.8 0.2 1000 1000 grm42-6 : 1.15 0.1 1000 3000 : 2.5 0.2 1000 1000 : 1.6 0.2 1000 2000 grm43-2 : 2.0 max. 1000 1000 grm42-2 : 1.15 0.1 1000 3000 grm44-1 : 2.0 max. 1000 1000 : 1.35 0.15 1000 2000 1 330mm reel is available on request. *type: grm42-631 (l: 3.2 0.2, w: 1.6 0.2, t: 1.3 +0 ?.2 ) note : capacitance values = eia 12 step: x7r = 10,12,15,18,22,27,33,39,47,56,68,82 6 step: y5v = 10,15,22,33,47,68. for other values contact your local murata sales office *


▲Up To Search▲   

 
Price & Availability of GRM36XXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X