Part Number Hot Search : 
7N80C3 LTC1864 2N20C BUL38 HCC4067B MSC7170 AP4835 SDA20000
Product Description
Full Text Search
 

To Download DBT134-800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  absolute maximum ratings ( t j = 25c unless otherwise specified ) symbol parameter condition ratings units v drm repetitive peak off-state voltage sine wave, 50 to 60 hz, gate open 800 v i t(rms) r.m.s on-state current t c = 104 c, full sine wave 4a i tsm surge on-state current one cycle, 50hz/60hz, peak, non-repetitive 25/27 a i 2 t i 2 t for fusing tp= 10ms 3.1 a 2 s p gm peak gate power dissipation t c = 104 c, pulse width ? 1.0 us 5w p g(av) average gate power dissipation over any 20ms period 0.5 w i gm peak gate current tp = 20us, t j =125c 2a v gm peak gate voltage tp = 20us, t j =125c 5v t j operating junction temperature - 40 ~ 125 c t stg storage temperature - 40 ~ 150 c features repetitive peak off-state voltage : 800v r.m.s on-state current ( i t(rms) = 4 a ) high commutation dv/dt sensitive gate triggering 4 mode 2.t2 3.gate 1.t1 symbol ? ? ? ? dbt134 - 800 general description this device is sensitive gate tr iac suitable for direct coupling to ttl, htl, cmos and applic ation such as various logic functions, low power ac switching applications, such as fan speed, small light controllers and home appliance equipment. 1/5 triacs / sensitive gate i t(rms) = 4 a i tsm = 25 a bv drm = 800v sept. 2006, rev.0 copyright @ d&i semiconductor co., ltd., all rights reserved. 1 2 3 to-126
electrical characteristics symbol items conditions ratings unit min. typ. max. i drm repetitive peak off-state current v d = v drm , single phase, half wave t j = 125 c  0.5 ma v tm peak on-state voltage i t = 5 a, inst. measurement  1.4 1.7 v i + gt1  gate trigger current v d = 6 v, r l =10 ?  5 ma i - gt1 ?  5 i - gt3 ?  5 i + gt3 e  10 v + gt1  gate trigger voltage v d = 6 v, r l =10 ?  1.5 v v - gt1 ?  1.5 v - gt3 ?  1.5 v + gt3 e  2.5 v gd non-trigger gate voltage t j = 125 c, v d = 1/2 v drm 0.2  v (dv/dt)c critical rate of rise off-state voltage at commutation t j = 125 c, [di/dt]c = -0.75 a/ms, v d =2/3 v drm 5.0  v/ k i h holding current  1.2  ma r th(j-c) thermal impedance junction to case  3.5 c/w r th(j-a) thermal impedance junction to ambient ( in free air )  100 c/w dbt134 - 800 2/5 ? notes : 1. pulse width ? 300us , duty cycle ? 2%
-50 0 50 100 150 0.1 1 10 v gt (t o c) v gt (25 o c) junction temperature [ o c] 10 0 10 1 10 2 10 3 0 5 10 15 20 25 30 35 60hz 50hz surge on-state current [a] time (cycles) 012345 100 110 120 130 = 90 o = 150 o = 60 o = 30 o = 180 o = 120 o allowable case temperature [ o c] rms on-state current [a] 012345 0 1 2 3 4 5 6 7 = 90 o = 150 o = 60 o = 30 o = 180 o = 120 o power dissipation [w] rms on-state current [a] 0.51.01.52.02.53.0 10 -1 10 0 10 1 10 2 125 o c 25 o c on-state current [a] on-state voltage [v] 10 1 10 2 10 3 10 -1 10 0 10 1 25? p g(av) = 0.5w p gk = 5w i gm =2a v gk = 5v v gd = 0.2v gate voltage [v] gate current [ma] dbt134 - 800 3/5 fig 1. gate characteristics fig 2. on-state voltage fig 3. on state current vs. maximum power dissipation fig 4. on state current vs. allowable case temperature fig 5. surge on-sta te current rating ( non-repetitive ) fig 6. gate trigger voltage vs. junction temperature ? ? 2 t 360 t ? : conduction angle ? ? 2 t 360 t ? : conduction angle
4/5 dbt134 - 800 fig 8. transient thermal impedance fig 7. gate trigger current vs. junction temperature fig 9. gate trigger characteristics test circuit -50 0 50 100 150 0.1 1 10 i + gt3 i + gt1 i - gt1 i - gt3 i gt (t o c) i gt (25 o c) junction temperature [ o c] 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 -1 10 0 10 1 transient thermal impedance [ o c/w] time (sec) ? a v 10 ? 6v r g ? ? ? a v 10 ? 6v r g ? ? ? a v 10 ? 6v r g ? ? test procedure  test procedure ? test procedure ? ? a v 10 ? 6v r g ? ? test procedure e
dim. mm inch min. typ. max. min. typ. max. a 7.5 7.9 0.295 0.311 b 10.8 11.2 0.425 0.441 c 14.2 14.7 0.559 0.579 d 2.7 2.9 0.106 0.114 e 3.8 0.150 f 2.5 0.098 g 1.2 1.5 0.047 0.059 h 2.3 0.091 i 4.6 0.181 j 0.48 0.62 0.019 0.024 k 0.7 0.86 0.028 0.034 l 1.4 0.055  3.2 0.126 7/7 dbt134 - 800 1. t1 2. t2 3. gate a b c d e f g 1 2 3 h i j k l  to-126 package dimension


▲Up To Search▲   

 
Price & Availability of DBT134-800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X