Part Number Hot Search : 
LS395 CXA1726 74HC74 AN620 D469ADJ SF10A6 C1025P N5257
Product Description
Full Text Search
 

To Download CAR1212DC5Z0-1A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features: by lineage power www.lineagepower.com lineage power lineage power lineage power (china) 3000 skyline dr. 2841 dow avenue 1353 chenqiao road, shanghai sengpu industrial park mesquite, tx 75149 tustin, ca 92780 usa shanghai, 201401 china phone: (972) 284-2000 phone: (714) 544-6665 phone: 021 6710 8910 ? compact 1u high profle ? constant current characteristic ? visual led indicators ? hot plug / redundant parallel operation with active load sharing ? no minimum load requirements ? analog, i2c, and pmbuss control and monitoring ? four (4) car1212dc modules per rack ? 3.6kw n+1 capability/ or 4.8kw total power key market segments & applications ? distributed power ? rf amplifiers ? high end servers ? ate equipment ? high end routers and switchgear ? semiconductor burn-in equipment specifications 1,200 watt +12v front end power supply with 48 vdc input range input voltage range -36 ~ -75 vdc input range turn of (hysteresis) -32 vdc turn of input current maximum 38a, -36vdc input, full load and 89% efciency (max) input protection two fuses in the negative leg rated at 30 amps each efciency 90% typical, at 12vdc output, -48vdc nominal input (including oring mosfets). peak efciency at 60-80% load hold-up time 2.5ms at 1200w (typical) nominal -48vdc isolation 1500 vdc input to output, 100 vdc input to frame output voltage range 10.8~13.2 vdc with remote programming output current 100a @ 12vout (max continuous) standby bias voltage 3.3vsb @ 1a (optional 5vsb) voltage regulation 2% of vnom for any combination of line, load and temperature output ripple & noise 1% (pk-pk) @ 20mhz with 0.1f ceramic and 10f tantalum caps at the output transient response 5% max deviation recovery time 300s @ 50% load step and di/dt < 1a/s remote on/of on if >3v or open; off if <1v (max. sink 1ma) current limit protection 110~130a, constant current 12vdc down to 11.8vdc. true constant current for isc nonChiccup mode (adjustable via i 2 c) short circuit protection self protected with auto recovery over voltage protection trip level >14.5~15.5v, reset condition by recycling the ac input or applying remote or software on/off operating temperature -10c to +70c. power derating above 50c at change 2.5%/c (startup @ -40c, within spec @ 30 min of warm up) over temperature protection non-latching, thermal shutdown point is set for 120c and recovery point is 110c emi fcc-b & en55022-b with specifed flter or at rack level, gr-1089-core led indicators 3 led indicators to indicate green = input ok / green = dcok / amber = fault analog status & control voltage programming (v prog), load sharing (i share), remote on/of, current monitor (i monitor), input ok, dc ok, temperature warning, fault, ps present, module enable, digital status & control i 2 c and pmbus, see detailed specifcation for details shock & vibration nebs gr-63-core level 3 dimensions 11.20 x 4.00 x 1.65 / 284.5 x 101.6 x 41.91mm safety approvals iec/ul/csa/en60950-1, ce mark (lvd) options 5vsb output features benefits high power density >16w/in 3 more system space for application circuits and hardware load sharing & fault tolerant excellent reliability in n+1 operation automatic fan speed control reduces audible noise and increases reliability system scalability up to 4.8kw allows fexibility with minimum investment universal input & international certifcations reduces logistical costs car1212dc 1200 watt, +12v dc input front end rev 100225
by lineage power www.lineagepower.com lineage power lineage power lineage power (china) 3000 skyline dr. 2841 dow avenue 1353 chenqiao road, shanghai sengpu industrial park mesquite, tx 75149 tustin, ca 92780 usa shanghai, 201401 china phone: (972) 284-2000 phone: (714) 544-6665 phone: 021 6710 8910 efficiency curve: outline drawing part number definition guide: connector drawing: examples: car1212dcb-z01a 12v front, 6 of 6 rohs compliant car1212dcb5-y01a 12v front end, 5vsb 5 of 5 rohs compliant car1212dc 11200 watt, +12v dc input front end 5=5vsb options blank=non-compliant yo=5 of 6 compliant zo=6 of 6 compliant rohs rev. car 12 12 dc b x xx -1a series 12=1200w output current 12=12v output voltage dc= 48vin front end type b=bezel faceplate led indicator test condition inp ok dc ok fault monitoring signals fault dc ok inp ok temp ok 1 normal operation green green of low low low high 2 out of input range of of red high high high high 3 ovp green of red high high low high 4 over current green of red high high low high 5 thermo alarm green green red high low low low test condition # 2 had two modules plug in. one module running and the other module with no dc input rev 100225 output connector: molex 46437-1041 pin functions pin function pin functions a1 vprog b5 interrupt (/smbalert) p1 +48vdc a2 ps_present b6 iout monitor p2 -48vdc return a3 ovp test point b7 vstb p3 pe a4 fault signal b8 module enable (short pin) p4 +12vout a5 remote sense (+) c1 remote on/off p5 +12vout a6 temp warning c2 sda p6 +12vout a7 n/c c3 scl p7 output return a8 remote sense (-) c4 vstb return p8 output return b1 write protect c5 i2c address (a2) p9 output return b2 dc ok c6 i2c address (a1) b3 inp ok c7 i2c address (a0) b4 signal return c8 i share all dimensions in inches (mm) tolerance: .xx = .02 in (.50 mm) .xxx = .010 in (.254 mm)


▲Up To Search▲   

 
Price & Availability of CAR1212DC5Z0-1A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X