Part Number Hot Search : 
APA0711 2N381 0EP16 MW3795H SSFP6N40 BA7181FS B90M1 1N5927B
Product Description
Full Text Search
 

To Download B25832-C4336-K9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  110 siemens matsushita components compact design long-term stability and reliability for commutation in the low- frequency range construction l self-healing l plastic dielectric l oil-impregnated tubular windings (no pcb) l metal-sprayed end faces ensure reliable contacting l cylindrical aluminum case l ceramic or plastic lead-throughs l mounting bolts m8 or m12 terminals l tab connectors 6,3 mm l dual tab connectors 6,3 mm mounting parts l if the vibration stress is 5 g and the capacitors are 60 mm in diameter, the bolt is used for mounting. l in case of a vibration stress > 5 g as well as for larger-sized capacitors refer to chapter mounting parts. grounding l mounting bolts for grounding in accordance with vde 0100 l grounding identification in accordance with din 40 011 overpressure disconnector (mechanical) when the overpressure disconnector responds, the capacitor extends by up to 8 mm in the length. so leave sufficient space above the terminals when mounting the capacitor. individual data sheets individual capacitors of this series are specified in detail (incl. thermal data) on pages 118 127 . upon request, these data sheets are available for each capacitor type. mkv ac capacitors general ac applications b 25 832
siemens matsushita components 111 technical data standards iec 1071-1/2 en 61071-1/2 vde 0560 part 120 and 121 dielectric dissipation factor tan d 0 2 10 C4 max. repetitive rate of voltage rise (d u /d t ) max max. non-repetitive rate of voltage rise (d u /d t ) s climatic data: min. operating temperature q min C 25 c max. operating temperature q max + 85 c average relative humidity 75 % failure quota a fq(co) 1000 failures per 10 9 component hours load duration t ld(co) 30 000 h storage temperature limit q stg C 55/+ 85 c iec climatic category (iec 68-1 and 2) 25/085/56 test a, cold test b, dry heat test ca, damp heat, steady state C 25 c + 85 c 56 days/40 c/93 % rel. humidity values after test ca: capacitance change d c / c 1 % insulation resistance r is self-discharge time constant t = r is c dissipation factor change d tan d test data: ac test voltage between terminals u tt 1,25 u n , 50 hz, 10 s (or dc 1,75 u n , 10 s) between terminals and case u tc 2 u i + 1000 v, 50 hz, 10 s insulation resistance r is 1 m f: 3 3000 m w self-discharge time constant t = r is c >1 m f: 3 3000 s dissipation factor tan d 3 . 10 C4 ? c ---- i s c ---- c n dual tab connector 6,3 tab connector 6,3 1 m f 3 3000 m w3 1000 m w > 1 m f 3 3000 s 3 1000 s 3 10 C4 b 25 832 general ac applications
112 siemens matsushita components available ratings u n (v) ac 640 930 c n ( m f) 1,0 1,5 1,6 2,0 2,2 2,5 3,0 3,3 4,0 4,7 5,0 5,5 6,0 6,8 7,0 8,0 10 12 14 15 16 18 20 22 25 30 33 40 47 50 data book range upon request b 25 832 general ac applications
siemens matsushita components 113 characteristics and ordering codes c n 1) m f i max a ? a i s a r s 20 c m w l self nh dimensions d l mm fig. appr. weight g ordering code pg. u n = ac 640 v u i = ac 570 v ? = 800 v u s = 1100 v u tt = ac 800 v, 10 s u tc = ac 2200 v, 10 s 1,0 10 40 100 24,0 50 25 48 3 30 b25832-f4105-k001 118 1,5 10 25 60 54,0 90 25 80 3 50 b25832-f4155-k001 1,6 16 60 160 16,0 50 30 48 4 50 b25832-f4165-k001 2,0 16 80 200 13,0 50 30 48 4 50 b25832-f4205-k001 2,2 10 35 90 39,0 90 25 80 3 50 b25832-f4225-k001 2,5 16 100 250 12,0 50 35 48 5 60 b25832-f4255-k001 3,0 10 50 120 30,0 90 25 80 3 50 b25832-f4305-k001 3,0 16 120 300 11,0 50 35 48 5 60 b25832-f4305-k011 3,3 10 50 130 28,0 90 25 80 3 50 b25832-f4335-k001 4,0 16 60 160 24,0 90 30 80 4 70 b25832-f4405-k001 4,7 16 75 190 21,0 90 30 80 4 70 b25832-f4475-k001 5,0 16 80 200 20,0 90 30 80 4 70 b25832-f4505-k001 6,0 18 240 600 5,6 70 45 57 1 110 b25832-c4605-k009 6,8 16 110 270 17,0 90 35 80 5 100 b25832-f4685-k001 120 7,0 16 110 280 16,0 90 35 80 5 100 b25832-f4705-k001 8,0 18 130 320 12,0 90 40 86 1 130 b25832-c4805-k009 10 18 160 400 10,0 90 40 86 1 130 b25832-c4106-k009 12 18 190 480 9,4 90 45 86 1 160 b25832-c4126-k009 14 18 220 560 8,6 90 50 86 1 200 b25832-c4146-k009 15 18 240 600 8,1 90 50 86 1 200 b25832-c4156-k009 16 18 260 640 7,8 90 50 86 1 200 b25832-c4166-k009 20 18 320 800 7,0 90 55 86 1 250 b25832-c4206-k009 22 18 350 880 6,7 90 60 86 1 300 b25832-c4226-k009 25 18 400 1000 6,2 90 60 86 1 300 b25832-c4256-k009 30 18 480 1200 6,8 140 50 156 1 370 b25832-c4306-k009 33 18 530 1300 6,6 140 50 156 1 370 b25832-c4336-k009 40 18 640 1600 6,2 140 55 156 1 450 b25832-c4406-k009 47 18 750 1900 6,1 140 60 156 1 550 b25832-c4476-k009 122 50 18 800 2000 5,9 140 60 156 1 550 b25832-c4506-k009 1) capacitance tolerance 10 % b 25 832 general ac applications
114 siemens matsushita components u n = ac 930 v u i = ac 850 v ? = 1200 v u s = 1600 v u tt = ac 1200 v, 10 s u tc = ac 2700 v, 10 s 1,5 10 45 110 33,0 90 30 80 4 70 b25832-f6155-k001 2,0 10 60 150 26,0 90 30 80 4 70 b25832-f6205-k001 124 2,5 16 75 190 22,0 90 35 80 5 100 b25832-f6255-k001 3,0 18 90 230 17,0 90 40 86 1 130 b25832-c6305-k009 4,0 18 120 300 14,0 90 40 86 1 130 b25832-c6405-k009 5,0 18 150 380 12,0 90 45 86 1 160 b25832-c6505-k009 5,5 18 170 410 11,0 90 45 86 1 160 b25832-c6555-k009 6,0 18 180 450 10,0 90 50 86 1 200 b25832-c6605-k009 7,0 18 210 530 9,2 90 50 86 1 200 b25832-c6705-k009 8,0 18 240 600 8,5 90 55 86 1 250 b25832-c6805-k009 10 18 300 750 7,5 90 60 86 1 300 b25832-c6106-k009 12 18 360 900 6,7 90 60 86 1 300 b25832-c6126-k009 15 18 450 1100 7,0 110 79,2 104 2 600 b25832-c6156-k009 18 18 540 1400 6,5 110 79,2 104 2 600 b25832-c6186-k009 20 18 600 1500 6,3 110 89,3 104 2 800 b25832-c6206-k009 22 18 660 1700 6,2 110 89,3 104 2 800 b25832-c6226-k009 126 characteristics and ordering codes c n 1) m f i max a ? a i s a r s 20 c m w l self nh dimensions d l mm fig. appr. weight g ordering code pg. 1) capacitance tolerance 10 % b 25 832 general ac applications
siemens matsushita components 115 dimensional drawing 2 dual tab connectors 6,3 mm dimensions in mm *) 8 mm = threaded bolt m8 12 mm = threaded bolt m12 d C1,2 l C4 ? d 1 C0,4 creepage distance clear- ance 79,2 104 75,2 75 89,3 104 85,2 klk1264-3 8+0,5 6,30,1 l 13,5 max. 16+1 0,80,04 6,8+0,2 24 d m12 ?d 1 dimensional drawing 1 dual tab connectors 6,3 mm dimensions in mm mounting parts (included in delivery) dll 1 +1*) creepage distance clearance 40 86 8 75 45 57 8 45 86 8 50 86 12 50 156 12 55 86 12 55 156 12 60 86 12 60 156 12 threaded bolt max. torque toothed washer hex nut m8 4 nm j 8,2 din 6797 m 8 iso 4035 m12 10 nm j 12,5 din 6797 m12 iso 4035 klk0908-v 8+0,5 6,30,1 l 13,5 max. l 1 0,80,04 6,8+0,2 24 d +0,5 C0,2 +1 C2 b 25 832 general ac applications
116 siemens matsushita components dimensional drawing 4 tab connectors 6,3 mm dimensions in mm dl 2 creepage distance clearance 30 48 97 30 80 klk1416-v 18 max. tab connector m8 8+1 a 6,3 x 0,8 din 46 244 l d 15,50,5 12 +0,5 C0,2 b 25 832 general ac applications dimensional drawing 3 tab connectors 6,3 mm dimensions in mm mounting parts (included in delivery) dl 2 creepage distance clearance 25 48 97 25 80 threaded bolt max. torque toothed washer hex nut m8 4 nm j 8,2 din 6797 m8 iso 4035 klk1415-m 18 max. tab connector m8 8+1 a 6,3 x 0,8 din 46 244 l d 15,50,5 12 +0,5 C0,2
siemens matsushita components 117 dimensional drawing 5 tab connectors 6,3 mm dimensions in mm mounting parts (included in delivery) dl 2 creepage distance clearance 35 48 66 35 80 threaded bolt max. torque toothed washer hex nut m8 4 nm j 8,2 din 6797 m8 iso 4035 klk1418-c 13 max. tab connector m8 8+1 a 6,3 x 0,8 din 46 244 l d 15,50,5 12 +0,5 C0,2 b 25 832 general ac applications
118 siemens matsushita components 1 m f / 640 vac ordering code: b25832-f4105-k001 characteristics c n , tol. 1 m f 10 % u n ac 640 v u i ac 570 v i max 10 a l self 50 nh tan d 0 2 10 C4 r s 24 m w maximum ratings ? 800 v u s 1100 v ? 40 a i s 100 a (d u /d t ) max 40 v/ m s (d u /d t ) s 100 v/ m s test data u tt ac 800 v, 10 s u tc ac 2200 v, 10 s r is 3 3000 m w tan d (50 hz) 3 10 C4 climatic data q min C 25 c q max + 85 c humidity average relative humidity 75 % a fq(co) 1000/10 9 h t ld(co) 30000 h q stg C 55 to + 85 c iec climatic category: 25/085/56 (iec 68-1 and 2) q test + 40 c rel. humidity 93 % t test 56 days d c / c 1% d tan d 3 10 C4 r is 3 1000 m w design data dimensions ? l 25 mm 48 mm approx. weight 30 g impregnation oil fixing threaded bolt m8 mounting hole 9,5 mm max. torque 4 nm terminals tab connector 6,3 mm terminal cross section 1 mm 2 creepage distance 9 mm clearance 7 mm overpressure disconnector klk1425-u 18 max. tab connector m8 8+1 a 6,3 x 0,8 din 46 244 482 15,50,5 12 +0,5 0,2 25 _ b 25 832 general ac applications
siemens matsushita components 119 thermal data b25832-f4105-k001 dielectric power dissipation p d versus repetition frequency f 0 ohmic power dissipation p r versus rms current value i r s (85 c) = 29 m w permissible ambient temperature q a versus total power dissipation p (upright mounting position) ? ac = 640 v ? ac = 576 v natural cooling forced cooling 2 m/s permissible capacitor temperature b 25 832 general ac applications
120 siemens matsushita components 6,8 m f / 640 vac ordering code: b25832-f4685-k001 characteristics c n , tol. 6,8 m f 10 % u n ac 640 v u i ac 570 v i max 16 a l self 90 nh tan d 0 2 10 C4 r s 17 m w maximum ratings ? 800 v u s 1100 v ? 110 a i s 270 a (d u /d t ) max 16 v/ m s (d u /d t ) s 40 v/ m s test data u tt ac 800 v, 10 s u tc ac 2200 v, 10 s r is c 3 3000 s tan d (50 hz) 3 10 C4 climatic data q min C 25 c q max + 85 c humidity average relative humidity 75 % a fq(co) 1000/10 9 h t ld(co) 30000 h q stg C 55 to + 85 c iec climatic category: 25/085/56 (iec 68-1 and 2) q test + 40 c rel. humidity 93 % t test 56 days d c / c 1% d tan d 3 10 C4 r is c 3 1000 s design data dimensions ? l 35 mm 80 mm approx. weight 100 g impregnation oil fixing threaded bolt m8 mounting hole 9,5 mm max. torque 4 nm terminals tab connector 6,3 mm terminal cross section 1 mm 2 creepage distance 6 mm clearance 6 mm overpressure disconnector klk1426-3 13 max. tab connector m8 8+1 a 6,3 x 0,8 din 46 244 802 15,50,5 12 +0,5 0,2 35 _ b 25 832 general ac applications
siemens matsushita components 121 thermal data b25832-f4685-k001 dielectric power dissipation p d versus repetition frequency f 0 ohmic power dissipation p r versus rms current value i r s (85 c) = 21 m w permissible ambient temperature q a versus total power dissipation p (upright mounting position) ? ac = 640 v ? ac = 576 v natural cooling forced cooling 2 m/s permissible capacitor temperature b 25 832 general ac applications
122 siemens matsushita components 47 m f / 640 vac ordering code: b25832-c4476-k009 characteristics c n , tol. 47 m f 10 % u n ac 640 v u i ac 570 v i max 18 a l self 140 nh tan d 0 2 10 C4 r s 6,1 m w maximum ratings ? 800 v u s 1100 v ? 750 a i s 1900 a (d u /d t ) max 16 v/ m s (d u /d t ) s 40 v/ m s test data u tt ac 800 v, 10 s u tc ac 2200 v, 10 s r is c 3 3000 s tan d (50 hz) 3 10 C4 climatic data q min C 25 c q max + 85 c humidity average relative humidity 75 % a fq(co) 1000/10 9 h t ld(co) 30000 h q stg C 55 to + 85 c iec climatic category: 25/085/56 (iec 68-1 and 2) q test + 40 c rel. humidity 93 % t test 56 days d c / c 1% d tan d 3 10 C4 r is c 3 3000 s design data dimensions ? l 60 mm 156 mm approx. weight 550 g impregnation oil fixing threaded bolt m12 mounting hole 14 mm max. torque 10 nm terminals dual tab connector 6,3 mm terminal cross section 1,5 mm 2 creepage distance 7 mm clearance 5 mm overpressure disconnector klk1427-b 8+0,5 6,30,1 13,5 max. 12+1 0,80,04 6,8+0,2 24 +1 2 156 _ m12 +0,5 0,2 60 _ b 25 832 general ac applications
siemens matsushita components 123 thermal data b25832-c4476-k009 dielectric power dissipation p d versus repetition frequency f 0 ohmic power dissipation p r versus rms current value i r s (85 c) = 7,5 m w permissible ambient temperature q a versus total power dissipation p (upright mounting position) ? ac = 640 v ? ac = 576 v natural cooling forced cooling 2 m/s permissible capacitor temperature b 25 832 general ac applications
124 siemens matsushita components 2 m f / 930 vac ordering code: b25832-f6205-k001 characteristics c n , tol. 2 m f 10 % u n ac 930 v u i ac 850 v i max 10 a l self 90 nh tan d 0 2 10 C4 r s 26 m w maximum ratings ? 1200 v u s 1600 v ? 60 a i s 150 a (d u /d t ) max 30 v/ m s (d u /d t ) s 75 v/ m s test data u tt ac 1200 v, 10 s u tc ac 2700 v, 10 s r is c 3 3000 s tan d (50 hz) 3 10 C4 climatic data q min C 25 c q max + 85 c humidity average relative humidity 75 % a fq(co) 1000/10 9 h t ld(co) 30000 h q stg C 55 to + 85 c iec climatic category: 25/085/56 (iec 68-1 and 2) q test + 40 c rel. humidity 93 % t test 56 days d c / c 1% d tan d 3 10 C4 r is c 3 1000 s design data dimensions ? l 30 mm 80 mm approx. weight 70 g impregnation oil fixing threaded bolt m8 mounting hole 9,5 mm max. torque 4 nm terminals tab connector 6,3 mm terminal cross section 1 mm 2 creepage distance 9 mm clearance 7 mm overpressure disconnector klk1428-j 18 max. tab connector m8 8+1 a 6,3 x 0,8 din 46 244 802 15,50,5 12 +0,5 0,2 30 _ b 25 832 general ac applications
siemens matsushita components 125 thermal data b25832-f6205-k001 dielectric power dissipation p d versus repetition frequency f 0 ohmic power dissipation p r versus rms current value i r s (85 c) = 32 m w permissible ambient temperature q a versus total power dissipation p (upright mounting position) ? ac = 930 v ? ac = 837 v natural cooling forced cooling 2 m/s permissible capacitor temperature b 25 832 general ac applications
126 siemens matsushita components 22 m f / 930 vac ordering code: b25832-c6226-k009 characteristics c n , tol. 22 m f 10 % u n ac 930 v u i ac 850 v i max 18 a l self 110 nh tan d 0 2 10 C4 r s 6,2 m w maximum ratings ? 1200 v u s 1600 v ? 660 a i s 1700 a (d u /d t ) max 30 v/ m s (d u /d t ) s 75 v/ m s test data u tt ac 1200 v, 10 s u tc ac 2700 v, 10 s r is c 3 3000 s tan d (50 hz) 3 10 C4 climatic data q min C 25 c q max + 85 c humidity average relative humidity 75 % a fq(co) 1000/10 9 h t ld(co) 30000 h q stg C 55 to + 85 c iec climatic category: 25/085/56 (iec 68-1 and 2) q test + 40 c rel. humidity 93 % t test 56 days d c / c 1% d tan d 3 10 C4 r is c 3 3000 s design data dimensions ? l 89,3 mm 104 mm approx. weight 800 g impregnation oil fixing threaded bolt m12 mounting hole 14 mm max. torque 10 nm terminals dual tab connector 6,3 mm terminal cross section 1,5 mm 2 creepage distance 7 mm clearance 5 mm overpressure disconnector klk1429-s 8+0,5 6,30,1 13,5 max. 16+1 6,8+0,2 m12 4 104 _ 0,80,04 24 89,3 1,2 _ 0,4 85,2 _ b 25 832 general ac applications
siemens matsushita components 127 thermal data b25832-c6226-k009 dielectric power dissipation p d versus repetition frequency f 0 ohmic power dissipation p r versus rms current value i r s (85 c) = 7,6 m w permissible ambient temperature q a versus total power dissipation p (upright mounting position) ? ac = 930 v ? ac = 837 v natural cooling forced cooling 2 m/s permissible capacitor temperature b 25 832 general ac applications


▲Up To Search▲   

 
Price & Availability of B25832-C4336-K9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X