Part Number Hot Search : 
EE08806 65A56 5KE440A LI3264 A5800261 UDN3626M AC08F TP6A60
Product Description
Full Text Search
 

To Download 0015445810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/31/2010 please check www.molex.com for latest part information part number: 0015445810 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch c-grid? receptacle, through hole, dual row, high profile, vertical, high-temperature, 10 circuits documents: 3d model product specification ps-70181 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb receptacles series 71850 application board-to-board overview cgrid__sl_products product name c-grid? physical circuits (loaded) 10 color - resin black durability (mating cycles max) 50 flammability 94v-0 glow-wire compliant no material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pc tail length (in) 0.120 in pc tail length (mm) 3.05 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm plating min: mating (in) 15 plating min: mating (m) 0.375 plating min: termination (in) 75 plating min: termination (m) 1.875 polarized to pcb no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 2.5a voltage - maximum 250v solder process data lead-free process capability smc & wave capable (th only) process temperature max. c 260 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 71850 series mates with 8624 , 70203 , 70246 straight header, 70247 right angle header, 70287 , 70289 , 70227 , 70567 , 70280 , 70524 , 70260 , 8723 , 70568 , 8724 , 71764 , 70229 , 70216 , 71308
material info old part number 71850-0132 reference - drawing numbers packaging specification pk-70873-0660 product specification ps-70181 sales drawing sda-71850-0*** this document was generated on 05/31/2010 please check www.molex.com for latest part information



▲Up To Search▲   

 
Price & Availability of 0015445810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X