Part Number Hot Search : 
0203A 1N5395 300AC6 74AVC PBSS53 30M25 74AVC 10R0J
Product Description
Full Text Search
 

To Download WIW1036-U-101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features z 6mm single turn z cermet / industrial / sealed z top and side adjust types (p/u/w/s most popular) electrical characteristics standard resistance range 100 to 2 megohms (see standard resistance table) resistance tolerance f 10% f % std. (tighter tolerance available) absolute minimum resistance 1% or 2 ohms max. (whichever is greater) contact resistance variation 3% or 3 ohms max. (whichever is greater) adjustability voltage f 0.05% resistance f 0.15% resolution infinite insulation resistance 500 vdc 1,000 megohms min. dielectric strength 101.3 kpa 500 vac 8.5 kpa 315 vac adjustment angle 210 e nom. environmental characteristics power rating (250 volts max.) 0.5 watt (70  ) , 0 watt (125  ) temperature range -55  to +125  temperature coefficient f 100ppm/  vibration 98 m/s 2 (1% ? tr;2% ? vr) shock 390 m/s 2 (1% ? tr; 1% ? vr) load life 1,000 hours 0.5 watt @ 70  (3% ? tr; 4% or 4 ohm, whichever is greater , crv) rotational life 200 cycles (3% ? tr; 4% or 4 ohm, whichever is greater , crv)  physical characteristics mechanical angle 250 nom. torque 20 mn g m max. stop strength 50 mn g m min. terminals solderable pins 2.5 5 6.8+0.3 6.8+0.3 3+0.2 5+1 0.5 1.2 6+0.3 0.5 0.3 1.5 p 6.2+0.3 0.5 0.3 0.5 8.2+0.4 5+1 3-0.3 5.2+0.4 3-0.5 2.5+0.3 2.5+0.3 6.8+0.3 2.9+0.3 2.5+0.3 4 - 0 . 8 s 6.2+0.3 0.5 0.5 8.2+0.4 5+1 3-0.3 5.2+0.4 3-0.5 6.8+0.3 2.5+0.3 2.5+0.3 6.8+0.3 2.9+0.3 2.5+0.3 4 - 0 . 8 w 5+1 0.5 1.2 6+0.3 0.5 0.3 1.5 2.5 5 6.8+0.3 6.8+0.3 3+0.2 u 6.2+0.3 0.5 0.3 0.5 8.2+0.4 5+1 3-0.3 5.2+0.4 3-0.5 2.5+0.3 2.5+0.3 6.8+0.3 2.9+0.3 2.5+0.3 4 - 0 . 8 v 6.2+0.3 0.5 0.5 8.2+0.4 5+1 3-0.3 5.2+0.4 3-0.5 6.8+0.3 2.5+0.3 2.5+0.3 6.8+0.3 2.9+0.3 2.5+0.3 4 - 0 . 8 d clockwise  wiper   cw how to order wiw1036?p?102 model style resistance code standard resistance table special resistance available detail specification: q/ry219-2000 military specification: q/ry20008-97 resistance ? ohms ? resistance code 100 200 500 1,000 2,000 5,000 10,000 20,000 25,000 50,000 100,000 200,000 250,000 500,000 1,000,000 2,000,000 101 201 501 102 202 502 103 203 253 503 104 204 254 504 105 205 wiw1036 ( 3323 ) trimmer potentiometer sharma potentiometers tel:(949)642-seci seci engineers & buyers' guide fax:(949)642-7327


▲Up To Search▲   

 
Price & Availability of WIW1036-U-101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X