Part Number Hot Search : 
RF204 0300L OPA742 JM38510 71WS256 PM334 1N4734A 2SC2078
Product Description
Full Text Search
 

To Download UA741CN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  philips semiconductors product specification m a741/ m a741c/sa741c general purpose operational amplifier 1 1994 aug 31 853-0903 13721 description the m a741 is a high performance operational amplifier with high open-loop gain, internal compensation, high common mode range and exceptional temperature stability . the m a741 is short-circuit-protected and allows for nulling of of fset voltage. features ? internal frequency compensation ? short circuit protection ? excellent temperature stability ? high input voltage range pin configuration 1 2 3 4 5 6 7 8 + offset null inverting input noninverting input v nc v + output offset null top view d, f, n packages sl00095 figure 1. pin configuration ordering information description temperature range order code dwg # 8-pin plastic dual in-line package (dip) -55 c to +125 c m a741n sot97-1 8-pin plastic dual in-line package (dip) 0 to +70 c m a741cn sot97-1 8-pin plastic dual in-line package (dip) -40 c to +85 c sa741cn sot97-1 8-pin ceramic dual in-line package (cerdip) -55 c to +125 c m a741f 0580a 8-pin ceramic dual in-line package (cerdip) 0 to +70 c m a741cf 0580a 8-pin small outline (so) package 0 to +70 c m a741cd sot96-1 absolute maximum ratings symbol parameter rating unit v s supply voltage m a741c 18 v m a741 22 v p d internal power dissipation d package 780 mw n package 1170 mw f package 800 mw v in differential input voltage 30 v v in input voltage 1 15 v i sc output short-circuit duration continuous t a operating temperature range m a741c 0 to +70 c sa741c -40 to +85 c m a741 -55 to +125 c t stg storage temperature range -65 to +150 c t sold lead soldering temperature (10sec max) 300 c notes: 1. for supply voltages less than 15v , the absolute maximum input voltage is equal to the supply voltage. .com .com .com 4 .com u datasheet
philips semiconductors product specification m a741/ m a741c/sa741c general purpose operational amplifier 1994 aug 31 2 dc electrical characteristics t a = 25 c, v s = 15v, unless otherwise specified. symbol parameter test conditions m a741 m a741c unit symbol parameter test conditions min typ max min typ max unit v os offset voltage r s =10k w 1.0 5.0 2.0 6.0 mv r s =10k w , over temp. 1.0 6.0 7.5 mv d v os / d t 10 10 m v/ c i os offset current 20 200 20 200 na over temp. 300 na t a =+125 c 7.0 200 na t a =-55 c 20 500 na d i os / d t 200 200 pa/ c i bias input bias current 80 500 80 500 na over temp. 800 na t a =+125 c 30 500 na t a =-55 c 300 1500 na d i b / d t 1 1 na/ c r l =10k w 12 14 12 14 v v out output voltage swing r l =2k w , over temp. 10 13 10 13 v r l =2k w , v o = 10v 50 200 20 200 v/mv a vol large-signal voltage gain r l =2k w , v o = 10v, over temp. 25 15 v/mv offset voltage adjustment range 30 30 mv r s 10k w 10 150 m v/v psrr supply voltage rejection ratio r s 10k w , over temp. 10 150 m v/v 70 90 db cmrr common-mode rejection ratio over temp. 70 90 db 1.4 2.8 1.4 2.8 ma i cc supply current t a =+125 c 1.5 2.5 ma t a =-55 c 2.0 3.3 ma v in input voltage range ( m a741, over temp.) 12 13 12 13 v r in input resistance 0.3 2.0 0.3 2.0 m w 50 85 50 85 mw p d power consumption t a =+125 c 45 75 mw t a =-55 c 45 100 mw r out output resistance 75 75 w i sc output short-circuit current 10 25 60 10 25 60 ma .com .com .com .com 4 .com u datasheet
philips semiconductors product specification m a741/ m a741c/sa741c general purpose operational amplifier 1994 aug 31 3 dc electrical characteristics t a = 25 c, v s = 15v, unless otherwise specified. symbol parameter test conditions sa741c unit symbol parameter test conditions min typ max unit v os r s =10k w 2.0 6.0 mv offset voltage r s =10k w , over temp. 7.5 mv d v os / d t 10 m v/ c i os 20 200 na offset current over temp. 500 na d i os / d t 200 pa/ c i bias 80 500 na input bias current over temp. 1500 na d i b / d t 1 na/ c r l =10k w 12 14 v v out output voltage swing r l =2k w , over temp. 10 13 v r l =2k w , v o = 10v 20 200 v/mv a vol large-signal voltage gain r l =2k w , v o = 10v, over temp. 15 v/mv offset voltage adjustment range 30 mv psrr supply voltage rejection ratio r s 10k w 10 150 m v/v cmrr common mode rejection ration 70 90 db v in input voltage range over temp. 12 13 v r in input resistance 0.3 2.0 m w p d power consumption 50 85 mw r out output resistance 75 w i sc output short-circuit current 25 ma ac electrical characteristics t a =25 c, v s = 15v, unless otherwise specified. symbol parameter test conditions m a741, m a741c unit symbol parameter test conditions min typ max unit r in parallel input resistance open-loop, f=20hz 0.3 m w c in parallel input capacitance open-loop, f=20hz 1.4 pf unity gain crossover frequency open-loop 1.0 mhz transient response unity gain v in =20mv, r l =2k w , c l 100pf t r rise time 0.3 m s overshoot 5.0 % sr slew rate c 100pf, r l 2k w , v in = 10v 0.5 v/ m s .com .com .com .com 4 .com u datasheet
philips semiconductors product specification m a741/ m a741c/sa741c general purpose operational amplifier 1994 aug 31 4 equivalent schematic noninverting input q1 q8 q2 q3 q4 q7 q5 q6 r1 1k w r3 50k w r2 1k w q9 q13 r5 39k w q10 q11 q22 v+ q14 r9 25 w output r10 50 w q20 q16 q17 q18 q15 v r11 50 w r12 50k w r7 4.5 w r8 7.5k w r4 5k w 30pf q12 offset null inverting input offset null sl00096 figure 2. equivalent schematic .com .com .com .com 4 .com u datasheet
philips semiconductors product specification m a741/ m a741c/sa741c general purpose operational amplifier 1994 aug 31 5 typical performance characteristics 55 o c < t a < +125 o c r l > 2k w 40 36 32 28 24 20 16 12 8 4 0 5 10 15 20 supply voltage e + v peak t o peak output swing e v 55 o c < t a < +125 o c 16 14 12 10 8 6 4 2 0 5 10 15 20 supply voltage e + v common mode vol tage range e v + t a = 25 o c 100 80 60 40 20 0 5 10 15 20 supply voltage e + v power consumption e mw v s = + 15v 500 400 300 200 100 0 60 20 20 60 100 140 temperature e o c input bias current e na 10.0 5.0 3.0 1.0 0.5 0.3 0.1 60 20 20 60 100 140 temperature e o c input resist ance e m w t a = 25 o c t a = 25 o c supply voltage e + v 40 30 20 10 0 5 10 15 20 input offset current na v s = 15 o c 140 120 100 80 60 40 20 0 60 20 20 60 100 140 temperature e o c input offset current e na 70 60 50 40 30 60 20 20 60 100 140 temperature e o c power consumption e mw v s = + 15v t a = 25 o c 28 26 24 22 20 18 16 14 12 10 8 0.1 0.2 0.5 1.0 2.0 5.0 10 load resistance e k w peaktopeak output swing e v output voltage swing as a function of supply voltage input commonmode voltage range as a function of supply voltage power consumption as a function of supply voltage input bias current as a function of ambient temperature input resistance as a function of ambient temperature input offset current as a function of supply voltage input offset current as a function of ambient temperature power consumption as a function of ambient temperature output voltage swing as a function of load resistance v s = 15 o c sl00097 figure 3. typical performance characteristics .com .com .com .com 4 .com u datasheet
philips semiconductors product specification m a741/ m a741c/sa741c general purpose operational amplifier 1994 aug 31 6 typical performance characteristics (continued) mean square vol tage e a /hz 2 101khz 35 30 25 20 15 10 60 20 20 60 100 140 temperature e o c short circuit current e ma v s = + 15v t a = 25 o c 10 13 10 14 10 15 10 16 10 17 10 18 10 100 1k 10k 100k frequency e hz mean square vol tage e v hz 2 v s = + 15v t a = 25 o c 10 21 10 22 10 23 10 24 10 25 10 26 10 100 1k 10k 100k frequency e hz 100 10 1 0.1 100 1k 10k 100k 10100khz 101khz source resistance e w total noise referred t o input e v rms m v s = + 15v t a = 25 o c 10 6 10 5 10 4 10 3 10 2 10 1 1 10 100 1k 10k 100k 1m 10m frequency e hz voltage gain 1 10 100 1k 10k 100k 1m 10m frequency e hz v s = + 15v t a = 25 o c 0 45 90 135 180 phase degrees v s = + 15v t a = 25 o c r l = 10k w 40 36 32 28 24 20 16 12 8 4 0 100 1k 10k 100k 1m frequency e hz peaktopeak output swing e v v s = + 15v t a = 25 o c 100 90 80 70 60 50 40 30 20 10 1 10 100 1k 10k 100k 1m 10m frequency e hz common mode rejection ra te e db 28 24 20 16 12 8 4 0 output e mv 0 0.5 1.0 1.5 2.0 2.5 time e m s v s = + 15v t a = 25 o c r l = 2k w c l = 100pf 10% rise time output shortcircuit current as a function of ambient temperature input noise voltage as a function of frequency input noise current as a function of frequency broadband noise for various bandwidths openlooped voltage gain as a function of frequency openlooped phase response as a function of frequency output voltage swing as a function of frequency commonmode rejection ratio as a function of frequency transient response v s = + 15v t a = 25 o c 0 0 sl00098 figure 4. t ypical performance characteristics (cont.) .com .com .com .com 4 .com u datasheet
philips semiconductors product specification m a741/ m a741c/sa741c general purpose operational amplifier 1994 aug 31 7 typical performance characteristics (continued) v output vol tage (vpp) out 28 24 20 16 12 8 4 0 10 100 1k 10k 100k (voltage follower) + 15 volt supplies thd < 5% frequency e hz power bandwidth (largesignal swing vs frequency) +v v 10k w v + m a741 sl00099 figure 5. t ypical performance characteristics (cont.) .com .com .com 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of UA741CN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X