Part Number Hot Search : 
636N5C FS8205A TDA8762A DGGYQ S1205 PD64001H M1400 OBC1527A
Product Description
Full Text Search
 

To Download SDR623CT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ` solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404 - 7855 * fax: (562) 404 - 1773 ssdi@ssdi - power.com * www.ssdi - power.com designer?s data sheet 1 / to - 3 sdr623ct/3 thru sdr626ct/3 40a 35nsec 300 - 600 v hyper fast centertap rectifier features : hyper fast recovery: 35nsec maximum 3 / high surge rating low reverse leakage current low junction capacitance hermetically sealed package gold eutectic die attach ultrasonic aluminum wire bonds common anode an d doubler versions available ceramic seals for improved hermeticity available tx, txv, and s - level screening available 2 / maximum ratings symbol value units peak repetitive reverse voltage sdr623ct/3 sdr624ct/3 sdr625ct/3 sdr626ct/3 v rrm v rwm v r 300 4 00 500 600 volts average rectified forward current 4 / (resistive load, 60 hz sine wave, t a = 25 c) io 40 amps peak surge current 5 / (8.3 ms pulse, half sine wave, t a = 25 c) i fsm 200 amps operating & storage temperature t op & t stg - 65 to +200 oc maximum total thermal resistance junction to case 4 / junction to case 5 / r q jc 1.45 2.3 oc/w notes: 1/ for ordering information, price, operating curves, and availability - contact factory. 2/ screened to mil - prf - 19500. 3/ recovery conditions: i f = 0.5 amp, i r = 1.0 amp, rec. to .25 amp. 4/ both legs tied together. 5/ each leg. note: all specifications are subject to change without notification. scd's for these devices should be reviewed by ssdi pr ior to release. data sheet #: rh0123b doc
solid state devices, inc. 14701 firestone blvd * la mirada, ca 90638 phone: (562) 404 - 7855 * fax: (562) 404 - 1773 ssdi@ssdi - power.com * www.ssdi - power.com sdr623ct/3 thru sdr626ct/3 electrical ch aracteristics, per leg symbol max units instantaneous forward voltage drop ( i f = 10adc, pulse ) ( i f = 20adc, pulse ) t a = 25 oc t a = 25 oc v f1 v f2 1.30 1.45 v dc instantaneous forward voltage drop (i f = 10adc, pulse ) t a = 100 oc t a = - 55 oc v f3 v f4 1.2 1.4 v dc reverse leakage current (100% of rated v r , pulse) t a = 25 oc t a = 100 oc i r1 i r2 50 5 m a m a reverse recovery time ( i f = 0.5a, i r = 1a, i rr = 0.25a, t a = 25oc) t rr 35 nsec ju nction capacitance (v r = 10v dc , t a = 25oc, f = 1mhz) c j 150 pf pin assignment configuration pin 1 pin 2 case common cathode anode anode cathode common anode cathode cathode anode doubler anode cathode common doubler reverse cathode anode common to - 3 outline: tolerances unless specified - .xx .020? .xxx .010? note: all specifications are subject to change without notification. scd's for these dev ices should be reviewed by ssdi prior to release. data sheet #: rh0123b doc


▲Up To Search▲   

 
Price & Availability of SDR623CT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X